Part Number Hot Search : 
16245 UPD72042 HCF40106 5YN203 21ER1 D679AG R1660 KS500B14
Product Description
Full Text Search
 

To Download MN101E16K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ram ( 8-bit) external memory can be expanded rom ( 8-bit) external memory can be expanded type package qfp100-p-1818b *lead-free (under development), lqfp100-p-1414 *lead-free (under planning) MN101E16K, mn101e16m 256 k MN101E16K (under planning) 12 k minimum instruction execution time 0.0588 s (at 2.7 v to 3.6 v, 17 mhz at internal 2,4,8 times oscillation used) 0.1 s (at 2.7 v to 3.6 v, 20 mhz) 30.6 s (at 2.7 v to 3.6 v, 32.768 khz) interrupts ? reset  watchdog  external 0  external 1  external 2  external 3  external 4  external 5  timer 0  timer 1  timer 2  timer 3  timer 4  timer 5  timer 6  timer 7 (2 systems)  timer a, b, c, d, e  time base  serial 0 (2 systems)  ser ial 1 (2 systems)  ser ial 2  serial 3 (2 systems)  ser ial 4 (2 systems)  automatic transfer finish (2 systems)  a/d conversion finish  key interrupts mad00046bem mn101e16m (under development) 384 k 20 k timer counter timer counter 0 : 8-bit 1 (square-wave/8-bit pwm output, event count, simple pulse width measurement, real time output control) clock source 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of osc oscillation clock frequency; 1/1 of xi oscillation clock frequency; external clock input interrupt source coincidence with compare register 0 timer counter 1 : 8-bit 1 (square-wave output, event count, synchronous output event, 16-bit timer with casscade connection (timer 0 and connection), serial clocke output ) clock source 1/2, 1/8 of system clock frequency 1/1, 1/4, 1/16, 1/64, 1/128 of osc oscillation clock frequency; 1/1 of xi oscillation clock frequency; external clock input interrupt source coincidence with compare register 1 timer counter 0, 1 can be cascade-connected. timer counter 2 : 8-bit 1 (square-wave/8-bit pwm output, event count, synchronous output event, pulse width measurement, real time output control, serial baud rate timer) clock source 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of osc oscillation clock frequency; 1/1 of xi oscillation clock frequency; external clock input interrupt source coincidence with compare register 2 timer counter 0, 1, 2 can be cascade-connected. timer counter 3 : 8-bit 1 (square-wave output, event count, serial baud rate timer) clock source 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of osc oscillation clock frequency; 1/1 of xi oscillation clock frequency; external clock input interrupt source coincidence with compare register 3 timer counter 2, 3 can be cascade-connected. timer counter 0, 1, 2, 3 can be cascade-connected. timer counter 6 : 8-bit freerun timer , time base timer clock source 1/1 of system clock frequency; 1/1, 1/4096, 1/8192 of osc oscillation clock frequency; 1/1, 1/4096, 1/8192 of xi oscillation clock frequency interrupt generating cycle 1/128, 1/256, 1/512, 1/1024, 1/8192 1/32768 of osc oscillation clock frequency 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of xi oscillation clock frequency interrupt source coincidence with compare register 6
MN101E16K, mn101e16m timer counter (continue) timer counter 7 : 16-bit 1 (square-wave/16-bit pwm output, cycle / duty continuous variable, event count, synchronous output evevt, pulse width measurement, input capture) clock source 1/1, 1/2, 1/4, 1/16 of system clock fr equency; 1/1, 1/2, 1/4, 1/16 of osc oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency interrupt source coincidence with compare register 7 (2 lines) timer counter a, b, c, d, e : 8-bit 5 clock source 1/2, 1/4 of system clock frequency; 1/1, 1/2, 1/4, 1/8, 1/16. 1/32 of osc oscillation clock frequency interrupt source coinci dence with compare register a, b, c, d, e time base timer (one-minute count setting) clock source 1/1 of osc oscillation clock frequency; 1/1 of xi oscillation clock frequency interrupt source 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of clock source frequency watchdog timer interrupt source 1/65536, 1/262144, 1/1048576, 1/4194304 of system clock frequency see the next page for electrical characteristics, pin assignment and support tool. mad00046bem serial interface serial 0 : synchronous type/uart (full-duplex) 1 clock source 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, a; 1/2, 1/4, 1/16, 1/64 of osc oscillation clock frequency serial 1 : synchronous type/uart (full-duplex) 1 clock source 1/2, 1/4 of system clock frequency; pulse output of timer counter 3, b; 1/2, 1/4, 1/8, 1/16, 1/64 of osc oscillation clock frequency serial 2 : synchronous type/single-master i 2 c 1 clock source 1/2, 1/4 of system clock frequency; pulse output of timer counter 3, c; 1/2, 1/4, 1/16, 1/32 of osc oscillation clock frequency serial 3 : synchronous type/ i 2 c 1 clock source 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, d; 1/2, 1/4, 1/16, 1/32 of osc oscillation clock frequency serial 4 : synchronous type/uart (full-duplex) 1 clock source 1/2, 1/4 of system clock frequency; pulse output of timer counter 2, e ; 1/2, 1/4, 1/16, 1/64 of osc oscillation clock frequency i/o pins 22  (5 v if port) common use  specified pull-up resistor available  input/output selectable (bit unit) 62  (3 v if port) common use  specified pull-up resistor available  input/output selectable (bit unit) 1  (3 v if port) common use i/o a/d inputs 10-bit 8-ch. (with s/h) special ports buzzer output, high-current drive port electrical characteristics supply current t.b.d rom correction correcting address designation: up to 7 addresses possible nomber of channels : 2 max. transfer cycles : 255 starting factor : external request, va rious types of interrupt, software transfer mode : 1-byte transfer, wo rd transfer, burst transfer dma controller (automatic data transfer)
pin assignment qfp100-p-1818b * lead-free lqfp100-p-1414 * lead-free (under planning) mad00046bem support tool in-circuit emulator under development flash memory built-in type type mn101ef16n (under development) rom ( 8-bit) 512 k ram ( 8-bit) 30 k minimum instruction execution time 0.0588 s (at 2.7 v to 3.6 v, 17 mhz) package qfp100-p-1818b *lead-free , lqfp100-p-1414 *lead-free (under planning) p63/key3/a11 p62/key2/a10 p61/key1/a9 p60/key0 / a8 p57/a7 p56/a6 p55/a5 p54/a4 p53/a3 p52/a2 p51/a1 vss p50/a0 n.c. (vdd18 ) p35/sbt3a/scl3a p34/sbi3 p33/sbo3a/sda3a p32/sbt1 p31/sbi1/rxd1 p30/sbo1/txd1 p25/irq5 p24/irq4 p23/irq3a p22/irq2a p21/irq1a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 sbo0a/txd0a/p00 sbi0a/rxd0a/p01 sbt0a/p02 sbo2a/sda2a/p03 sbi2a/p04 sbt2a/scl2a/p05 buzzer/p06 tm0io/p10 tm1io/p11 tm2io/p12 mmod osc2 osc1 vss xi xo vdd33 n.c. (vdd18) nrst/p27 tm3io/p13 tm7ioa/p14 tm7ob/p15 tm7oc/p16 sysclk/p17 irq0a/p20 p43 p42 / sbt4 p41/sbi4/rxd4 p40/sbo4/txd4 p87/led7/d7 p86/led6/d6 p85/led5/d5 p84/led4/d4 p83/led3/d3 p82/led2/d2 p81/led1/d1 p80/led0/d0 vss p77/sd7/ndk p76/sd6/nwe p75/sd5/nre p74/sd4/ncs p73/sd3/a19 p72/sd2/a18 p71/sd1/a17 p70/sd0/a16 p67/key7/a15 p66/key6/a14 p65/key5/a13 p64/key4/a12 sbo0b/txd0b/p90 sbi0b/ rxd0b/p91 sbt0b/p92 sbo3b/sda3b/p93 sbi3b/p94 sbt3b/scl3b/p95 sbo2b/sda2b/pd0 sbi2b/pd1 sbt2b/scl2b/pd2 irq0b/pd3 irq1b/pd4 irq2b/pd5 irq3b/pd6 vdd5 pd7 vss an0/pa0 an1/pa1 an2/pa2 an3/pa3 an4/pa4 an5/pa5 an6/pa6 an7/pa7 vref+ vdd33 = 2.7 v to 3.6 v vdd5 = 2.7 v to 5.5 v MN101E16K mn101e16m ( ): flash memory built-in type
MN101E16K, mn101e16m mad00046bem
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of MN101E16K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X