Part Number Hot Search : 
10VMV RT9727A AD8031BN 2SD362 0000X1 ST486DX4 DG16080 A5201
Product Description
Full Text Search
 

To Download MC10EP29-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 april, 2001 rev. 1 1 publication order number: mc10ep29/d mc10ep29, mc100ep29 3.3v / 5vecl dual differential data and clock d flip-flop with set and reset the mc10/100ep29 is a dual masterslave flipflop. the device features fully differential data and clock inputs as well as outputs. the mc10/100ep29 is functionally equivalent to the mc10/100el29. data enters the master latch when the clock is low and transfers to the slave upon a positive transition on the clock input. the differential inputs have special circuitry which ensures device stability under open input conditions. when both differential inputs are left open the d input will pull down to v ee and the d input will bias around v cc /2. the outputs will go to a defined state, however the state will be random based on how the flip flop powers up. both flip flops feature asynchronous, overriding set and reset inputs. note that the set and reset inputs cannot both be high simultaneously. the v bb pin, an internally generated voltage supply, is available to this device only. for single-ended input conditions, the unused differential input is connected to v bb as a switching reference voltage. v bb may also rebias ac coupled inputs. when used, decouple v bb and v cc via a 0.01  f capacitor and limit current sourcing or sinking to 0.5 ma. when not used, v bb should be left open. the 100 series contains temperature compensation. ? maximum frequency > 3 ghz typical ? 500 ps typical propagation delays ? pecl mode operating range: v cc = 3.0 v to 5.5 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = 3.0 v to 5.5 v ? open input default state ? safety clamp on inputs http://onsemi.com marking diagram* tssop20 dt suffix case 948e device package shipping ordering information mc10ep29dt tssop20 75 units/rail mc10ep29dtr2 tssop20 2500 tape & reel xxx = mc10 or 100 a = assembly location l = wafer lot y = year w = work week *for additional information, see application note and8002/d xxx ep29 alyw 20 1 mc100ep29dt tssop20 75 units/rail mc100ep29dtr2 tssop20 2500 tape & reel 1 20
mc10ep29, mc100ep29 http://onsemi.com 2 v bb figure 1. 20lead pinout (top view) and logic diagram clk0 d1 clk1 17 18 16 15 14 13 12 4 35678 9 q0 11 10 q0 s0 s1 v cc q1 q1 v ee d0 19 20 2 1 r0 v cc clk0 d1 d0 clk1 r1 clk d s r q q clk d r s q q r l l h l h truth table s l l l h h d l h x x x clk z z x x x q l h l h undef z = low to high transition x = don't care q h l h l undef pin description function ecl differential data inputs ecl reset inputs ecl differential clock inputs ecl differential clock inputs ecl set inputs ecl differential data outputs reference voltage output positive supply negative supply pin d0*, d0 *; d1*, d1 * r0*, r1* clk0*, clk0 * clk1*, clk1 * s0*, s1* q0, q0 ; q1, q1 v bb v cc v ee warning: all v cc and v ee pins must be externally connected to power supply to guarantee proper operation. * pins will default low when left open. attributes characteristics value internal input pulldown resistor 75 k  internal input pullup resistor n/a esd protection human body model machine model charged device model > 2 kv > 200 v > 2 kv moisture sensitivity, indefinite time out of drypack (note 1.) level 1 flammability rating oxygen index ul94 code v0 a 1/8o 28 to 34 transistor count 383 devices meets or exceeds jedec spec eia/jesd78 ic latchup test 1. for additional information, see application note and8003/d.
mc10ep29, mc100ep29 http://onsemi.com 3 maximum ratings (note 2.) symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 6 v v ee necl mode power supply v cc = 0 v 6 v v i pecl mode input volta g e v ee = 0 v v i  v cc 6 v v i pecl mode in ut voltage necl mode input voltage v ee = 0 v v cc = 0 v v i  v cc v i  v ee 6 6 v v i out output current continuous surge 50 100 ma ma i bb v bb sink/source 0.5 ma ta operating temperature range 40 to +85 c t stg storage temperature range 65 to +150 c q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 20 tssop 20 tssop 140 100 c/w c/w q jc thermal resistance (junction to case) std bd 20 tssop 23 to 41 c/w t sol wave solder <2 to 3 sec @ 248 c 265 c 2. maximum ratings are those values beyond which device damage may occur. 10ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 3.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 4.) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mv v ol output low voltage (note 4.) 1365 1490 1615 1430 1555 1680 1490 1615 1740 mv v ih input high voltage (single ended) 2090 2415 2155 2480 2215 2540 mv v il input low voltage (single ended) 1365 1690 1460 1755 1490 1815 mv v bb output voltage reference 1790 1890 1990 1855 1955 2055 1915 2015 2115 mv v ihcmr input high voltage common mode range (differential) (note 5.) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 3. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to 2.2 v. 4. all loading with 50 ohms to v cc 2.0 volts. 5. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 4 10ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 6.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 7.) 3865 3990 4115 3930 4055 4180 3990 4115 4240 mv v ol output low voltage (note 7.) 3065 3190 3315 3130 3255 3380 3190 3315 3440 mv v ih input high voltage (single ended) 3790 4115 3855 4180 3915 4240 mv v il input low voltage (single ended) 3065 3390 3130 3455 3190 3515 mv v bb output voltage reference 3490 3590 3690 3555 3655 3755 3615 3715 3815 mv v ihcmr input high voltage common mode range (differential) (note 8.) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 6. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to 0.5 v. 7. all loading with 50 ohms to v cc 2.0 volts. 8. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. 10ep dc characteristics, necl v cc = 0 v; v ee = 5.5 v to 3.0 v (note 9.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 10.) 1135 1010 885 1070 945 820 1010 885 760 mv v ol output low voltage (note 10.) 1935 1810 1685 1870 1745 1620 1810 1685 1560 mv v ih input high voltage (single ended) 1210 885 1145 820 1085 760 mv v il input low voltage (single ended) 1935 1610 1870 1545 1810 1485 mv v bb output voltage reference 1510 1410 1310 1445 1345 1245 1385 1285 1185 mv v ihcmr input high voltage common mode range (differential) (note 11.) v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 9. input and output parameters vary 1:1 with v cc . 10. all loading with 50 ohms to v cc 2.0 volts. 11. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 5 100ep dc characteristics, pecl v cc = 3.3 v, v ee = 0 v (note 12.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 13.) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mv v ol output low voltage (note 13.) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mv v ih input high voltage (single ended) 2075 2420 2075 2420 2075 2420 mv v il input low voltage (single ended) 1355 1675 1355 1675 1355 1675 mv v bb output voltage reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mv v ihcmr input high voltage common mode range (differential) (note 14.) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 12. input and output parameters vary 1:1 with v cc . v ee can vary +0.3 v to 2.2 v. 13. all loading with 50 ohms to v cc 2.0 volts. 14. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. 100ep dc characteristics, pecl v cc = 5.0 v, v ee = 0 v (note 15.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 16.) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mv v ol output low voltage (note 16.) 3055 3180 3305 3055 3180 3305 3055 3180 3305 mv v ih input high voltage (single ended) 3775 4120 3775 4120 3775 4120 mv v il input low voltage (single ended) 3055 3375 3055 3375 3055 3375 mv v bb output voltage reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mv v ihcmr input high voltage common mode range (differential) (note 17.) 2.0 5.0 2.0 5.0 2.0 5.0 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 15. input and output parameters vary 1:1 with v cc . v ee can vary +2.0 v to 0.5 v. 16. all loading with 50 ohms to v cc 2.0 volts. 17. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal.
mc10ep29, mc100ep29 http://onsemi.com 6 100ep dc characteristics, necl v cc = 0 v; v ee = 5.5 v to 3.0 v (note 18.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 35 46 55 37 48 57 40 49 60 ma v oh output high voltage (note 19.) 1145 1020 895 1145 1020 895 1145 1020 895 mv v ol output low voltage (note 19.) 1945 1820 1695 1945 1820 1695 1945 1820 1695 mv v ih input high voltage (single ended) 1225 880 1225 880 1225 880 mv v il input low voltage (single ended) 1945 1625 1945 1625 1945 1625 mv v bb output voltage reference 1525 1425 1325 1525 1425 1325 1525 1425 1325 mv v ihcmr input high voltage common mode range (differential) (note 20.) v ee +2.0 0.0 v ee +2.0 0.0 v ee +2.0 0.0 v i ih input high current 150 150 150 m a i il input low current d d 0.5 150 0.5 150 0.5 150 m a note: ep circuits are designed to meet the dc specifications shown in the above table after thermal equilibrium has been establi shed. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 18. input and output parameters vary 1:1 with v cc . 19. all loading with 50 ohms to v cc 2.0 volts. 20. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. ac characteristics v cc = 0 v; v ee = 3.0 v to 5.5 v or v cc = 3.0 v to 5.5 v; v ee = 0 v (note 21.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum frequency (see figure 2. f max /jitter) > 3.0 > 3.0 > 3.0 ghz t plh , t phl propagation delay to clk output differential s r 300 275 300 380 380 400 450 475 500 350 300 325 420 400 420 500 500 525 400 350 375 470 450 470 550 550 575 ps t s t h setup time hold time 100 100 20 20 100 100 20 20 100 100 20 20 ps t rr /t rr2 set/reset recovery 150 80 150 80 150 80 ps t pw minimum pulse width set, reset 500 300 500 300 500 300 ps t jitter cycletocycle jitter (see figure 2. f max /jitter) .2 < 1 .2 < 1 .2 < 1 ps v pp input voltage swing (note 22.) 150 800 1200 150 800 1200 150 800 1200 mv t r t f output rise/fall times q, q (20% 80%) 100 180 250 150 210 300 175 230 325 ps 21. measured using a 750 mv source, 50% duty cycle clock source. all loading with 50 ohms to v cc 2.0 v. 22. v pp (min) is the minimum input swing for which ac parameters are guaranteed.
mc10ep29, mc100ep29 http://onsemi.com 7 0 100 200 300 400 500 600 700 800 900 0 1000 2000 3000 4000 5000 figure 2. f max /jitter frequency (mhz) 1 2 3 4 5 6 7 8 9 (jitter) v outpp (mv) jitter out ps (rms) v tt = v cc 2.0 v figure 3. typical termination for output driver and device evaluation (see application note and8020 termination of ecl logic devices.)  driver device receiver device q qb d db 50  50 v tt resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1504 metastability and the eclinps family an1568 interfacing between lvds and ecl an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8009 eclinps plus spice i/o model kit and8020 termination of ecl logic devices for an updated list of application notes, please see our website at http://onsemi.com.
mc10ep29, mc100ep29 http://onsemi.com 8 package dimensions tssop20 dt suffix plastic tssop package case 948e02 issue a dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  110 11 20 pin 1 ident a b t 0.100 (0.004) c d g h section nn k k1 jj1 n n m f w seating plane v u s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. icontrolling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-. on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc10ep29/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC10EP29-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X