Part Number Hot Search : 
BA3118L 54HC1 MB941 NE556 ECH8606 IB0505S FW163 AMC7638
Product Description
Full Text Search
 

To Download MC100LVELT23-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 june, 2001 rev.6 1 publication order number: mc100lvelt23/d mc100lvelt23 3.3vdual differential lvpecl to lvttl translator the mc100lvelt23 is a dual differential lvpecl to lvttl translator. because lvpecl (positive ecl) levels are used only +3.3 v and ground are required. the small outline 8-lead package and the dual gate design of the lvelt23 makes it ideal for applications which require the translation of a clock and a data signal. the lvelt23 is available in only the ecl 100k standard. since there are no lvpecl outputs or an external v bb reference, the lvelt23 does not require both ecl standard versions. the lvpecl inputs are differential. therefore, the mc100lvelt23 can accept any standard differential lvpecl input referenced from a v cc of +3.3 v. ? 2.0 ns typical propagation delay ? maximum frequency > 180 mhz ? differential lvpecl inputs ? pecl mode operating range:v cc = 3.0 v to 3.8 v with gnd= 0 v ? 24 ma lvttl outputs ? flow through pinouts ? internal pulldown resistors ? q output will default low with inputs open or at gnd ? esd protection: >1.2 kv hbm, >150 v mm ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul94 code v0 @ 1/8o, oxygen index 28 to 34 ? transistor count = 91 devices http://onsemi.com device package shipping ordering information mc100lvelt23d so8 98 units / rail mc100lvelt23dr2 so8 2500 / reel mc100lvelt23dt tssop8 98 units / rail mc100lvelt23dtr2 tssop8 2500 / reel *for additional information, see application note and8002/d so8 d suffix case 751 marking diagrams* tssop8 dt suffix case 948r a = assembly location l = wafer lot y = year w = work week 1 8 1 8 alyw kvt23 1 8 alyw kr23 1 8
mc100lvelt23 http://onsemi.com 2 figure 1. 8lead pinout (top view) and logic diagram 1 2 3 45 6 7 8 q0 gnd v cc d0 q1 d1 d1 d0 lvpecl lvttl pin description pin q0, q1 d0, d1, d0 , d1 differential lvpecl inputs function lvttl outputs v cc gnd ground positive supply maximum ratings* symbol parameter condition 1 condition 2 rating unit v cc pecl power supply gnd = 0 v 3.8 v v i input voltage gnd = 0 v, v i not more positive than v cc 3.8 v i out output current continuous surge 50 100 ma t a operating temperature range 40 to +85 c t stg storage temperature 65 to +150 c q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 8 soic 8 soic 190 130 c/w c/w q jc thermal resistance (junction to case) std bd 8 soic 41 to 44 5% c/w q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 8 tssop 8 tssop 185 140 c/w c/w q jc thermal resistance (junction to case) std bd 8 tssop 41 to 44 5% c/w t sol solder temperature <2 to 3 seconds: 245 c desired 265 c * maximum ratings are those values beyond which damage to the device may occur.
mc100lvelt23 http://onsemi.com 3 lvpecl dc characteristics v cc = 3.3 v; gnd = 0 v (note 1.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i cch power supply current (outputs set to high) 10 18 25 10 18 25 10 18 25 ma i ccl power supply current (outputs set to low) 15 26 33 15 26 33 15 26 33 ma v ih input high voltage 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1490 1825 1490 1825 1490 1825 mv v ihcmr input high voltage common mode range (note 2) 2.0 3.3 2.0 3.3 2.0 3.3 v i ih input high current 150 150 150 m a i il input low current d d 150 0.5 150 0.5 150 0.5 m a note: circuits are desi gned to meet the dc specifications shown in the above table after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 1. all values vary 1:1 with v cc . v cc can vary 0.3 v. 2. v ihcmr min varies 1:1 with gnd, max varies 1:1 with v cc . ttl dc characteristics v cc = 3.3 v; gnd = 0v (note 3) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit v oh output high voltage (i oh = 3.0 ma) 2.4 2.4 2.4 v v ol output low voltage (i ol = 24 ma) 0.5 0.5 0.5 v i os output short circuit current 180 50 180 50 180 50 ma note: circuits are desi gned to meet the dc specifications shown in the above table after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 3. all values vary 1:1 with v cc . v cc can vary 0.3 v. ac characteristics v cc = 3.3 v; gnd = 0 v (note 3 and note 5.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency (note 6) 180 180 180 mhz t plh , t phl propagation delay to output differential 1.0 1.5 2.5 1.0 1.7 2.5 1.0 1.7 2.5 ns t sk+ + t sk t skpp outputtooutput skew++ outputtooutput skew parttopart skew (note 7) 60 25 500 60 25 500 60 25 500 ps t jitter cycletocycle jitter (rms) < 1 < 1 < 1 ps v pp input voltage swing (differential) (note 8) 200 800 1000 200 800 1000 200 800 1000 mv t r t f output rise/fall times (0.8 v 2.0 v) q, q 330 600 900 330 600 900 330 650 900 ps 4. v cc can vary 0.3 v. 5. all loading with 500 ohms to gnd, cl = 20 pf. 6. f max guaranteed for functionality only. v ol and v oh levels are guaranteed at dc only. 7. skews are measured between outputs under identical conditions. 8. 200 mv input guarantees full logic swing at the output.
mc100lvelt23 http://onsemi.com 4 figure 2. ttl output loading used for device evaluation ttl driver receiver qd ttl  500 gnd r l c l * * 20 pf total cap ac load (includes fixture) resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1503 eclinps i/o spice modeling kit an1504 metastability and the eclinps family an1560 low voltage eclinps spice modeling kit an1568 interfacing between lvds and ecl an1596 eclinps lite translator elt family spice i/o model kit an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8020 termination of ecl logic devices
mc100lvelt23 http://onsemi.com 5 package dimensions so8 d suffix plastic soic package case 75107 issue v seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 x y g m y m 0.25 (0.010) z y m 0.25 (0.010) z s x s m 
mc100lvelt23 http://onsemi.com 6 package dimensions tssop8 dt suffix plastic tssop package case 948r02 issue a dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 2.90 3.10 0.114 0.122 c 0.80 1.10 0.031 0.043 d 0.05 0.15 0.002 0.006 f 0.40 0.70 0.016 0.028 g 0.65 bsc 0.026 bsc l 4.90 bsc 0.193 bsc m 0 6 0 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane -w-.  seating plane pin 1 1 4 85 detail e b c d a g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 8x ref k ident k 0.25 0.40 0.010 0.016
mc100lvelt23 http://onsemi.com 7 notes
mc100lvelt23 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc100lvelt23/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC100LVELT23-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X