Part Number Hot Search : 
MJD253 2412W MR2004 SNC15041 07000 I41T56 2SJ296S M5240
Product Description
Full Text Search
 

To Download MB95280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low-pin-count microcontrollers mb95200, mb95300, and mb95400 series description 0 the fujitsu f 2 mc-8fx low-pin-count series meets the growing demand for microcontrollers (mcus) in small-scale, low-cost ap - plications such as home appliances, electrical tools, consumer healthcare products and after-market car accessories. the mb95200, mb95300 and mb95400 families are general- purpose, single-chip microcontrollers. in addition to a compact instruction set, these microcontrollers contain a variety of pe - ripheral controls capable of enabling bldc motor control or 120 degree dc inverter motor control applications, an lcd controller, a voltage comparator and operation amplifer. flexible and highly functional, the devices can be used for system control and sub-micro control. for example, if i/o ports or a/d converters in the main microcontroller are insuffcient due to system specifcation changes, the fujitsu low-pin-count microcontrollers can support these functions as a sub-microcon - troller. or if the standby current of the main microcontroller is too large, the mcus can manage the power supply. the mb95200, mb95300 and mb95400 family devices feature high-performance, low-voltage, embedded fash; a preci - sion on-chip rc oscillator; and an on-chip debug feature. the dual-operation fash memory supports a boot-loader imple - mentation. the fash memory also supports a cost-effective emulation of an on-chip eeprom by simultaneously executing the program code while writing or erasing data from one of the fash sectors. the fujitsu mb95300 series also contains built-in hardware, including a multi-pulse generator (mpg), which can be used for the multi-channel dc motor control, bldc motor control and 120 degree dc inverter motor control operation; and an lcd controller, which can operate 190pix or 128pix size. the mb95400 series contains a built-in voltage comparator and operational amplifer. the fujitsu low-pin-count mcus are easy to use and provide an optimal environment at each stage of the process from program development to writing to fash memory. the bgm adapter in-circuit emulator can be used for debugging and fash programming. fujitsu f 2 mc-8fx low-pin-count microcontrollers fs fact sheet 8 / 16 / 20 / 24 / 28 32 / 48 / 52 / 64 / 80 / 100 pin count 1.8v - 3.6v 2.4v - 5.5v m b95310 mb95370 ? lcd ? eeprom* mb95350 ? i 2 c ? eeprom* m b95200 m b95210 m b95220 m b95260 m b95270 m b95280 ? eeprom* m b95330 mb95390 ? timers ? motor control ? eeprom* *eeprom emulation using ash mb95430 ? ope amp ? comparator ? eeprom*
key features 0 high quality and reliability ? 100k write/erase cycles ? 20-year data retention ? 40c to 85c operating range safety and security ? flash content protection ? low voltage detect (lvd) reset ? clock supervisor ? hardware watchdog timer dual-operation flash ? dual-bank operation ? memory for program and data storage ? enables eeprom emulation on-chip peripherals ? support for up to 160 pixel segmented lcd ? multi-pulse generator (mpg) ? 8/16-bit ppg ? waveform sequencer (including a 16-bit timer) equipped with a buffer and compare clear function) ? communication interfaces: i 2 c, lin-uart, spi ease of use ? +/-2% on-chip rc oscillator ? on-chip debug ? single-wire debug interface ? low-cost development environment ? free download of ide (softune?) from the web ? eeprom software, motor control and other peripheral libraries applications0 uart/spi/can multi-function timer i/o p o rt 1 0 -b it / 12-bit a dc multi-pulse generator e x t int t e m p e r a t u r e s e n so r s c u r r e n t se n s o r s p r e ss u r e s e n so r s interface transceiver inverter driver inverter driver valve drivers position resolver valve a valve b valve c low-pin-count mcu mb95f330/390 120 dc inverter air-conditoner dual flash ee emulation key input led-displaying control units i/o p o rt 1 0 -b it adc multi-pulse generator low-pin-count mcu mb95f330/390 t e m p e r a t u r e s e n so r s c u r r e n t se n s o r s inverter driver valve drivers position resolver valve a water in valve b water out valve c water heater uart/spi/can interface transceiver key input led-displaying control units dual flash ee emulation inverter washing machine
product line-up 0 ? mb95200 mb95210 mb95220 mb95260 mb95270 MB95280 mb95310 mb95330 mb95350 mb95370 mb95390 mb95430 cpu cpu core f 2 mc-8fx (8-bit cisc cpu) max. operating frequency 16.25mhz internal cr oscillator main clock up to 16mhz (max) sub clock typ: 100khz, min: 50khz, max: 200khz memory type flash memory dual operation flash / eeprom C C C yes yes yes yes yes yes yes yes yes clock supervisor yes yes yes yes yes yes yes yes yes yes yes yes low-power consumption mode modes: stop, sleep, watch, time base timer low-voltage detection circuit yes yes yes yes yes yes yes yes yes yes yes yes maximum number of i/o ports 17 5 13 17 5 13 71 29 21 55 45 29 composite timer 2ch 1ch 1ch 2ch 1ch 1ch 2ch 2ch 2ch 2ch 2ch 1ch selectable from 8-bit or 10-bit resolution built in pwc (pulse width counter), pwm (pulse width modulation), input capture function 8/16bit ppg timer C C C C C C 2ch 3ch C 2ch 3ch 1ch watchdog timer hardware/software watchdog timer lin-uart/uart 1ch / C C 1ch / C 1ch / C C 1ch / C 2ch / 1ch 1ch / 1ch 1ch / 1ch 2ch / C 1ch / 1ch 1ch / C i 2 c C C C C C C 1ch 1ch 1ch 1ch 1ch 1ch a/d converter 6ch 2ch 5ch 6ch 2ch 5ch 4ch 8ch 6ch 4ch 12ch 8ch selectable from 8-bit or 10-bit resolution external interrupts 6ch 2ch 6ch 6ch 2ch 6ch 8ch 10ch 6ch 8ch 8ch 8ch operating voltage 2.4v C 5.5v 1.8v C 3.6v 2.4v C 5.5v 1.8v C 3.6v 1.8v C 3.6v 2.4v C 5.5v 2.4v C 5.5v guaranteed operating temperature C40 o c to +85 o c package sop 20 sdip 24 sop 8 dip 8 dip 16 sop 16 sop 20 sdip 24 tssop 20 qfn 32 sop 8 dip 8 dip 16 sop 16 qfn 32 lqfp 80 lqfp 32 qfn 32 sdip 32 sop 24 tssop 24 qfn 32 lqfp 64 lqfp 48 qfn 32 lqfp 32 sdip 32 lcdc operation C C C C C C 160 pix. C C 128 pix. ? C motor control C C C C C C C 1ch C C 1ch C voltage comparator C C C C C C C C C C ? 4ch operational amplifier C C C C C C C C C C ? 1ch yes = available C = not available
fujitsu semiconductor america, inc. corporate headquarters 1250 e. arques avenue, m/s 333, sunnyvale, ca 94085-5401 tel: (800) 866-8608 fax: (408) 737-5999 e-mail: fsa_inquiry@us.fujitsu.com | website: http://us.fujitsu.com/semi ? 2011 fujitsu semiconductor america, inc. all company and product names are trademarks or registered trademarks of their respective owners. printed in the u.s.a. mcu-fs-21376-06/2011 8 development kit 0 low-pin-count microcontrollers mb95200, mb95300 and mb95400 series product number guide 0 part # mb95f202 mb95f212 mb95f222 mb95f262 mb95f272 mb95f282 mb95f332 mb95f352 mb95f203 mb95f213 mb95f223 mb95f263 mb95f273 mb95f283 mb95f333 mb95f353 mb95f204 mb95f214 mb95f264 mb95f274 mb95f284 mb95f314 mb95f374 mb95f354 mb95f394 mb95f434 mb95f334 mb95f316 mb95f376 mb95f396 mb95f318 mb95f378 mb95f398 rom (kb) 4 8 8 12 16 20 20 36 60 ram (bytes) 240 240 496 496 496 496 1008 1008 2032 emulator overview ? low cost ? small size (about 100mm x 70mm) ? usb interface to pc to run or debug softune? starter kit overview features ? bundled with starter kit for emulator adapter, softune? ? user can evaluate the mb95200 and mb95300 mcus and its peripherals based on starter kit board and sample codes softune? debug system platform ? free internet ide download ? no size or time restriction on compiler ide usage ? ide is bundled with c-compiler, assembler, linker, simulator, emulator, and monitor debugger starter kit / evaluation board part numbers ? mb2146-410a-01-e: mb95200 series ? mb2146-420a-01-e: mb95260 series with eeprom emulation ? mb2146-440-e: mb95330 series with motor control ? mb2146-441-e: mb95390 series with motor control ? mb2146-450-e: mb95310 series with lcdc ? mb2146-451-e: mb95370 series with lcdc ? mb2146-460-e: mb95350 series with i 2 c host and slave communication ? fmcdc-mb95260h-ek-01: mb95260 series with eeprom emulation


▲Up To Search▲   

 
Price & Availability of MB95280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X