Part Number Hot Search : 
MC33793D 5810A UGP15D 82C55A 1N5408 PSBT54 855377 33MVM
Product Description
Full Text Search
 

To Download M9410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
 
 
 
 12881 bradley ave sylmar, ca 91342 phone: 818-362-9465 fax: 818-362-6548 www.hydrel.com ?2005 hydrel 11/15/05 M9410_m9430 hydrel is an iso 9001 certified manufacturer model material lamp type voltage distribution lens conduit ent riesaccessories options lamp finishlist  
      
                             M9410/m9430 series modular in-grade luminaire single lens description hydrel?s M9410/m9430 series modular in-grade lights are multi-purpose units designed for uplighting architectural and landscape features. these units can be flush mounted into a variety of substrates or landscape materials. the M9410/m9430 consists of a factory-sealed, thermally protected lamp module and encapsulated power module. the components are secured inside a heavy-duty polymer rough-in housing designed with channeled convective cooling, an integral junction box, and finish door trim assembly. features & specifications door material: cast aluminum, cast bronze, cast aluminum or bronze with stainless perforated trim insert or stainless steel. available in round or square door trim. rough-in section: injection molded polymer with integral junction box for thru- branch wiring. the housing is u.v. stabilized, impact and corrosion resistant for use in all types of environments. the rough-in has a cylinder or side-car configuration and houses the lamp and power module components and top door finishing section. lamp module: stainless steel housing, factory-sealed and purged of all moisture for longer component life. lens is sealed with silicone gasket and stainless steel clamp band assembly with single fastener. electrical connec- tion to lamp module is done through a submersible quick pull plug connector with gold-plated contacts. unit is thermally protected. lamp included. lamp type: low voltage: mr-16 bi-pin base, 75 watt max., par-36 screw terminal base, 75 watt max. incandescent: t-4 quartz halogen mini-can or b15d base, 100 watt max. fluorescent: triple tube cfl 4-pin base, 32 watt max. hid: t-4 or t-6 bi-pin base, 70 watt max.,par-20 or par-30 medium or e27 base, 70 watt max. color corrected metal halide if a specific lamp is desired, specify manufacturer?s lamp number, most lamps can be supplied. lamp included. voltage: see ordering guide. light distribution: see ordering guide. finishing section: single lens design includes door assembly with 360 aim-lock? lamp module support ring. module indexing provides easy maintenance and relamping without re-aiming. active optical lenses are also available. door trim locks into position with two stainless steel captive, tamper-resistant fasteners. power module: ballast /transformer is encapsulated in a custom designed heat-dissipating epoxy resin that also eliminates all moisture intrusion to the ballast. module is provided with submersible rated cord leads for connection to integral junction box and lamp module. standard ballast is high power factor, low starting temperature; fluorescent elec- tronic or hid magnetic. hid electronic ballast also available. conduit entries: two (2) bottom or side entries available. box suit- able for thru-branch wiring. splicing volume is 25 in 3 (410 ccm). note: potting compound (pc21) recommended for junction box splices. pc21 sold separately. accessories: see ordering guide. finish: finish is natural aluminum or bronze. stainless steel door is brushed finish. aluminum doors may be painted. see ordering guide for color options. listing: u.l., ce incandescent & fluorescent rough-in housing hid rough-in housing suitable for wet locations !  ! "  "#$!   "#$! % %!  %!  & #$! %  "#$! "% !  % %!
?2005 hydrel 10/19/05 M9410_m9430 12881 bradley ave. sylmar, ca 91342 phone: 818-362-9465 fax: 818-362-6548 www.hydrel.com part no. example: M9410/m9430 ordering information 60 hz application choose the boldface catalog nomenclature that best suits your needs. M9410 ss 70cmt6 120 nsp flc1o 34b iss sf lp hydrel is an iso 9001 certified manufacturer ? 12 4 ? 120 ? 208 ? 220 ? 240 ? 277 ? 347 ? mvolt 5 voltage finish 19 ? bl black ? bz bronze ? ddb dark bronze ? dna natural alum. ? gn green ? gr gray ? snd sand ? stg steel gray ? tvg terra verde green ? wh white ? cf custom finish fusing ? sf 15 single fuse ? df 16 double fuse ballasting 17 ? geb electronic ballast ? mlebad 18 analog dimming ballast options internal 11 ? ihl honeycomb louver ? iss 12 source shield ? lsf 13 linear spread filter ? cfamb 13 color filter amber ? cfblu 13 color filter blue ? cfgrn 13 color filter green ? cfred 13 color filter red ? wwl wall wash louver external 11,14 ? gs glare shield ? lc lexan cover ? ls light shield ? rg 13 rock guard trims 11,14 ? btr bronze round ? bts bronze square ? str stainless round ? sts stainless square accessories ? 12b 1/2? npt bottom ? 12s 1/2? npt side ? 34b 3/4? npt bottom ? 34s 3/4? npt side conduit entry lens distribution 6 lamp ? lp lamp installed low voltage ? m50 mr16, gx5.3 base ? m75 mr16, gx5.3 base ? p3650ilv par36, screw terminal base ? p3675ilv par36, screw terminal base incandescent 2 ? p2050i par20, med. base ? p3050i par30, med. base ? p3075i par30, med. base ? 100q t4, mini-can base fluorescent ? 18trt triple tube, gx24q2 base ? 26trt triple tube, gx24q3 base ? 32trt triple tube, gx24q3 base mh ? 20cmt4 3 t4, g8.5 base ? 35cmt4 3 t4, g8.5 base ? 35cmt6 t6, g12 base ? 70cmt4 t4, g8.5 base ? 70cmt6 t6, g12 base ? p2035cm par20, med. base ? p3035cm par30, med. base ? p3070cm par30, med. base lamp type ? M9410 round ? m9430 square model ? a aluminum ? b bronze ? asp 1 alum. stainless perf. ? bbp 1 bronze bronze perf. ? bsp 1 bronze stainless perf. ? ss stainless steel material suitable for wet locations mris94 rough-in housing mfs94 finishing section macs lamp module mhsl94 ballast module m9400 series assembly consists of the following individual component parts: ? nsp narrow spot ? sp spot ? nfl narrow flood ? mfl medium flood ? fl flood ? wfl wide flood ? wwd 7 wall wash distribution ? asy 8 asymmetric ? flc flat lens clear ? flc5 9 flat lens clear, 5 axial ? flc10 flat lens clear, 10 tilt ? flc20 flat lens clear, 20 tilt ? flf flat lens frosted ? flf5 10 flat lens frosted, 5 axial ? flcas flat lens clear, anti-slip ? clc convex lens, clear ? clf convex lens, frosted notes: 1 not available with m9430 square model. 2 incandescent models available with 120 volt only. 3 lamps available with geb or mlebad electronic mvolt (120v-277v) ballast only. 4 available for low voltage lamps only. remote 12v power supply required (sold separately). 5 mvolt is standard on all fluorescent lamps and mh lamps with geb or mlebad ballast option. 6 not all distributions are valid with all lamp types, consult lamp manufacturers? specifications. 7 wwd distribution available with t4 g8.5 base mh, t4 mini-can base incandescent, or fluorescent lamps only. 8 asy distribution available with fluorescent lamps only. 9 flc5 lens standard with wwd distribution using fluorescent lamps. 10 flf5 lens standard with wwd distribution using mh or incandescent lamps. 11 accessories are mutually exclusive, choose one only. 12 iss available with t6 and t4 lamps only. not available with wwd distribution. 13 not available with clc or clf convex lens. 14 accessory not available with ss door material. 15 sf available with 120, 277 or 347 supply voltages on mh fixtures only. 16 df available with 208, 220 or 240 supply voltages on mh fixtures only. 17 ballast options available with mh lamps only. 18 0-10 volt remote analog powered dimmer system with additional supply wiring required (by others). 19 door material finish is natural cast aluminum (a) or cast bronze (b) unless specified. stainless steel (ss) door available with brushed finish standard .
M9410/m9430 ordering information 50 hz application choose the boldface catalog nomenclature that best suits your needs. ?2005 hydrel 10/19/05 M9410_m9430 12881 bradley ave. sylmar, ca 91342 phone: 818-362-9465 fax: 818-362-6548 www.hydrel.com part no. example: hydrel is an iso 9001 certified manufacturer M9410 ss 70cmt6 23050hz nsp flc1o 16b iss lp iec finish 16 ? bl black ? bz bronze ? ddb dark bronze ? dna natural alum. ? gn green ? gr gray ? snd sand ? stg steel gray ? tvg terra verde green ? wh white ? cf custom finish ? iec international electronic commission listing ? M9410 round ? m9430 square model material ? a aluminum ? b bronze ? ss stainless steel ? asp 1 alum. stainless perf. ? bbp 1 bronze bronze perf. ? bsp 1 bronze stainless perf. voltage ? 12 3 ? 22050hz ? 23050hz ? 24050hz ? mvolt 4 ? 16b pg16 bottom ? 20b 20mm bottom ? 16s pg16 side ? 20s 20mm side ? 25s 25mm bottom conduit entry ? lp lamp included lamp internal 10 ? ihl honeycomb louver ? iss 11 source shield ? lsf 12 linear spread filter ? cfamb 12 color filter amber ? cfblu 12 color filter blue ? cfgrn 12 color filter green ? cfred 12 color filter red ? wwl wall wash louver external 10, 13 ? gs glare shield ? lc lexan cover ? ls light shield ? rg 12 rock guard trims 10,13 ? btr bronze round ? bts bronze square ? str stainless round ? sts stainless square accessories low voltage ? m50 mr16 gx5.3 base ? m75 mr16 gx5.3 base ? p3650ilv par36 screw terminal base ? p3675ilv par36 screw terminal base incandescent ? p2050i par20 e27 base ? p3050i par30 e27 base ? p3075i par30 e27 base ? 100q t4, mini-can fluorescent ? 18trt triple tube gx24q2 base ? 26trt triple tube gx24q3 base ? 32trt triple tube gx24q3 base mh ? 20cmt4 2 t4 g8.5 base ? 35cmt4 2 t4 g8.5 base ? 35cmt6 t6 g12 base ? 70cmt4 t4 g8.5 base ? 70cmt6 t6 g12 base ? p2035cm par20 e27 base ? p3035cm par30 e27 base ? p3070cm par30 e27 base lamp type distribution 5 ballasting 14 ? geb electronic ballast ? mlebad 15 analog dimming ballast options lens suitable for wet locations mris94 rough-in housing mfs94 finishing section macs lamp module mhsl94 ballast module m9400 series assembly consists of the following individual component parts: 7 asy distribution available with fluorescent lamps only. 8 flc5 lens standard with wwd distribution using fluorescent lamps. 9 flf5 lens standard with wwd distribution using mh or incandescent lamps. 10 accessories are mutually exclusive, choose one only. 11 iss available with t6, and t4 lamps only. not available with wwd distribution. 12 not available with clc or clf convex lens. 13 accessory not available with ss door material. 14 ballast options available with mh lamps only. 15 0-10 volt remote analog powered dimmer system with additional supply wiring required (by others). 16 door material finish is natural cast aluminum (a) or cast bronze (b) unless specified. stainless steel (ss) door available with brushed finish standard . notes: 1 not available with m9430 square model. 2 lamps available with geb or mlebad electronic , mvolt (120v-277v 50/60 hz) ballast only. 3 available for low voltage lamps only. remote 12v power supply required (sold separately). 4 mvolt is standard on all fluorescent lamps and mh lamps with geb or mlebad ballast option. 5 not all distributions are valid with all lamp types, consult lamp manufacturers? specifications. 6 wwd distribution available with t4 g8.5 base mh, t4 mini-can base incandescent or fluorescent lamps only. ? flc flat lens clear ? flc5 8 flat lens clear, 5 axial ? flc10 flat lens clear, 10 tilt ? flc20 flat lens clear, 20 tilt ? flf flat lens frosted ? flf5 9 flat lens frosted, 5 axial ? flcas flat lens clear, anti-slip ? clc convex lens, clear ? clf convex lens, frosted ? nsp narrow spot ? sp spot ? nfl narrow flood ? mfl medium flood ? fl flood ? wfl wide flood ? wwd 6 wall wash distribution ? asy 7 asymmetric


▲Up To Search▲   

 
Price & Availability of M9410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X