Part Number Hot Search : 
2SD2209 AFB0912L 2B7226J SEMIX SM3P2 2B7226J TIP34B ST72324
Product Description
Full Text Search
 

To Download LU4U041X-BLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan - mate ? series 14 rj45 connector module with integrated 10/100 base- tx magnetics p/n: lu4u041x - b lf page : 1 /2 a 3 (0 9 /03) feature l rj -45 needs to be matched fcc standard l rj -45 connector integrated with x?fmr / impedance resistor/high voltage capacitor. l size same as rj -45 connector to save pcb board pace. l reduced emi radiation to improve emi performance. l design for 100 base transmission over utp -5 cable. l meet tr-068 (pantone color code number 114c). l comply with rohs requirements- whole part no cd, no hg, no cr6+, no pbb and pbde and no pb on external pins. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +125j. electrical specifications @ 25c turns ratio (5%) insertion loss (db ma x) part number tx rx ocl (uh min) @100khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3 -100mhz hi -pot (vrms) lu4u041x -b lf 1ct:1ct 1ct:1ct 350 56 0.5 -0.8 1500 continue return loss (db min) tx/rx cross talk (db min) cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mh z 60-125mhz lu4u041x -b lf -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434
?lan - mate ? series 14 rj45 connector module with integrated 10/100 base- tx magnetics p/n: lu4u041x - b lf page : 2 /2 a 3 (0 9 /03) mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. spring wire : phosphor bronze with selective gold plating 3. solder pin : 0.4x0.4mm, phosphor bronze with solder plated 4. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhand usa email:sales@bothhandusa.com tel: 978-887-8050 462 boston st, topsfield, ma 01983 http://www.bothhandusa.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LU4U041X-BLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X