Part Number Hot Search : 
12020 T3010 TDA8961 A1500W D1215 C475M 160NDD IRF713
Product Description
Full Text Search
 

To Download LMD5741-2BSR-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ligitek electronics co.,ltd. property of ligitek only doc. no : qw0905- rev. : a date : - 2006 09 - feb. lmd5741/2bsr-xx lmd5741/2bsr-xx data sheet dot matrix digit led display (4.0inch)
note : 1.all dimension are in millimeters and (lnch) tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. lmd5741/2bsr-xx part no. package dimensions ligitek electronics co.,ltd. property of ligitek only page1/7 5.08x6=30.48 (1.2") pin no.1 ? 0.8 typ 6.2 0.5 76.1 (2.996") 12.8(0.504") 15.16x6 =90.96 (3.581") 106.2 (4.181") 15.16x4=60.64 (2.387") lmd5741/2bsr-xx ligitek 10.0(0.394") 75.6(2.976")
lmd5741/2bsr-xx ligitek electronics co.,ltd. property of ligitek only internal circuit diagram part no. 2/7 page 7 2 6 5 7 1 4 3 5,12 8 2 1 14 9 lmd5741bsr-xx 2 column row pin 13 1 3 4,11 310 4 6 5 2 7 6 7 5 1 5,12 4 3 8 2 14 9 1 pin row column 3 13 1 2 10 4,11 3 4 lmd5742bsr-xx 6 5
electrical connection ligitek electronics co.,ltd. property of ligitek only 3/7 page cathode column cathode column cathode column anode row anode row anode row anode row anode row 7 6 14 lmd5741bsr-xx 7 anode row 2 cathode column cathode column cathode column anode row 6 5 3 4 5 4 2 3 anode row pin no. 1 5 9 13 12 10 11 8 lmd5742bsr-xx 2 cathode row 7 6 1 4 1 4 3 3 cathode row 7 2 anode column anode column cathode row anode column 6 5 3 4 5 4 2 3 cathode row pin no. 1 5 cathode row 14 2 anode column anode column anode column cathode row cathode row cathode row 9 13 12 10 11 8 1 4 1 4 3 3 lmd5741/2bsr-xx part no.
ma 30 i f forward current per chip power dissipation per chip reverse current per any chip peak forward current per chip (duty 1/10,0.1ms pulse width) storage temperature operating temperature part no solder temperature 1/16 inch below seating plane for 3 seconds at 260 part selection and application information(ratings at 25) lmd5741bsr-xx lmd5742bsr-xx note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. common anode 100 10 100 -25 ~ +85 -25 ~ +85 min. 3.0 common cathode common cathode or anode chip gaalas materialemitted red 660 p ( nm) 20 (nm) ir tstg t opr pd i fp iv-m 2:1 electrical max. typ. 3.64.8 vf(v) min. typ. 15.2521.5 iv(mcd) a mw ma parameter absolute maximum ratings at ta=25 ligitek electronics co.,ltd. property of ligitek only sr ratings symbol unit page 4/7 lmd5741/2bsr-xx part no.
peak wavelength luminous intensity per chip spectral line half-width reverse current any chip forward voltage per chip luminous intensity matching ratio test condition for each parameter iv-m ir p iv if=20ma if=10ma if=20ma vr=5v nm a nm mcd ligitek electronics co.,ltd. property of ligitek only parameter symbol vf test condition if=20ma unit volt page 5/7 lmd5741/2bsr-xx part no.
fig.3 forward voltage vs. temperature fig.5 relative intensity vs. wavelength ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a wavelength (nm) f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 fig.4 relative intensity vs. temperature ambient temperature( ) r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 typical electro-optical characteristics curve forward voltage(v) fig.1 forward current vs. forward voltage f o r w a r d c u r r e n t ( m a ) forward current(ma) fig.2 relative intensity vs. forward current r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a ligitek electronics co.,ltd. property of ligitek only 1.0 0.1 1.0 10 100 1000 1.0101001000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40-200204060 1.0 1.1 1.2 600650700750 0.0 0.5 1.0 2.03.04.05.0 80100 0.8 0.9 -20 -4040 20 080100 60 2.0 0.0 0.5 1.0 1.5 2.5 3.0 sr chip page6/7 lmd5741/2bsr-xx part no.
reliability test: test item high temperature storage test low temperature storage test operating life test high temperature high humidity test thermal shock test solder resistance test solderability test the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 1.t.sol=260 5 2.dwell time= 10 1sec. 1.t.sol=230 5 2.dwell time=5 1sec this test intended to see soldering well performed or not. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. ligitek electronics co.,ltd. property of ligitek only reference standard mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 mil-std-883:1008 jis c 7021: b-10 jis c 7021: b-12 mil-std-202:103b jis c 7021: b-11 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) 1.under room temperature 2.if=10ma 3.t=1000 hrs (-24hrs, +72hrs) test condition the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. the purpose of this test is the resistance of the device under tropical for hours. description this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. page 7/7 lmd5741/2bsr-xx part no.


▲Up To Search▲   

 
Price & Availability of LMD5741-2BSR-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X