Part Number Hot Search : 
KBP304 C3164 HMC59 ISD4000 HFE2500 ZSM30006 A4401 MAX17005
Product Description
Full Text Search
 

To Download DCX122TU-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30425 rev. 5 - 2 1 of 4 www.diodes.com dcx (lo-r1) u ? diodes incorporated dcx (lo-r1) u dcx (lo-r1) u complementary npn/pnp pre-biased small si gnal dual surface mount transistor features n e p duc p duc w ro t t ro ? epitaxial planar die construction ? built-in biasing resistors ? lead free/rohs compliant (note 3) ? "green" device (note 4 and 5) mechanical data ? case: sot-363 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: finish - matte tin solderable per mil-std- 202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? terminal connections: see diagram ? marking information: see page 4 ? type code: see table below ? ordering information: see page 4 ? weight: 0.006 grams (approximate) p/n r1 (nom) r2 (nom) type code dcx122lu dcx142ju dcx122tu dcx142tu 0.22k 0.47k 0.22k 0.47k 10k 10k open open c81 c82 c83 c84 sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm a m j l d maximum ratings npn s ection @t a = 25c unless otherwise specified characteristic symbol value unit supply voltage v cc 50 v input voltage dcx122lu dcx142ju v in -5 to +6 -5 to +6 v input voltage dcx122tu dcx142tu v ebo (max) 5 v output current all i c 100 ma power dissipation (note 1, 2) p d 200 mw thermal resistance, junction to ambient air (note 2) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 1. mounted on fr4 pc board with recommended pad layout at http://www.di odes.com/datasheets/ap02001.pdf. 2. 150mw per element must not be exceeded. 3. no purposefully added lead. 4. diodes inc.'s "green" policy can be found on our w ebsite at http://www.diodes.com /products/lead_free/index.php. 5. product manufactured with date code uo (week 40, 2007) an d newer are built with green molding compound. product manufactur ed prior to date code uo are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. r 1 r 1 r 1 r 1 r 2 r 2 b c h k cxx ym f r 1 , r 2 r 1 only schematic diagram
ds30425 rev. 5 - 2 2 of 4 www.diodes.com dcx (lo-r1) u ? diodes incorporated new product maximum ratings pnp section @t a = 25c unless otherwise specified characteristic symbol value unit supply voltage v cc -50 v input voltage dcx122lu dcx142ju v in +5 to -6 +5 to -6 v input voltage dcx122tu dcx142tu v ebo (max) -5 v output current all i c -100 ma power dissipation (note 1,2) p d 200 mw thermal resistance, junction to ambient air (note 1,2) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics npn section @t a = 25c unless otherwise specified r1, r2 types characteristic symbol min typ max unit test condition dcx122lu dcx142ju v l(off) 0.3 0.3 ? ? v v cc = 5v, i o = 100 a input voltage dcx122lu dcx142ju v l(on) ? ? 2.0 2.0 v v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma output voltage v o(on) ? ? 0.3v v i o /i l = 5ma/0.25ma input current dcx122lu dcx142ju i l ? ? 28 13 ma v i = 5v output current i o(off) ? ? 0.5 a v cc = 50v, v i = 0v dc current gain dcx122lu dcx142ju g l 56 56 ? ? ? v o = 5v, i o = 10ma gain-bandwidth product* f t ? 200 ? mhz v ce = 10v, i e = 5ma, f = 100mhz * transistor - for reference only electrical characteristics npn section @t a = 25c unless otherwise specified r1 only characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 a collector-emitter breakdown voltage bv ceo 40 ? ? v i c = 1ma emitter-base breakdown voltage dcx122tu dcx142tu bv ebo 5 ? ? v i e = 50 a i e = 50 a collector cutoff current i cbo ? ? 0.5 a v cb = 50v emitter cutoff current dcx122tu dcx142tu i ebo ? ? ? 0.5 0.5 a v eb = 4v collector-emitter saturation voltage v ce(sat) ? ? 0.3 v i c = 5ma, i b = 0.25ma dc current transfer ratio dcx122tu dcx142tu h fe 100 100 250 250 600 600 ? i c = 1ma, v ce = 5v gain-bandwidth product* f t ? 200 ? mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only
ds30425 rev. 5 - 2 3 of 4 www.diodes.com dcx (lo-r1) u ? diodes incorporated electrical characteris tics pnp section @t a = 25c unless otherwise specified r1, r2 types new product characteristic symbol min typ max unit test condition dcx122lu dcx142ju v l(off) -0.3 -0.3 ? ? v v cc = -5v, i o = -100 a input voltage dcx122lu dcx142ju v l(on) ? ? -2.0 -2.0 v v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma output voltage v o(on) ? ? -0.3v v i o /i l = -5ma/-0.25ma input current dcx122lu dcx142ju i l ? ? -28 -13 ma v i = -5v output current i o(off) ? ? -0.5 a v cc = -50v, v i = 0v dc current gain dcx122lu dcx142ju g l 56 56 ? ? ? v o = -5v, i o = -10ma gain-bandwidth product* f t ? 200 ? mhz v ce = -10v, i e = -5ma, f = 100mhz * transistor - for reference only electrical characteristics pnp section @t a = 25c unless otherwise specified r1 only types characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50 ? ? v i c = -50 a collector-emitter breakdown voltage bv ceo -40 ? ? v i c = -1ma emitter-base breakdown voltage dcx122tu dcx142tu bv ebo -5 ? ? v i e = -50 a i e = -50 a collector cutoff current i cbo ? ? -0.5 a v cb = -50v emitter cutoff current dcx122tu dcx142tu i ebo ? ? ? -0.5 -0.5 a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c = -5ma, i b = -0.25ma dc current transfer ratio dcx122tu dcx142tu h fe 100 100 250 250 600 600 ? i c = -1ma, v ce = -5v gain-bandwidth product* f t ? 200 ? mhz v ce = -10v, i e = 5ma, f = 100mhz * transistor - for reference only -50 050100 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 power derating curve a 150 p , p o we r dissi p a t i o n (mw) d (150mw per element must not be exceeded).
ds30425 rev. 5 - 2 4 of 4 www.diodes.com dcx (lo-r1) u ? diodes incorporated ordering information (note 6) new product device packaging shipping dcx122lu-7-f sot-363 3000/tape & reel dcx142ju-7-f sot-363 3000/tape & reel DCX122TU-7-f sot-363 3000/tape & reel dcx142tu-7-f sot-363 3000/tape & reel notes: 6. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information cxx ym cxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DCX122TU-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X