Part Number Hot Search : 
CS206 FDLL300 AN2N3 MBR104 C4014A C4014A AV450461 SM6A27
Product Description
Full Text Search
 

To Download CSHD3-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  central semiconductor corp. tm 332 maximum ratings: (t c =25c unless otherwise noted) symbol units peak repetitive reverse voltage v rrm 100 v average rectified forward current (t c =120c) i o 3.0 a peak forward surge current (tp=10ms) i fsm 50 a peak repetitive reverse surge current (tp=2 m s) i rrm 1.0 a critical rate of rise of reverse voltage dv/dt 10,000 v/ m s operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance q j c 3.5 c/w electrical characteristics: (t c =25c unless otherwise noted) symbol test conditions min max unit i r v r =100v 30 ma i r v r =100v, t c =125c 10 ma v f i f =3.0a 0.85 v v f i f =3.0a, t c =125c 0.80 v dpak case CSHD3-100 schottky rectifier single, 3.0 amps, 100 volts high voltage description: the central semiconductor CSHD3-100 is a silicon schottky rectifier designed for surface mount high voltage applications requiring a low forward voltage drop. new power dpak !
333 r2 all dimensions in inches (mm). lead code: 1) no connection 2) cathode 3) anode 4) cathode pin 2 is common to the tab (4).           7239,(:                               0,1,080                 r1


▲Up To Search▲   

 
Price & Availability of CSHD3-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X