|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
specifications subject to change without notice m/a-com inc. north america: tel. (800) 366-2266 i asia/pacific: tel. +85 2 2111 8088 i europe: tel. +44 (1344) 869-595 fax (800) 618-8883 fax +85 2 2111 8087 fax +44 (1344) 300-020 dipole antenna for pcn AND-C-106 v3.00 features x compact size x high efficiency x low vswr x ground plane independent x rugged/durable x flexible description the AND-C-106 collinear dipole is vertically polarized and omnidirectional in azimuth. the unit is flexible to permit bending without damage. the compact design is optimized for high efficiency and easily adapted to custom applications. this antenna can be used for a variety of pcn applications to include hand held phones and computers. specifications frequency range 1850-1990 mhz peak gain 1.9 dbi polarization vertical nominal impedance 50 ohms vswr 2.0:1 max r. f. power handling 1 w avg. max 3 w peak max weight: 1.0 oz. max flex life: 5,000 cycles 45 molded boot (black) m/a-com logo straight knurl ( 3.50 ) ( ? .25 ) ( ? .40 )
dipole antenna for pcn AND-C-106 v3.00 specifications subject to change without notice. m/a-com inc. north america: tel. (800) 366-2266 i asia/pacific: tel. +85 2 2111 8088 i europe: tel. +44 (1344) 869-595 fax (800) 618-8883 fax +85 2 2111 8087 fax +44 (1344) 300-020 typical electrical performance azimuth 0 90 180 270 elevation 90 0 -90 0 |
Price & Availability of AND-C-106 |