Part Number Hot Search : 
F55J1R0E ANTXV2N US16121 APW7190 C3014 MAX1344 2SC39 58006
Product Description
Full Text Search
 

To Download AC16DSMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. thyristors AC16DSMA,ac16fsma 16 a mold isolated triac data sheet document no. d17166ej3v0ds00 (3rd edition) (previous no. sc-2106a) date published june 2004 ns cp(k) printed in japan 1988 the mark shows major revised points. description the AC16DSMA and ac16fsma are all diffused mold type triac granted rms on-state current 16 a, with rated voltages up to 600 v. features ? isolated plastic package (modified to-220ab) ? 150 a surge current applications ? motor speed control ? lamp dimmer, temperature controllers ? various solid state switches, etc. absolute maximum ratings parameter symbol AC16DSMA ac16fsma unit remarks non-repetitive peak off-state voltage v dsm 500 700 v ? repetitive peak off-state voltage v drm 400 600 v ? rms on-state current i t(rms) 16 (t c = 68c) a refer to figure 11 . surge on-state current i tsm a refer to figure 2 . 150 (50 hz 1 cycle) 165 (60 hz 1 cycle) fusing current i t 2 dt 100 (1 ms t 10 ms) a 2 s ? critical rate rise of on-state current di t /dt 50 a/ s ? peak gate power dissipation p gm 5 (f 50 hz, duty 10%) w refer to figure 3 . average gate power dissipation p g(av) 0.5 w peak gate current i gm 3 (f 50 hz, duty 10%) a junction temperature t j ? 40 +125 c ? storage temperature t stg ? 55 +150 c ? package drawing (unit: mm) 10.5 max. 7 ?.2 3.2 ?.2 3.0 max. 1.3 ?.2 0.8 ?.1 2.54 typ. 2.54 typ. 1.5 ?.2 5 ?.2 13.5 min. 12 ?.2 5 ?.1 17 ?.2 2.8 ?.2 4.7 max. 2.5 ?.1 0.5 ?.1 123 triac 1: t 1 2: t 2 3: gate standard weight: 2 g * * : t c test bench-mark
data sheet d17166ej3v0ds 2 AC16DSMA,ac16fsma electrical characteristics (t j = 25 c) parameter symbol conditions min. typ. max. unit remarks repetitive peak off-state current i drm v dm = v drm t j = 25c ? ? 100 a ? t j = 125c ? ? 2 ma ? on-state voltage v tm i tm = 25 a ? ? 1.4 v refer to figure 1 . gate trigger current mode i i gt v dm = 12 v, t 2 +, g+ ? ? 30 ma refer to figure 4 , ii r l = 30 ? t 2 ? , g+ ? ? ? 5 and 7 . iii t 2 ? , g ? ? ? 30 iv t 2 +, g ? ? ? 30 gate trigger voltage mode i v gt v dm = 12 v, t 2 +, g+ ? ? 1.5 v refer to figure 4 , ii r l = 30 ? t 2 ? , g+ ? ? ? 6 and 8 . iii t 2 ? , g ? ? ? 1.5 iv t 2 +, g ? ? ? 1.5 gate non-trigger voltage v gd t j = 125c, v dm = 2 1 v drm 0.3 ? ? v ? holding current i h v dm = 24 v, i tm = 20 a ? 30 ? ma refer to figure 9 . critical rate rise of off-state voltage dv/dt t j = 125c, v dm = 3 2 v drm ? 100 ? v / s commutating critical rate rise of off-state voltage (dv/dt)c t j = 125c, i tm = 22 a (di t /dt)c = ? 8 a/ms, v d = 400 v 10 ? ? v / s ? thermal resistance note r th(j-c) junction to case ac ? ? 3.3 c/w refer to figure 13 . r th(j-a) junction to ambient ac ? ? 60 c/w note the thermal resistance at 50 hz and 60 hz sine wa ve current, which is shown on the follow expression. r th(j-c) = ) av ( t c (max) j p t t ? t j(max) : maximum junction temperature t c : case temperature p t(av) : average on-dissipation
data sheet d17166ej3v0ds 3 AC16DSMA,ac16fsma typical characteristics figure 1. i t vs. t characteristic figure 2. i tsm rating i t - on-state current - a 100 10 1 0.1 0123 max. t j = 125?c 25?c i tsm - surge on-state current - a 180 160 140 120 100 80 60 40 1 0 10 5 50 100 0 n = 1 i tsm 2 initial t j = 125?c 50 hz 60 hz t - on-state voltage - v cycles - n figure 3. gate rating figure 4. gate characteristic v g - gate voltage - v 10 8 6 4 2 0 0 3.0 2.5 2.0 1.5 1.0 0.5 t j = ? 40 to +125?c p gm = 5 w f 50 hz duty 10% p g(av) = 0.5 w v gt - gate trigger voltage - v 3 2 1 0 0 120 80 40 100 60 20 trigger mode i, iii, iv t j = ? 40?c 25?c 125?c i g - gate current - a i gt - gate trigger current - ma figure 5. i gt vs. t a characteristic figure 6. v gt vs. t a characteristic i gt - gate trigger current - ma 1000 100 10 1 ? 40 120 80 40 0 trigger mode i, iii, iv v gt - gate trigger voltage - v 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 ? 40 120 80 40 0 trigger mode i, iii, iv t a - ambient temperature - c t a - ambient temperature - c
data sheet d17166ej3v0ds 4 AC16DSMA,ac16fsma figure 7. i gt vs. characteristic figure 8. gt vs. characteristic i gt - gate trigger current - ma 10000 1000 100 10 1 1 1000 100 10 trigger mode i, iii, iv gt - gate trigger voltage - v trigger mode i, iii, iv 5 4 3 2 1 0 1 1000 100 10 - pulse width - s - pulse width - s figure 9. i h vs. t a characteristic figure 10. p t(av) vs. i t(rms) characteristic i h - holding current - ma 70 60 50 40 30 20 10 0 ? 50 150 100 50 0 24 22 20 18 16 14 12 10 8 6 4 2 0 024 10 8 6 4 21222 20 18 16 14 t a - ambient temperature - c p t(av) - on-state average power dissipation - w i t(rms) - rms on-state current - a figure 11. t c vs. i t(rms) rating figure 12. t a vs. i t(rms) rating t c - case temperature - c 140 120 100 80 60 40 20 0 010 8 6 4 21220 18 16 14 t a - ambient temperature - c 140 120 100 80 60 40 20 0 0 2.0 1.0 i t(rms) - rms on-state current - a i t(rms) - rms on-state current - a
data sheet d17166ej3v0ds 5 AC16DSMA,ac16fsma figure 13. z th characteristic z th - transient thermal impedance - c/w 100 10 1 0.1 10 k 100 k 1 k 100 10 1 0.1 junction to ambient junction to case cycles (50 hz)
AC16DSMA,ac16fsma the information in this document is current as of june, 2004. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets or data books, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality, reliability and safety of nec electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. "standard": computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. if customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) (1) "nec electronics" as used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. (2) "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). ? ? ? ? ? ? m8e 02. 11-1


▲Up To Search▲   

 
Price & Availability of AC16DSMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X