Part Number Hot Search : 
SC260C2 TDA8709A 2SD553 SSM6K TLVH431 KSM9N50C LTC1736 FSJ260D
Product Description
Full Text Search
 

To Download A43L0616AV-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a43l0616a 512k x 16 bit x 2 banks synchronous dram (may, 2001, version 1.0) amic technology, inc. document title 512k x 16 bit x 2 banks synchronous dram revision history rev. no. history issue date remark 0.0 initial issue december 4, 2000 preliminary 0.1 add input/output capacitance specification february 13, 2001 add cl2 spec for ( - 5, - 5.5, - 6) modify mrs set cycle waveform error 0.2 add - u for industrial operating temperature range april 11, 2001 1.0 final spec. release may 29, 2001 final some ac parameter unit update
a43l0616a 512k x 16 bit x 2 banks synchronous dram (may, 2001, version 1.0) 1 amic technology, inc. features n jedec standard 3.3v power supply n lvttl compat ible with multiplexed address n dual banks / pulse ras n mrs cycle with address key programs - cas latency (2,3) - burst length (1,2,4,8 & full page) - burst type (sequential & interleave) n all inputs are sampled at the positive going edge o f the system clock n industrial operating temperature range: - 40 o c to +85 o c for - u n burst read single - bit write operation n dqm for masking n auto & self refresh n 32ms refresh period (2k cycle) n 50 pin tsop (ii) general description the a43l0616a is 16,777 ,216 bits synchronous high data rate dynamic ram organized as 2 x 524,288 words by 16 bits, fabricated with amic?s high performance cmos technology. synchronous design allows precise cycle control with the use of system clock. i/o transactions are possible on every clock cycle. range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications. pin configuration n n tsop (ii) a43l0616av 50 49 48 47 46 45 44 43 42 41 39 40 38 37 36 35 34 33 32 31 30 29 28 27 26 1 2 3 4 5 6 7 8 9 10 12 11 13 14 15 16 17 18 19 20 21 22 23 24 25 vss dq 15 dq 14 vssq dq 13 dq 12 vddq dq 11 dq 10 vssq dq 9 dq 8 vddq nc/rfu udqm clk cke nc a9 a8 a7 a6 a5 a4 vss vdd dq 0 dq 1 vssq dq 2 dq 3 vddq dq 4 dq 5 vssq dq 6 dq 7 vddq ldqm we cas ras cs ba a10/ap a0 a1 a2 a3 vdd
a43l0616a (may, 2001, version 1.0) 2 amic technology, inc. block diagram bank select row buffer refresh counter address register row decoder column buffer lcbr lras clk add timing register data input register 512k x 16 512k x 16 sense amp column decoder latency & burst length programming register lras lcas lras lcbr lwe lwcbr ldqm clk cke cs ras cas we l(u)dqm i/o control output buffer lwe ldqm dqi
a43l0616a (may, 2001, version 1.0) 3 amic technology, inc. pin des criptions symbol name description clk system clock active on the positive going edge to sample all inputs. cs chip select disables or enables device operation by masking or enabling all inputs except clk, cke and l(u)dqm cke clock enable masks system clock to freeze operation from the next clock cycle. cke should be enabled at least one clock + tss prior to new command. disable input buffers for power down in standby. a0~a10/ap address row / column addresses are multiplexed on the same pins. row address : ra0~ra10, column address: ca0~ca7 ba bank select address selects bank to be activated during row address latch time. selects band for read/write during column address latch time. ras row address strobe latches row addresses on the positive going edge of the clk with ras low. enables row access & precharge. cas column address strobe latches column addresses on the positive going edge of the clk with cas low. enables column access. we write enable enables write operation and row precharge. l(u)dqm data input/output mask makes data output hi - z, t shz after the clock and masks the output. blocks data input when l(u)dqm active. dq 0 - 1 5 data input/output data inputs/outputs are multiplexed on the same pins. vdd/vss power supply/ground power supply: +3.3v 0.3v/ground vddq/vssq data output power/ground provide isolated power/ground to dqs for improved noise immunity. nc/rfu no connecti on
a43l0616a (may, 2001, version 1.0) 4 amic technology, inc. absolute maximum ratings* voltage on any pin relative to vss (vin, vout ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 1.0v to +4.6v voltage on vdd supply relative to vss (vdd, vddq ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 1.0v to +4.6v storage temperature (t stg ) . . . . . . . . . . - 55 c to +150 c soldering temperature x time (t sloder ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260 c x 10sec power dissipation (p d ) . . . . . . . . . . . . . . . . . . . . . . . . . 1w short circuit current (ios) . . . . . . . . . . . . . . . . . . . . 50ma *comments permanent device damage may occur if ?absolute maximum ratings? are excee ded. functional operation should be restricted to recommended operating condition. exposure to higher than recommended voltage for extended periods of time could affect device reliability. capacitance (t a =25 c, f=1mhz) parameter symbol condition min t yp max unit input capacitance ci1 a0 to a10, ba 2 4 pf ci2 clk, cke, cs , ras , cas , we , udqm, ldqm 2 4 pf data input/output capacitance ci/o dq0 to dq15 2 6 pf dc elect rical characteristics recommend operating conditions (voltage referenced to vss = 0v, t a = 0 o c to +70 o c or - 40 o c to +85 o c) parameter symbol min typ max unit note supply voltage vdd,vddq 3.0 3.3 3.6 v input high voltage v ih 2.0 3.0 vdd+0.3 v input low voltage v il - 0.3 0 0.8 v note 1 output high voltage v oh 2.4 - - v i oh = - 2ma output low voltage v ol - - 0.4 v i ol = 2ma input leakage current i il - 5 - 5 m a note 2 output leakage current i ol - 5 - 5 m a note 3 output loading condition see figure 1 note : 1. v il (min) = - 1.5v ac (pulse width 5ns). 2. any input 0v vin vdd + 0.3v, all other pins are not under test = 0v 3. dout is disabled, 0v vout vdd
a43l0616a (may, 2001, version 1.0) 5 amic technology, inc. decoupling capacitance guide line recommended decoupling capacitance added to power line at board. parameter symbol value unit decoupling capacitance between vdd and vss c dc1 0.1 + 0.01 m f decoupling capacitance between vddq and vssq c dc2 0.1 + 0.01 m f note: 1. vdd and vddq pins are separated each other. all vdd pins are connected in chip. all vddq pins are connected in chip. 2. vss and vssq pins are separated each other all vss pins are connected in chip. all vssq pins are connected in chip. dc electrical characteristics (recommended operating condition unless otherwise noted, t a = 0 to 70 c or - 40 o c to +85 o c) speed symbol parameter test conditions cas latency - 5 - 5.5 - 6 - 7 unit notes i cc1 operating current (one bank active) burst length = 1 t rc 3 t rc (min), t cc 3 t cc (min ) , i ol = 0ma 230 210 190 160 ma 1 i cc2 p cke v il (max), t cc = 15ns 1 i cc2 ps precharge standby curr ent in power - down mode ckl vil(max), t cc = 1 ma i cc2 n cke 3 v ih (min), cs 3 v ih (min), t cc = 15ns input signals are changed one time during 30ns 15 i cc2 ns precharge standby current in non power - down mode cke 3 v ih (min), clk v il (max), t cc = input signals are stable. 4 ma i cc3 p cke v il (max), t cc = 15ns 2 i cc3 ps active standby current in power - down mode cke v il (max) t cc = 1 ma i cc3 n cke 3 v ih (min), cs 3 v ih (min), t cc = 15ns input signals are changed one time during 30ns 25 i cc3 ns active standby current in non power - d own mode (one bank active) cke 3 v ih (min), clk v il (max), t cc = input signals are stable. 15 ma 3 250 230 210 180 i cc4 operating current (burst mode) i ol = 0ma, page burst all bank activated, t ccd = t ccd (min) 2 - - - 180 ma 1 i cc5 refresh current t rc 3 t rc (min) 250 230 210 180 ma 2 i cc6 self refresh current cke 0.2v 1 ma note: 1. measured with outputs open. address es are changed only one time during t cc (min). 2. refresh period is 32ms. addresses are changed only one time during t cc (min).
a43l0616a (may, 2001, version 1.0) 6 amic technology, inc. ac operating test conditions (vdd = 3.3v 0.3v, t a = 0 c to +70 c or - 40 o c to +85 o c) parameter value ac input levels v ih /v il = 2 .4v/0.4v input timing measurement reference level 1.4v input rise and all time (see note3) tr/tf = 1ns/1ns output timing measurement reference level 1.4v output load condition see fig.2 output 870 w 1200 w (fig. 1) dc output load circuit z o =50 w output 50 w v tt =1.4v 30pf (fig. 2) ac output load circuit 3.3v 30pf v oh (dc) = 2.4v, i oh = -2ma v ol (dc) = 0.4v, i ol = 2ma ac characteristics (ac operating c onditions unless otherwise noted) - 5 - 5.5 - 6 - 7 symbol parameter cas latency min max min max min max min max unit note 3 5 5.5 6 7 t cc clk cycle time 2 7 1000 7 1000 8 1000 8 1000 ns 1 3 - 4.5 - 5 - 5.5 - 6 t sac clk to valid output delay 2 - 5 - 5.5 - 6 - 7 n s 1,2 t oh output data hold time 2 2 2.5 2.5 ns 2 3 2 2 2.5 2.5 t ch clk high pulse width 2 2 - 2 - 2.5 - 3 - ns 3
a43l0616a (may, 2001, version 1.0) 7 amic technology, inc. ac characteristics (continued) (ac operating conditions unless otherwise noted) - 5 - 5.5 - 6 - 7 symbol parameter cas latency min max min max min max min max unit note 3 2 2 2.5 2.5 t cl clk low pulse width 2 2 - 2 - 2.5 - 3 - ns 3 3 2 2 2 2 t ss input setup time 2 2 - 2 - 2.5 - 2.5 - ns 3 3 t sh input hold time 2 1 - 1 - 1 - 1 - ns 3 3 t slz clk to output in low - z 2 1 - 1 - 1 - 1 - ns 2 3 - 5.5 - 5.5 - 5.5 - 6 t shz clk to output in hi - z 2 - 5.5 - 5.5 - 6 - 7 ns *all ac parameters are measured from half to half. note : 1. parameters depend on prog rammed cas latency. 2. if clock rising time is longer than 1ns, (tr/2 - 0.5)ns should be added to the parameter. 3. assumed input rise and fall time (tr & tf) = 1ns. if tr & tf is longer than 1ns, transient time compensation should be considered, i.e., [ (tr + tf)/2 - 1 ] ns should be added to the parameter.
a43l0616a (may, 2001, version 1.0) 8 amic technology, inc. operating ac parameter (ac operating conditions unless otherwise noted) version symbol parameter cas latency - 5 - 5.5 - 6 - 7 unit note t rrd(min) row active to row active delay 10 11 12 14 ns 1 t rcd(min ) ras to cas delay 15 17 18 20 ns 1 t rp(min) row precharge time 15 17 18 20 ns 1 t ras(min) 40 42 42 42 ns 1 t ras(max) row active time 100 m s t rc(min) row cycle time 55 60.5 60 63 ns 1 t cdl(min) last data in ne w col. address delay 1 clk 2 t rdl(min) last data in row precharge 2 2 2 2 clk 2 t bdl(min) last data in to burst stop 1 clk 2 t ccd(min) col. address to col. address delay 1 clk 3 2 clk 4 number of valid output data 2 1 clk note: 1. the minimum num ber of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. minimum delay is required to complete write. 3. all parts allow every cycle column address change. 4. in case of row precharge interrupt, auto precharge and read burst stop.
a43l0616a (may, 2001, version 1.0) 9 amic technology, inc. simplified truth table command cken - 1 cken cs ras cas we dqm ba a10/ ap a9~a0 notes register mode register s et h x l l l l x op code 1,2 auto refresh h 3 entry h l l l l h x x 3 l h h h 3 refresh self refresh exit l h h x x x x x 3 bank active & row addr. h x l l h h x v row addr. 4 auto precharge disable l 4 read & column addr. auto precharge enable h x l h l h x v h column addr. 4,5 auto precharge disable l 4 write & column addr. auto precharge enable h x l h l l x v h column addr. 4,5 burst stop h x l h h l x x 6 bank selection v l precharge both banks h x l l h l x x h x l h h h entry h l h x x x x clock suspend or active power down exit l h x x x x x x l h h h entry h l h x x x x l v v v precharge power down mode exit l h h x x x x x dqm h x v x 7 l h h h no operation command h x h x x x x x (v = valid, x = don?t care, h = logic high, l = logic low) note : 1. op code : operand code a0~a10/ap,ba : program keys. (@mrs) 2. mrs can be issued only at both banks precharge state. a new command can be issued after 2 clock cycle of mrs. 3. auto refresh functions as same as cbr refresh of dram. the automatical precharge without row precharge command is meant by ?auto?. auto/self refresh can be issued only at both precharge state. 4. ba : bank selec t address. if ?low? at read, write, row active and precharge, bank a is selected. if ?high? at read, write, row active and precharge, bank b is selected. if a10/ap is ?high? at row precharge, ba is ignored and both banks are selected. 5. during burst read or write with auto precharge, new read write command cannot be issued. another bank read write command can be issued at every burst length. 6. burst stop command is valid at every burst length. 7. dqm sampled at positive going edge of a clk masks the data - in at the very clk (write dqm latency is 0), but makes the data - out hi - z state after 2 clk cycles. (read dqm latency is 2)
a43l0616a (may, 2001, version 1.0) 10 amic technology, inc. mode register filed table to program modes register programmed with mrs address ba a10/ap a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 function rf u rfu w.b.l tm cas latency bt burst length (note 1) (note 2) test mode cas latency burst type burst length a8 a7 type a6 a5 a4 latency a3 type a2 a1 a0 bt=0 bt=1 0 0 mode register set 0 0 0 reserved 0 sequential 0 0 0 1 reserved 0 1 0 0 1 - 1 interleave 0 0 1 2 reserved 1 0 0 1 0 2 0 1 0 4 4 1 1 vendor use only 0 1 1 3 0 1 1 8 8 write burst length 1 0 0 reserved 1 0 0 reserved reserved a9 length 1 0 1 reserved 1 0 1 reserved reserved 0 burst 1 1 0 reserved 1 1 0 reserved reserved 1 single bit 1 1 1 reserved 1 1 1 256(full) reserved (note 3) power up sequence 1. apply power and start clock, attempt to maintain cke = ?h?, dqm = ?h? and the other pins are nop condition at inputs. 2. maintain stable power, stable clock and nop input condition for a minimum of 200 m s. 3. issue precharge commands for all banks of the devices. 4. issue 2 or more auto - refresh commands. 5. issue a mode register set command to initialize the mode register. cf.) sequence of 4 & 5 may be changed. the device is now ready for normal operation. note : 1. rfu(reserved for future use) should stay ?0? during mrs cycle. 2. if a9 is high during mrs cycle, ?burst read single bit write? function will be enabled. 3. the full column burst (256bit) is available only at sequential mode of burst type.
a43l0616a (may, 2001, version 1.0) 11 amic technology, inc. burst sequence (burst length = 4) initial address a1 a0 sequential interleave 0 0 0 1 2 3 0 1 2 3 0 1 1 2 3 0 1 0 3 2 1 0 2 3 0 1 2 3 0 1 1 1 3 0 1 2 3 2 1 0 burst sequence (burst length = 8) initial address a2 a1 a0 sequential interleave 0 0 0 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 0 1 1 2 3 4 5 6 7 0 1 0 3 2 5 4 7 6 0 1 0 2 3 4 5 6 7 0 1 2 3 0 1 6 7 4 5 0 1 1 3 4 5 6 7 0 1 2 3 2 1 0 7 6 5 4 1 0 0 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 1 0 1 5 6 7 0 1 2 3 4 5 4 7 6 1 0 3 2 1 1 0 6 7 0 1 2 3 4 5 6 7 4 5 2 3 0 1 1 1 1 7 0 1 2 3 4 5 6 7 6 5 4 3 2 1 0
a43l0616a (may, 2001, version 1.0) 12 amic technology, inc. device operations clock (clk) the clock input is used as the reference for all sdram operations. all operations are synchronized to the positive going edge of the clock. the clock transition s must be monotonic between vil and vih. during operation with cke high all inputs are assumed to be in valid state (low or high) for the duration of set up and hold time around positive edge of the clock for proper functionality and icc specifications. cl ock enable (clk) the clock enable (cke) gates the clock onto sdram. if cke goes low synchronously with clock (set - up and hold time same as other inputs), the internal clock is suspended form the next clock cycle and the state of output and burst address is frozen as long as the cke remains low. all other inputs are ignored from the next clock cycle after cke goes low. when both banks are in the idle state and cke goes low synchronously with clock, the sdram enters the power down mode form the next clock cyc le. the sdram remains in the power down mode ignoring the other inputs as long as cke remains low. the power down exit is synchronous as the internal clock is suspended. when cke goes high at least ?t ss + 1 clock ? before the high going edge of the clock, t hen the sdram becomes active from the same clock edge accepting all the input commands. bank select (ba) this sdram is organized as two independent banks of 524,288 words x 16 bits memory arrays. the ba inputs is latched at the time of assertion of ras and cas to select the bank to be used for the operation. when ba is asserted low, bank a is selected. when ba is asserted high, bank b is selected. the bank select ba is latched at bank activate, read, write mode registe r set and precharge operations. address input (a0 ~ a10/ap) the 19 address bits required to decode the 524,288 word locations are multiplexed into 11 address input pins (a0~a10/ap). the 11 bit row address is latched along with ras and ba during bank activate command. the 8 bit column address is latched along with cas , we and ba during read or write command. nop and device deselect when ras , cas and we are high, the sdram performs no operation (nop). nop does not initiate any new operation, but is needed to complete operations which require more than single clock like bank activate, burst read, auto refresh, etc. the device deselect is also a nop and is entered by asserting cs high. cs high disables the command decoder so that ras , cas and we , and all the address inputs are ignored. powe r - up the following sequence is recommended for power up 1. power must be applied to either cke and dqm inputs to pull them high and other pins are nop condition at the inputs before or along with vdd (and vddq) supply. the clock signal must also be asserted a t the same time. 2. after vdd reaches the desired voltage, a minimum pause of 200 microseconds is required with inputs in nop condition. 3. both banks must be precharged now. 4. perform a minimum of 2 auto refresh cycles to stabilize the internal circuitry. 5. perform a mode register set cycle to program the cas latency, burst length and burst type as the default value of mode register is undefined. at the end of one clock cycle from the mode register set cycle, the device is ready for operation. when the above sequenc e is used for power - up, all the out - puts will be in high impedance state. the high impedance of outputs is not guaranteed in any other power - up sequence. cf.) sequence of 4 & 5 may be changed. mode register set (mrs) the mode register stores the data for c ontrolling the various operation modes of sdram. it programs the cas latency, addressing mode, burst length, test mode and various vendor specific options to make sdram useful for variety of different applications. the default value of the mode register is not defined, therefore the mode register must be written after power up to operate the sdram. the mode register is written by asserting low on cs , ras , cas , we (the sdram shou ld be in active mode with cke already high prior to writing the mode register). the state of address pins a0~a10/ap and ba in the same cycle as cs , ras , cas , we going low is the data written in the mode register. one clock cycle is required to complete the write in the mode register. the mode register contents can be changed using the same command and clock cycle requirements during operation as long as both banks are in the idle state. the mode register is divided into various fields depending on functionality. the burst length field uses a0~a2, burst type uses a3, addressing mode uses a4~a6, a7~a8, a10/ap and ba are used for vendor specific options or test mode. and the write bu rst length is programmed using a9. a7~a8, a10/ap and ba must be set to low for normal sdram operation. refer to table for specific codes for various burst length, addressing modes and cas latencies.
a43l0616a (may, 2001, ve rsion 1.0) 13 amic technology, inc. device operations (continued) bank activate the bank a ctivate command is used to select a random row in an idle bank. by asserting low on ras and cs with desired row and bank addresses, a row access is initiated. the read or write operation can occur after a time delay of t rcd (min) from the time of bank activation. t rcd (min) is an internal timing parameter of sdram, therefore it is dependent on operating clock frequency. the minimum number of clock cycles required between bank activate and read or write command should be calculated by dividing t rcd (min) with cycle time of the clock and then rounding off the result to the next higher integer. the sdram has two internal banks on the same chip and shares part of the internal circuitry to reduce chip area, therefore it restr icts the activation of both banks immediately. also the noise generated during sensing of each bank of sdram is high requiring some time for power supplies recover before the other bank can be sensed reliably. t rrd (min) specifies the minimum time required between activating different banks. the number of clock cycles required between different bank activation must be calculated similar to t rcd specification. the minimum time required for the bank to be active to initiate sensing and restoring the complete r ow of dynamic cells is determined by t ras (min) specification before a precharge command to that active bank can be asserted. the maximum time any bank can be in the active state is determined by t ras (max). the number of cycles for both t ras (min) and t ras (m ax) can be calculated similar to t rcd specification. burst read the burst read command is used to access burst of data on consecutive clock cycles from an active row in an active bank. the burst read command is issued by asserting low on cs and cas with we being high on the positive edge of the clock. the bank must be active for at least t rcd (min) before the burst read command is issued. the first output appears cas latency number of clock cycles after the issue of burst read command. the burst length, burst sequence and latency from the burst read command is determined by the mode register which is already programmed. the burst read can be initiated on any column address of the active row. the add ress wraps around if the initial address does not start from a boundary such that number of outputs from each i/o are equal to the burst length programmed in the mode register. the output goes into high - impedance at the end of the burst, unless a new burst read was initiated to keep the data output gapless. the burst read can be terminated by issuing another burst read or burst write in the same bank or the other active bank or a precharge command to the same bank. the burst stop command is valid at every p age burst length. burst write the burst write command is similar to burst read command, and is used to write data into the sdram consecutive clock cycles in adjacent addresses depending on burst length and burst sequence. by asserting low on cs , cas and we with valid column address, a write burst is initiated. the data inputs are provided for the initial address in the same clock cycle as the burst write command. the input buffer is deselected at the end of the burst length, even though the internal writing may not have been completed yet. the writing can not complete to burst length. the burst write can be terminated by issuing a burst read and dqm for blocking data inputs or burst write in the s ame or the other active bank. the burst stop command is valid only at full page burst length where the writing continues at the end of burst and the burst is wrap around. the write burst can also be terminated by using dqm for blocking data and precharging the bank ?t rdl ? after the last data input to be written into the active row. see dqm operation also. dqm operation the dqm is used to mask input and output operation. it works similar to oe during read operation and inhibits writing du ring write operation. the read latency is two cycles from dqm and zero cycle for write, which means dqm masking occurs two cycles later in the read cycle and occurs in the same cycle during write cycle. dqm operation is synchronous with the clock, therefor e the masking occurs for a complete cycle. the dqm signal is important during burst interrupts of write with read or precharge in the sdram. due to asynchronous nature of the internal write, the dqm operation is critical to avoid unwanted or incomplete wri tes when the complete burst write is not required. precharge the precharge operation is performed on an active bank by asserting low on cs , ras , we and a10/ap with valid ba of the bank to be prec harged. the precharge command can be asserted anytime after t ras (min) is satisfied from the bank activate command in the desired bank. ?t rp ? is defined as the minimum time required to precharge a bank. the minimum number of clock cycles required to comple te row precharge is calculated by dividing ?t rp ? with clock cycle time and rounding up to the next higher integer. care should be taken to make sure that burst write is completed or dqm is used to inhibit writing before precharge command is asserted. the m aximum time any bank can be active is specified by t ras (max). therefore, each bank has to be precharged within t ras (max) from the bank activate command. at the end of precharge, the bank enters the idle state and is ready to be activated again. entry to po wer down, auto refresh, self refresh and mode register set etc, is possible only when both banks are in idle state.
a43l0616a (may, 2001, version 1.0) 14 amic technology, inc. device operations (continued) auto precharge the precharge operation can also be performed by using auto precharge. the sdram internally g enerates the timing to satisfy t ras (min) and ?t rp ? for the programmed burst length and cas latency. the auto precharge command is issued at the same time as burst read or burst write by asserting high on a10/ap. if burst read or burst write command is issu ed with low on a10/ap, the bank is left active until a new command is asserted. once auto precharge command is given, no new commands are possible to that particular bank until the bank achieves idle state. both banks precharge both banks can be precharged at the same time by using precharge all command. asserting low on cs , ras and we with high on a10/ap after both banks have satisfied t ras (min) requirement, performs precharge on both banks. at th e end of trp after performing precharge all, both banks are in idle state. auto refresh the storage cells of sdram need to be refreshed every 32ms to maintain data. an auto refresh cycle accomplishes refresh of a single row of storage cells. the internal c ounter increments automatically on every auto refresh cycle to refresh all the rows. an auto refresh command is issued by asserting low on cs , ras and cas with high on cke and we . the auto refresh command can only be asserted with both banks being in idle state and the device is not in power down mode (cke is high in the previous cycle). the time required to complete the auto refresh operation is specified by ?t rc (min)?. the m inimum number of clock cycles required can be calculated by driving ?t rc ? with clock cycle time and then rounding up to the next higher integer. the auto refresh command must be followed by nop?s until the auto refresh operation is completed. both banks wi ll be in the idle state at the end of auto refresh operation. the auto refresh is the preferred refresh mode when the sdram is being used for normal data transactions. the auto refresh cycle can be performed once in 15.6us or a burst of 2048 auto refresh c ycles once in 32ms. self refresh the self refresh is another refresh mode available in the sdram. the self refresh is the preferred refresh mode for data retention and low power operation of sdram. in self refresh mode, the sdram disables the internal clo ck and all the input buffers except cke. the refresh addressing and timing is internally generated to reduce power consumption. the self refresh mode is entered from all banks idle state by asserting low on cs , ras , cas and cke with high on we . once the self refresh mode is entered, only cke state being low matters, all the other inputs including clock are ignored to remain in the self refresh. the self refresh is exited by rest arting the external clock and then asserting high on cke. this must be followed by nop?s for a minimum time of ?t rc ? before the sdram reaches idle state to begin normal operation. if the system uses burst auto refresh during normal operation, it is recomme nded to used burst 2048 auto refresh cycles immediately after exiting self refresh.
a43l0616a (may, 2001, ve rsion 1.0) 15 amic technology, inc. basic feature and function descriptions 1. clock suspend 1) click suspended during write (bl=4) masked by cke q0 q1 q3 q0 q2 q3 suspended dout 2) clock suspended during read (bl=4) wr masked by cke d0 d1 d2 d3 d0 d1 d2 d3 not written dq(cl3) dq(cl2) internal clk cke cmd clk rd q2 q1 note: clk to clk disable/enable=1 clock 2. dqm operation 1) write mask (bl=4) masked by cke q0 q1 q3 q1 q2 q3 dqm to data-out mask = 2 2) read mask (bl=4) wr masked by cke d0 d1 d3 d0 d1 d3 dqm to data-in mask = 0clk dq(cl3) dq(cl2) dqm cmd clk rd hi-z hi-z q0 q2 q4 2) read mask (bl=4) rd hi-z hi-z hi-z q6 q7 q8 hi-z q1 q3 hi-z hi-z q5 q6 q7 clk cmd cke dqm dq(cl2) dq(cl3) * note : 1. dqm makes data ou t hi - z after 2 clocks which should masked by cke ?l?. 2. dqm masks both data - in and data - out.
a43l0616a (may, 2001, version 1.0) 16 amic technology, inc. 3. cas interrupt (i) note : 1. by ?interrupt?, it is possible to stop burst read/write by external command before the end of burst. by ? cas interrupt?, to stop burst read/write by cas access; read, write and block write. 2. t ccd : cas to cas delay. (=1clk) 3. t cdl : last data in to new column address delay. (= 1cl k). 1) read interrupted by read (bl=4) note 1 rd rd a b qa0 qb0 qb1 qb2 qb3 qa0 qb0 qb1 qb2 qb3 clk cmd add dq(cl2) dq(cl3) t ccd note2 2) write interrupted by write (bl =2) wr wr a b clk cmd add t ccd note2 da0 db0 db1 t cdl note3 dq 3) write interrupted by read (bl =2) wr rd a b t ccd note2 da0 qb0 qb1 t cdl note3 dq(cl2) qb0 qb1 dq(cl3) da0
a43l0616a (may, 2001, version 1.0) 17 amic technology, inc. 4. cas interrupt (ii) : read interrupted write & dqm * note : 1. to prevent bus contention, there should be at least one gap between data in and data out. 2. to prevent bus contention, dqm should be issued which makes a least one gap between dat a in and data out. rd wr d0 d1 d2 d3 rd wr d0 d1 d2 d3 wr rd hi-z hi-z d0 d1 d2 d3 rd wr d0 d1 d2 d3 q0 hi-z note 1 rd wr d0 d1 d2 d3 rd wr d0 d1 d2 d3 wr rd hi-z d0 d1 d2 d3 rd wr d0 d1 d2 q0 hi-z note 2 d0 d1 d2 d3 rd wr wr (1) cl=2, bl=4 clk i) cmd dqm dq ii) cmd dqm dq iii) cmd dqm dq iv) cmd dqm dq (2) cl=3, bl=4 clk i) cmd dqm dq ii) cmd dqm dq iii) cmd dqm dq iv) cmd dqm dq v) cmd dqm dq d3
a43l0616a (may, 2001, ve rsion 1.0) 18 amic technology, inc. 5. write interrupted by precharge & dqm note : 1. to inhibit invalid write, dqm should be issued. 2. this precharge command and burst write command should be of the same bank, otherwise it is not precharge interrupt but only another bank precharge of dual banks operation. 6. precharge 7. auto precharge * note : 1. the row active command of the precharge bank can be issued after t rp from this point. the new read/write command of other active bank can be issued from this point. at b urst read/write with auto precharge, cas interrupt of the same/another bank is illegal. wr pre note 2 note 1 d0 d1 d2 d3 masked by dqm clk cmd dqm dq wr pre d0 d1 d2 d3 clk cmd dq 1) normal write (bl=4) t rdl rd pre q0 q1 q2 q3 clk cmd dq(cl2) 2) read (bl=4) q0 q1 q2 q3 dq(cl3) wr d0 d1 d2 d3 clk cmd dq 1) normal write (bl=4) note 1 rd q0 q1 q2 q3 clk cmd dq(cl2) 2) read (bl=4) q0 q1 q2 q3 dq(cl3) auto precharge starts note 1 auto precharge starts
a43l0616a (may, 2001, ve rsion 1.0) 19 amic technology, inc. 8. burst stop & precharge interrupt 9. mrs note : 1. t rdl : 2clk, last data in to row precharge. 2. t bdl : 1clk, last data in to burst stop delay. 3. number of valid output data after row precharge or burst stop : 1,2 for cas latency=2,3 respectively. 4. pre : both banks precharge if necessary. mrs can be issued only at all bank precharge state. 2) write burst stop (bl=8) dq(cl2) dq(cl3) wr pre note 1 d0 d1 d2 d3 clk cmd dqm dq wr stop d1 clk cmd dq t bdl (note 2) 1) write interrupted by precharge (bl=4) t rdl d0 d2 rd q0 q1 clk cmd dq(cl2) 4) read burst stop (bl=4) q0 q1 dq(cl3) stop note 3 1 2 rd q0 q1 clk cmd 3) read interrupted by precharge (bl=4) q0 q1 pre note 3 1 2 pre mrs note 4 clk cmd mode register set 1clk act t rp
a43l0616a (may, 2001, version 1.0) 20 amic technology, inc. 10. clock suspend exit & power down exit 11. auto refresh & self refresh * note : 1. active power down : one or more bank active state. 2. precharge power down : both bank precharge state. 3. the auto refresh is the same as cbr refresh of conventional dram. no precharge commands are required after auto refresh command. during t rc from auto refresh command, any other command can not be accepted. 4. before executing auto/self refresh command, both banks must be idle state. 5. mrs, bank active, auto/self refresh, power down mode entry. 6. during self refres h mode, refresh interval and refresh operation are performed internally. after self refresh entry, self refresh mode is kept while cke is low. during self refresh mode, all inputs expect cke will be don?t cared, and outputs will be in hi - z state. during t r c from self refresh exit command, any other command can not be accepted. before/after self refresh mode, burst auto refresh cycle (2k cycles ) is recommended. 2) power down (=precharge power down) exit note 1 clk cmd 1) clock suspend (=active power down) exit rd t ss cke internal clk note 2 clk cmd act cke internal clk t ss nop 2) self refresh clk cmd 1) auto refresh cke internal clk clk cmd sr cke pre note 4 pre ar cmd note 5 ~ ~ ~ ~ ~ ~ ~ ~ t rp t rc note 3 note 6 ~ ~ cmd ~ ~ note 4 t rp t rc ~ ~ ~ ~ ~ ~
a43l0616a (may, 2001, version 1.0) 21 amic technology, inc. 12. about burst type control sequential counting at mrs a3=?0?. see the burst sequenc e tabe.(bl=4,8) bl=1,2,4,8 and full page wrap around. basic mode interleave counting at mrs a3=? 1?. see the burst sequence tabe.(bl=4,8) bl=4,8 at bl=1,2 interleave counting = sequential counting pseudo - decrement sequential counting at mrs a3 = ?1?. (see to interleave counting mode) starting address lsb 3 bits a0 - 2 should be ?000? or ?111?.@bl=8. -- if lsb = ?000? : increment counting. -- if lsb= ?111? : decrement counting. for example, (assume addresses except lsb 3 bits are all 0, bl=8) -- @ write, lsb=?000?, accessed column in order 0 - 1 - 2 - 3 - 4 - 5 - 6 - 7 -- @ read, lsb=?111?, accessed column in order 7 - 6 - 5 - 4 - 3 - 2 - 1 - 0 at bl=4, same applications are possible. as above example, at interleave counting mode, by confining starting address to some valu es, pseudo - decrement counting mode can be realized. see the burst sequence table carefully. pseudo - mode pseudo - binary counting at mrs a3 = ?0?. (see to sequential counting mode) a0 - 2 = ?111?. (see to full page mode) using full page mode and burst st op command, binary counting mode can be realized. -- @ sequential counting accessed column in order 3 - 4 - 5 - 6 - 7 - 1 - 2 - 3 (bl=8) -- @ pseudo - binary counting, accessed column in order 3 - 4 - 5 - 6 - 7 - 8 - 9 - 10 (burst stop command) note. the next column address of 256 is 0 random mode random column access t ccd = 1 clk every cycle read/write command with random column address can realize random column access. that is similar to extended data out (edo) operation of convention dram. 13. about burst length control 1 at mrs a2,1,0 = ?000?. at auto precharge, tras should not be violated. 2 at mrs a2,1,0 = ?001?. at auto precharge, tras should not be violated. 4 at mrs a2,1,0 = ?010? 8 at mrs a2,1,0 = ?011?. basic mode full page at mrs a2,1,0 = ?111?. wrap around mode (infinite burst length) should be stopped by burst stop, ras interrupt or cas interrupt. special mode brsw at mrs a9=?1?. read burst = 1,2,4,8, full page/write burst =1 at auto precharge of write, tras should not be violated. random mode burst stop t bdl =1, valid dq after burst stop is 1,2 for cl=2,3 respectively using burst stop command, it is possible only at full page burst length. ras interrupt (interrupted by precharge) befo re the end of burst, row precharge command of the same bank stops read/write burst with row precharge. t rdl =2 with dqm, valid dq after burst stop is 1,2 for cl=2,3 respectively during read/write burst with auto precharge, ras interrupt cannot be issued. interrupt mode cas interrupt before the end of burst, new read/write stops read/write burst and starts new read/write burst or block write. during read/write burst with auto precharge, cas interrupt can not be i ssued.
a43l0616a (may, 2001, ve rsion 1.0) 22 amic technology, inc. power on sequence & auto refresh key key key ra bs ra high level is necessary high level is necessary high-z t rp t rc 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba a10/ap we dqm dq precharge (all banks) auto refresh auto refresh mode regiser set row active (a-bank) : don't care ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~
a43l0616a (may, 2001, version 1.0) 23 amic technology, inc. single bit read - write - read cycles (same page) @cas latency=3, burst length=1 rb high t rcd t rp 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba a10/ap we dqm dq row active read write row active : don't care t ch t cl t cc ra ca cb cc bs bs bs bs bs bs ra rb qa db qc t ras t rc t sh t ss *note 1 t sh t ss t ccd t sh t ss t sh t ss t ss t sh *note 2 *note 2,3 *note 2,3 *note 2,3 *note 4 *note 2 *note 3 *note 3 *note 3 *note 4 t sh t ss t sh t ss t sh t ss t rac t sac t slz t oh t shz read precharge
a43l0616a (may, 2001, ve rsion 1.0) 24 amic technology, inc. * note : 1. all inputs can be don?t care when cs is high at the clk high going edge. 2. bank active & read/wr ite are controlled by ba. ba active & read/write 0 bank a 1 bank b 3. enable and disable auto precharge function are controlled by a10/ap in read/write command. a10/ap ba operation 0 disable auto precharge, leave bank a active at end of burst. 0 1 disable auto precharge, leave bank b active at end of burst. 0 enable auto precharge, precharge bank a at end of burst. 1 1 enable auto precharge, precharge bank b at end of burst. 4. a10/ap and ba control bank precharge when precharge command is asserted. a10/ap ba precharge 0 0 bank a 0 1 bank b 1 x both bank
a43l0616a (may, 2001, ve rsion 1.0) 25 amic technology, inc. read & write cycle at same bank @burst length=4 high t rc t rcd 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba we dqm dq (cl = 2) row active (a-bank) read (a-bank) precharge (a-bank) row active (a-bank) precharge (a-bank) : don't care *note 1 *note 2 ra ca0 rb cb0 ra rb a10/ap qa0 t oh qa1 qa2 qa3 db0 db1 db2 db3 t rac t sac *note 3 t shz *note 4 t rdl qa0 t oh qa1 qa2 qa3 db0 db1 db2 db3 t rac t sac *note 3 t shz *note 4 t rdl write (a-bank) dq (cl = 3) *note : 1. minimum row cycle times is required to complete internal dram operation. 2. row precharge ca n interrupt burst on any cycle. [cas latency - 1] valid output data available after row enters precharge. last valid output will be hi - z after t shz from the clock. 3. access time from row address. t cc *(t rcd + cas latency - 1) + t sac 4. output will be hi - z afte r the end of burst. (1,2,4 & 8) at full page bit burst, burst is wrap - around.
a43l0616a (may, 2001, version 1.0) 26 amic technology, inc. page read & write cycle at same bank @burst length=4 t rdl high t rcd 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba we dqm dq (cl=2) row active (a-bank) read (a-bank) precharge (a-bank) : don't care *note 2 ra ca0 cb0 cc0 ra a10/ap qa0 qa1 qb0 qb1 dc0 dc1 dd0 dd1 qa0 qa1 qb0 write (a-bank) cd0 t cdl *note 2 *note1 *note3 dc0 dc1 dd0 dd1 read (a-bank) write (a-bank) dq (cl=3) *note : 1. to write data before burst read ends, dqm should be asserted three cycle prior to write command to avoid bus contention. 2. row precharge will interrupt writing. last data input, t rdl before row precharge, will be written. 3. dqm should mask invalid input data on precharge command cycle when asserting precharge before end of burst. inp ut data after row precharge cycle will be masked internally.
a43l0616a (may, 2001, version 1.0) 27 amic technology, inc. page read cycle at different bank @burst length = 4 * note : 1. cs can be don?t care when ras , cas and we ar e high at the clock high going edge. 2. to interrupt a burst read by row precharge, both the read ad the precharge banks must be the same. high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) read (a-bank) : don't care raa caa a10/ap cbb read (b-bank) row active (b-bank) *note 1 *note 2 rbb cac cbd cae raa rbb we dqm qbb1 qbb0 qaa0 qaa1 qaa2 qaa3 qbb2 qbb3 qac0 qac1 qbd0 qbd1 qae0 qae1 qbb1 qbb0 qaa0 qaa1 qaa2 qaa3 qbb2 qbb3 qac0 qac1 qbd0 qbd1 qae0 qae1 read (a-bank) read (b-bank) read (a-bank) precharge (a-bank) dq (cl=2) dq (cl=3)
a43l0616a (may, 2001, version 1.0) 28 amic technology, inc. page write cycle at different bank @burst length=4 high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active with (a-bank) write (a-bank) : don't care raa caa a10/ap cbb write (b-bank) row active (b-bank) rbb cac raa rbb we dbb1 dbb0 daa0 daa1 daa2 daa3 dbb2 dbb3 dac0 dac1 write (a-bank) precharge (both banks) dqm dq t cdl dbd0 dbd1 *note 2 cbd t rdl *note 1 write (b-bank) * note: 1. to interrupt burst w rite by row precharge, dqm should be asserted to mask invalid input data. 2. to interrupt burst write by row precharge, both the write and precharge banks must be the same.
a43l0616a (may, 2001, version 1.0) 29 amic technology, inc. read & write cycle at different bank @burst length=4 * note : t cdl shoul d be met to complete write. high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) read (a-bank) : don't care raa caa a10/ap rbb precharge (a-bank) cbb cac raa we qaa2 qaa1 qaa0 qaa3 dbb0 write (b-bank) read (a-bank) dqm qac0 qac1 rac rac rbb t cdl *note 1 qaa3 qaa2 qaa0 qaa1 dbb0 dbb1 qac0 dbb2 dbb3 qac1 qac2 dq (cl=2) dbb1 dbb2 dbb3 dq (cl=3) row active (a-bank) row active (b-bank)
a43l0616a (may, 2001, version 1.0) 30 amic technology, inc. read & write cycle with auto precharge i @burst length=4 *note : trcd should be controlled to meet minimum tras before internal precharge start. (in the case of burst length=1 & 2, brsw mode) high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) row active (b-bank) : don't care a10/ap auto precharge start point (a-bank) we qaa2 qaa1 qaa0 qaa3 dbb0 auto precharge start point (b-bank) dqm qaa3 qaa2 qaa0 qaa1 dbb0 dbb1 dbb2 dbb3 dq (cl=2) dbb1 dbb2 dbb3 dq (cl=3) write with auto precharge (b-bank) read with auto precharge (a-bank) raa rbb caa cbb raa rbb
a43l0616a (may, 2001, version 1.0) 31 amic technology, inc. read & write cycle with auto precharge ii @burst length=4 * note : when read(write) command with auto precharge is issued at a - bank after a and b bank activation. - if read(write) command without auto precharge is issued at b - bank before a bank auto precharge starts, a bank auto precharge will start at b bank read command input point. - any command can not be issued at a bank during t rp after a bank auto precharge starts. high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) row active (b-bank) : don't care ra rb a10/ap ca read without auto precharge (b-bank) auto precharge strart point (a-bank) *note 1 ra we qb0 qa1 qa0 qb1 qb2 write with auto precharge (a-bank) dqm cb qb1 qb0 qa0 qa1 qb2 qb3 da0 da1 dq (cl=2) qb3 da0 da1 dq (cl=3) row active (a-bank) rb read with auto pre charge (a-bank) ra ca ra precharge (b-bank)
a43l0616a (may, 2001, version 1.0) 32 amic technology, inc. read & write cycle with auto precharge iii @burst length=4 * note : any command to a - bank is not allowed in this period. trp is determined from at auto precharge start point high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) : don't care ra a10/ap ca ra we qa2 qa1 qa0 qa3 qb0 dqm qa3 qa2 qa0 qa1 qb0 qb1 qb2 qb3 dq (cl=2) qb1 db2 db3 dq (cl=3) auto precharge start point (b-bank) read with auto preharge (a-bank) rb cb rb read with auto precharge (b-bank) auto precharge start point (a-bank) row active (b-bank) * note 1
a43l0616a (may, 2001, version 1.0) 33 amic technology, inc. read interrupted by precharge command & read burst stop cycle (@burst length = full page) * note : 1. at full page mode, burst is wrap - around at the end of burst. so aut o precharge is impossible. 2. about the valid dq?s after burst stop, it is same as the case of ras interrupt. both cases are illustrated above timing diagram. see the label 1,2 on them. but at burst write, burst stop and ras interrupt should be compared carefully. refer the timing diagram of ?full page write burst stop cycle?. 3. burst stop is valid at every burst length. high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) : don't care raa a10/ap caa raa we qaa3 qaa2 qaa1 qaa4 qab0 dqm qaa4 qaa3 qaa1 qaa2 qab0 qab1 qab2 qab3 dq (cl=2) qab1 qab2 qab3 dq (cl=3) precharge (a-bank) read (a-bank) cab read (a-bank) burst stop * note 1 * note 1 1 * note 2 qaa0 qab4 qab5 1 qaa0 2 qab4 qab5 2
a43l0616a (may, 2001, version 1.0) 34 amic technology, inc. write interrupted by precharge command & write burst stop cycle (@ burst length = full page) high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) : don't care raa a10/ap caa raa we dqm daa4 daa3 daa1 daa2 dab0 dab1 dab2 dab3 dq precharge (a-bank) write (a-bank) cab write (a-bank) burst stop * note 1 * note 1 * note 2 daa0 dab4 dab5 t rdl t bdl * note 3 * note : 1. at full page mode, burst is wrap - around at the end of burst. so auto precharge is impossible. 2. data - in at the cycle of burst stop command cannot be written into corresponding memory cell. it is defined by ac parameter of tbdl(=1clk). 3. data - in at the cycle of interrupted by precharge cannot be written into the corresponding memory cell. it is defined by ac parameter of trdl(=2clk). dqm at write interrupted by precharge command is needed to ensure trdl of 2clk. dqm should mask invalid input data on precharge command cycle when asserting precharge before end of burst. input data after row precharge cycle will be masked internally. 4. burst stop is valid only at every burst l ength.
a43l0616a (may, 2001, version 1.0) 35 amic technology, inc. high 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active (a-bank) : don't care a10/ap we qab1 qab0 dbc0 dqm qab1 qab0 dbc0 qad0 dq (cl=2) qad0 dq (cl=3) write with auto precharge (b-bank) write (a-bank) row active (a-bank) daa0 qad1 daa0 qad1 * note 2 row active (b-bank) read with auto precharge (a-bank) read (a-bank) precharge (a-bank) raa caa rac rbb cab cbc cad raa rac rbb burst read single bit write cycle @burst length=2, brsw * note : 1. brsw mode is enabled by setting a9 ?high? at mrs (mode register set). at the brsw mode, the burst length at write is fixed to ?1? regardless of programed burst length . 2. when brsw write command with auto precharge is executed, keep it in mind that tras should not be violated. auto precharge is executed at the burst - end cycle, so in the case of brsw write command, the next cycle starts the precharge.
a43l0616a (may, 2001, version 1.0) 36 amic technology, inc. clock susp ension & dqm operation cycle @cas latency = 2, burst length=4 * note : dqm needed to prevent bus contention. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba row active : don't care ra a10/ap ca ra we dqm qa1 qb0 qb1 dc0 dq clock suspension read cb read qa0 dc2 * note 1 qa2 cc clock suspension t shz qa3 t shz write dqm write read dqm
a43l0616a (may, 2001, version 1.0) 37 amic technology, inc. active/precharge power down mode @cas lantency=2, burst length=4 * note : 1. all banks should be in idle state prior to entering precharg e power down mode. 2. cke should be set high at least ?1clk + t ss ? prior to row active command. 3. cannot violate minimum refresh specification. (32ms) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba precharge power-down exit : don't care a10/ap active power-down entry row active we qa2 read precharge dqm dq qa0 qa1 precharge power-down entry t ss t ss * note 2 * note 1 *note 3 t ss t ss ra ca ra active power-down exit ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~
a43l0616a (may, 2001, version 1.0) 38 amic technology, inc. self refresh entry & exit cycle * note : to enter self refresh mode 1. cs , ras & cas with cke should be low at the same clock cycle. 2. after 1 clock cycle, all the inputs including the system clock can be don?t care except for cke. 3. the device remains in self refresh mode a s long as cke stays ?low?. (cf.) once the device enters self refresh mode, minimum tras is required before exit from self refresh. to exit self refresh mode 4. system clock restart and be stable before returning cke high. 5. cs starts from high. 6. minimum trc is required after cke going high to complete self refresh exit. 7. 2k cycle of burst auto refresh is required before self refresh entry and after self refresh exit. if the system uses burst refresh. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 clock cke cs ras cas addr ba : don't care a10/ap we self refresh exit auto refresh dqm dq self refresh entry t ss * note 4 * note 1 ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ * note 3 * note 2 ~ ~ t ss * note 6 t rc min. ~ ~ ~ ~ * note 5 ~ ~ ~ ~ * note 7 * note 7 ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ hi-z hi-z
a43l0616a (may, 2001, version 1.0) 39 amic technology, inc. mode regist er set cycle auto refresh cycle 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 8 9 10 clock cke cs ras cas addr : don't care we auto refresh new command dqm dq mrs ~ ~ ~ ~ * note 1 ~ ~ ~ ~ hi-z hi-z high high ~ ~ ~ ~ t rc *note 2 ~ ~ ~ ~ ~ ~ ~ ~ ~ ~ key * note 3 ~ ~ ~ ~ new command ~ ~ ~ ~ ra * both banks precharge should be completed before mode register set cycle and auto refresh cycle. mode register set cycle * note : 1. cs , ras , cas & we activation at the same clock cycle with address key will set internal mode register. 2. minimum 2 clock cycles should be met before new ras activation. 3. please refer to mode register set table.
a43l0616a (may, 2001, version 1.0) 40 amic technology, inc. function truth table (table 1) current state cs ras cas we ba address action note h x x x x x nop l h h h x x nop l h h l x x illegal 2 l h l x ba ca, a10/ap illegal 2 l l h h ba ra row active; latch row address l l h l ba pa nop 4 l l l h x x auto refresh or self refresh 5 idle l l l l op code mode register access 5 h x x x x x nop l h h h x x nop l h h l x x illegal 2 l h l h ba ca,a10/ap begin read; latch ca; determine ap l h l l ba ca,a10/ap begin write; latch ca; determine ap l l h h ba ra illegal 2 l l h l ba pa precharge row active l l l x x x illegal h x x x x x nop(continue burst to end ? row active) l h h h x x nop(continue burst to end ? row active) l h h l x x term burst ? row active l h l h ba ca,a10/ap term burst; begin read; latch ca; determine ap 3 l h l l ba ca,ap term burst; begin write; latch ca; determine ap 3 l l h h ba ra illegal 2 l l h l ba pa term burst; precharge timing for reads 3 read l l l x x x illegal h x x x x x nop(continue burst to end ? row active) l h h h x x nop(continue burst to end ? row active) l h h l x x illegal l h l h ba ca,a10/ap term burst; begin read; latch ca; determine ap 3 l h l l ba ca,a10/ap term burst; begin read; latch ca; determine ap 3 l l h h ba ra illegal 2 l l h l ba a10/ap term burst; precharge timing for writes 3 write l l l x x x illegal h x x x x x nop(conti nue burst to end ? precharge) l h h h x x nop(continue burst to end ? precharge) l h h l x x illegal l h l h ba ca,a10/ap illegal 2 l h l l ba ca,a10/ap illegal 2 l l h x ba ra, pa illegal read with auto precharge l l l x x x illegal 2
a43l0616a (may, 2001, version 1.0) 41 amic technology, inc. function truth table (table 1, continued) current state cs ras cas we ba address action note h x x x x x nop(continue burst to end ? precharge) l h h h x x nop(continue burst to end ? precharge) l h h l x x illegal l h l h ba ca,a10/ap illegal 2 l h l l ba ca,a10/ap illegal 2 l l h x ba ra, pa illegal write with auto precharge l l l x x x illegal 2 h x x x x x nop ? idle after t rp l h h h x x nop ? idle after t rp l h h l x x ille gal l h l x ba ca,a10/ap illegal 2 l l h h ba ra illegal 2 l l h l ba pa nop ? idle after t rp 2 precharge l l l x x x illegal 4 h x x x x x nop ? row active after t rcd l h h h x x nop ? row active after t rcd l h h l x x illegal l h l x ba ca,a10/ap illegal 2 l l h h ba ra illegal 2 l l h l ba pa illegal 2 row activating l l l x x x illegal 2 h x x x x x nop ? idle after t rc l h h x x x nop ? idle after t rc l h l x x x illegal l l h x x x illegal refreshing l l l x x x illegal abbreviati ons ra = row address ba = bank address ap = auto precharge nop = no operation command ca = column address pa = precharge all note: 1. all entries assume that cke was active (high) during the preceding clock cycle and the current clock cycle. 2. illega l to bank in specified state : function may be legal in the bank indicated by ba, depending on the state of that bank. 3. must satisfy bus contention, bus turn around, and/or write recovery requirements. 4. nop to bank precharging or in idle state. may pre charge bank indicated by ba (and pa ). 5. illegal if any banks is not idle.
a43l0616a (may, 2001, version 1.0) 42 amic technology, inc. function truth table for cke (table 2) current state cke n - 1 cke n cs ras cas we address action note h x x x x x x invalid l h h x x x x exit self refresh ? abi after t rc 6 l h l h h h x exit self refresh ? abi after t rc 6 l h l h h l x illegal l h l h l x x illegal l h l l x x x illegal self refresh l l x x x x x nop(maintain self refre sh) h x x x x x x invalid l h h x x x x exit power down ? abi 7 l h l h h h x exit power down ? abi 7 l h l h h l x illegal l h l h l x x illegal l h l l x x x illegal both bank precharge power down l l x x x x x nop(maintain power down mode) h h x x x x x refer to table 1 h l h x x x x enter power down 8 h l l h h h x enter power down 8 h l l h h l x illegal h l l h l x x illegal h l l l h x x illegal h l l l l h x enter self refresh 8 h l l l l l x illegal all banks idle l l x x x x x nop h h x x x x x refer to operations in table 1 h l x x x x x begin clock suspend next cycle 9 l h x x x x x exit clock suspend next cycle 9 any state other than listed above l l x x x x x maintain clock suspend abbreviations : abi = all banks idle note: 6. after cke?s low to high transition to exit self refresh mode. and a time of t rc (min) has to be elapse after cke?s low to high transition to issue a new command. 7. cke low to high transition is asynchronous as if restarts i nternal clock. a minimum setup time ?tss + one clock? must be satisfied before any command other than exit. 8. power - down and self refresh can be entered only from the all banks idle state. 9. must be a legal command.
a43l0616a (may, 2001, version 1.0) 43 amic technology, inc. ordering information part no. cycle t ime (ns) clock frequency (mhz) access time package 200 @ cl = 3 4.5 ns @ cl = 3 a43l0616av - 5 5 143 @ cl = 2 5.0 ns @ cl = 2 50 tsop (ii) 183 @ cl = 3 5.0 ns @ cl = 3 a43l0616av - 5.5 5.5 143 @ cl = 2 5.5 ns @ cl = 2 50 tsop (ii) 1 66 @ cl = 3 5.5 ns @ cl = 3 a43l0616av - 6 6 125 @ cl = 2 6.0 ns @ cl = 2 50 tsop (ii) 143 @ cl = 3 6.0 ns @ cl = 3 a43l0616av - 7 7 125 @ cl = 2 7.0 ns @ cl = 2 50 tsop (ii) 143 @ cl = 3 6.0 ns @ cl = 3 a43l0616av - 7u 7 125 @ cl = 2 7.0 ns @ cl = 2 50 tsop (ii) note: - u is for industrial operating temperature range
a43l0616a (may, 2001, version 1.0) 44 amic technology, inc. package information tsop 50l (type ii) outline dimensions unit: inches/mm 1 e1 e c 50 a 1 a 2 a d 0.1 e d b l q detail "a" detail "a" 25 26 seating plane r0.15 ref. r0.15 ref. 0.25 l 1 dimensions in inches dimensions in mm symbol min nom max min nom max a - - 0.047 - - 1.20 a 1 0.002 - - 0.05 - - a 2 0.037 0.040 0.041 0.95 1.016 1.05 b 0.012 - 0.018 0.30 - 0.45 c 0.005 - 0.008 0.12 - 0.21 d 0.821 0.825 0.829 20.855 20.955 21.055 e 0.455 0.463 0.471 11.56 11.76 11.96 e 1 0.396 0.400 0.404 10.06 10.16 10.26 e - 0. 031 - - 0.800 - l 0.016 0.020 0.024 0.40 0.50 0.60 q 0 - 5 0 - 5 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension s includes end flash.


▲Up To Search▲   

 
Price & Availability of A43L0616AV-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X