this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0482040001 status: active description: universal serial bus (usb) shielded i/o receptacle, type a upright right angle, reverse mount, solder tail length 2.90mm (.114"), 3.70mm (.146") beveled metal pins, pcb thickness 1.60mm (.063"), 0.76m (30") gold (au) plating, lead free documents: 3d model product specification ps-48204-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 48204 application wire-to-board comments reverse mount type|beveled metal pin length: 3.70mm (.146") component type receptacle product name usb type a physical boot color n/a circuits (loaded) 4 circuits (maximum) 4 gender receptacle lock to mating part yes material - plating mating gold material - plating termination tin number of rows 4 orientation upright pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount no pitch - mating interface (in) 0.000 in pitch - mating interface (mm) 0.00 mm pitch - term. interface (in) 0.000 in pitch - term. interface (mm) 0.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) no temperature range - operating -55c to +85c termination interface: style through hole waterproof / dustproof no electrical current - maximum per contact 1.5a shield type full shield shielded yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 48204 series mates with usb type a plug
voltage - maximum 30v ac (rms)/dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers product specification ps-48204-001 sales drawing sd-48204-001 this document was generated on 03/31/2010 please check www.molex.com for latest part information
|