Part Number Hot Search : 
SN78L10 35M189 K30101A TDA8025 FRA1005G 24052 PD200 HCT125
Product Description
Full Text Search
 

To Download 00313577 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   fuseholders fau www.schurter.com/pg0 2 fuses shock-safe fuseholder, 5 x 20 / 6.3 x 32 mm, slot, horizontal 250 vac 3.2 w / 10 a (vde)16 a (ul/csa) description - kicked or straight pcb-terminals - horizontal style standards - iec 60127-6 - ul 4248-1 / ul 512 - csa c22.2 no. 39 approvals - vde certificate number: 6946 - ul file number: e39328 - csa file number: 38456 references weblinks general product informatio n , approval s , roh s , china-roh s , e-stor e , schurter-stock-chec k , distributor-stock-chec k , accessorie s technical data shocksafe category pc2 fuse-link 5 x 20 or 6.3 x 32 mm mounting pcb terminal solder tht rated voltage 250 vac rated current 10 a (vde), 16 a (ul/csa) rated power acceptance iec 3.2 w / 10 a @ ta 23 c 2.5 w / 10 a for 5x20 mm fuse-link, see derating curves degree of protection ip 40 protection class suitable for appliances with protection class 1 or 2 acc. to iec 61140 admissible ambient air temp. -40 c to 85 c climatic category 40/085/21 acc. to iec 60068-1 material: socket thermoplastic, black, ul 94v-0 material: terminals tin-plated copper alloy unit weight (socket/cap) 5.1 g / 2.3 g storage conditions 0 c to 60 c, max. 70% r.h. product marking , type, voltage, current, approvals soldering methods wave solderability 235 c / 2 sec acc. to iec 60068-2-20, test ta, method 1 resistance to soldering heat 260 c / 10 sec acc. to iec 60068-2-20, test tb, method 1a contact resistance < 5 m at 20 mv dielectric strength > 3 kv between l-n (50 hz; 1 min) impulse withstand voltage > 4 kv between l-n insulation resistance > 10 m between l-n (500 vdc; 1 min) overvoltage category i - iii acc. to iec 60664-1 pollution degree 1 - 3 acc. to iec 60664-1 abmessungen 45 mm 5 6.2 17.8 45 15.24 0.3 11.1 12.2 4.5 6.35 1.05 0.2 12.4 6.5 +0.15 0 1.8 variant 0031.3577 1.3 +0.1 0 17.8 15.24 0.1 0.1 drilling diagram
2 fuseholders fau www.schurter.com/pg0 2 fuses derating curves 5x20 mm admissible power acceptance in watt 1.5 1.0 0.5 0.0 2.5 2.0 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c 6.3x32 mm admissible power acceptance in watt 1.5 1.0 0.5 0.0 2.5 3.2 2.0 0 2 0 4 0 6 0 8 0 1 00 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c variants holder cap fuse-link terminal degree of pro - tection colour cap remark comment order number l - 5 x 20 or 6.3 x 32mm straight ip 40 - - 1) 0031.3573 l - 5 x 20 or 6.3 x 32mm kicked ip 40 - - - 0031.3577 l slot knob 6.3 x 32mm kicked ip 40 grey 0031.3577 + 0031.1666 - 0031.3581 l fingergrip 6.3 x 32mm kicked ip 40 - 0031.3577 + 0031.1667 - 0031.3583 1) rated current 10 a (vde), 20 a (ul) packaging unit bulk (100 pcs.) required accessory description fingergrip feu, fau, fa c caps fingergrip for holder feu, fau, fac fingergrip, 6.3 x 32 mm, ip 40 0031.1667 fingergrip, 5 x 20 mm, ip 40 0031.1741 caps to feu, fau, fa c caps to holder feu, feu (med), fau, fac slot knob, 6.3 x 32 mm, ip 40 0031.1661 slot knob, 5 x 20 mm, ip 40 0031.1663 slot knob, 6.3 x 32 mm, grey, ip 40 0031.1666 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 00313577

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X