Part Number Hot Search : 
1345T BTS7750G BC857 MB90456S 8205A 7510D 74LVX B45197
Product Description
Full Text Search
 

To Download SL0316001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl03 16001 electrical specifications: mechanical specifications: resistance temperature curve: revision date: march 19, 2003 resistance @ 25c 16.0 ? 20% resistance @ 0c/ resistance @ 50c 4.95 1% resistance @ 25c/ resistance @ 125c 12.8 2% beta 2700 2% maximum steady state current 1.0 a maximum on resistance @ 1.0 amp 1.10 ? maximum instantaneous energy 2.0 j d 3.0 mm max t 3.0 mm max lead diameter 0.5 mm nom s 4.0 mm nom l 38.0 mm min straight leads standard temperature r@t/r@25 c -50 c 22.20 -40 c 13.13 -30 c 8.11 -20 c 5.19 -10 c 3.43 0 c 2.34 25 c 1.000 50 c 0.4860 75 c 0.2659 100 c 0.1522 125 c 0.0984 l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL0316001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X