Part Number Hot Search : 
X1637 TSOP4830 TIS108 C1S750 KMT1117 1N6036 1410313 XN04212
Product Description
Full Text Search
 

To Download SL0312001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl03 12001 electrical specifications: mechanical specifications: revision date: march 19, 2003 resistance @ 25c 12.0 ? 20% resistance @ 0c/ resistance @ 50c 4.95 1% resistance @ 25c/ resistance @ 125c 12.8 2% beta 2700 2% maximum steady state current 1.0 a maximum on resistance @ 1.0 a 0.70 ? maximum instantaneous energy 2.0 j thermal time constant 7.0 seconds dissipation constant 3.0mw/c material type ?a? maximum body temperature @ ssi 158 c d 3.0 mm max t 3.0 mm max lead diameter 0.5 mm nom s 4.0 mm nom l 38.0 mm min straight leads standard l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL0312001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X