data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl03 10001 electrical specifications: mechanical specifications: revision date: september 11, 2006 resistance @ 25c 10.0 ? 20% resistance @ 0c/ resistance @ 50c 4.95 1% resistance @ 25c/ resistance @ 125c 12.8 2% beta 2700 2% max steady state current up to 65 c 1.0 a max recommended energy rating (joules) 2.0 j max hot resistance @ 1.0a 0.80 ? max hot resistance @ 0.50 a 2.0 ? max capacitance @ 120vac 100 f d 3.0 mm max t 3.0 mm max lead diameter 0.5 mm nom s 2.5 mm nom l 38.0 mm min straight leads standard c 2.0 mm nom current (ma) resistance ( ? ) 100 8.0 200 5.0 300 3.3 400 2.5 500 2.0 600 1.7 700 1.3 800 1.0 900 0.9 1000 0.8 l outside kinked leads s straight leads b inside kinked leads s s d d d c t
|