Part Number Hot Search : 
HR002B P6KE82 OM5258SC 682KS D6SBN20 SG1568 GR18650C STPCC
Product Description
Full Text Search
 

To Download SBR6100CTL-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr6100ctl document number: ds31343 rev. 6 - 2 1 of 4 www.diodes.com april 2010 ? diodes incorporated sbr6100ctl sbr is a re g istered trademark of diodes incor p orated 6a sbr ? super barrier rectifier features ? low forward voltage drop ? excellent high temperature stability ? super barrier design ? soft, fast switching capability ? lead free finish, rohs compliant (note 2) ? ?green? molding compound (no br, sb) mechanical data ? case: to-252 ? case material: molded plastic, ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? marking information: see page 3 ? ordering information: see page 3 ? weight: 0.33 grams (approximate) maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v rms reverse voltage v r(rms) 71 v average rectified output current @ t c = 115oc i o 6 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 78 a thermal characteristics characteristic symbol value unit maximum thermal resistance, junction to ambient (per leg) (note 3) r ja 49 oc/w operating and storage temperature range t j , t stg -65 to +150 oc electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 1) v (br)r 100 - - v i r = 0.2ma forward voltage drop (per leg) v f - 0.68 0.56 0.74 0.62 v i f = 3a, t j = 25oc i f = 3a, t j = 125oc leakage current (note 1) (per leg) i r - - 0.2 25 ma v r = 100v, t j = 25oc v r = 100v, t j = 125oc notes: 1. short duration pulse test used to minimize self-heating effect. 2. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied. please visit our website at http://www.diodes.com/qu ality/lead_free.html . 3. device mounted on poly substrate pc board, 1oz copper, with minimum recommended pad layout top view package pin out configuration 2 1 3
sbr6100ctl document number: ds31343 rev. 6 - 2 2 of 4 www.diodes.com april 2010 ? diodes incorporated sbr6100ctl sbr is a re g istered trademark of diodes incor p orated fig. 1 forward power dissipation 0 1 2 3 4 5 6 7 01 2 345 i , average forward current (a) f(av) p , p o we r dissi p a t i o n (w) d 0.001 0.01 0.1 1 10 100 0 200 400 600 800 1,000 v , instantaneous forward voltage (mv) f fig. 2 typical forward characteristics i, ins t an t ane o u s f o r wa r d c u r r en t (a) f t = 150c j t = 125c j t = 25c j 0.01 0.1 1 10 100 1,000 10,000 0 20406080100 v , instantaneous reverse voltage (v) r fig. 3 typical reverse characteristics i, i n s t a n t a n e o u s r eve r se c u r r e n t (a) r 0102030405060708090100 fig. 4 total capacitance vs. reverse voltage v , dc reverse voltage (v) r 10 100 1,000 10,000 c , t o t al c a p a c i t a n c e (p f ) t f = 1mhz fig. 5 forward current derating curve 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 25 50 75 100 125 150 175 t , ambient temperature (c) a i , average forward current (a) f(av) 5.5 6.0 r = r total d ev ic e ? ja jc r ja = 49c/w (note 3) r = r per element ? ja jc fig. 6 operating temperature derating 0 25 50 75 100 125 150 0102030405060708090100 v , dc reverse voltage (v) r t , derated ambient temperature (c) a
sbr6100ctl document number: ds31343 rev. 6 - 2 3 of 4 www.diodes.com april 2010 ? diodes incorporated sbr6100ctl sbr is a re g istered trademark of diodes incor p orated ordering information (note 4) part number case packaging SBR6100CTL-13 to-252 2500/tape & reel, 13-inch notes: 4. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information package outline dimensions suggested pad layout to252-3l dim min typ max a 2.19 2.29 2.39 a1 0.97 1.07 1.17 b 0.64 0.76 0.88 b2 0.76 0.95 1.14 b3 5.21 5.33 5.50 c2 0.45 0.51 0.58 d 6.00 6.10 6.20 e 6.45 6.58 6.70 e 2.286 typ. h 9.40 9.91 10.41 l 1.40 1.59 1.78 l3 0.88 1.08 1.27 l4 0.64 0.83 1.02 a 0 - 10 all dimensions in mm dimensions value (in mm) z 11.6 x1 1.5 x2 7.0 y1 2.5 y2 7.0 c 6.9 e1 2.3 6100ct = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 08 = 2008) ww = week (01 - 53) y yww ab 6100ct sbr e b2 seating plane l a c2 l4 b3 d e a1 l3 h b a x2 c z x1 y1 e1 y2
sbr6100ctl document number: ds31343 rev. 6 - 2 4 of 4 www.diodes.com april 2010 ? diodes incorporated sbr6100ctl sbr is a re g istered trademark of diodes incor p orated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2010, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR6100CTL-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X