Part Number Hot Search : 
S2GJF CMHZ4117 CD7313GS HSBD140 1SS136 00450 RBOX103 KT973
Product Description
Full Text Search
 

To Download RXT-XX0505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec 42 www.recom-international.com august 2002 econoline - dc/dc-converter rxt & ryt series, 1w, dip14, regulated, isolated outputs (dual output) specifications (core operating area) and operating temperature / derating-graph selection guide output power (watts) 2.0 1.5 0,5 1.0 100 50 0 -25 70 125 150 operating temperature ?c safe operating area 0 part part input output output ouput efficiency number number voltage voltage voltage current dip 14 sip 7 (vdc) (v1vdc) (v2vdc) (ma) (%) RXT-XX0505 ryt-xx0505 5, 9, 12, 15, 24 5 5 100/100 53 rxt-xx0909 ryt-xx0909 5, 9, 12, 15, 24 9 9 55/55 58 rxt-xx1212 ryt-xx1212 5, 9, 12, 15, 24 12 12 42/42 62 rxt-xx1515 ryt-xx1515 5, 9, 12, 15, 24 15 15 33/33 65 rxt-xx0524 ryt-xx0524 5, 9, 12, 15, 24 24 24 21/21 65 input voltage ?% input filter capacitor type output voltage accuracy ?% line voltage regulation ?.5% - ?% load voltage regulation (20% to 100% full load) ?.5% - ?.0% ripple and noise (20mhz limited) 100mv p-p max. efficiency at full load 50% min. isolation voltage 1.000vdc min. isolation resistance (viso = 500vdc) 10 g ? min. isolation capacitance 40pf min./72pf max. outputs isolation voltage 1.000vdc min. short circuit protection 1 second switching frequency at full load 38khz min. / 85khz max. operating temperature -25? to +70? (see graph) storage temperature -55? to +125? package weight 2.9g isolated outputs output/output isolation 1kvdc power sharing on outputs ul 94v-0 package material no heatsink required t oroidal magnetics no extern. components required input/output isolation 1kvdc features
www.recom-international.com ec 43 august 2002 econoline - dc/dc-converter rxt & ryt series, 1w, dip14, regulated, isolated outputs (dual output) package style and pinning (mm) 7.05 19.65 10.00 rxt-050505 recom **** 19.90 7.62 3.05 7.10 15.24 2.0 bottom view 9 14 1 8 67 1.27 0.25 15.24 2.0 12 4 567 12 4 6 ryt-0 51212 recom **** 57 4.10 0.51 typ. 0.51 typ. 10.20 ry t- 051212 recom **** 2.54 1.00 +0.15/? 2.54 2.54 1.00 +0.15/? 2.54 xx.x 0.5 mm xx.xx 0.25 mm pin connections rxt pin # dual 1 ?in 6+ v out 1 7 v out 1 8 v out 2 9+ v out 2 14 +vin pin connections ryt pin # dual 1 +vin 2v out 4+ v out 1 5 v out 1 6+ v out 2 7 v out 2 14 pin dip package recommended footprint details 7 pin sip package d angle ojection


▲Up To Search▲   

 
Price & Availability of RXT-XX0505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X