Part Number Hot Search : 
ALS20A Q0265R 79L15 20N60S UR101 100BZ CA11174 DF10S
Product Description
Full Text Search
 

To Download RBV1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RBV1000 - rbv1010 silicon bridge rectifiers prv : 50 - 1000 volts io : 10 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * high case dielectric strength of 2000 v dc * ideal for printed circuit board * very good heat dissipation mechanical data : * case : reliable low cost construction utilizing molded plastic technique * epoxy : ul94v-o rate flame retardant * terminals : plated lead solderable per mil-std-202, method 208 guaranteed * polarity : polarity symbols marked on case * mounting position : any * weight : 7.7 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol rbv 1000 rbv 1001 rbv 1002 rbv 1004 rbv 1006 rbv 1008 rbv 1010 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward current tc = 55 c i f(av) 10 amps. peak forward surge current single half sine wave superimposed on rated load (jedec method) i fsm 300 amps. current squared time at t < 8.3 ms. i 2 t 160 a 2 s maximum forward voltage per diode at i f = 5.0 amps. v f 1.0 volts maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 200 m a typical thermal resistance (note 1) r q jc 2.5 c/w operating junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c notes : 1. thermal resistance from junction to case with units mounted on a 3.2" x 3.2" x 0.12" (8.2cm.x 8.2cm.x 0.3cm.) al.-finned plate. update : november 1,1998 rating rbv25 dimensions in millimeters c3 4.9 0.2 3.9 0.2 ~ ? 3.2 0.1 ~ 11 0.2 17.5 0.5 20 0.3 0.7 0.1 1.0 0.1 2.0 0.2 30 0.3 7.5 0.2 10 0.2 + 7.5 0.2 13.5 0.3
rating and characteristic curves ( RBV1000 - rbv1010 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics per diode per diode forward voltage, volts 8 6 4 2 12 100 10 1.0 200 0 300 0 150 100 50 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current amperes forward current, amperes reverse current, microamperes t j = 25 c pulse width = 300 m s 1 % duty cycle 8.3 ms single half sine wave jedec method t j = 50 c t j = 100 c t j = 25 c 10 250 10 20 60 1 2 4 6 40 100 1.2 1.4 1.8 0.4 0.6 0.8 1.0 1.6 heat-sink mounting, tc 3.2" x 3.2" x 0.12" thk. (8.2cm x 8.2cm x 0.3cm) al.-finned plate


▲Up To Search▲   

 
Price & Availability of RBV1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X