Part Number Hot Search : 
LA6595T RL102 2SC3871 KMM53 RFZ34 74F269SC EL2140CN 1N4759
Product Description
Full Text Search
 

To Download NSBC144EF3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 september, 2008 ? rev. 3 1 publication order number: nsbc114ef3/d nsbc114ef3t5g series preferred devices digital transistors (brt) npn silicon surface mount transistors with monolithic bias resistor network this new series of digital transistors is designed to replace a single device and its external resistor bias network. the digital transistor contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base ? emitter resistor. the digital transistor eliminates these individual components by integrating them into a single device. the use of a digital transistor can reduce both system cost and board space. the device is housed in the sot ? 1123 package which is designed for low power surface mount applications. features ? simplifies circuit design ? reduces board space ? reduces component count ? the sot ? 1123 package can be soldered using wave or reflow. ? available in 4 mm, 8000 unit tape & reel ? these are pb ? free devices ? these are halide ? free devices maximum ratings (t a = 25 c unless otherwise noted) rating symbol value unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current i c 100 madc stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. npn silicon digital transistors pin 3 collector (output) pin 2 emitter (ground) pin 1 base (input) r1 r2 http://onsemi.com marking diagram sot ? 1123 case 524aa style 1 1 x = device code m = date code g or  = pb ? free package 2 3 1 x m ordering information device package shipping ? nsbc114ef3t5g sot ? 1123 (pb ? free) 8000/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. device marking information see specific marking information in the device marking table on page 2 of this data sheet.
nsbc114ef3t5g series http://onsemi.com 2 thermal characteristics characteristic symbol max unit total device dissipation t a = 25 c (note 1) derate above 25 c p d 254 2.0 mw mw/ c thermal resistance (note 1) junction-to-ambient r  ja 493 c/w total device dissipation t a = 25 c (note 2) derate above 25 c p d 297 2.4 mw mw/ c thermal resistance junction-to-ambient (note 2) r  ja 421 c/w thermal resistance junction ? to ? lead 3 (note 1) r  jl 193 c/w junction and storage temperature t j , t stg ? 55 to +150 c 1. fr ? 4 @ 100 mm 2 , 1 oz. copper traces, still air. 2. fr ? 4 @ 500 mm 2 , 1 oz. copper traces, still air. device marking and resistor values device marking* r1 (k) r2 (k) package shipping ? nsbc114ef3t5g a (0 ) 10 10 sot ? 1123 (pb ? free) 8000/tape & reel nsbc124ef3t5g l (0 ) 22 22 NSBC144EF3T5G d (0 ) 47 47 nsbc114yf3t5g j (0 ) 10 47 nsbc123tf3t5g t (0 ) 2.2 nsbc143ef3t5g p (0 ) 4.7 4.7 nsbc143zf3t5g r (0 ) 4.7 47 nsbc123jf3t5g v (0 ) 2.2 47 nsbc144wf3t5g q (0 ) 47 22 nsbc114tf3t5g k (90 ) 10 nsbc115tf3t5g p (90 ) 100 ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *(xx ) = degree rotation in the clockwise direction.
nsbc114ef3t5g series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector ? base cutoff current (v cb = 50 v, i e = 0) i cbo ? ? 100 nadc collector ? emitter cutoff current (v ce = 50 v, i b = 0) i ceo ? ? 500 nadc emitter ? base cutoff current nsbc114ef3t5g (v eb = 6.0 v, i c = 0) nsbc124ef3t5g NSBC144EF3T5G nsbc114yf3t5g nsbc114tf3t5g nsbc123tf3t5g nsbc115tf3t5g nsbc143ef3t5g nsbc143zf3t5g nsbc123jf3t5g nsbc144wf3t5g i ebo ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.5 0.2 0.1 0.2 0.9 4.0 0.1 1.5 0.18 0.2 0.13 madc collector ? base breakdown voltage (i c = 10  a, i e = 0) v (br)cbo 50 ? ? vdc collector ? emitter breakdown voltage (note 3) (i c = 2.0 ma, i b = 0) v (br)ceo 50 ? ? vdc on characteristics (note 3) dc current gain nsbc114ef3t5g (v ce = 10 v, i c = 5.0 ma) nsbc124ef3t5g NSBC144EF3T5G nsbc114yf3t5g nsbc114tf3t5g/nsbc115tf3t5g/nsbc123tf3t5g nsbc143ef3t5g nsbc143zf3t5g nsbc123jf3t5g nsbc144wf3t5g h fe 35 60 80 80 160 15 80 80 80 60 100 140 140 350 30 200 140 140 ? ? ? ? ? ? ? ? ? collector ? emitter saturation voltage (i c = 10 ma, i b = 0.3 ma) nsbc114ef3t5g/nsbc124ef3t5g/NSBC144EF3T5G nsbc114yf3t5g/nsbc144wf3t5g/nsbc123jf3t5g (i c = 10 ma, i b = 1 ma) nsbc143ef3t5g/nsbc143zf3t5g/nsbc123tf3t5g/ nsbc114tf3t5g (i c = 10 ma, i b = 5 ma) nsbc115tf3t5g v ce(sat) ? ? 0.25 vdc output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k  ) nsbc114tf3t5g nsbc114ef3t5g nsbc124ef3t5g nsbc114yf3t5g nsbc123tf3t5g nsbc143ef3t5g nsbc143zf3t5g nsbc123jf3t5g (v cc = 5.0 v, v b = 3.5 v, r l = 1.0 k  ) NSBC144EF3T5G (v cc = 5.0 v, v b = 4.0 v, r l = 1.0 k  ) nsbc144wf3t5g (v cc = 5.0 v, v b = 5.0 v, r l = 1.0 k  ) nsbc115tf3t5g v ol ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 vdc 3. pulse test: pulse width < 300  s, duty cycle < 2.0%.
nsbc114ef3t5g series http://onsemi.com 4 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit on characteristics (note 4) characteristic symbol min typ max unit output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k  ) nsbc114ef3t5g/nsbc124ef3t5g/NSBC144EF3T5G nsbc144yf3t5g/nsbc143ef3t5g/nsbc123jf3t5g nsbc144wf3t5g (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k  ) nsbc123tf3t5g/nsbc143zf3t5g/nsbc114tf3t5g/ nsbc115tf3t5g v oh 4.9 ? ? vdc input resistor nsbc114tf3t5g nsbc114ef3t5g nsbc124ef3t5g NSBC144EF3T5G nsbc114yf3t5g nsbc123tf3t5g nsbc143ef3t5g nsbc143zf3t5g nsbc123jf3t5g nsbc144wf3t5g nsbc115tf3t5g r1 7.0 7.0 15.4 32.9 7.0 1.5 3.3 3.3 1.54 32.9 70 10 10 22 47 10 2.2 4.7 4.7 2.2 47 100 13 13 28.6 61.1 13 2.9 6.1 6.1 2.86 61.1 130 k  resistor ratio nsbc114ef3t5g/nsbc124ef3t5g/ NSBC144EF3T5G/nsbc123ef3t5g nsbc114yf3t5g nsbc114tf3t5g/nsbc115tf3t5g/nsbc123tf3t5g nsbc143zf3t5g nsbc123jf3t5g nsbc144wf3t5g r 1 /r 2 0.8 0.17 ? 0.055 0.038 1.7 1.0 0.21 ? 0.1 0.047 2.1 1.2 0.25 ? 0.185 0.056 2.6 4. pulse test: pulse width < 300  s, duty cycle < 2.0%.
nsbc114ef3t5g series http://onsemi.com 5 typical electrical characteristics ? nsbc114ef3t5g 0.01 0.10 1.0 0 5 10 15 20 25 30 35 40 45 50 figure 1. v ce(sat) vs. i c i c , collector current (ma) v ce(sat) , collector ? to ? emitter saturation voltage (v) t a =25 c t a = 150 c t a = ? 55 c 1.0 10 100 1000 0.1 1 10 100 v ce = 10 v 150 c 25 c ? 55 c figure 2. dc current gain i c , collector current (ma) h fe , dc current gain 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 0 5 10 15 20 25 30 35 40 45 50 figure 3. output capacitance v cb , collector base voltage (v) c obo , output capacitance (pf) 0.01 0.1 1 10 100 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 150 c 25 c ? 55 c i c , collector current (ma) figure 4. output current vs. input voltage v in , input voltage (v) 0.10 1.0 10 0 5 10 15 20 25 30 35 40 45 50 figure 5. input voltage vs. output current i c , collector current (ma) v in , input voltage (v) 150 c 25 c ? 55 c i c /i b = 10
nsbc114ef3t5g series http://onsemi.com 6 typical applications for npn brts load +12 v figure 6. level shifter: connects 12 or 24 volt circuits to logic in out v cc isolated load from  p or other logic +12 v figure 7. open collector inverter: inverts the input signal figure 8. inexpensive, unregulated current source
nsbc114ef3t5g series http://onsemi.com 7 package dimensions sot ? 1123 case 524aa ? 01 issue b notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim min nom max millimeters a 0.34 0.37 0.40 b 0.15 0.22 0.28 c 0.07 0.12 0.17 d 0.75 0.80 0.85 e 0.55 0.60 0.65 0.95 1.00 1.05 l 0.05 0.10 0.15 h e 0.013 0.015 0.016 0.006 0.009 0.011 0.003 0.005 0.007 0.030 0.031 0.033 0.022 0.024 0.026 0.037 0.039 0.041 0.002 0.004 0.006 min nom max inches d e b c a l ? y ? ? x ? 0.08 (0.0032) xy h e 0.40 0.30 0.90 dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e ??? ???? b1 0.10 0.15 0.20 0.004 0.006 0.008 b1 e 0.35 0.25 style 1: pin 1. base 2. emitter 3. collector 1 2 3 0.35 0.40 0.014 0.016 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. sc illc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems in tended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hol d scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding th e design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resa le in any manner. nsbc114ef3/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSBC144EF3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X