Part Number Hot Search : 
C1210 340102 MAX1402 2N4123 ATMEGA88 P9803 CSU14155 ZTB456E
Product Description
Full Text Search
 

To Download MT88E46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 MT88E46 bellcore compliant calling number identi?cation circuit advance information features ? compatible with bellcore gr-30-core, sr-tsv-002476; tia/eia-716 and tia/eia-777 ? pin compatible with mt88e45 ? differential input ampli?ers with adjustable gains for tip/ring and 4-wire side connections ? tia (telecommunications industry association) mei (multiple extension interworking) compatible architecture: cas (cpe alerting signal) detection is selectable between tip/ ring and 4-wire side ? 4-wire side cas detection is bellcore talkoff and talkdown compliant when near end speech is attenuated 8db or better, and is close to talkoff compliant even without near end speech attenuation ? tip/ring side cas detection typically meets talkdown condition 1 (the average case) ? 1200 baud bell 202 and ccitt v.23 fsk demodulation ? selectable 3-wire fsk data interface (serial bit stream or 1 byte buffer) with facility to monitor stop bit for framing error check ? fsk carrier detect status output ? 3 to 5v 10% supply voltage ? uses 3.579545mhz crystal ? low power cmos with power down mode applications ? bellcore compliant cidcw (calling identity delivery on call waiting) and cwd (call waiting deluxe) telephones ? cidcw and cwd telephone adjunct boxes ? computer telephony integrated (cti) systems description the MT88E46 is a cmos integrated circuit suitable for receiving the fsk and cas signals in north american (bellcore) cidcw, cwd and cid (calling identity delivery) services. it provides an optimal solution for the cidcw (also known as type 2) and cwd (type 2.5) telephone set applications by providing separate input op-amps for tip/ring and 4- wire side (receive pair of the telephone hybrid or speech ic) connections. the tip/ring connection is compatible with tias mei scheme and can be used for fsk demodulation and on hook mode cas detection. the 4-wire side connection is for off hook mode cas detection. the cas detection modes - on hook and off hook - use different algorithms which are optimized for the cpe states. in off hook mode the cas detector is bellcore compliant when near end speech is attenuated 8db or better. on hook mode is optimized for talkdown only and typically meets talkdown condition 1 (the average case) without speech attenuation at tip/ring such as in the on hook state mei cpe. figure 1 - functional block diagram anti-alias filter fsk bandpass fsk demod + - + - data timing recovery carrier detector 2130hz bandpass 2750hz bandpass tone detection algorithm gs1en gs1en mux dr det bias generator oscillator control bit decode fsken casen pwdn in1+ in1- gs1 in2+ in2- gs2 v ref osc1 osc2 cb0 cb2 cb1 data dclk cd dr/ det vdd vss on/off hook mode mode mode fsken casen casen gs1en pwdn pwdn pwdn patent pending ds5350 issue 1 march 2000 ordering information MT88E46as 20 pin soic -40 to +85 c
MT88E46 advance information 2 figure 2 - pin connections pin description pin # name description 1v ref voltage reference (output). nominally vdd/2. it is used to bias the gs1 (tip/ring connection) and gs2 (telephone hybrid or speech ic receive pair connection) input op-amps. 2 in1+ gs1 op-amp non-inverting input. the op-amp is for connecting the MT88E46 to tip/ring. 3 in1- gs1 op-amp inverting input. the op-amp is for connecting the MT88E46 to tip/ring. 4 gs1 gain select 1 (output). this is the output of the gs1 op-amp. the op-amp should be used to connect the MT88E46 to tip and ring. the tip/ring signal can be ampli?ed or attenuated at gs1 via selection of the feedback resistor between gs1 and in1-. fsk demodulation or on hook mode cas detection of the gs1 signal can be selected via the cb1 and cb2 pins. see tables 1 and 2. 5 vss power supply ground. 6 osc1 oscillator input. crystal connection. this pin can also be driven directly from an external clock source. 7 osc2 oscillator output. crystal connection. when osc1 is driven by an external clock, this pin should be left open circuit. 8 cb0 control bit 0 (cmos logic input). this pin is used primarily to select the 3-wire fsk data interface mode. when it is low, interface mode 0 is selected where the fsk bit stream is output directly at the data pin. when it is high, interface mode 1 is selected where the fsk byte is stored in a 1 byte buffer which can be read serially by the applications microcontroller. the fsk interface is consisted of the data, dclk and dr/ det pins. see the 3 pin descriptions to understand how cb0 affects the fsk interface. this pin is also used with cb1 and cb2 to put the MT88E46 into a power down state drawing virtually no power supply current. see tables 1 and 2. 9 dclk 3-wire fsk interface data clock (schmitt logic input/cmos logic output). in interface mode 0 (when the cb0 pin is logic low) this is a cmos output whose rising edge denotes the nominal mid-point of a bit in the fsk data byte. in interface mode 1 (when the cb0 pin is logic high) this is a schmitt trigger input used to shift the fsk data byte out of an on chip buffer to the data pin. 1 2 3 4 5 6 9 10 20 19 18 17 16 15 14 13 v ref in1+ in1- gs1 vss osc1 dclk data in2+ in2- gs2 cb2 cb1 vdd cd nc MT88E46 7 osc2 8 cb0 12 11 ic dr/ det
3 advance information MT88E46 1 0 data 3-wire fsk interface data (cmos logic output). mark frequency corresponds to logical 1. space frequency corresponds to logical 0. in interface mode 0 (when the cb0 pin is logic low) the fsk serial bit stream is output to data directly. in interface mode 1 (when the cb0 pin is logic high) the start bit is stripped off, the data byte and the trailing stop bit are stored in a 9 bit buffer. at the end of each word indicated by the dr signal at the dr/ det pin, the microcontroller should shift the byte out to data by applying 8 read pulses to the dclk pin. a 9th dclk pulse will shift out the trailing stop bit for framing error checking. 11 dr/ det 3-wire fsk interface data ready/cas detect (cmos logic output). active low. this is a dual purpose pin which indicates the end of an fsk word or the end of cas. data ready: when fsk demodulation is enabled this pin denotes the end of a word. in both fsk interface modes 0 and 1, it is normally high and goes low for half a bit time at the end of a word. in mode 1 if dclk starts while dr is low, the ?rst rising edge of the dclk input will return dr to high. this feature allows an interrupt requested by a low going dr to be cleared upon reading the ?rst data bit. cas detect: when cas detection is enabled, this pin goes low after the end of cas for 416 m s (nominal) to indicate that cas has been detected. 12 ic internal connection. must be left open circuit. 13 nc no connection. this pin is not bonded to the die and is unaffected by external connections. 14 cd carrier detect (cmos logic output). active low. a logic low indicates that an fsk signal is present. a 10ms time hysteresis has been provided to allow for momentary signal discontinuity. the demodulated fsk data is ignored until carrier detect has been activated. 15 vdd positive power supply. a decoupling capacitor should be connected directly across the vdd and vss pins. 16 cb1 control bit 1 (cmos logic input). together with cb2 this pin enables fsk demodulation or cas detection. see tables 1 and 2. 17 cb2 control bit 2 (cmos logic input). together with cb1 this pin enables fsk demodulation or cas detection. see tables 1 and 2. 18 gs2 gain select 2 (output). this is the output of the gs2 op-amp. the op-amp should be used to connect the MT88E46 to the receive pair of the telephone hybrid or speech ic. the signal can be ampli?ed or attenuated at gs2 via selection of the feedback resistor between gs2 and in2- . when the application is a telephone adjunct box where there is no hybrid or speech ic, if the gs2 gain with respect to tip/ring is to be set to the same as that of gs1, the gs2 op-amp can be connected as a voltage follower to the gs1 op-amp output (see figure 5). the gs2 signal is used for off hook mode cas detection only as selected via the cb1 and cb2 pins. see tables 1 and 2. 19 in2- gs2 op-amp inverting input. the op-amp is for connecting the MT88E46 to the receive pair of the telephone hybrid or speech ic. 20 in2+ gs2 op-amp non-inverting input. the op-amp is for connecting the MT88E46 to the receive pair of the telephone hybrid or speech ic. pin description pin # name description
MT88E46 advance information 4 control bit (cb0/1/2) functionality table 1 - cb0/1/2 function table the number of control bits (cb) required to interface the MT88E46 to the microcontroller depends on the functionality of the application. table 2 -control bit functionality groups cb0 cb1 cb2 fsk interface input op-amp function 0/1 1 1 set by cb0 gs1 fsk demodulation. dr/ det pin is the dr signal. 0/1 1 0 set by cb0 gs2 off hook mode cas detection. dr/ det pin is the det signal. the off hook mode algorithm is bellcore talkoff and talkdown compliant when near end speech level is attenuated 8db or better. it should be used for the off hook state cpe. 0/1 0 1 set by cb0 gs1 on hook mode cas detection. dr/ det pin is the det signal. when the line is in use, a tia multiple extension interworking (mei) compatible type 2 cpe must be able to detect cas even though the cpe itself is on hook. since in most telephone designs the hybrid or speech ic is not operational when the cpe itself is on hook, this mode provides tip ring cas detection for the on hook state mei cpe. the on hook mode algorithm is optimized for talkdown only and typically meets talkdown condition 1 (the average case) without near end speech attenuation. it must not be used when the cpe itself is off hook. see on hook mode cas detection section in functional description. 1 0 0 mode 1 - power down. dr/ det pin is logic high. the MT88E46 is disabled and draws virtually no power supply current. note that the dclk pin becomes an input pin because fsk interface mode 1 is selected by cb0=1. 0 0 0 mode 0 - reserved for factory testing. functionality group controls description fsk, off hook mode cas (non mei compatible) cb2 cb0 is connected to vdd or vss to select the fsk interface mode. cb1 connected to vdd. the microcontroller uses cb2 to select between the 2 functions. fsk, off hook mode cas, on hook mode cas cb1 cb2 cb0 is connected to vdd or vss to select the fsk interface mode. the microcontroller uses cb1 and cb2 to select between the 3 functions. fsk (interface mode 1), off hook mode cas, on hook mode cas, power down cb1 cb2 cb0 is connected to vdd to select fsk interface mode 1. the microcontroller uses cb1 and cb2 to select between the 4 functions. fsk (interface mode 0), off hook mode cas, on hook mode cas, power down cb0 cb1 cb2 all 3 pins are required.
advance information MT88E46 5 functional overview in the calling identity delivery on call waiting (cidcw) and call waiting deluxe (cwd) services offered by north american telephone operating companies, a dual tone known as cas (cpe alerting signal) is sent from the central of?ce to notify the near end cpe, which is already engaged in an established call, that the central of?ce wishes to deliver calling identity information of a waited call. the signalling protocol is speci?ed in bellcore gr- 30-core, the cpe (customer premises equipment) requirements in sr-tsv-002476. in the gr-30-core off hook protocol, the central of?ce mutes the far end connection (the other end of the established call) just before cas is transmitted. when the near end cpe detects the cas, it mutes the handset and checks whether there is any parallel off hook cpe. if there is no parallel off hook cpe, it acknowledges cas reception by sending ack, which is a prede?ned dtmf digit, back to the central of?ce. when the central of?ce receives ack, it transmits the calling party information in 1200 baud bell 202 format fsk to the near end cpe which then typically displays the information to the user. when cas is transmitted from the central of?ce, even though the far end has been muted the near end user (the end which is to receive the caller id information) may be speaking. therefore, the cas must be detected in the presence of near end speech, noise or music. failure to detect the cas and reply with ack within a de?ned interval is known as talkdown. talkdown is undesirable because the central of?ce will not deliver the calling information, hence the quality of the cidcw or cwd service will be degraded. since cas can be transmitted anytime during an established call, the cas detector is therefore subjected to speech, noise or music - which can imitate cas - from both the near end and the far end throughout the call. false detection followed by ack is known as talkoff. talkoff is undesirable because it annoys the far end user by the near end cpes sending ack and because the near end cpe is muted in anticipation of the fsk signal. bellcore has speci?ed talkdown and talkoff immunity performance requirements in sr-tsv-002476. if the cpe is a telephone, one way to achieve good cas speech immunity is to put cas detection on the receive pair of the telephone hybrid or speech ic instead of on tip and ring. compared to a tip/ring connection, talkdown immunity improves because the near end speech is attenuated on the hybrid / speech ic receive pair while the cas level is the same as on tip/ring. talkoff immunity is also better because the near end speech is attenuated. in the gr-30-core issue 1 off hook protocol, the near end cpe must not ack if there is a parallel off hook cpe. otherwise the ack will not be detected reliably at the central of?ce. this restriction is modi?ed by a protocol known as mei (multiple extension interworking) developed by the tia (telecommunications industry association) in conjunction with bellcore. mei allows a cpe to ack if all off hook cpes are mei compatible. mei is described in the tia/eia-777 standard. mei introduces the concept of the ack-sender and the backup ack-sender. ? on a per call basis, the ack-sender is the ?rst cpe to go off hook for the call. it retains its status e v en if it retur ned on hook while the line remains in use . the ack-sender must give up its status if a type 3 (analog display services interface) cpe asserts its ack-sender status. ? the backup ack-sender is the cpe to last respond to cas with an ack and successfully received fsk data. it retains its status from call to call but must give up its backup ack-sender status when another cpe successfully completes the cas-ack-fsk sequence. when cas is sent from the central of?ce, all mei compatible off hook cpes detect cas and go back on hook. after the ack-sender detected cas, it monitors the line voltage. when the line voltage has returned to the high state (the voltage when the line is not terminated by any cpe), it goes off hook and sends the ack. if there is no ack-sender because the ?rst cpe to go off hook is not mei compatible, the backup ack-sender takes over and sends the ack. note that both the ack-sender and the backup ack-sender can be on hook or off hook. because it may be the ack-sender or backup ack- sender, an mei compatible on hook state cpe must be able to detect cas when the line is in use. additionally, the tia/eia-777 standard requires an mei on hook state cpe to detect cas during a call so that it can listen in on the fsk to keep its call log consistent with the off hook cpes. however, a cas detector connected only to the hybrid / speech ic cannot detect cas when the cpe itself is on hook because either the hybrid / speech ic is not operational or the signal level is severely attenuated. therefore an mei compatible cpe must be able to detect cas from tip/ring when the cpe is on hook, and be able to detect cas from the hybrid / speech ic when the cpe is off hook.
MT88E46 advance information 6 the MT88E46 offers an optimal solution which combines bellcore compliant speech immunity and mei compatibility. two input op-amps allow the MT88E46 to be connected to both tip/ring and to the receive pair of the telephone hybrid or speech ic (the 4-wire side). each connection can be differential or single ended. fsk demodulation is available only at the tip/ring connection. the cas detector operates in on hook mode and off hook mode using different algorithms optimized for the cpe states. on hook mode is available only at the tip/ ring connection, while off hook mode is available only at the 4-wire side connection. the off hook mode is bellcore compliant when the near end speech is attenuated 8db or better. it should be used when the cpe is off hook. the on hook mode is optimized for talkdown only and typically meets talkdown condition 1 (the average case) without near end speech attenuation to provide tip/ring cas detection for the on hook state mei cpe. it should be used when the cpe itself is on hook but the line is in use. the fsk demodulator is suitable for both bell 202 and ccitt v.23 formats transparently, and is compatible with bellcore and tia standards. the demodulated fsk data is either output directly (bit stream mode) or stored in a one byte buffer (buffer mode) which can be shifted out. in the buffer mode, the stop bit immediately following a byte is also stored and can be shifted out after the data byte. this facility allows for framing error checking as required in tia/eia-777 for the type 2 cpe. in the bit stream mode, two timing signals are provided. one indicates the bit sampling instants of the data byte, the other the end of the byte. a carrier detector indicates the presence of signal and shuts off the data stream when there is no signal. the entire chip can be put into a power down mode consuming virtually no power supply current. the input op-amps, fsk demodulator, cas detector and the oscillator are all shut off. furthermore, partial power down has been incorporated to minimize the operating current: when fsk is selected, the cas detector is powered down; when cas is selected, the fsk demodulator is powered down. the two input op-amps are not affected by partial power down and will remain operational regardless of whether fsk or cas is selected. table 3 - typical off hook mode talkoff immunity performance table 4 -typical off hook mode talkdown immunity performance sr-tsv-002476 requirement test result for 0db near end speech attenuation using pre-emphasized speech only test result for 0db near end speech attenuation using pre-emphasized speech for near end, normal speech for far end test result for 6db near end speech attenuation using pre-emphasized speech only vdd = 5v 10%, gs2 gain = 0db condition 1 1 in 3 45 hours 1 in 48.0 hours 1 in 96.0 hours 1 in 96.0 hours condition 2 1 in 3 10 hours 1 in 8.6 hours 1 in 10.1 hours 1 in 16.5 hours condition 3 1 in 3 35 hours 1 in 37.4 hours 1 in 43.0 hours 1 in 113.1 hours vdd = 3v 10%, gs2 gain = -4db condition 1 1 in 3 45 hours 1 in 32.0 hours tbd 1 in 192.0 hours condition 2 1 in 3 10 hours 1 in 10.6 hours tbd 1 in 19.9 hours condition 3 1 in 3 35 hours 1 in 39.8 hours tbd 1 in 123.0 hours sr-tsv-002476 requirement test result for 0db near end speech attenuation test result for 8db near end speech attenuation vdd = 5v 10% (gs2 gain = 0db) and 3v 10% (gs2 gain = -4db) condition 1 3 99.5% 99.2% 99.9% condition 2 3 93.0% 79.6% 93.5% condition 3 3 99.5% 97.6% 99.7%
advance information MT88E46 7 preliminary off hook mode cas detector speech immunity performance since there is some randomness in speech immunity testing, and because the telephone hybrid / speech ic design will affect the result, the preliminary test results in tables 3 and 4 are provided to illustrate typical performances only. in table 3 (talkoff results) column 3, the result was obtained using pre-emphasized speech as both the near end and far end speech sources. it is pessimistic, as recognized in sr-tsv-002476, because in reality the pre-emphasis originally imparted on the far end speech by the far end cpes microphone would have been equalized by the subscriber loop, so that at the near end cpe tip/ ring terminals the far end speech would have no pre-emphasis. table 3 column 4 shows the result for the same situation as column 3 except that pre- emphasized speech was used only as the near end speech source and normal speech was used as the far end speech source, as allowed in sr-tsv- 002476. in table 3 column 5 and table 4 column 4, the MT88E46 performance with a telephone hybrid / speech ic was simulated during testing by attenuating the pre-emphasized near end speech equally at all frequencies. the actual performance will depend on the telephone hybrid / speech ic design. functional description 3 to 5v operation the MT88E46 is designed to operate from a ?xed voltage power supply between 3 and 5v nominal. a 10% variation from the nominal voltage is allowed. its fsk and cas reject levels are proportional to vdd. when operated at vdd equals 3v 10%, to keep the fsk and cas reject levels as at 5v 10%, and for optimal speech immunity, the gs1 and gs2 op-amp gains should be reduced from those of 5v. gains for nominal vdds between 3 and 5v can be obtained by interpolation between the 3v and 5v values shown in figure 9. input con?guration the MT88E46 provides an input arrangement comprised of two op-amps and a bias source (v ref ). v ref is a low impedance voltage source which is used to bias the op-amp inputs at vdd/2. the gs1 op-amp (in1+, in1-, gs1 pins) is for connecting to tip and ring. the gs2 op-amp (in2+, in2-, gs2 pins) is for connecting to the receive pair of the telephone hybrid or speech ic in the telephone set application. either fsk demodulation or on hook mode cas detection can be selected for the gs1 signal. only off hook mode cas detection is available for the gs2 signal. on hook mode cas detection at the gs1 op-amp is intended for the mei on hook cpe situation. off hook mode cas detection at the gs2 op-amp is intended for the off hook cpe situation. the feedback resistor connected between in1- and gs1 can be used to adjust the tip/ring path input gain, and the feedback resistor between in2- and gs2 can be used to adjust the hybrid / speech ic path input gain. when the gs1 op-amp is selected, the gs2 signal is ignored. when the gs2 op-amp is selected, the gs1 signal is ignored. either or both op-amps can be con?gured in the single ended input con?guration shown in figure 3, or in the differential input con?guration shown in figure 4. figure 3 - single ended input con?guration figure 4 - differential input con?guration c r in in+ in- gs v ref passband voltage gain a v = r f / r in r f highpass corner frequency f -3db = 1/(2 p r in c) c1 r1 c2 r2 r4 r5 r3 in+ in- gs v ref differential input amplifier c1 = c2 r2 = r1 (for unity gain r3= r1) r4 = (r3r5) / (r3 + r5) passband voltage gain (a v diff) = r3/r1 input impedance (z in diff) = 2 r 1 2 + (1/ w c 1 ) 2 highpass corner frequency f -3db = 1/(2 p r 1 c 1 )
MT88E46 advance information 8 in a telephone adjunct box application where there is no hybrid or speech ic, if the gs2 gain with respect to tip/ring is to be set to the same as that of gs1, the gs2 op-amp can be connected as a voltage follower to the gs1 op-amp output as shown in figure 5. figure 5 - gs2 op-amp connected as gs1 voltage follower cas detection when cas detection is selected, the dual purpose dr/ det pin is the det output signal. det goes low momentarily (416 m sec nominal) after the end of cas to indicate that cas has been detected, as shown in figure 13. the cas detector operates in off hook mode or on hook mode as selected by the cb1 and cb2 pins (see table 1). on hook mode and off hook mode use different algorithms optimized for the cpe states. normally det goes low after the end of cas. however, because of interference from speech or music, det may go low bef ore the end of cas. the on hook and off hook mode algorithms ensure that det will occur no earlier than t det1 after the beginning of cas (see figure 13). similarly, speech interference can cause det to go low later than t det2 after the end of cas (see figure 13). in off hook mode, the detection algorithm ensures that det will occur no later than 35ms after the end of cas even with speech interference, as required in tia/eia-777. in on hook mode, although the detection algorithm does not limit the detection delay from the end of cas, talkdown typically meets the sr-tsv-002476 talkdown condition 1 (the average case) when only the detections which occur from the beginning of cas to 35ms after the end of cas are counted. off hook mode cas detection the off hook mode is bellcore talkdown and talkoff compliant when the near end speech is attenuated 8db or better, such as provided by the telephone hybrid or speech ic. when near end speech is not attenuated, such as from a parallel off hook cpe or when the application is a telephone adjunct box, talkoff is close to compliant while talkdown is close to condition 1 (the average case). this mode is intended for the off hook cpe situation and is available at the gs2 (4-wire side) input op-amp only. on hook mode cas detection the on hook mode is optimized for talkdown only. it typically meets talkdown condition 1 without near end speech attenuation. it is intended for the mei on hook cpe situation and m ust not be used when the cpe itself is off hook. the input is the gs1(tip/ring) op-amp because in most cpe designs, to detect cas when the cpe itself is on hook, the signal must come from the tip/ring connection since either the telephone hybrid / speech ic is not operational or the 4-wire side signal level is severely attenuated. in the mei protocol, the ack-sender and backup ack-sender can be on hook or off hook. therefore, if the on hook state cpe is the ack-sender or the backup ack-sender, it must be able to detect cas when the line is in use. additionally, an on hook state mei cpe must be able to detect cas during a call so that it can listen in on the fsk to keep its call log consistent with the off hook cpes, as required in tia/eia-777. the MT88E46 on hook mode algorithm has been optimized for talkdown because of the way the mei protocol works. in mei, the following events (described in tia/eia-777) occur when cas is detected: ? each off hook cpe shall proceed to the on hook state not earlier than 25ms and no later than 60ms after the end of cas as measured on tip/ ring. (the 25ms delay is necessary to prevent the on hook transition from corrupting the cas for other cpes that may not have completely quali?ed the signal. the additional 35ms that de?nes the 60ms upper limit allows for variation in cas detection delay.) ? after detecting a line high state (the line voltage when the line is not terminated by any cpe), the ack-sender shall go off hook. the ack-sender shall allow the line to remain in the high state for at least 5ms but not more than 8ms. if no line high state is detected within 100ms after going on hook, all previously off hook cpe shall return to the off hook state. ? following a cas the backup ack-sender shall monitor the line for a line high state lasting a minimum of 15ms. once this condition has been detected, the backup ack-sender shall in2+ in2- gs1 gs2 gs1 op-amp con?gured as in figure 3 or 4
advance information MT88E46 9 immediately become the ack-sender, go off hook no later than 20ms after the start of the line high state, complete the cas-ack handshake, and remain as ack-sender for the remainder of the call. this situation may happen if the designated ack-sender is not mei compliant. ? an mei compliant cpe that is not the designated ack-sender or the backup ack- sender but which is off hook at the time of the cas, shall monitor the line for a line high state lasting a minimum of 30ms. once this condition has been detected, the cpe shall immediately become the ack-sender, go off hook no later than 35ms after the start of the line high state, complete the cas-ack handshake, and remain as ack-sender for the duration of the call. this situation can happen if the designated ack- sender and the backup ack-sender are not mei compliant. ? after going off hook the ack-sender shall begin transmission of the ack no earlier than 30ms and no later than 40ms after the leading edge of the line high voltage transition. after the ack-sender or backup ack-sender detected cas, it must monitor the line for the line high state, which can happen only if all off hook cpes also detected cas. hence if the ack-sender or backup ack-sender is an on hook cpe, even if it falsely detected cas, talkoff can occur only if all off hook cpes also falsely detected cas. thus in the situation where the ack-sender or backup ack- sender is an on hook cpe using the MT88E46 on hook mode detection algorithm, talkoff protection is provided by the off hook cpes. the on hook mode has been optimized to be more talkdown immune so that in this situation the on hook cpe will be successful in ful?lling its ack-sender or backup ack-sender responsibility. fsk demodulation the fsk demodulator is compatible with bellcore sr-tsv-002476, tia/eia-716 and tia/eia-777 standards. it is capable of both bell 202 and ccitt v.23 formats transparently. fsk demodulation is available at the gs1 input op-amp only. fsk data interface the MT88E46 provides a powerful dual mode 3-wire interface so that the data bytes in the demodulated fsk bit stream can be extracted without the need either for an external uart or for the cpes microcontroller to perform the function in software. the interface is speci?cally designed for the 1200 baud rate and is consisted of 3 signals: data, dclk (data clock) and dr (data ready). data is an output pin. dclk is an input output pin. dr uses the dual purpose output pin dr/ det. when fsk is selected it is the dr signal. two fsk interface modes (modes 0 and 1) are selectable via the cb0 pin. in mode 0, the fsk bit stream is output directly. in mode 1, the data byte and the trailing stop bit are stored in a 9 bit buffer. if mode 1 is used, the cb0 pin can be connected to vdd. if mode 0 is used and full chip power down is not required, the cb0 pin can be connected to vss. in bellcores off hook protocol, a type 2 cpe should restore the voicepath within 50ms after the end of the fsk signal. due to noise, end of carrier detection is not always reliable. the tia/eia-777 standard requires the cpe to detect the end of fsk when any one of the following occurs: ? absence of carrier signal or, ? more than ?ve framing errors (trailing stop bit a 0 instead of a 1) have been detected in the fsk message or, ? more than 150ms of continuous mark signal or space signal has been detected. fsk data interface mode 0 - bit stream mode this mode is selected when the cb0 pin is low. in this mode the fsk data is output directly to the data pin. dclk and dr are timing signal outputs (see figure 14). for each received stop and start bit sequence, the MT88E46 outputs a ?xed frequency clock string of 8 pulses at the dclk pin. each dclk rising edge occurs in the middle of a data bit of the fsk byte. dclk is not generated for the start and stop bits. consequently, dclk will clock only valid data into a peripheral device such as a serial to parallel shift register or into a microcontroller. the MT88E46 also outputs an end of word pulse dr (data ready). dr goes low for half a nominal bit time at the beginning of the trailing stop bit. it can be used to interrupt a microcontroller or cause a serial to parallel converter to parallel load its data into the microcontroller. if a shift register is not used, dclk and data may occupy 2 bits of a microcontrollers input port. the microcontroller polls the input port and saves the data bit when dclk changes from low to high. when dr goes low, the word may then be assembled from the last 8 saved bits. since the dr rising edge occurs in the middle of the trailing stop bit, it can be used to read the stop bit to
MT88E46 advance information 10 check for framing error. alternatively, at the dr falling edge the microcontroller can set a timer for a 1/2400 second timeout and read the stop bit at data when the timer times out. data may also be connected to a personal computers serial communication port after conversion from cmos to rs-232 voltage levels. fsk data interface mode 1 - buffer mode this mode is selected when the cb0 pin is high. in this mode the received byte is stored on chip. at the end of a byte dr goes low to indicate that a new byte has become available. the microcontroller applies pulses at the dclk input pin to read the register contents serially out of the data pin (see figure 15). internal to the MT88E46, the start bit is stripped off, the data bits and the trailing stop bit are sampled and stored. midway through the stop bit, the 8 data bits and the stop bit are parallel loaded into a 9 bit shift register and dr goes low. the registers contents are shifted out to the data pin on the supplied dclks rising edges in the order they were received. the last bit must be shifted out and dclk returned to low before the next dr. dclk must be low for t dds before dr goes low and remain low for t ddh after dr has gone low (see figure 15 and ac electrical characteristics - mode 1 fsk data interface timing). if dclk begins while dr is low, dr will return to high upon the ?rst dclk rising edge. if dr interrupts a microcontroller then this feature allows the interrupt to be cleared by the ?rst read pulse. otherwise dr is low for half a nominal bit time (1/2400 sec). reading the stop bit allows the software to check for framing errors. when framing error is not checked the microcontroller only needs to send 8 dclk pulses to shift the data byte out. fsk carrier detector the carrier detector provides an indication of the presence of a signal in the fsk frequency band. it detects the presence of a signal of suf?cient amplitude at the output of the fsk bandpass ?lter. the signal is quali?ed by a digital algorithm before the cd output is set low to indicate carrier detection. a 10ms hysteresis has been provided to allow for momentary signal dropout once cd has been activated. cd is released when there is no activity at the fsk bandpass ?lter output for 10ms. when cd is inactive (high), the raw output of the fsk demodulator is ignored by the internal data timing recovery circuit. in fsk interface mode 0 the data, dclk and dr outputs are forced high. in mode 1 the output shift register is not updated and dr is high; if dclk is clocked, data is unde?ned. note that signals such as speech, cas and dtmf tones also lie in the fsk frequency band and the carrier detector may be activated by these signals. they will be demodulated and presented as data. to avoid the false data, the MT88E46 should be put into cas or power down mode when fsk is not expected. ringing, on the other hand, does not pose a problem as it is ignored by the carrier detector. interrupt the dr/ det output can be used to interrupt a microcontroller. when the MT88E46 is the only interrupt source, dr/ det can be connected directly to the microcontrollers interrupt input. figure 7 shows the necessary connections when the MT88E46 is one of many interrupt sources. the diodes and resistors implement a wired-or so that the microcontroller is interrupted ( int low active or falling edge triggered) when one or more of int1, int2 or dr/ det is low. the microcontroller can determine which one of dr/ det , int1 or int2 caused the interrupt by reading them into an input port. power down the MT88E46 can be powered down to consume virtually no power supply current via a state of the cb0/1/2 pins. momentary transition of cb0/1/2 into the power down code will not activate power down. in power down mode both input op-amps, v ref and the oscillator are not operational; dclk becomes an input pin because to select the power down state cb0 is 1 which selects fsk interface mode 1. if the application uses fsk interface mode 0 and the MT88E46 needs to be powered down, then during power down the input state of the dclk input must be de?ned, for example, by a pull down resistor (r13 in figure 8) so that the MT88E46 will draw minimal power supply current. when the MT88E46 is powered down data, dr/ det, cd are high. to reduce the operating current a partial power down feature has been incorporated. when fsk is selected, the cas detector is powered down. when cas is selected the fsk demodulator is powered down. the two input op-amps are not affected and both will remain operational.
advance information MT88E46 11 the partial power down feature can also be used to reset the fsk or cas circuits, such as upon system power up. to reset the fsk demodulator, use cb1/2 to select cas mode for about 10 m s, dr will become high. to reset the cas detector, select fsk mode for about 10 m s, det will become high. oscillator the MT88E46 requires a 3.579545mhz crystal to generate its oscillator clock. to meet the cas detection frequency tolerance speci?cations the crystal must have a 0.1% frequency tolerance. the crystal speci?cation is as follows: frequency: 3.579545mhz frequency tolerance: 0.1% (over temperature range of the application) resonance mode: parallel load capacitance: 18pf maximum series resistance: 150 w maximum drive level: 2mw e.g. cts mp036s alternatively an external clock source can be used. in which case the osc1 pin should be driven directly from a cmos buffer and the osc2 pin left open. for 5v 10% applications any number of MT88E46s can be connected as shown in figure 6 so that only one crystal is required. figure 6 - common crystal connection osc1 osc2 osc1 osc2 osc1 osc2 3.579545 mhz MT88E46 MT88E46 MT88E46 to the next MT88E46 (for 5v 10% applications only) figure 7 - application circuit: multiple interrupt sources interrupt source 1 int1 (open drain) interrupt source 2 int2 (cmos) MT88E46 vdd r2 dr/ det (cmos) int (input) microcontroller input port bit r1 can be opened and d1 shorted if the microcontroller does not read the int1 pin. d1 vdd r1
MT88E46 advance information 12 figure 8 - application circuit: mei compatible type 2 telephone unless stated otherwise, resistors are 1%, 0.1watt; capacitors are 5%, 6.3v. for 1000vrms, 60hz isolation from tip to earth and ring to earth: r1,r2 430k, 0.5w, 5%, 475v minimum c1,c2 2n2, 1332v minimum (e.g. irc type gs-3) if the 1000vrms is handled by other methods then this circuit has to meet the fcc part 68 type b ringer requirements: r1,r2 432k, 0.1w, 1%, 56v minimum c1,c2 2n2, 212v minimum common to both sets of r1,r2 and c1,c2: r3,r4 34k r8, r9 464k r13 100k, 20%. required only if both fsk interface mode 0 and power down features are used. c3,c4 2n2 c5 100n, 20% d1-d4 diodes. 1n4148 or equivalent xtal 3.579545mhz, 0.1% crystal vdd = 5v 10% 3v 10% vdd = 5v 10% 3v 10% gs1 gain 0db -4.0db (preliminary) gs2 gain 0db -4.0db (preliminary) r5 53k6 34k0 r10 53k6 34k0 r6 60k4 38k3 r11 60k4 38k3 r7 464k 294k r12 464k 294k in a telephone adjunct box application where there is no hybrid or speech ic, if the gs2 gain with respect to tip/ring is to be set to the same as gs1, the gs2 op-amp can be connected as a voltage follower to the gs1 output as shown in figure 5. v ref in1+ in1- gs1 vss osc1 dclk data in2+ in2- gs2 cb2 cb1 vdd cd nc MT88E46 osc2 cb0 ic dr/ det telephone tx+ tx- rx+ rx- tip ring microphone speaker tip ring r1 r2 r3 r4 r5 r6 d1 d2 d3 d4 r7 r8 r9 r10 r11 r12 c1 c2 c3 c4 xtal r13 c5 hybrid or (fsk interface mode 1 selected) r13 is required only if both fsk interface mode 0 and power down features are used. 10% power = to microcontroller = from microcontroller vss speech ic (symbolic) supply c5 should be connected directly across the vdd and vss pins.
13 advance information MT88E46 figure 9 - gs1 and gs2 gain ratios as a function of nominal vdd gain setting resistor calculation for nominal vdd between 3 and 5v ? for the desired nominal vdd, use figure 9 to calculate approximate av. ? for the gs1 op-amp, start with the 0db gain setting resistor values of r5 0db , r6 0db and r7 0db . in figure 8 they are 53k6, 60k4 and 464k respectively. keep r1, r2, r3, r4, c1, c2 as in figure 8 to keep the input highpass ?lter corner frequency constant for all gain settings. ? for the desired av: r7 av = r7 0db x av scaled for desired gain. choose the closest standard 1% resistor value as r7 av . calculate av_actual as r7 av /r7 0db . r5 av = r5 0db x av_actual scaled for good common mode range. choose the closest standard 1% resistor as r5 av . 1/r6 av = 1/r5 av -1/r7 av calculate r6 av so that r5 av = r6 av || r7 av . choose the closest standard 1% resistor as r6 av . ? repeat for r10, r11 and r12 for the gs2 op-amp. example: ? for the 3v gain of -4.0db, av = 0.63095. ?r7 -4db = 0.63095 x 464k = 292.76k. the closest standard 1% resistor is 294k. av_actual is 294k/464k = 0.63362 or -3.96db. ?r5 -4db = 0.63362 x 53k6 = 33.96k. the closest standard 1% resistor is 34k0. ? 1/r6 -4db = 1/34.0k - 1/294k = 1/38.45k. the closest standard 1% resistor is 38k3. 3.0 3.5 4.0 4.5 5.0 nominal vdd (volts) 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00 gain ratio 0.63095 1.000 preliminary
MT88E46 advance information 14 * exceeding these values may cause permanent damage. functional operation under these conditions is not implied. ** under normal operating conditions voltage on any pin except supplies can be minimum vss-1v to maximum vdd+1v for an input current limited to less than 200 m a. ?typical ?gures are at 25?c and are for design aid only: not guaranteed and not subject to production testing. absolute maximum ratings* - voltages are with respect to vss unless otherwise stated parameter sym min max units 1 supply voltage with respect to vss vdd -0.3 6 v 2 voltage on any pin other than supplies ** v pin vss-0.3 vdd+0.3 v 3 current at any pin other than supplies i pin -10ma 4 storage temperature t st -65 150 o c recommended operating conditions - voltages are with respect to ground (vss) unless otherwise stated characteristics sym min typ ? max units 1 power supplies vdd 2.7 - 5.5 v 2 clock frequency f osc - 3.579545 - mhz 3 tolerance on clock frequency d f osc -0.1 - +0.1 % 4 operating temperature t op -40 - 85 o c dc electrical characteristics ? characteristics sym min typ ? max units test conditions 1 s u p p l y power down mode supply current i ddq - 0.1 15 m a all inputs are at vdd/ vss except for oscillator pins, outputs unloaded. cb0/1/2 = 100 2 operating supply current vdd = 5v 10% vdd = 3v 10% i dd - - 4.3 2.7 8 4.5 ma ma all inputs are at vdd/ vss except for oscillator pins. no analog input, outputs unloaded. 3 power consumption po - - 44 mw 4 dclk schmitt input high threshold v t+ 0.48*vdd - 0.68*vdd v schmitt input low threshold v t- 0.28*vdd - 0.48*vdd v 5 schmitt hysteresis v hys 0.2 - - v 6 cb0 cb1 cb2 cmos input high voltage v ih 0.7*vdd - vdd v cmos input low voltage v il vss - 0.3*vdd v 7 dclk data dr/ det cd output high source current i oh 0.8 - - ma v oh =0.9*vdd
15 advance information MT88E46 ?dc electrical characteristics are over recommended operating conditions, unless otherwise stated. ?typical ?gures are at 25?c and are for design aid only: not guaranteed and not subject to production testing. ?ac electrical characteristics are over recommended operating conditions, unless otherwise stated. ?typical ?gures are at 25?c and are for design aid only: not guaranteed and not subject to production testing. *notes: 1. osc1 frequency at 3.579545mhz 0.1%. 2. tip/ring or 4-wire side input signal level. signal level is per tone. dbm = decibels above or below a reference power of 1mw into 600 ohms. 0dbm = 0.7746vrms. dbv = decibels above or below a reference voltage of 1vrms. 0dbv = 1vrms. 3. on hook mode: gs1 op-amp con?gured to 0db gain for vdd=5v 10%, -4db (preliminary) for vdd=3v 10%. 4. off hook mode: gs2 op-amp con?gured to 0db gain for vdd=5v 10%, -4db (preliminary) for vdd=3v 10%. 5. when the signal level difference between the upper and lower tones is within the twist limits. 6. test condition is both tones have the same amplitude. 8 dclk data dr/ det cd output low sink current i ol 2--mav ol =0.1*vdd 9 in1+ in1- in2+ in2- input current i in1 --1 m av in =vdd to vss dclk cb0 cb1 cb2 i in2 --10 m av in =vdd to vss 10 v ref output voltage v ref 0.5vdd -0.1 - 0.5vdd +0.1 v no load 11 output resistance r ref --2k w ac electrical characteristics ? - cas detection characteristics sym min typ ? max unit notes* 1 upper tone frequency f h 2736.2 2750 2763.8 hz 1 2 lower tone frequency f l 2119.3 2130 2140.7 hz 1 3 accept signal level (per tone) -32 -34.22 - -14 -16.22 dbm dbv 1, 2, 3, 4, 5 4 off hook mode reject signal level (per tone) -- -45 -47.22 dbm dbv 1, 2, 4, 6 5 twist: 20 log (v 2130hz /v 2750hz ) -6 - +6 db 1, 3, 4 6 off hook mode accept cas duration 75 80 85 ms 7 on hook mode accept cas duration 75 - - ms 8 cas detection delay from start of cas t det1 60 - - ms see figure 13 9 cas detection delay from end of cas - no speech t det2 - - 15 ms see figure 13 10 cas detection indicator pulse width t dw 415 416 417 m s see figure 13 dc electrical characteristics ? (continued) characteristics sym min typ ? max units test conditions
MT88E46 advance information 16 ?ac electrical characteristics are over recommended operating conditions, unless otherwise stated. ?typical ?gures are at 25?c and are for design aid only: not guaranteed and not subject to production testing. *notes: 1. tip/ring input signal level. dbm = decibels above or below a reference power of 1mw into 600 ohms. 0dbm = 0.7746vrms. dbv = decibels above or below a reference voltage of 1vrms. 0dbv = 1vrms. 2. gs1 op-amp con?gured to 0db gain for vdd=5v 10%, -4db (preliminary) for vdd=3v 10%. 3. both mark and space have the same amplitude. 4. band limited random noise (300-3400hz). present when fsk signal is present. ?electrical characteristics are over recommended operating conditions, unless otherwise stated. ac electrical characteristics ? - fsk demodulation characteristics sym min typ ? max units notes* 1 accept signal level -40 -37.78 10.0 - -6.45 -4.23 476 dbv dbm mvrms 1, 2 2 bell 202 format reject signal level - - -50.46 -48.24 3 dbv dbm mvrms 1, 2, 3 3 transmission rate 1188 1200 1212 baud 4 mark and space frequencies bell 202 1 (mark) bell 202 0 (space) ccitt v.23 1 (mark) ccitt v.23 0 (space) 1188 2178 1280.5 2068.5 1200 2200 1300 2100 1212 2222 1319.5 2131.5 hz hz hz hz 5 twist: 20 log (v mark /v space ) -6 - +10 db 2 6 signal to noise ratio snr fsk 20 - - db 2, 3, 4 7 input fsk to cd low delay t cp - - 25 ms see figures 16, 17 8 input fsk to cd high delay t ca 10 - - ms see figures 16, 17 9 cd time hysteresis 10 - - ms electrical characteristics ? - gain setting ampli?ers characteristics sym min max units test conditions 1 input leakage current i in -1 m a vss v in vdd 2 input resistance r in 10 - m w 3 input offset voltage v os -25mv 4 power supply rejection ratio psrr 30 - db 1khz ripple on vdd 5 common mode rejection ratio cmrr 40 - db v cmmin v in v cmmax 6 dc open loop voltage gain a vol 40 - db 7 unity gain bandwidth f c 0.3 - mhz 8 output voltage swing v o 0.5 vdd-0.7 v load 3 100k w 9 capacitive load (gs1,gs2) c l -50pf 10 resistive load (gs1,gs2) r l 100 - k w 11 common mode range voltage v cm 1.0 vdd-1.0 v
17 advance information MT88E46 ?ac electrical characteristics are over recommended operating conditions, unless otherwise stated. ?typical ?gures are at 25?c and are for design aid only: not guaranteed and not subject to production testing. *notes: 1. osc1 at 3.579545 mhz 0.1%. 2. fsk input data at 1200 12 baud. 3. function of signal condition. ?ac electrical characteristics are over recommended operating conditions unless otherwise stated. ?ac electrical characteristics are over recommended operating conditions unless otherwise stated. ac electrical characteristics ? - mode 0 fsk data interface timing characteristics sym min typ ? max units notes* 1 dr rise time t rr - - 200 ns into 50pf load see figure 11 2 fall time t rf - - 200 ns into 50pf load see figure 11 3 low time t rl 415 416 417 m s 1. see figs. 11, 14, 15 4 data rate 1188 1200 1212 baud 2 5 input fsk to data delay t idd - 1 5 ms see figure 14 6 data dclk rise time t r - - 200 ns into 50pf load see figure 10 7 fall time t f - - 200 ns into 50pf load see figure 10 8 data to dclk delay t dcd 6 416 - m s 1, 2, 3 see figure 10 9 dclk to data delay t cdd 6 416 - m s 1, 2, 3 see figure 10 10 dclk frequency f dclk0 1201.6 1202.8 1204 hz 1. see figure 14 11 high time t ch 415 416 417 m s 1. see figures 10, 14 12 low time t cl 415 416 417 m s 1. see figures 10, 14 13 dclk dr dclk to dr delay t crd 415 416 417 m s 1. see figure 14 ac electrical characteristics ? - mode 1 fsk data interface timing characteristics sym min max units notes 1 dclk frequency f dclk1 - 1 mhz see figure 15 2 duty cycle 30 70 % 3 rise time t r1 - 100 ns see figure 12 4 dclk dr dclk low set up to dr t dds 500 - ns see figure 15 5 dclk low hold time after dr t ddh 500 - ns see figure 15 ac electrical characteristics ? - general timing characteristics sym min max units notes 1 osc2 power-up time t pu - 50 ms see figures 16, 17 2 power-down time t pd - 10 ms see figure 16
MT88E46 advance information 18 figure 10 - data and dclk mode 0 output timing figure 11 - dr output timing figure 12 - dclk mode 1 input timing ac electrical characteristics - timing parameter measurement voltage levels characteristics sym level units notes 1 cmos threshold voltage v ct 0.5*vdd v 2 rise/fall threshold voltage high v hm 0.7*vdd v 3 rise/fall threshold voltage low v lm 0.3*vdd v data dclk t r t dcd t cdd t r t f t cl t ch t f v hm v lm v ct v hm v lm v ct t rf t rr t rl dr v hm v lm v ct dclk t r1 v hm v lm
19 advance information MT88E46 figure 13 - cas detection timing figure 14 - fsk data interface timing - mode 0 figure 15 - fsk data interface timing - mode 1 cas det t det2 t dw = 416 m s nominal (output) t det1 see ac electrical characteristics - cas detection for t det1 and t det2 values. note: the relationship between data bit boundary and dclk is symbolic only. in reality, the data bit boundary will jitter with respect to the dclk falling edges. tip/ring data (output) dclk (output) dr (output) b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b6 stop start stop start stop start stop start stop start stop start t idd t crd t rl t cl t ch 1/f dclk0 demodulated data (internal signal) dclk (data clock) (schmitt input) dr (data ready) (output) stop start stop 0 1 234 5 67 7 word n word n+1 data (output) 5 word n word n-1 1/f dclk1 t rl >t ddh the dclk input must be low before and after dr falling edge. note 1: dclk occurs during dr low and returns dr to high. note 2: dclk occurs after dr, so dr is low for half a nominal bit time. note 3: when framing error (trailing stop bit a 0 instead of a 1) is not checked, the microcontroller only needs to send 8 dclk pulses to shift the byte out. >t dds 4 3 2 1 0 6 7 stop stop 7 0 note 1 note 2 note 3
MT88E46 advance information 20 figure 16 - application timing: bellcore on-hook data transmission associated with ringing, e.g. calling number delivery, calling name delivery notes: this on-hook case application is included because a cidcw cpe must also be capable of receiving on-hook data transmission (with ringing) from the central of?ce. 1) pwdn and fsken are internal signals decoded from cb0/1/2. 2) the cpe designer may choose to enable the MT88E46 only after the end of ringing to conserve power in a battery operated cpe. cd is not activated by ringing. 3) the microcontroller in the cpe powers down the MT88E46 after cd has become inactive. 4) the microcontroller times out if cd is not activated. 5) the dr/ det output pin is the dr signal when fsk is selected. 1st ring 2nd ring ch. seizure mark data acde f ..101010.. data note 2 note 3 note 2 note 4 t ca t cp b tip/ring pwdn osc2 fsken cd dr dclk data a = 2sec typical b = 250-500ms c = 250ms d = 150ms e = feature specific max c+d+e = 2.9 to 3.7sec f 3 200ms t pd t pu (note 1) (note 1) (note 5)
21 advance information MT88E46 figure 17 - application timing: bellcore off-hook data transmission, e.g. cidcw notes: 1) in a cpe where ac power is not available, the designer may choose to switch over to line power when the cpe goes off-hook and use battery power while on-hook. the cpe must also be cid (on-hook) capable because a cidcw cpe includes cid functionality. 2) non-fsk signals such as cas, speech and dtmf tones are in the same frequency band as fsk. they will be demodulated and give false data. therefore the MT88E46 should be taken out of fsk mode when fsk is not expected. 3) if the cpe is the ack-sender, the MT88E46 may be put into fsk mode right after ack has been sent. if the cpe is not the ack- sender, the MT88E46 should be put into fsk mode at 30ms (min ack delay) + 55ms (min ack duration) = 85ms after the line high transition. in that case the fsk carrier detector may be activated by the ack if both the ack delay and the ack duration a re at maximum. tr-nwt-000575 speci?es that ack = dtmf d for non-adsi cpe, a for adsi cpe. 4) the MT88E46 should be taken out of fsk mode when cd has become inactive, or when more than 5 framing errors have been detected in the message, or when more than 150ms of continuous mark or space has been detected. 5) in an unsuccessful attempt where the central of?ce does not send the fsk signal, the cpe should unmute the handset and enable the keypad after interval d has expired. 6) pwdn, off hook casen and fsken are internal signals decoded from cb0/1/2. 7) the dr/ det output pin is the det signal when cas detection is selected, the dr signal when fsk is selected. cpe goes off-hook cas ack cpe sends cpe mutes handset, disables keypad mark data cpe unmutes handset and enables keypad t det2 t dw t cp t ca data a c e f g bd note 1 note 3 note 4 note 5 tip/ring pwdn fsken osc2 det cd dr dclk data a = 75-85ms b = 0-100ms c = 55-65ms d = 0-500ms e = 58-75ms f = feature specific g 50ms t pu (note 6) (note 6) (note 7) note 2 (note 7) off hook casen (note 6) and performs mei check (see tia/eia-777) speech 25ms 30-40ms
package outlines lead soic package - s suf?x notes: 1. controlling dimensions in parenthesis ( ) are in millimeters. 2. converted inch dimensions are not necessarily exact. dim 16-pin 18-pin 20-pin 24-pin 28-pin min max min max min max min max min max a 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) a 1 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) b 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.030 (0.51) 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.020 (0.51) c 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) d 0.398 (10.1) 0.413 (10.5) 0.447 (11.35) 0.4625 (11.75) 0.496 (12.60) 0.512 (13.00) 0.5985 (15.2) 0.614 (15.6) 0.697 (17.7) 0.7125 (18.1) e 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) e 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) h 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) l 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) pin 1 a 1 b e e a l h c notes: 1) not to scale 2) dimensions in inches 3) (dimensions in millimeters) 4) a & b maximum dimensions include allowable mold flash d l 4 mils (lead coplanarity) general-7
m mitel (design) and st-bus are registered trademarks of mitel corporation mitel semiconductor is an iso 9001 registered company copyright 1999 mitel corporation all rights reserved printed in canada technical documen t a tion - n o t for resale world headquarters - canada tel: +1 (613) 592 2122 fax: +1 (613) 592 6909 north america asia/paci?c europe, middle east, tel: +1 (770) 486 0194 tel: +65 333 6193 and africa (emea) fax: +1 (770) 631 8213 fax: +65 333 6192 tel: +44 (0) 1793 518528 fax: +44 (0) 1793 518581 http://www.mitelsemi.com information relating to products and services furnished herein by mitel corporation or its subsidiaries (collectively mitel) is believed to be reliable. however, mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by mitel or licensed from third parties by mitel, whatsoever. purchasers of products are also hereby noti?ed that the use of product in certain ways or in combination with mitel, or non-mitel furnished goods or services may infringe patents or other intellectual property rights owned by mitel. this publication is issued to provide information only and (unless agreed by mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, their speci?cations, services and other information appearing in this publication are subject to change by mitel without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a speci?c piece of equipment. it is the users responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to perform may result in signi?cant injury or death to the user. all products and materials are sold and services provided subject to mitels conditions of sale which are available on request.
package outlines lead soic package - s suf?x notes: 1. controlling dimensions in parenthesis ( ) are in millimeters. 2. converted inch dimensions are not necessarily exact. dim 16-pin 18-pin 20-pin 24-pin 28-pin min max min max min max min max min max a 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) 0.093 (2.35) 0.104 (2.65) a 1 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) 0.004 (0.10) 0.012 (0.30) b 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.030 (0.51) 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.020 (0.51) 0.013 (0.33) 0.020 (0.51) c 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) 0.009 (0.231) 0.013 (0.318) d 0.398 (10.1) 0.413 (10.5) 0.447 (11.35) 0.4625 (11.75) 0.496 (12.60) 0.512 (13.00) 0.5985 (15.2) 0.614 (15.6) 0.697 (17.7) 0.7125 (18.1) e 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) 0.291 (7.40) 0.299 (7.40) e 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) 0.050 bsc (1.27 bsc) h 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) 0.394 (10.00) 0.419 (10.65) l 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) 0.016 (0.40) 0.050 (1.27) pin 1 a 1 b e e a l h c notes: 1) not to scale 2) dimensions in inches 3) (dimensions in millimeters) 4) a & b maximum dimensions include allowable mold flash d l 4 mils (lead coplanarity) general-7
m mitel (design) and st-bus are registered trademarks of mitel corporation mitel semiconductor is an iso 9001 registered company copyright 1999 mitel corporation all rights reserved printed in canada technical documen t a tion - n o t for resale world headquarters - canada tel: +1 (613) 592 2122 fax: +1 (613) 592 6909 north america asia/paci?c europe, middle east, tel: +1 (770) 486 0194 tel: +65 333 6193 and africa (emea) fax: +1 (770) 631 8213 fax: +65 333 6192 tel: +44 (0) 1793 518528 fax: +44 (0) 1793 518581 http://www.mitelsemi.com information relating to products and services furnished herein by mitel corporation or its subsidiaries (collectively mitel) is believed to be reliable. however, mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by mitel or licensed from third parties by mitel, whatsoever. purchasers of products are also hereby noti?ed that the use of product in certain ways or in combination with mitel, or non-mitel furnished goods or services may infringe patents or other intellectual property rights owned by mitel. this publication is issued to provide information only and (unless agreed by mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. the products, their speci?cations, services and other information appearing in this publication are subject to change by mitel without notice. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a speci?c piece of equipment. it is the users responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. manufacturing does not necessarily include testing of all functions or parameters. these products are not suitable for use in any medical products whose failure to perform may result in signi?cant injury or death to the user. all products and materials are sold and services provided subject to mitels conditions of sale which are available on request.


▲Up To Search▲   

 
Price & Availability of MT88E46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X