Part Number Hot Search : 
C908J S5T8701 TC405 HMM5159B B1439 SE97TL AT138 MAB8040
Product Description
Full Text Search
 

To Download M82710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 4 0 0 4 4 - - c c h h a a n n n n e e l l c c o o m m m m u u n n i i c c a a t t i i o o n n s s c c o o n n v v e e r r g g e e n n c c e e p p r r o o c c e e s s s s o o r r mindspeeds comcerto 700 series M82710 carrier convergence processor delivers the industrys highest level of integration and performance. it combines powerful dsp cores optimized for voice processing and a flexible packet- processing engine. together with mindspeeds robust, industry-proven software, the M82710 represents a true carrier-class system-on-chip solution for voice-over-ip (voip) and voice-over-atm (voatm) applications. it supports packet-to-tdm and packet-to-packet operation across the entire range of ip modulations. the M82710 guarantees secure voice calls over packet networks by combining voice payload encryption and authentication. dedicated signaling tdm busses provide transparent transport and processing of traditional telephony signaling information between the tdm and packet domain. the M82710 supports a large suite of wireless communica- tions protocols for w-cdma and cdma2000 based networks. its dsp cores are architected to maximize the density of smv (is-893), the latest speech coder used in cdma2000. furthermore, it runs the complete tandem- free operation (tfo) protocol for both w-cdma and cdma2000 based networks. additional software features include enhanced 128-way conferencing, caller id detection and generation. the M82710 is both pin-and api-compatible with the m82610, mindspeeds previous generation of carrier-class voice processors. this flexibility allows seamless migration from the m82610 to the M82710, achieving even higher performance and integration with little or no system development time. applications include voice gateways for next generation networks (ngn), media gateways, wireless base transceiver stations (btss) and node-bs, base station controllers (bscs), radio network controllers (rncs), mobile switching centers (mscs), digital loop carriers (dlcs), optical network terminals (onts) and optical line terminals (olts) for passive optical networks (pons), digital subscriber line access multiplexers (dslams), class 4 and 5 switches, inte- grated access devices (iads), ip private branch exchanges (pbxs), atm switches and ip routers. > 404 g.711 channels of carrier-class voice > 168 channels of g.729 a/b > g.168-2002 compliant echo canceller > integrated packet processor and digital signal processor > voip & voatm aal2/5 > cas signaling > g.7xx, t.38 > qcelp8/13k, evrc, smv > amr > aes, des, 3des, mmh authentication > > k k e e y y f f e e a a t t u u r r e e s s c c o o m m c c e e r r t t o o t t m m 7 7 0 0 0 0 s s e e r r i i e e s s c c a a r r r r i i e e r r c c o o n n v v e e r r g g e e n n c c e e p p r r o o c c e e s s s s o o r r m m 8 8 2 2 7 7 1 1 0 0
w w w w w w . . m m i i n n d d s s p p e e e e d d . . c c o o m m / / s s a a l l e e s s o o f f f f i i c c e e s s general information: (949) 579-3000 headquarters C newport beach 4000 macarthur blvd., east tower newport beach, ca 92660-3007 82710-brf-001-e ? 2005 mindspeed technologies ? . all rights reserved. mindspeed and the mindspeed logo are trademarks of mindspeed technologies. all other trademarks are the prop- erty of their respective owners. although mindspeed technologies strives for accu- racy in all its publications, thi s material may contai n errors or omissions and is subject to change without notice. this material is provided as is and without any express or implied warranties, including merchantability, fitness for a particular purpose and non-infringement. mindspeed technologies shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. v v o o i i c c e e c c o o d d e e c c s s a a n n d d m m o o d d u u l l a a t t i i o o n n s s ? echo canceller - g.168-2002 compliant - echo tail up to 128 ms ? g.711 -law and a-law ? g.711 appendix i & ii ? g.723.1 and g.723.1 annex a ? g.726 ? g.728 ? g.729 with annex a,b,e,g ? cdma qcelp8k and qcelp13k ? evrc ? amr- nb ? smv ? ilbc ? tone detection/generation ? comfort noise generation p p a a c c k k e e t t a a n n d d p p r r o o t t o o c c o o l l p p r r o o c c e e s s s s i i n n g g ? generation and termination of: - complete ip packets (ip/udp/rtp) - complete ethernet packets - aal2 and aal5 streams ? voip-over-ethernet, atm aal5 ? tdm signaling processing for cas ? transcoding: - packet-to-packet - any frame size to any frame size - any voice codec to any voice codec ? enhanced 128-way confer- encebridging ? caller id generation and detection s s e e c c u u r r i i t t y y ? voice payload encryption: aes, des, 3des ? authentication: mmh, sha1 r r e e l l a a y y f f u u n n c c t t i i o o n n s s ? fax/modem pass-thru ? t.38 fax relay ? cas signaling relay s s y y s s t t e e m m s s u u p p p p o o r r t t ? arp, icmp ? ethernet boot and control ? remote diagnostic capture d d i i a a g g n n o o s s t t i i c c s s u u p p p p o o r r t t ? redundancy support: 1:1 & 1:n w w i i r r e e l l e e s s s s c c o o m m m m u u n n i i c c a a t t i i o o n n s s p p r r o o t t o o c c o o l l s s ? tandem-free operation (tfo) for w- cdma & cdma 2000 ? iuup protocol for w-cdma ? voice quality enhancements including automatic level control and noise reduction p p r r o o d d u u c c t t f f e e a a t t u u r r e e s s ethernet mii/rmii/s3mii utopia l2 pos l2 tdm (signalling) up/pci microprocessor for control and signaling (optional) sdram packet processor dsp array shared memory M82710 tdm M82710 functional block diagram


▲Up To Search▲   

 
Price & Availability of M82710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X