models chart output output part numbers voltage(s) current(s) 3.3vdc input* 5vdc input 12vdc input 24vdc input 5vdc 200ma ie0305 ie0505 ie1205 ie2405 9vdc 111ma ie0309 ie0509 ie1209 ie2409 12vdc 84ma ie0312 ie0512 ie1212 ie2412 15vdc 66ma ie0315 ie0515 ie1215 ie2415 add suffix s for single-in-line package, suffix d for dual-in-line package. add suffix h for 3000 vdc isolation. * derate output by 50% for 3.3vdc input models. features ? 0.12 in 2 board space ? 3.3, 5, 12, and 24 vdc inputs ? 80% efficiency ? 1000/3000 vdc isolation ? 22 watts per in 3 ? industry standard pinouts dc/dc converters ie series 1 watt electrical specifications all specifications typical at nominal line, full load and 25c input voltage range 10% input reflected noise (20mhz bw) 100mv p-p max. output voltage accuracy 5% line regulation 1.2%/1% of vin load regulation (20% to 100% load) 10% output ripple and noise (20 mhz bw) 100mv p-p max. efficiency at full load 12v and 15v outputs 80% typical efficiency at full load 5v outputs 70% typical short circuit protection 1 second max. input output isolation 1000vdc/3000vdc min. temperature coefficient 0.03% per c max operating temperature range -40c to 85c -40c to 71c (no derating) storage temperature range -55c to 125c 260 hopping brook road holliston, massachusetts 01746 tel. (508) 429-4440 fax (800) 226-2100 http://www.intlpower.com specifications subject to change. unit requires 10mm of air space. shown actual size
bottom 0.10 0.300 0.045 0.010 (bottom view) 0.010 max 0.30 0.300 0.300 .500 max 0.24 max 0.400 max 0.150 max 0.020 0.020 0.500 max 0.400 max 0.27 max 0.15 max 0.020 pin 1 mechanical specifications single-in-line package dual-in-line package derating curve pin connections 2.0 1.5 1.0 0.5 0 -40 0 50 100 150 ambient temperature (c) safe operating area output power (w) 85 71 single-in-line package dual-in-line package (top view) 1234 vcc gnd 0v +v 14 75 vcc gnd 0v +v nov 2000 pins .01 x .02 inches
|