|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
semiconductor group 1 1.96 ? 1 048 576 words by 16-bit organization ? 0 to 70 c operating temperature ? performance: ? single + 3.3 v ( 0.3 v) supply ? low power dissipation max. 720 active mw ( hyb3118160bsj/bst-50) max. 648 active mw ( hyb3118160bsj/bst-60) max. 576 active mw ( hyb3118160bsj/bst-70) max. 360 active mw ( hyb3116160bsj/bst-50) max. 324 active mw ( hyb3116160bsj/bst-60) max. 288 active mw ( hyb3116160bsj/bst-70) 7.2 mw standby (lv-ttl) 3.6 mw standby (lv-cmos) 720 m w standby for l-version ? output unlatched at cycle end allows two-dimensional chip selection ? read, write, read-modify-write, cas -before-ras refresh, ras -only refresh, hidden refresh, self refresh ? fast page mode capability ? 2 cas / 1 we ? all inputs, outputs and clocks f ully lv-ttl-compatible ? 1024 refresh cycles / 16 ms for hyb 3118160bsj ? 4096 refresh cycles / 64 ms for hyb 3116160bsj ? plastic package: p-soj-42-1 400 mil p-tsopii-50/44-1 400mil -50 -60 -70 t rac ras access time 50 60 70 ns t cac cas access time 13 15 20 ns t aa access time from address 25 30 35 ns t rc read/write cycle time 90 110 130 ns t pc fast page mode cycle time 35 40 45 ns 1m x 16-bit dynamic ram (1k & 4k -refresh) advanced information hyb3116160bsj/bst(l)-50/-60/-70 hyb3118160bsj/bst(l)-50/-60/-70
semiconductor group 2 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram the hyb 3116(8)160bsj/bst is a 16 mbit dynamic ram organized as 1 048 576 words by 16 bits. the hyb 3116(8)160bsj/bst utilizes a submicron cmos silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. multiplexed address inputs permit the hyb 3116(8)160bsj/bst to be packaged in standard soj-42 and tsopii-50/44 plastic package with 400mil width. these packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. system-oriented features include single + 3.3 v ( 0.3 v) power supply, direct interfacing with high- performance logic device families.the hyb3116160bstl parts have a very low power ?sleep mode suppported by self refresh. ordering information pin names type ordering code package descriptions hyb 3116160bsj-50 on request p-so j-42 400 mil dram (access time 50 ns) hyb 3116160bsj-60 on request p-so j-42 400 mil dram (access time 60 ns) hyb 3116160bsj-70 on request p-so j-42 400 mil dram (access time 70 ns) hyb 3118160bsj-50 on request p-so j-42 400 mil dram (access time 50 ns) hyb 3118160bsj-60 on request p-so j-42 400 mil dram (access time 60 ns) hyb 3118160bsj-70 on request p-so j-42 400 mil dram (access time 70 ns) hyb 3116160bst-50 on request p-tsopii-50/44 400 mil dram (access time 50 ns) hyb 3116160bst-60 on request p-tsopii-50/44 400 mil dram (access time 60 ns) hyb 3116160bst-70 on request p-tsopii-50/44 400 mil dram (access time 70 ns) hyb 3118160bst-50 on request p-tsopii-50/44 400 mil dram (access time 50 ns) hyb 3118160bst-60 on request p-tsopii-50/44 400 mil dram (access time 60 ns) hyb 3118160bst-70 on request p-tsopii-50/44 400 mil dram (access time 70 ns) a0 to a9 row address inputs for 1k-refresh version hyb3118160bsj/bst a0 to a9 column addess inputs for 1k-refresh version hyb3118160bsj/bst a0 to a11 row address inputs for 4k-refresh version hyb3116160bsj/bst a0 to a7 column address inputs for 4k-refresh version hyb3116160bsj/bst ras row address strobe oe output enable i/o1-i/o16 data input/output ucas upper column address strobe lcas lower col umn address strobe we read/write input v cc power supply (+ 3.3 v) v ss ground (0 v) n.c. not connected semiconductor group 3 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram truth table ras lcas ucas we oe i/o1-i/o8 i/o9-i/o16 operation h l l l l l l l l h h l h l l h l l h h h l l h l l l h h h h h l l l h h h l l l h h h h high-z high-z dout high-z dout din don't care din high-z high-z high-z high-z dout dout don't care din din high-z standby refresh lower byte read upper byte read word read lower byte write upper byte write word write nop p-soj-42 (400 mil) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 vcc i/o1 i/o2 i/o3 i/o4 vcc i/o5 i/o6 i/o7 i/o8 n.c. n.c. we ras a11/nc a10/nc a0 a1 a2 a3 vcc 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 vss i/o16 i/o15 i/o14 i/o13 vss i/o12 i/o11 i/o10 i/o9 n.c. lcas ucas oe a9 a8 a7 a6 a5 a4 vss vcc i/o1 i/o2 i/o3 i/o4 vcc i/o5 i/o6 i/o7 i/o8 n.c. n.c. n.c. we ras a11/n.c. a10.n.c. a0 a1 a2 a3 vcc 1 2 3 4 5 6 7 8 9 10 11 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 36 35 34 33 32 31 30 29 28 27 26 vss i/o16 i/o15 i/o14 i/o13 vss i/o12 i/o11 i/o10 i/o9 n.c. n.c. lcas ucas oe a9 a8 a7 a6 a5 a4 vss p-tsopii-50/44 (400mil) *) a11 and a10 are not connected for hyb3118160bsj/bst (1k-refresh version) semiconductor group 4 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram block diagram for hyb 3116160bsj no. 2 clock generator column address buffer(8) refresh controller refresh counter (12) address buffers(12) row no. 1 clock generator & data in buffer data out buffer column decoder sense amplifier i/o gating memory array 4096x256x16 row decoder a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 we ucas 4096 256 x16 . ras 8 12 16 i/o1 i /o2 oe 12 12 a10 a11 16 16 8 i /o16 lcas . semiconductor group 5 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram block diagram for hyb 3118160bsj no. 2 clock generator column address buffer(10) refresh controller refresh counter (10) address buffers(10) row no. 1 clock generator & data in buffer data out buffer column decoder sense amplifier i/o gating memory array 1024x1024x16 row decoder a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 we ucas 1024 1024 x16 . ras 10 10 16 i/o1 i /o2 oe 10 10 16 16 10 i /o16 lcas . semiconductor group 6 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram absolute maximum ratings operating temperature range ............................................................................................0 to 70 c storage temperature range.........................................................................................C 55 to 150 c soldering time................................................................................................................. ............10 s input/output voltage ................................................................................-0.5 to min (vcc+0.5,4.6) v power supply voltage..................................................................................................-0.5 v to 4.6 v power dissipation.............................................................................................................. ....... 1.0 w data out current (short circuit) ............................................................................................... .50 ma note: stresses above those listed under absolute maximum ratings may cause permanent damage of the device. exposure to absolute maximum rating conditions for extended periods may affect device reliability. dc characteristics (values in brackets for hyb3116160bsj) t a = 0 to 70 c, v ss = 0 v, v cc = 3.3 v 0.3 v, t t = 5 ns parameter symbol limit values unit test condition min. max. input high voltage v ih 2.0 vcc+0.5 v 1) input low voltage v il C 0.5 0.8 v 1) ttl output high voltage ( i out = C 2 ma) v oh 2.4 C v 1) ttl output low voltage ( i out = 2 ma) v ol C 0.4 v 1) cmos output high voltage ( i out = C 100 m a) v oh vcc-0.2 C v 1) cmos output low voltage ( i out = 100 m a) v ol C 0.2 v 1) input leakage current,any input (0 v v ih vcc + 0.3v, all other pins = 0 v) i i(l) C 10 10 m a 1) output leakage current (do is disabled, 0 v v out vcc + 0.3v) i o(l) C 10 10 m a 1) average v cc supply current: -50 ns version -60 ns version -70 ns version (ras , cas , address cycling, t rc = t rc min. ) i cc1 C C C 200(100) 180 (90) 160 (80) ma ma ma 2) 3) 4) 2) 3) 4) 2) 3) 4) standby v cc supply c urrent (ras =cas = v ih ) i cc2 C2maC semiconductor group 7 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram average v cc supply current, during ras -only refresh cycles: -50 ns version -60 ns version -70 ns version (ras cycling: cas = v ih , t rc = t rc min. ) i cc3 C C C 200(100) 180 (90) 160 (80) ma ma ma 2) 4) 2) 4) 2) 4) average v cc supply current, during fast page mode: -50 ns version -60 ns version -70 ns version (ras = v il , cas , address cycling, t pc = t pc min. ) i cc4 C C C 55 (40) 50 (35) 45 (30) ma ma ma 2) 3) 4) 2) 3) 4) 2) 3) 4) standby v cc supply current (ras = cas = v cc C 0.2 v) i cc5 C1ma 1) standby v cc supply current (l-version) (ras = cas = v cc C 0.2 v) i cc5 C 200 m a 1) average v cc supply current, during cas - before-ras refresh mode: -50 ns version -60 ns version -70 ns version (ras , cas cycling, t rc = t rc min.) i cc6 C C C 200(100) 180 (90) 160 (80) ma ma ma 2) 4) 2) 4) 2) 4) average self refresh current (cbr cycle with tras>trassmin., cas held low, we =vcc-0.2v, address and din=vcc--0.2v or 0.2v) i cc7 _1 250 ma m a l-version capacitance t a = 0 to 70 c, v cc = 3.3 v 0.3 v, f = 1 mhz parameter symbol limit values unit min. max. input capacitance (a0 to a11) c i1 C5pf input capacitance (ras , ucas , lcas , we , oe ) c i2 C7pf i/o capacitance (i/o1-i/o16) c io C7pf dc characteristics (values in brackets for hyb3116160bsj) (contd) t a = 0 to 70 c, v ss = 0 v, v cc = 3.3 v 0.3 v, t t = 5 ns parameter symbol limit values unit test condition min. max. semiconductor group 8 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram ac characteristics 5)6) 16f t a = 0 to 70 c, v cc = 3.3 v 0.3 v, t t = 5 ns parameter symbol limit values unit note -50 -60 -70 min. max. min. max. min. max. common parameters random read or write cycle time t rc 90 C 110 C 130 C ns ras precharge time t rp 30 C 40 C 50 C ns ras pulse width t ras 50 10k 60 10k 70 10k ns cas pulse width t cas 13 10k 15 10k 20 10k ns row address setup time t asr 0C0C0Cns row address hold time t rah 8 C 10 C 10 C ns column address setup time t asc 0C0C0Cns column address hold time t cah 10 C 15 C 15 C ns ras to cas delay time t rcd 18 37 20 45 20 50 ras to column address delay time t rad 13 25 15 30 15 35 ns ras hold time t rsh 13 15 C 20 C ns cas hold time t csh 50 60 C 70 C ns cas to ras precharge time t crp 5C5C5Cns transition time (rise and fall) t t 350350350ns7 refresh period for hyb3118160 t ref C 16 C 16 C 16 ms refresh period for hyb3116160 t ref C 64 C 64 C 64 ms refresh period for l-versions t ref C 256 C 256 C 256 ms read cycle access time from ras t rac C 50 C 60 C 70 ns 8, 9 access time from cas t cac C 13 C 15 C 20 ns 8, 9 access time from column address t aa C 25 C 30 C 35 ns 8,10 oe access time t oea C 13 C 15 C 20 ns column address to ras lead time t ral 25 C 30 C 35 C ns read command setup time t rcs 0C0C0Cns read command hold time t rch 0C0C0Cns11 read command hold time referenced to ras t rrh 0C0C0Cns11 semiconductor group 9 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram cas to output in low-z t clz 0C0C0Cns8 output buffer turn-off delay t off 0 13 0 15 0 20 ns 12 output buffer turn-off delay from oe t oez 0 13 0 15 0 20 ns 12 data to oe low delay t dzo 0C0C0Cns13 cas high to data delay t cdd 13 C 15 C 20 C ns 14 oe high to data delay t odd 13 C 15 C 20 C ns 14 write cycle write command hold time t wch 8 C 10 C 10 C ns write command pulse width t wp 8 C 10 C 10 C ns write command setup time t wcs 0C0C0Cns15 write command to ras lead time t rwl 13 C 15 C 20 C ns write command to cas lead time t cwl 13 C 15 C 20 C ns data setup time t ds 0C0C0Cns16 data hold time t dh 10 C 10 C 15 C ns 16 data to cas low delay t dzc 0C0C0Cns13 read-modify-write cycle read-write cycle time t rwc 126 C 150 C 180 C ns ras to we delay time t rwd 68 C 80 C 95 C ns 15 cas to we delay time t cwd 31 C 35 C 45 C ns 15 column address to we delay time t awd 43 C 50 C 60 C ns 15 oe command hold time t oeh 13 C 15 C 20 C ns fast page mode cycle fast page mode cycle time t pc 35 C 40 C 45 C ns cas precharge time t cp 10 C 10 C 10 C ns access time from cas precharge t cpa C30C35C40ns7 ras pulse width t ras 50 200k 60 200k 70 200k ns ac characteristics (contd) 5)6) 16f t a = 0 to 70 c, v cc = 3.3 v 0.3 v, t t = 5 ns parameter symbol limit values unit note -50 -60 -70 min. max. min. max. min. max. semiconductor group 10 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram cas precharge to ras delay t rhpc 30 C 35 C 40 C ns fast page mode read-modify-write cycle fast page mode read-write cycle time t prwc 71 C 80 C 95 C ns cas precharge to we t cpwd 48 C 55 C 65 C ns cas -before-ras refresh cycle cas setup time t csr 10 C 10 C 10 C ns cas hold time t chr 10 C 10 C 10 C ns ras to cas precharge time t rpc 5C5C5Cns write to ras precharge time t wrp 10 C 10 C 10 C ns write hold time referenced to ras t wrh 10 C 10 C 10 C ns cas -before-ras counter test cycle cas precharge time t cpt 35 C 40 C 40 C ns self refresh cycle ras pulse width t rass 100k _ 100k _ 100k _ ns 17 ras precharge time t rps 95 _ 110 _ 130 _ ns 17 cas hold time t chs -50 _ -50 _ -50 _ ns 17 ac characteristics (contd) 5)6) 16f t a = 0 to 70 c, v cc = 3.3 v 0.3 v, t t = 5 ns parameter symbol limit values unit note -50 -60 -70 min. max. min. max. min. max. semiconductor group 11 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram notes: 1) all voltages are referenced to vss. 2) icc1, icc3, icc4 and icc6 depend on cycle rate. 3) icc1 and icc4 depend on output loading. sp ecified values are measured with the output open. 4) address can be changed once or less while ras = vil. in the case of icc4 it can be changed once or less during a fast page mode cycle (tpc). 5) an initial pause of 200 m s is required after power-up followed by 8 ras cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. in case of using internal refresh counter, a minimum of 8 cas -before-ras initialization cycles instead of 8 ras cycles are required. 6) ac measurements assume tt = 5 ns. 7) vih (min.) and vil (max.) are reference levels for measuring timing of input signals. transition times are also measured between vih and vil. 8) measured with a load equivalent to 100 pf and at voh=2.0 v (ioh = -2ma) , vol=0.8v (iol=2ma). 9) operation within the trcd (max.) limit ensures that trac (max.) can be met. trcd (max.) is specified as a reference point only: if trcd is greater than the specified trcd (max.) limit, then access time is controlled by tcac. 10)operation within the trad (max.) limit ensures that trac (max.) can be met. trad (max.) is specified as a reference point only: if trad is greater than the specified trad (max.) limit, then access time is controlled by taa. 11)either trch or trrh must be satisfied for a read cycle. 12)toff (max.) and toez (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13)either tdzc or tdzo must be satisfied. 14)either tcdd or todd must be satisfied. 15)twcs, trwd, tcwd, tawd and tcpwd are not restrictive operating parameters. they are included in the data sheet as electrical characteristics only. if twcs > twcs (min.), the cycle is an early write cycle and the i/o pin will remain open-circuit (high impedance) through the entire cycle; if trwd > trwd (min.), tcwd > tcwd (min.), tawd > tawd (min.) and tcpwd > tcpwd (min.) , the cycle is a read-write cycle and i/o pins will contain data read from the selected cells. if neither of the above sets of conditions is satisfied, the condition of the i/o pins (at access time) is indeterminate. 16)these parameters are referenced to the cas leading edge in early write cycles and to the we leading edge in read-write cycles. 17)when using self refresh mode, the following refresh operations must be performed to ensure proper dram operation: if row addresses are being refreshed on an evenly distributed manner over the refresh interval using cbr refresh cycles, then only one cbr cycle must be performed immediately after exit from self refresh. if row addresses are being refreshed in any other manner (ror - distributed/burst; or cbr-burst) over the refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately after exit from self refresh. semiconductor group 12 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram read cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa row column row aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa valid data out ras ucas address we oe i/o (inputs) i/o (outputs) v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il v oh v ol t ras t rc t csh t rad t cas t rp t rah t crp t rsh t rcd t ral t asr t cah t asc t asr t rch t rrh t rcs t aa t oea t clz t cac t oez t odd t cdd t off t dzc t dzo t rac hi z hi z aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa h or l wl1 lcas semiconductor group 13 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram write cycle (early write) aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa ras ucas address we oe i/o (inputs) i/o (outputs) v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il v oh v ol . t ras t rc t csh t rad t cas t rp t crp t rsh t rcd t ral t asr t cah t asr aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa t cwl t rwl t wp t asc t wch valid data in t ds t dh hi z column aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa row row t rah t wcs aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa h or l wl2 lcas semiconductor group 14 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram write cycle (oe controlled write) aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a valid data aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t rwl t wp t oeh t odd t cwl aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t dzo t oea t clz t ds t oez aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa t dh t rc aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa v ih v il row t dzc aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaaa aaa a aaa a aaa a aaa a aaa a aaaa h or l hi-z hi-z column row t asc t rad t ral t cah t rah ras ucas address we oe i/o (inputs) i/o (outputs) v ih v il v ih v il v ih v il v ih v il v ih v il v oh v ol . t ras t csh t cas t rp t crp t rsh t rcd t asr t asr wl3 lcas semiconductor group 15 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram read-write (read-modify-write) cycle aaa aaa aaa aaa aaa aaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa row row t csh t cas t crp t rwc t awd t asr t rp t ras t rah t cah i/o (outputs) v oh v ol v ih v il v ih v il i/o (inputs) oe we v ih v il t asr column t rcd t dh t rsh t rad t cwd t oeh t rwd t rwl t cwl t clz t wp t rcs t aa t oea t ds t dzc t dzo t odd t cac t oez valid data in data out t rac aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaaa aaa a aaa a aaa a aaa a aaa a aaaa h or l t asc v ih v il v ih v il ras ucas address v ih v il wl4 lcas semiconductor group 16 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram fast page mode read cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaa aaa aaa aaa aaa aaa aaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa t rasp t cas t cas t pc t cp t rcd t csh t cah t cah t asc t asc t asr t rah t rad t rcs t rcs t rcs t asc t cah t cas t rsh t crp t rp t asr t rch t cpa t oea t oea t aa t aa t dzc t dzc t cdd t rrh t cpa t oea t aa t dzc t dzo t odd t odd t dzo t odd t dzo t off t oez t oez t off t oez t cac t cac t clz t clz t clz t off t rac t cac va lid data out data out data out valid valid column column row row ras i/o (outputs) i/o (inputs) oe we address ucas v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaaa aaa a aaa a aaa a aaa a aaa a aaaa h or l t rhcp t rch v oh v ol column fpm1 lcas semiconductor group 17 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram fast page mode early write cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a t ras t rp t rsh t cas t cas t cp t crp t ral t cah t asr t cwl t rwl t cah t asc t asc t cwl t cwl t wcs t wcs t wcs t wch t wp t wp t wch t wp t wch t rad t cas t rcd t pc t cah t rah t asr t asc t dh t ds t ds t dh t dh t ds column column column row valid data in valid valid data in data in column hi-z ras i/o (outputs) i/o (inputs) oe we address cas v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa h or l v oh v ol fpm2 semiconductor group 18 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram fast page mode read-modify- write cycle aaaa aaaa aaaa aaaa aa aa aa aa aaaa aaaa aaaa aaaa aa aa aa aa aaaa aaaa aaaa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa a a a aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa aa t cah t cp t dzc t dzo t rac t cac t clz t rcs t aa t oea t rcd t rad t rah t asr t asc t cas t cas t prwc t cwd t cah t asc t cas t rsh t rp t crp t asr t cah t asc t ral t cwd t rwd t cwl t cwl t cwd t awd t awd t wp t wp t cwl t rwl t awd t wp t odd t oeh t dh t ds t cpa t oez t clz t dzc t aa t cac t oea t ds t oez t dh t oeh t aa t odd t dzc t cpa t oea t clz t ds t dh t oeh t odd ras v ih v il ucas v ih v il v ih v il v ih v il v ih v il v ih v il v oh v ol we oe address i/o (inputs) i/o (outputs) data in data in data in data out out data data out row column address column row t ras t csh column t cpwd t cpwd aaaa a aaa a aaa a aaa a aaa a aaa a aaa aaaa aaa aa a aa a aa a aa a aa a aa a aaa h or l t oez lcas semiconductor group 19 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram ras -only refresh cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t crp t rah t rp t ras t rc t asr t asr t rpc v ih v il v ih v il v ih v il v oh v ol row row hi-z address ras cas i/o (outputs) aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaaa aaa a aaa a aaa a aaa a aaa a aaaa h or l wl9 semiconductor group 20 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram cas -before-ras refresh cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t rp t ras t rp t rc t crp t cp t rpc t chr t wrh t wrp t csr t rpc t off t oez t cdd t odd v ih v il v ih v il v ih v il v ih v il v ih v il hi-z aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaaa aaa a aaa a aaa a aaa a aaa a aaaa h or l ras i/o (outputs) i/o (inputs) oe we ucas v oh v ol wl10 lcas semiconductor group 21 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram hidden refresh cycle (read) aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa ras i/o (outputs) i/o (inputs) oe we address ucas t rc t rc t ras t ras t rp t rp t crp t chr t rad t cah t asc t rah t asr t asr t rcs t rrh t aa t dzc t dzo t cac t rac t clz t oez t off t odd t cdd t rcd t rsh t oea v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il t wrp t wrh aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa h or l valid data out row column row hi-z v oh v ol wl11 lcas semiconductor group 22 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram hidden refresh cycle (early write) aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa ras i/o (output) i/o (input) we address v ih v il v ih v il v ih v il ucas v ih v il v ih v il aaaa a aaa a aaa a aaa a aaa a aaa aaaa aaa a aaa a aaa a aaa a aaa a h or l t rc t ras t rcd t rsh t rad t cah t wcs t wch t wp t asr t rah t ds t dh t asr t crp t chr t rp t ras t rc t rp t asc row row valid data hi-z column v oh v ol t wrp t wrh wl12 lcas semiconductor group 23 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram cas before ras self refresh cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t rps t rass t rp t crp t cp t rpc t wrh t wrp t csr t off t oez t cdd t odd v ih v il v ih v il v ih v il v ih v il v ih v il hi-z a aaa a aaa a aaa a aaa a aaa a aaa aaa a aaa a aaa a aaa a aaa a aaa a h or l ras i/o (outputs) i/o (inputs) oe we cas v oh v ol t chs wl13 semiconductor group 24 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram cas -before-ras refresh counter test cycle aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaa aaa aaa aaa aaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa a a a a aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aa aa aa aa aa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa aaaa t csr t asr t asc t chr t cp t wrp t ral t cah t rsh t rp t ras t cas t rcs t cdd t cac t aa t wrh t oea t odd t clz t dzc t dzo t oez t off t rwl t cwl t wch t wcs t wrh t wrp t ds t dh v ih v il v ih v il v ih v il v oh v ol v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il v ih v il ras i/o (inputs) oe we address cas i/o (outputs) i/o (outputs) i/o (inputs) we oe column row data out data in hi-z read cycle: write cycle: t rrh t rch semiconductor group 25 hyb3116(8)160bsj/bst(l)-50/-60/-70 3.3v 1m x 16-dram package outlines plastic package p-soj-42 (400 mil) (small outline j-lead, smd) index marking 1) does not include plastic or metal protusion of 0.15 max per side gpj05853 25.4 22 42x a 0.81 max. 42 0.18 1.27 0.43 1 27.43 21 a 0.08 11.2 9.4 0.18 b 10.3 b 0.2 +0.12 -0.05 -0.3 1) -0.25 1) + - 0.1 + - 0.15 + - 0.25 0.8 min. 2.08 min. 3.75 max. plastic package p-tsopii-50/44 (400 mil) (thin small outline, smd, 0.8 mm lead pitch) |
Price & Availability of HYB3116160BST-70 |