voltage detection unit G32A-C 1 voltage detection unit G32A-C prevents g3pa malfunction ? connects to a maximum of two g3pa-vd relays. prevents malfunction of the g3pa-vd due to residual voltage, leakage current, or input noise. ordering information note: contact omron for details of applicable standards. application examples the G32A-C can be used to prevent malfunction due to residual voltage , leakage current, and input noise. residual voltage in rated operation, the g3pa turns on at 4 v max. ordinarily, the g3pa might turn on if the residual voltage in transistor circuits exceeds 3 v. (the G32A-C makes voltage output at voltages exceed- ing 9.6 v.) ? the G32A-C can be used to improve the synchronization of input signals during 3-phase load switching. the G32A-C can be used to fix the trigger voltage when using a timing circuit. name rated input voltage model voltage detection unit 12/24 vdc G32A-C
2 voltage detection unit G32A-C specifications ratings characteristics item specifications rated input voltage 12/24 vdc rated input current one g3pa 8 ma max. (when 24 vdc applied) two g3pas 1.4 ma max. (when 24 vdc applied) must-operate voltage 9.6 v 10% reset voltage 5 v min. output voltage 12 vdc 15% item specifications input voltage range 10.2 to 30 vdc operating time 1 ms max. reset time 1 ms max. vibration resistance 10 to 55 hz, 0.75-mm double-amplitude (when mounted using screws) shock resistance 300 m/s 2 (approx. 30 g) ambient temperature storage: ?30 to 100 c (with no icing or condensation) operating: ?30 to 80 c (with no icing or condensation) ambient operating humidity 45% to 85% weight approx. 65 g omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.com/oci all dimensions shown are in millimeters. to convert millimeters into inches, divide by 25.4 cat. no. t026-e3-1 printed in usa omron canada, inc. 885 milner avenue toronto, ontario m1b 5v8 416-286-6465 omron electronics llc one east commerce drive schaumburg, il 60173 847-843-7900 for technical support or other inquiries, call: 800-556-6766 07/02 specifications subject to change without notice omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.ca all dimensions shown are in millimeters. to convert millimeters into inches, divide by 25.4 cat. no. g32ac-e3-1 printed in usa omron canada, inc. 885 milner avenue toronto, ontario m1b 5v8 416-286-6465 omron electronics llc one commerce drive schaumburg, il 60173 847-843-7900 for us technical support or other inquiries: 800-556-6766 10/02 specifications subject to change without notice
|