Part Number Hot Search : 
32M16 74HC43 BZX84C39 01209 1A050D RBV410 KA3843 BZX84C39
Product Description
Full Text Search
 

To Download G32A-BAC100120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac input unit g32a-b 1 ac input unit g32a-b ac input unit enabling ac operation ? connects to a maximum of two g3pa-vd relays. ordering information application example ac operation two g3pa-vd relays and one g32a-b ac input unit note: 1. two voltage specifications are available for the g32a-b, 100/120 vac and 200/240 vac. 2. the g32a-b can only be used with the g3pa-vd. name rated input voltage model ac input unit 100/120 vac g32a-b 200/240 vac
2 ac input unit g32a-b specifications ratings characteristics precautions for details on connecting linking te rminals, contact an omron repre- sentative. input the capacitor drop method is used in the internal circuit of the g32a- b. as a result, if the input of the g32a-b is switched using mechani- cal relays, when power is off, the capacitor will cause a voltage (approximately twice the power supply voltage) to be applied to the relay contacts. item rated input voltage 100/120 vac 200/240 vac rated input current 50hz 100 (200) vac 21.4 ma typ 20.9 ma typ 120 (240) vac 26.5 ma typ 25.4 ma typ 60hz 100 (200) vac 25.4 ma typ 24.9 ma typ 120 (240) vac 31.6 ma typ 30.3 ma typ must operate voltage 75% max. of the rated voltage reset voltage 10% min. of the rated voltage output voltage/current 12 vdc 15%/15 ma max. item rated input voltage 100/120 vac 200/240 vac input voltage range 75 to 132 vac 150 to 264 vac operating time 1.5 cycles max. of load power supply reset time 1.5 cycles max. of load power supply vibration resistance 10 to 55 hz, 0.75-mm double amplitude (when mounted to din track) shock resistance 300 m/s 2 (approx. 30 g) ambient temperature storage: -30 to 100 c (with no icing or condensation) operating: -30 to 80 c (with no icing or condensation) ambient operating humidity operating: 45% to 85% weight approx. 80 g omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.com/oci all dimensions shown are in millimeters. to co nvert millimeters into inches, divide by 25.4 cat. no. t026-e3-1 printed in usa omron canada, inc. 885 milner avenue toronto, ontario m1b 5v8 416-286-6465 omron electronics llc one east commerce drive schaumburg, il 60173 847-843-7900 for technical support or other inquiries, call: 800-556-6766 07/02 specificatio ns subject to change without notice omron on-line global - http://www.omron.com usa - http://www.omron.com/oei canada - http://www.omron.ca all dimensions shown are in millimeters. to conv ert millimeters into inches, divide by 25.4 cat. no. g32ab-e3-1 printed in usa omron canada, inc. 885 milner avenue toronto, ontario m1b 5v8 416-286-6465 omron electronics llc one commerce drive schaumburg, il 60173 847-843-7900 for us technical support or other inquiries: 800-556-6766 10/02 specificat ions subject to change without notice


▲Up To Search▲   

 
Price & Availability of G32A-BAC100120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X