Part Number Hot Search : 
SK52B1 DZD13 T5551 4202BD L7805ML 3DD100A 300BZ L7805ML
Product Description
Full Text Search
 

To Download EV2104DJ-00A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mp2104 1.7mhz, 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 1 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. the future of analog ic technology tm tm description the mp2104 is a 1.7mhz constant frequency, current mode, pwm step-down converter. the device integrates a main switch and a synchronous rectifier for high efficiency without an external schottky diode. it is ideal for powering portable equipment that runs from a single cell lithium-ion (li+) battery. the mp2104 can supply 600ma of load current from a 2.5v to 6v input voltage. the output voltage for the mp2104dj can be regulated as low as 0.6v, while the output voltages of the mp2104dj-1.5 and mp2104dj-1.8 are fixed at 1.5v and 1.8v, respectively. the mp2104 can also run at 100% duty cycle for low dropout applications. the mp2104 is available in a low profile (1mm) 5-pin, tsot package. ordering information part number output voltage mp2104dj-1.5 v out = 1.5v mp2104dj-1.8 v out = 1.8v mp2104dj v out = 0.6v to 6v evaluation board reference board number dimensions EV2104DJ-00A 2.0?x x 2.0?y x 0.5?z features ? high efficiency: up to 95% ? 1.7mhz constant switching frequency ? 600ma available load current ? 2.5v to 6v input voltage range ? output voltage as low as 0.6v ? 100% duty cycle in dropout ? current mode control ? short circuit protection ? thermal fault protection ? <0.1a shutdown current ? 1.5v and 1.8v fixed output versions ? space saving 5-pin tsot23 package applications ? cellular and smart phones ? microprocessors and dsp core supplies ? pdas ? mp3 players ? digital still and video cameras ? portable instruments ?mps? and ?the future of analog ic technology? are trademarks of monolithic power systems, inc. typical application mp2104dj-1.8 sw 3 5 2 1 4 out en gnd in output 1.8v 600ma input 2.5v - 6v mp2104_tac_s01 off on 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-ec01 efficiency vs load current v in = 3.3v v in = 4.2v
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 2 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm package reference part number* package temperature mp2104dj tsot23-5 ?40 c to +85 c * for tape & reel, add suffix ?z (eg. mp2104dj?z) for lead free, add suffix ?lf (eg. mp2104dj?lf?z) absolute maxi mum ratings (1) v in to gnd ..................................?0.3v to +6.5v v sw to gnd........................... ?0.3v to v in +0.3v v fb , v en to gnd ..........................?0.3v to +6.5v sw peak current ........................................ 1.4a junction temperature .............................+150 c lead temperature (2) ..............................+260 c storage temperature ............. ?65 c to +150 c part number** package marking temp mp2104dj-1.5 tsot23-5 d7yw mp2104dj-1.8 tsot23-5 d8yw ?40 c to +85 c ** for tape & reel, add suffix ?z (eg. mp2104dj-1.5?z) for lead free, add suffix ?lf (eg. mp2104dj-1.5?lf?z) recommended operating conditions (3) supply voltage v in ............................. 2.5v to 6v output voltage v out .......................... 0.6v to 6v operating temperature .............?40 c to +85 c thermal resistance (4) ja jc tsot23-5.............................. 220 .... 110.. c/w notes: 1) exceeding these ratings may damage the device. 2) for recommended ir reflow temperature information, refer to mps document mp2104_irrtp. 3) the device is not guaranteed to function outside of its operating conditions. 4) measured on approximately 1? square of 1 oz copper. electrical characteristics (5) v in = v en = 3.6v, t a = +25 c, unless otherwise noted. parameter symbol condition min typ max units supply current v en = v in , v fb = 0.65v 400 600 a shutdown current v en = 0v, v in = 6v 0.01 1 a in under voltage lockout threshold rising edge 2.10 2.27 2.45 v in under voltage lockout hysteresis 55 mv t a = +25c, mp2104dj 0.588 0.600 0.612 regulated fb voltage ?40c t a +85c 0.582 0.600 0.618 v fb input bias current v fb = 0.65v, mp2104dj ?50 0.5 +50 na c2yw top view en gnd sw 1 2 3 5 4 fb in mp2104_pd01-tsot23-5 marking top view en gnd sw 1 2 3 5 4 out in mp2104_pd02-tsot23-5
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 3 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm electrical characteristics (continued) (5) v in = v en = 3.6v, t a = +25 c, unless otherwise noted. parameter symbol condition min typ max units mp2104dj-1.5 i out = 50ma ?40c t a +85c 1.455 1.500 1.545 regulated output voltage mp2104dj-1.8 i out = 50ma ?40c t a +85c 1.746 1.800 1.854 v pfet on resistance i sw = 100ma 0.44 ? nfet on resistance i sw = ?100ma 0.29 ? sw leakage current v en = 0v, v in = 6v v sw = 0v or 6v ?1 +1 a pfet current limit duty cycle = 100%, current pulse width < 1ms 0.7 1.0 1.35 a oscillator frequency 1.26 1.70 2.08 mhz thermal shutdown trip threshold 145 c en trip threshold ?40c t a +85c 0.3 0.96 1.5 v en input current v en = 0v to 6v ?1 +1 a notes: 5) 100% production test at +25c. typical and temperature s pecifications are guaranteed by design and characterization.
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 4 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm typical performanc e characteristics v in = 3.3v, v out = 1.8v, l1 = 10h, c1 = 4.7f, c3 = 10f, t a = +25c, unless otherwise noted. 2.05 1.95 1.85 1.75 1.65 1.55 1.45 1.35 1.25 oscillator frequency (mhz) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 supply voltage (v) mp2104-tpc09 oscillator frequency vs supply voltage 1.810 1.808 1.806 1.804 1.802 1.800 output voltage (v) 23456 supply voltage (v) mp2104-tpc06 output voltage vs supply voltage i load = 200ma 1.85 1.83 1.81 1.79 1.77 1.75 1.73 1.71 1.69 1.67 1.65 output voltage (v) 0 100 200 300 400 500 600 700 800 900 load current (ma) mp2104-tpc05 output voltage vs load current v in = 3.3v 1.3 1.2 1.1 1.0 0.9 0.8 0.7 pfet current limit (a) temperature ( c) mp2104-tpc08 pfet current limit vs temperature 0.620 0.615 0.610 0.605 0.600 0.595 0.590 0.585 0.580 regulated fb voltage (v) -50 -30 -10 10 30 40 70 90 110 130 -50 -30 -10 10 30 40 70 90 110 130 temperature ( c) mp2104-tpc07 regulated fb voltage vs temperature 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-tpc03 efficiency vs load current v out = 1.8v v in = 3.3v 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-tpc04 efficiency vs load current v out = 1.8v v in = 4.2v 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-tpc02 efficiency vs load current v in = 3.3v v in = 4.2v 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-tpc01 efficiency vs load current v in = 3.3v v in = 4.2v
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 5 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm typical performanc e characteristics (continued) v in = 3.3v, v out = 1.8v, l1 = 10h, c1 = 4.7f, c3 = 10f, t a = +25c, unless otherwise noted.
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 6 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm pin functions pin # name description 1 en regulator enable control input. drive en above 1.5v to turn on the mp2104. drive en below 0.3v to turn it off (shutdown current < 0.1a). 2 gnd ground. 3 sw power switch output. inductor connection to drains of the internal pfet and nfet switches. 4 in supply input. bypass to gnd with a 2.2f or greater ceramic capacitor. 5 fb feedback input (mp2104dj). connect fb to the center point of the external resistor divider. the feedback threshold voltage is 0.6v. 5 out output voltage sense input (mp2104dj-1.5 and mp2 104dj-1.8). an internal resistor divider is connected to this pin to set the proper output voltage. operation the mp2104 is a constant frequency current mode pwm step-down converter. the mp2104 is optimized for low voltage, li-ion battery powered applications where high efficiency and small size are critical. the mp2104 uses an external resistor divider to set the output voltage from 0.6v to 6v. the device integrates both a main switch and a synchronous rectifier, which provides high efficiency and eliminates an external schottky diode. the mp2104 can achieve 100% duty cycle. the duty cycle d of a step-down converter is defined as: % 100 v v % 100 f t d in out osc on = where t on is the main switch on time, f osc is the oscillator frequency (1.7mhz), v out is the output voltage and v in is the input voltage. in en fb gnd sw + + -- pwmcmp pwm osc + -- eamp ics slope comp feedback error amp 0.6v eao cc 17pf bias & voltage reference pwm control logic 1.7mhz oscillator iamp 10x current sense amp dh dl + -- main switch (pch) synchronous rectifier (nch) mp2104_bd01 figure 1?functional block diagram (mp2104)
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 7 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm in en out gnd sw + + -- pwmcmp pwm osc + -- eamp ics slope comp feedback error amp 0.6v eao cc 17pf bias & voltage reference pwm control logic 1.7mhz oscillator iamp 10x current sense amp dh dl + -- main switch (pch) synchronous rectifier (nch) mp2104_bd01 figure 2?functional block diagram (mp2104dj-1.5 / mp2104dj-1.8) current mode pwm control slope compensated current mode pwm control provides stable switching and cycle-by-cycle current limit for superior load and line response and protection of the internal main switch and synchronous rectifier. the mp2104 switches at a constant frequency (1.7mhz) and regulates the output voltage. during each cycle the pwm comparator modulates the power transferred to the load by changing the inductor peak current based on the feedback error voltage. during normal operation, the main switch is turned on for a certain time to ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor current is above the error voltage. when the main switch is off, the synchronous rectifier will be turned on immediately and stay on until either the next cycle starts. dropout operation the mp2104 allows the main switch to remain on for more than one switching cycle and increases the duty cycle while the input voltage is dropping close to the output voltage. when the duty cycle reaches 100%, the main switch is held on continuously to deliver current to the output up to the pfet current limit. the output voltage then is the input voltage minus the voltage drop across the main switch and the inductor. short circuit protection the mp2104 has short circuit protection. when the output is shorted to ground, the oscillator frequency is reduced to prevent the inductor current from increasing beyond the pfet current limit. the pfet current limit is also reduced to lower the short circuit current. the frequency and current limit will return to the normal values once the short circuit condition is removed and the feedback voltage reaches 0.6v. maximum load current the mp2104 can operate down to 2.5v input voltage, however the maximum load current decreases at lower input due to large ir drop on the main switch and synchronous rectifier. the slope compensation signal reduces the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscill ations at duty cycles greater than 50%. conversely the current limit increases as the duty cycle decreases.
mp2104 ? 1.7mhz 600ma synchronous step-down converter mp2104 rev. 1.3 www.monolithicpower.com 8 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm application information output voltage setting (mp2104dj) the external resistor divider sets the output voltage (see figure 3). the feedback resistor r1 also sets the feedback loop bandwidth with the internal compensation capacitor (see figure 1). choose r1 around 300k ? for optimal transient response. r2 is then given by: 1 v 6 . 0 v 1 r 2 r out ? = table 1?resistor selection vs. output voltage setting v out r1 r2 1.2v 300k ? (1%) 300k ? (1%) 1.5v 300k ? (1%) 200k ? (1%) 1.8v 300k ? (1%) 150k ? (1%) 2.5v 300k ? (1%) 95.3k ? (1%) inductor selection a 1h to 10h inductor with dc current rating at least 25% higher than the maximum load current is recommended for most applications. for best efficiency, the inductor dc resistance shall be <200m ? . see table 2 for recommended inductors and manufacturers. for most designs, the inductance value can be derived from the following equation: () osc l in out in out f i v v v v l ? ? = where ? i l is the inductor ripple current. choose inductor ripple current approximately 30% of the maximum load current, 600ma. the maximum inductor peak current is: 2 i i i l load ) max ( l ? + = under light load conditions below 100ma, larger inductance is recommended for improved efficiency. table 3 lists inductors recommended for this purpose. table 2?suggested surface mount inductors manufacturer part number inductance (h) max dcr ( ? ) saturation current (a) dimensions lxwxh (mm 3 ) coilcraft lp1704-222m 2. 2 0.07 1.7 6.5x5.3x2 toko d312c 2.2 0.14 1.0 3.6x3.6x1 sumida cdrh3d16 2.2 0.072 1.2 4x4x1.8 taiyo yuden lbc2518 2.2 0.13 0.6 2.5x1.8x1.8 table 3?inductors for improved efficiency at 25ma, 50ma, under 100ma load. manufacturer part number inductance (h) max dcr ( ? ) saturation current (a) i rms (a) coilcraft do1605t-103mx 10 0.3 1.0 0.9 murata lqh4c100k04 10 0.2 1.2 0.8 sumida cmd4d06-100 10 0.3 0.7 0.5 sumida cr32-100 10 0.2 1.0 0.7 sumida cr54-100 10 0.1 1.2 1.4
mp2104 ? 1.7mhz 600ma synchronous step-down converter notice: mps believes the information in this document to be accurate and reliable. however, it is subject to change without notice. contact mps for current specificat ions. mps encourages users of its products to ensure that third party intellectual property rights are not infringed upon when integrating mps products in to any application. mps cannot assume any legal responsibility for any said applications. mp2104 rev. 1.0 monolithic power systems, inc. 9 10/4/05 983 university avenue, bu ilding a, los gatos, ca 95032 usa ? 2004 mps, inc. tel: 408-357-6600 ? fax: 408-357-6601 ? www.monolithicpower.com tm input capacitor selection the input capacitor reduces the surge current drawn from the input and switching noise from the device. the input capacitor impedance at the switching frequency shall be less than input source impedance to prevent high frequency switching current passing to the input. ceramic capacitors with x5r or x7r dielectrics are highly recommended because of their low esr and small temperature coefficients. for most applications, a 4.7f capacitor is sufficient. output capacitor selection the output capacitor keeps output voltage ripple small and ensures regulation loop stable. the output capacitor impedance shall be low at the switching frequency. ceramic capacitors with x5r or x7r dielectrics are recommended. the output ripple ? v out is approximately: () ? ? ? ? ? ? ? ? + ? ? 3 c f 8 1 esr l f v v v v v osc osc in out in out out pc board layout the high current paths (gnd, in and sw) should be placed very close to the device with short, direct and wide traces. input capacitor c1 needs to be as close as possible to the in and gnd pins. the external feedback resistors shall be placed next to the fb pin. keep the switching node sw short and away from the feedback network. figure 3 illustrates an example of pcb layout and signal routing. figure 3?mp2104 suggested layout for the fixed output versions (mp2104dj-1.5 and mp2104-1.8), r1 is shorted and r2 is open. mp2104 sw fb en gnd in output 1.8v 600ma input 2.5v - 6v mp2104_f04 off on 3 5 2 1 4 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 10 100 1000 load current (ma) mp2104-ec02 efficiency vs load current v in = 3.3v v in = 4.2v figure 4?v in = 2.5v to 6v, v out = 1.8v, i load = 600ma step-down circuit (l = 10h for higher light-load efficiency)
mp2104 ? 1.7mhz 600ma synchronous step-down converter notice: the information in this document is subject to change with out notice. please contact mps for current specifications. users should warrant and guarantee that third party intellectual property rights ar e not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp2104 rev. 1.3 www.monolithicpower.com 10 10/4/2005 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2005 mps. all rights reserved. tm package information tsot23-5 gauge plane 0.25 bsc. 0.10 - + 0.400 0 0 4 (2 plcs) 10typ. 2.90 bsc (5 plcs) 0.300(min) l c typ . 0.950 l c typ . 0.950 2.80 bsc 1.60 bsc 3 3 0.500(max) seating plane 0.870.03 0.00-0.10 1.00 max. 0.127 typ. (2 plcs) 10 typ.


▲Up To Search▲   

 
Price & Availability of EV2104DJ-00A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X