www.ittcannon.com hC7 dimensions are shown: inch (mm) specifications and dimensions subject to change h rocker dt series miniature double pole rocker switches build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages hC7 through hC0. for additional options not shown in catalog, consult customer service center. specifications contact rating: ul/csa: 8 amps @ 125 vac, 4 amps @ 250 vac vde: 10 amps @ 125 vac, 6 amps @ 250 vac. qh version: 16 amps @ 125 vac, 10 amps @ 250 vac electrical life: 10,000 make and break cycles at full load. insulation resistance: 10 8 min. dielectric strength: 1,500 vrms @ sea level. operating temterature: -20o to +85? features/benefits ? illuminated versions available ? double pole switching in miniature package ? snap-in mounting ? rohs compliant materials housing and actuator: 6/6 nylon (ul94v-2), black, matte finish. illuminated actuator: polycarbonate, matte finish. center contacts: silver plated, copper alloy. end contacts: silver plated agcdo. all terminals: silver plated, copper alloy. note: for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs. note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center . typical applications ? small appliances ? computers and peripherals ? medical instrumentation lamp rating (none) no lamp 7 125 v ac neon 8 250 vac neon actuator j1 rocker j2 two-tone rocker j3 illumina ted rocker switch function dt12 spst on-none-off dt22 dpst on-none-off actuator color 2 black 1 white 3 red r red, illuminated a amber, illuminated g green, illuminated contact rating qa silver (ul/csa) qf silver (vde)* qh silver (high current)* mounting style/color s2 snap-in, black s1 sna p-in, white b2 recessed snap-in bracket, black g2 guard, black actuator marking (none) no marking d on-off h l - international on-off n large dot p -- international on-off t ermination 15 .187 quick connect 02 pc thru-hole a right angle, pc thru-hole new! * qf available with termination 15 only. models available
switch function dt series miniature double pole rocker switches actua tor j1 rocker j3 illuminated rocker j2 two-t one rocker switch function connected terminals c&k marking on opposite side c&k marking on opposite side no. poles model no. schematic dp on on on off dt12 dt22 2-3 2-1 or for illuminated versions 12 or for illuminated versions a1 a2 b1 b2 1a 2a 1b 2b www .ittcannon.com hC8 dimensions are shown: inch (mm) specifications and dimensions subject to change h rocker
www.ittcannon.com hC9 dimensions are shown: inch (mm) specifications and dimensions subject to change h rocker actuator color dt series miniature double pole rocker switches mounting style/color termination option actuator code color 2 black 1 white 3 red r red, illuminated a amber, illuminated g green, illuminated panel mounting p anel thickness 0.030-0.049 (0,75-1,25) 0.756-.004 (19,2-0,1) 0.512+.004 (13,0+0,1) 0.049-0.079 (1,25-2,0) 0.764-.004 (19,4-0,1) 0.512+.004 (13,0+0,1) 0.079-0.1 18 (2,0-3,0) 0.780-.004 (19,8-0,1) 0.512+.004 (13,0+0,1) s2 snap-in, black s1 snap-in, white b2 recessed snap-in bracket, black g2 guard, black note: available with dt102 switch functions only. 15 .187quick connect 02 pc thru-hole note: no vde approval of this option. 1 2 .820 (20.83) 1.200 (30,48) .080 (2,03) 1.366 (34,70) 1 2 .700 (17,78) .940 (23,88) .350 (8,89) 1.186 (30,13) .315 (8,0) .031 (0,8) .051 (1,3) .394 (10,0) .126 (3,2) .142 (3,6)
option code contact and terminal material ratings rohs compliant * rohs compatible * qa silver power 8 amps @ 125 vac; 4 amps @ 250 vac (ul/csa) qf * silver power 10 amps @ 125 vac; 6 amps @ 250 vac (vde) qh * silver power 16 amps @ 125 vac; 10 amps @ 250 vac www .ittcannon.com hC0 dimensions are shown: inch (mm) specifications and dimensions subject to change termination dt series miniature double pole rocker switches actuator marking contact material lamp rating (none) no lamp 7 125 vac 33k neon 8 250 v ac 150k neon none no marking d on-off h o-l n large dot p o C note: orientation of actuator marking and terminals. a right angle, pc thru-hole note: no vde approval of this option. .394 (10,0) .708 (18,0) .256 (6,5) .049 (1,3) .031 (0,8) *1 qf available with termination 15 only. h rocker note: for the latest information r egarding rohs compliance, please go to: www.ittcannon.com/rohs. yes yesyes yes yes yes
|