Part Number Hot Search : 
XC3202B RT1P242X LM7815A 74ALVC1 104SH RY2415S MR2508 1CZ11V
Product Description
Full Text Search
 

To Download CP-8109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev 1.0 july 14,2000 1 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 general description : cp8109 ic is the control ic of fan without remote , built - in on/off, speed, time, rhy 4keys, and 8 leds to display the status of speed & timer. features ?g l 2 winds : normal, rhy l 4 keys : on/off, speed, time, rhy l 3 speeds available : low ( l ), medium ( m ), strong ( s ) l 2 timer setting ?g timer hours can be selected by option , 0.5h, 1h, 2h, 4h or 1h, 2h, 4h, 8h mode l 8 leds : display speeds : l, m, s, rhy ; time setting : 0.5/1h, 1/2h, 2/4h, 4/8h l 3 outputs : 3 speeds: l, m, s l on/off key : memorize the last status, except timer l 47 seconds rhy circulation l w/buzzer output block diagram : 32khz osc counter buzzer out key control rhy rom memory speed control timer control osci osco on/off speed rhy time bo rhy s m l 0.5/1h 1/2h 2/4h 4/8h
rev 1.0 july 14,2000 2 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 function : a . on / of key : 1 st pressing on on/off is on, and 2 nd pressing is off. each pressing makes buzzer bi b. speed key : when fan works, it will automatically start at speed l with the light of led l. once speed key pressed again , from speed l to speed m, led l lights off & led m lights on. the next pressing is from speed m to speed s, and the following from speed s to speed l. the action l m s l m, accompaning with led display & buzzer bi, makes a circulation. each pressin g makes buzzer bi a sound. c. time key : when time pressed, led 0.5h (1h) lights on as 0.5hr (1hr) time setting. pressed again, led 0.5h (1h) lights off & led 1h (2h) lights on as 1 (2) hrs time setting. timer action as same as led display, off ? 0.5h(1h) ? 1 h(2h) ? 2h(4h) ? 4h(8h) ? off , makes a cycle. each pressing makes the buzzer bi a sound. led displays the remaining time. 2 (4) hrs later, if timer is set at 4h (8h), led 2h (4h) lights on & led 4h (8h) lights off. it means 2 (4) hrs left. then, after 1(2) hr, l ed 1 h (2h) lights on & 2h (4h) off; it means 0.5 (1) hr left. after the last 0.5 (1) hr, fan and all leds light. d. rhy key : when fan is on, it is in status of normal wind. when rhy key pressed, it turns to rhy status, accompanied with rhy led light on. w hen pressed again, it turns to off & rhy led lights off. each pressing makes the buzzer bi a sound. e. buzzer bi: 4kh z f . oscillation frequency: 32.768khz ?c
rev 1.0 july 14,2000 3 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 rhy mode : in rhy mode, led rhy on displays the present rhy status. led displaying the speed simultaneous ly changes with speed. speed cycle of rhy is as follows:
rev 1.0 july 14,2000 4 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 p ackage d iagram ?g 18 on/off di p speed timer 1 2 3 4 5 6 7 18 - rhy rhy osci osco 1/2h 0.5/1h l-o m-o s-o vdd bo 4/8h 2/4h 10 9 8 12 13 17 16 15 14 vss option dc characteristics : parameter test condition min. typ. max. unit vdd ----- 4.5 5 5.5 volt operat ing currend (idd) no load ----- 65 80 ua pull high impedence vdd = 5v 22 k 3 6 k 5 4 k ohm pull low impedence vdd = 5v 7 k 9 k 1 5k ohm bo frequency ----- ----- 4096 ----- hz sink current vdd = 5v ----- 16 ----- ma s, m, l vo = 1 v ----- 10 ----- ma driive current vdd = 5v ----- 17 ----- ma
rev 1.0 july 14,2000 5 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 pin description ?g pin name pin number i/o function led s 1 o s speed led output led m 2 o m speed led output led l 3 o l speed led output vss 4 p power pin ( - ) led 0.5/ 1 h 5 o timer(0. 5/ 1 h) led output led 1/ 2 h 6 o timer(1/ 2 h) led output led 2/ 4 h 7 o timer(2/ 4 h) led output led 4/8h 8 o timer( 4 /8h) led output bo 9 o buzzer output 4khz option 10 i timer mode option rhy 11 i rhy input key timer 12 i timer input key on/off 13 i on/of f input key speed 14 i speed input key vdd 15 p power pin (+) osco 16 o crystal 32.768khz osci 17 i crystal 32.768khz led rhy 18 o rhy led output
rev 1.0 july 14,2000 6 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 typical application circuit (for reference only) : r1 r3 r4 r5 r6 r8 t1 t2 t3 l m s l1 l2 l3 l4 l5 l6 sw1 sw2 sw3 x1 c3 c4 f1 d1 zd1 c2 c1 r2 sw4 l7 l8 r7 bu1 var ac2 11 10 8 9 14 13 4 7 6 5 1 2 3 12 on/off speed time vdd op1 osco osci vss l m s 0.5/1h 1h/2h 2h/4h 4h/8h rhy 18 17 16 15 rhy op1 : hi=0.5h/1h/2h/4h lo=1h/2h/4h/8h bo ac1 c p 8 1 0 9
rev 1.0 july 14,2000 7 /7 ??ta?|3--?q ceramate technical co., ltd. cp8109 application circuit bom (for reference only) ?g power ?g 110v spare parts spec parts location varistor 07d221k var capacitor 0.1 g f c4 capacitor 2.2 g f / 250v c2 capacitor 0 . 1 g f / 250v c1 electrolytic capacitor 470 g f / 10v c3 resistor 47 [ / 2w r1 resistor 100 k [ / 0.25 w r2 resistor 5.1k [ / 0.25 w r8 resistor 1.2k [ / 0.25 w r6,r7 resistor 470 [ / 0.25 w r4~r10 diode 1n4004 d1 zener diode 5.6v / 0.5w zd1 led as requirement l1~l8 fuse 1a / 125v f1 crystal oscillator 32.768 khz x1 buzzer 4 khz bu1 tact switch as requirement sw1~sw4 triac igt = 3~5 ma t1~t3 ic cp8109 u1


▲Up To Search▲   

 
Price & Availability of CP-8109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X