Part Number Hot Search : 
TA8211 2SA1787 WE150 60207 BT222 KSD560 GOB94020 ES1JE
Product Description
Full Text Search
 

To Download CM100F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c i r c u i t p r o t e c t i o n s o l u t i o n s cam aster and safe l o c bs88 fuseholder s pr oduct guide
nns, ens cam aster & safe l o c bs88 fuseholder s pr oduct guide a vailable v ariants catalogue request nns ens front connected/front connected 32nnsf 63ensf back stud/back/stud 32nnsbs 63ensbs front connected/back stud 32nnsfbs 63ensfbs neutral links 32nnl 63enl catalogue part numbers ratin g (a) part no max cable mm 2 rec. fuse link dimensions (mm) a b c d e f g h j k 32 nns 16 nsd 25.4 80.3 48.5 2.3 16.0 39.2 57.7 17.0 9.7 m6 63 ens 35 esd 29.1 90.0 55.0 3.3 17.7 75.0 67.9 39.2 1 1.0 m8 dimensions features & benefits - unique slide/snap action carrier which eliminates the need for fuse carrier contacts - low power loss and increased reliability due to the design of the carrier that provides positive stress free fitting of fuse and locates position of the fuse. - protection against electrical shock. base contacts are fully shrouded - easy and fast access to the contact terminal screw due to simple sliding retained shrouds - flexible mounting: simple screw or din rail t ypical applications - lighting equipment and circuit protection - heating equipment and circuit protection - motor protection - control equipment circuit protection saf eloc hr c fuseholder - 660v ac: 32a - 63a specification description : fuseholder to use with bs88 fuse links for bolted panel mounting or din rail. dimensions: see dimensions illustra- tions ratings: v olts: -550v ac, 415v (63a) amps: -32, 63a agency information: ce, compliance to bs88, en iec 60269 and csa c22.2. no .106 standards for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
cam aster & safe l o c bs88 fuseholder s pr oduct guide cm specification description: fully shrouded fuse bases with unique cam action system for bs88 fuse link applications dimensions: see dimensions illustrations ratings: v olts - 660 v a c amps : 20, 32 (compact)32, 63, and 100a agency information: ce, compliance to bs88, en iec 60269 * please note that the 200a & 400a do not have the cam action features and benefits -easy to remove the carrier from the fuse base due to the cam action system (*excluding 200a & 400a) - enhanced electrical performance level due to special design of cam system that increase the pressure between fuse base and fuse carrier contact -easy and fast connection; conversion capability , retro fit on site -safer maintenance operations thanks to lockable safety carri- ers - flexible mounting capability both din rail and panel bolted without accesories - reduce downtime operations installing a neon clip-in indica- tor , easy to identify operated fuse location -flexible use of multiple configurations needed due to the 2 or 3 poles ganging accessories rating (a) cat. no max cable mm 2 rec. fuse link dimensions (mm) a b c d e f g h j k 20 cm20f 16 nitd 25.4 93.7 60 3.2 17.5 66.0 58.0 28.6 1 1.9 m6 32 cm32fc 16 nitd 25.4 93.7 60 3.2 17.5 66.0 58.0 28.6 1 1.9 m6 32 cm32f 16 aao 31.8 1 17.5 60 3.2 17.5 66.0 74.0 28.6 1 1.9 m6 63 cm63f 70 bao 35.6 125 60 4.75 16.4 86.5 81.0 28.6 1 1.9 m8 100 CM100F 70 osd 35.6 125 60 4.75 16.4 86.5 81.0 28.6 1 1.9 m8 200 200df 95 dd 70 193 149 17.5 35.6 8 138 30 24 m12 400 400ef 240 ed 98.4 254 192.1 31.8 36.5 - - - - - accessory rating (a) catalogue no carton qty back stud 32 32 63/100 32bsc 32bs 63/100bs 10 10 5 ganging links glp 1 set neon indicator 90-415v ac ni 3 lockable safety carriers 32lscc 32lsc 63/100lsc 3 3 3 neutral links 32 32 63/100 32cmlc 32cml 63/100cml 1 security clip cmsc 20 camaster hr c fuseholder - 660v ac: 20a-32a-63a-100a-200a*-400a* dimensions for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
cam aster & safe l o c bs88 fuseholder s pr oduct guide cooper bussmann bill ge lawson 32nnsf v32ff sc32h lcf32fc/fcbk 32nnsfbs v32fb - lcf32fc/bcbk 32nnsbs - sc32p lcf32bc/bcbk 63ensf v63ff sc63h lcf63fc/fcbk 63ensfbs v63fb - lcf63fc/bcbk 63ensbs - sc63p lcf63bc/bcbk safe loc cross reference t wo ranges of fuse banks are available, utitlising the camaster and safeloc fuseholders. the fuse banks consist of single phase assemblies of busbar connected fuseholders mounted on a back strap, for incorporation in distribution fuse boards to facilitate compliance with bs5486 parts 1&2. the banks are available in 4 to 12 ways (4 to 8 ways at 100a) and a compatible range of neutral bars and earth ter- minal busbars are also available. fusebanks safe loc hrc fuseholder - 660v : 32a-63a f e a tur es benefits cost saving din rail and screw mounting as standard no need to acquire separate mounting accessories t ime saving sliding retained shrouds reduce installing time, no need to remove screws to access the fuse base terminal increased safety base contacts fully shrouded protection to electrical shock for accidental touch of live parts superior performance slide/snap action for fuse extractions reduce power loss by perfect alignments of contacts and direct contacts between fuse tags and fuse holder contacts no tools required to install or replace fuselinks for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
cam aster & safe l o c bs88 fuseholder s pr oduct guide safe loc it? easy to change! it? easy to... install on din rail or bolted on panel without accessories it? easy to... insert fuses into carrier without the use of tools with the slide/lock system it? easy to... get lower power losses with direct contact between fuselink and base terminals it? easy to... access cable terminals with sliding retained shrouds for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
cam aster & safe l o c bs88 fuseholder s pr oduct guide cam aster it? easy to change! it? easy to... install on din rail or bolted on panel without accessories it? easy to... access cable terminals with hinged shroud it? easy to... remove carrier from fuse base using unique patented cam action it? easy to... identify operated fuselink with a clip neon indicator accessory it? easy to... assembly mutiple poles with ganging clip accessories it? easy to... insert fuses, using captive hinged screws on carrier for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
cam aster & safe l oc bs88 fuseholder s pr oduct guide cam aster features & benefits cooper bussmann mem lawson ge ?ed spot fuse & neutral links cm32fc 20mfb lbi20fc/fcbk rs20h fuselink: nitd2-32a neutral link: 32cmlc cm32fcw 20mfbw lbi20fc/fcwh rs20hwh cm32fc + 32bsc 20mfc lbi20bc/bcbk rs20p/g cm32fcw + 32bsc 20mfcw lbi20fc/bcbk rs20p/gwh cm32fc + 32bsc 20mfd lbi32fc/fcbk rs20ph/g cm32f 32mfb lbi32fc/fcwh rs32h fuselink: aao 2 - 32 neutral link: 32cml cm32fw 32mfbw lbi32bc/bcbk rs32hwh cm32f + 32bs 32mfc lbi32bc/bcwh rs32p cm32fw + 32bs 32mfd lbi32fc/bcbk rs32pwh cm32f + 32bs 63mfb lbi63fc/fcbk rs32ph cm63f 63mfbw lbi63fc/fcwh rs63h fuselink: bao35-63a neutral link: 63/100cml cm63fw 63mfc lbi63bc/bcbk rs63hwh cm63f + 63/100bs 63mfcw lbi63bc/bcwh rs63p cm63fw + 63/100bs 63mfd lbi63fc/bcbk rs63ph cm63fw + 63/100bs - lbi63fc/bcwh rs63phwh CM100F 100mfb lbi100fc/fcbk rs100h fuselink: osd80 - 100a neutral link: 63/100cml CM100Fw 100mfbw lbi100fc/fcwh rs100hwh CM100F + 63/100bs 100mfc lbi100bc/bcbk rs100p CM100Fw + 63/100bs 100mfcw lbi100bc/bcwh rs100pwh CM100F + 63/100bs 100mfd lbi100fc/bcbk rs100ph cam aster cross reference f e a tur es benefits cost saving din rail and screw mounting as standard retro-fit back stud connections reduce inventory with less configurations of stock required t ime saving fuse carrier with captive, hinged screws neon indicator hinged cable terminal shrouds reduce downtime and installation time and avoid losing screws during fuse replacement reduce downtime by immediate location of operated fuse link reduce installing time, no need to remove screws to access the fuse base terminal increased safety base contacts fully shrouded protection to electrical shock for accidental contact with live parts superior performance easily extracted carrier with patented cam action the carrier needs up to 93% less extraction to remove carrier for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp
2 0 0 5 c o o p e r b u s s m a n n ( u k ) l t d b u r t o n - o n - t h e - w o l d s , l e 1 2 5 t h u n i t e d k i n g d o m t e l : + 4 4 ( 0 ) 1 5 0 9 8 8 2 7 3 7 - f a x : + 4 4 ( 0 ) 1 5 0 9 8 8 2 7 8 6 s a l e s @ c o o p e r b u s s m a n n . c o . u k - w w w . c o o p e r b u s s m a n n . c o m reorder:fuseholderbro contact us: european headquarters cooper bussmann (uk) ltd burton-on-the-w olds le12 5th united kingdom www .cooperbussmann.com t el: 00 44 (0) 1509 882 737 fax: 00 44 (0) 1509 882 786 world headquarters cooper bussmann inc. st louis, missouri 63178 usa 636-394-2877 www .cooperbussmann.com w e b ser vices www .cooperbussmann.com cooper bussmann website make available free information and other resources that include: - product data sheets for complete technical informa- tion on cooper bussmann products - online catalogues for the latest united states and european products - safety basics for the essentials of electrical safety - t raining modules for increasing skill levels of cus- tomers and end-users - cross referencing to find the correct cooper bussmann replacement for a competitor s fuse tm y our authorised cooper bussmann distributor


▲Up To Search▲   

 
Price & Availability of CM100F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X