Part Number Hot Search : 
LX152M06 MC14489B MAX2664 SR208 1010S 805SF 18TQSPBF TC5514
Product Description
Full Text Search
 

To Download AZ10100ELT20LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10elt20 az100elt20 cmos/ttl to differenti al pecl translator 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 0.5ns typical propagation delay ? differential pecl outputs ? flow through pinouts ? operating range of +3.0v to +5.5v ? direct replacement for on semi mc100elt20 & micrel sy89329v ? available in 2x2 and 3x3 mm mlp packages ? ibis model files available on arizona microtek website description the az10/100elt20 is a cmos/ttl to differential pecl translator. it operates with a single power supply of +3.0 to +5.5 volts, making it ideal for both lvcmos/lvttl and cmos/ttl applications. the extremely small mlp 8 2x2 mm package makes it ideal for those applications where space, performance and low power are at a premium. when the d input is left floating, the q output is forced high, and the q output is forced low. the elt20 is available in both pecl standards: the az10elt20 is compatible with pecl 10k logic levels while the az100elt20 is compatible with pecl 100k logic levels. note: specifications in the pecl tables are va lid when thermal equilibrium is established. block diagram d q q package availability package part number marking notes mlp 8 (2x2x0.75) az100elt20n tc 1,2 mlp 8 (2x2x0.75) green / rohs compliant / lead (pb) free az100elt20ng tcg 1,2 mlp 16 (3x3) az10/100elt20l azm t20 1,2 mlp 16 (3x3) green / rohs compliant / lead (pb) free az10/100elt20lg azmg t20 1,2 soic 8 az10elt20d azm10 elt20 1,2,3 soic 8 az100elt20d azm100 elt20 1,2,3 soic 8 rohs compliant / lead (pb) free az100elt20d+ azm100+ elt20 1,2,3 soic 8 green / rohs compliant / lead (pb) free az100elt20dg azm100g elt20 1,2,3 tssop 8 az100elt20t azh lt20 1,2,3 tssop 8 green / rohs compliant / lead (pb) free az100elt20tg azhg lt20 1,2,3 die az10/100elt20xp n/a 4 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code format: ?y? or ?yy? fo r year followed by ?ww? for week. 3 date code ?yww? or ? yyww? on underside of part. 4 w affle pack.
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic value unit v cc dc supply voltage (referen ced to gnd) 0 to +8.0 v v in input voltage 0 to +6.0 v i out current applied to output in low output state ? continuous ? surge 50 100 ma t a operating temperature range (in free-air) -40 to +85 c t stg storage temperature range -65 to +150 c ttl/cmos input dc characteristics (gnd = 0.0v, v cc = +3.0v to +5.5v) symbol characteristic min typ max unit condition i ih input high current 15 a v in = 2.7v i ihh input high current 20 a v in = v cc i il input low current -0.1 ma v in = 0.5v v ik input clamp diode voltage -1.2 v i in = -18ma v ih input high voltage 2.0 v v il input low voltage 0.8 v 10k lvpecl dc characteristics (gnd = 0.0v, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2220 2410 2280 2460 2320 2490 2390 2580 mv v ol output low voltage 1,2 1350 1650 1350 1670 1350 1670 1350 1705 mv i cc power supply current 3 16 16 16 16 ma 1. output parameters vary 1:1 with v cc . 2. each output is terminated through a 50 resistor to v cc ? 2v. 3. i cc measurements must be done with outputs open. 10k pecl dc characteristics (gnd = 0.0v, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv i cc power supply current 3 16 16 16 16 ma 1. output parameters vary 1:1 with v cc . 2. each output is terminated through a 50 resistor to v cc ? 2v. 3. i cc measurements must be done with outputs open. 100k lvpecl dc characteristics (gnd = 0.0v, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2220 2420 2275 2420 2275 2420 2275 2420 mv v ol output low voltage 1,2 1400 1750 1400 1680 1400 1680 1400 1680 mv i cc power supply current 3 16 16 16 16 ma 1. output parameters vary 1:1 with v cc . 2. each output is terminated through a 50 resistor to v cc ? 2v. 3. i cc measurements must be done with outputs open. 100k pecl dc characteristics (gnd = 0.0v, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4120 3975 4120 3975 4120 3975 4120 mv v ol output low voltage 1,2 3100 3450 3100 3380 3100 3380 3100 3380 mv i cc power supply current 3 16 16 16 16 ma 1. output parameters vary 1:1 with v cc . 2. each output is terminated through a 50 resistor to v cc ? 2v. 3. i cc measurements must be done with outputs open.
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 3 ac characteristics (gnd = 0.0v, v cc = +3.0v to +5.5v) -40 0 c 0 c 25 c 85 c symbol characteristic min max min max min typ max min max unit condition t plh /t phl propagation delay 1 100 600 100 600 100 600 100 600 ps t r /t f output rise/fall time 200 500 200 500 200 500 200 500 ps 20-80% f max maximum frequency 2 800 800 800 800 mhz 1. propagation delay is measured from +1.5v on the input to 50% of the pecl output swing. input rise/fall times are < 1ns/v. 2. output at ?3 db. large signal bandwidth 150 250 350 450 550 650 750 850 1 10 100 1000 10000 fre que ncy (mhz) single ended output (mv p-p) input: 150mv p-p sine wave single ended
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 4 nc nc nc gnd nc d 4 3 2 1 58 7 6 10 9 12 11 nc nc 10k 13 14 15 16 v cc q nc nc mlp 16 3x3mm top view q nc nc leave center bottom pad open or connect to gnd. 8 5 6 7 4 3 2 1 v cc d nc gnd nc q q nc soic 8 tssop 8 mlp 16 (l) package and die: 10k/100k selection connect pin/pad 10k to gnd to select 10k operation. float (nc) pin/pad 10k to select 100k operation. gnd connection must be less than 1 . pin 8 of the mlp 16 package may be connected to pin 7 (g nd) with no effect on the circuit. nc 4 3 2 1 6 5 8 7 mlp 8, 2x2mm nc v cc top view q q gnd d nc leave center bottom pad open or connect to gnd. pin description pin function q, q differential pecl outputs d ttl/cmos input gnd ground v cc positive supply nc no connect, leave open except as noted 10k 10k/100k mode select az10elt20d az100elt20d az100elt20t az10 /100elt20l az100elt20n
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 5 az10/100elt20 die: note: other die thicknesses available. cont act factory for further information. the die backside may be left open or connected to gnd. pad center coordinates name pad designation x(microns) y(microns) a nc -342.5 312.5 b nc -342.5 144.5 c d -342.5 -87.0 d nc -342.5 -255.0 e v cc -33.5 -312.5 f v cc 126.5 -312.5 g q 312.5 -248.5 h q 312.5 -98.5 i nc 312.5 51.5 j nc 312.5 201.5 k nc 302.5 342.5 l 10k 142.5 342.5 m gnd -140.5 342.5 nc = no connect, leave open. a m lk j i h g f e d c b die size: 950u x 940u bond pad: 85u x 85u die thickness: 14 mils elt20 22 die pad coordinates
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 6 package diagram mlp 8 2x2mm bottom view side view mlp 8 (2x2mm) 2.0000.050 2.0000.050 pin 1 dot by marking 0.3500.050 pin 1 identification r0.100 typ 1.750 ref. 1.2000.050 exp. pad 1 2 3 4 5 6 7 8 0.2500.050 0.500 bsc 0.6000.050 exp. pad 123 4 0.7500.050 0.000-0.050 0.2030.025 top view note: all dimensions are in mm
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 7 millimeters inches dim min max min max a 1.35 1.75 .053 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.28 1.57 0.050 0.062 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.80 5.00 0.19 0.20 e 3.80 4.00 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.27 0.016 0.050 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 8 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.75 0.95 a 3 0.25 b p 0.22 0.40 c 0.13 0.23 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.75 5.05 l 0.95 l p 0.40 0.70 v 0.10 w 0.08 y 0.10 z 0.38 0.64 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 9 package diagram mlp 16 3x3mm dimensioning and tolerancing conform to asme t14-1994. the terminal #1 and pad numbering convention shall conform to jesd 95-1 spp-012. dimension b applies to metallized pad and is measured between 0.25 and 0.30 mm from pad tip. coplanarity applies to the exposed pads as well as the terminals. notes: 1. 2. 3. 4. d e aaa 2 x c d 2 e 2 b a aaa top view index area (d/2 x e/2) 2 x c 2. d2 d2/2 e2/2 e2 l e 3 x e 3 x bbb bottom view c a b 3. e 1 2 m 5. inside corners of metallized pad may be square or rounded 5. 16 x b dim min max a a1 a3 b d d2 e e2 e l aaa bbb ccc 0.80 0.00 0.18 2.90 0.25 2.90 0.25 0.30 1.00 0.30 0.50 0.25 ref 0.50 bsc 0.25 0.10 0.10 millimeters 0.05 3.10 1.95 3.10 1.95 a a1 a3 side view c seating plane 0.08 c ccc c 4.
az10elt20 az100elt20 april 2007 * rev - 18 www.azmicrotek.com 10 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other application in which the fa ilure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall in demnify and hold arizona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ10100ELT20LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X