Part Number Hot Search : 
2SD17 SMA90 13611489 08771 LMD18400 1N3297S B0415 20211
Product Description
Full Text Search
 

To Download AR3301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  th e w ire le ss co m m un ic at io n s ol ut io n p ro vi de r AR3301 4k c ol or s tn d riv er & c on tro lle r ic general description AR3301 is a single chip driver and controller device for dot matrix lcd (liquid crystal display) display systems. this chip can be directly connected to a microprocessor, accepts serial or 8/16bit parallel display data from the microprocessor, stores the display data in a built-in display ram and generates lcd driving signals. AR3301 has 128 x rgb segment outputs and 162 common outputs, so that it can drive 128x162 dots 256/4096-color stn lcd panel. AR3301 is best suited to drive lcd systems for batteryoperated, handheld information equipment by ensuring low power consumption and a wide range of operating voltages. fea tures * lcd drive circuit segment outputs: 384 outputsspecial segment outputs: 6 outputs common outputs: 162 outputs * display ram capacity 128 x 162 x12 = 248,832 bits * display functions gradation: 16 gradations can be selected from 32 gradations by pwm control. monochrome: 162 x128 (8 gradation available) partial display: a specific part of the graphic display area can be displayed. * applicable duty ratios: 162, 160, 144, 132, 128, 1 12, 96, 80, 72, 64, 56, 48, 40, 32, 24, 16 * mpu interface: 8bit parallel bi-directional interface with 80-family and 68family mpu: serial interfaces (only write operation) available. * lcd drive power circuit builtin booster circuit: two, three, four, five, six or seven times voltage boost is available. * builtin electronic volume: controllable in 128 steps
th e w ire le ss co m m un ic at io n s ol ut io n p ro vi de r * builtin voltage converter: generates lcd drive voltages (v0, v1, v2, v3, v4) based on the boosted voltages * builtin constant voltage generator circuit * selectable bias ratio: select from 1/12, 1/11, 1/10, 1/9, 1/8, 1/7, 1/6, and 1/5 using commands. * various function set: display data read/write setting lcd alternated signal cycle setting display starting-line display on/off display controls of normal and reverse modes setting common startingline increment control of display ram addresses readmodifywrite control internal register read power saving modes * power source: supply voltage for logic system: +1.7 to +3.3 v lcd drives voltage: +5.0 to +18 v * operating temperature: 30 to +85 c * package type: cof / cog
th e w ire le ss co m m un ic at io n s ol ut io n p ro vi de r chip cof cog


▲Up To Search▲   

 
Price & Availability of AR3301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X