Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download 54ACTQ32J-QMLV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  original creation date: 03/03/97 last update date: 05/17/99 last major revision date: 03/03/97 mv54actq32-x rev 1a0 microcircuit data sheet quad 2-input or gate general description the actq32 contains four, 2-input or gates and utilizes nsc quiet series technology to guarantee quiet output switching and improved dynamic threshold performance. fact quiet series tm features gto tm output control and undershoot corrector in addition to a split ground bus for superior acmos performance. ns part numbers 54actq32e-qmlv * 54actq32erqmlv* 54ACTQ32J-QMLV ** 54actq32jrqmlv** 54actq32w-qmlv *** 54actq32wrqmlv*** industry part number 54actq32 prime die d032 controlling document 5962-89736 processing mil-std-883, method 5004 quality conformance inspection mil-std-883, method 5005 subgrp description temp ( c) o 1 static tests at +25 c 2 static tests at +125 c 3 static tests at -55 c 4 dynamic tests at +25 c 5 dynamic tests at +125 c 6 dynamic tests at -55 c 7 functional tests at +25 c 8a functional tests at +125 c 8b functional tests at -55 c 9 switching tests at +25 c 10 switching tests at +125 c 11 switching tests at -55 c 1
microcircuit data sheet mv54actq32-x rev 1a0 features - guaranteed simultaneous switching noise level and dynamic threshold performance. - improved latch-up immunity - minimum 4kv esd protection - outputs source/sink 24 ma - actq32 has ttl-compatible inputs - standard military drawing (smd) - actq32: 5962-8973601v2a*, vca**, vda*** - actq32: 5962r8973601v2a*, vca**, vda*** 2
microcircuit data sheet mv54actq32-x rev 1a0 (absolute maximum ratings) (note 1) supply voltage (vcc) -0.5v to +7.0v dc input diode current (iik) -20 ma vi = -0.5v +20 ma vi = vcc +0.5v dc input voltage (vi) -0.5v to vcc +0.5v dc output diode current (iok) -20 ma vo = -0.5v +20 ma vo = vcc +0.5v dc output voltage (vo) -0.5v to vcc +0.5v dc output source or sink current (io) +50 ma storage temperature (tstg) -65 c to +150 c junction temperature (tj) 175 c cdip dc vcc or ground current per output pin (icc or ignd) +50 ma thermal resistance, junction-to-case (jc) see mil-std 1835 maximum power dissipation (pd) 500 mw lead temperature (soldering, 10 seconds) +300 c note 1: absolute maximum ratings are those values beyond which damage to the device may occur. the databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. national does not recommend operation of fact tm circuits outside databook specifications. recommended operating conditions supply voltage (vcc) 4.5v to 5.5v input voltage (vi) 0v to vcc output voltage (vo) 0v to vcc operating temperature (ta) -55 c to +125 c minimum input edge rate (delta v/delta t) actq devices vin from 0.8v to 2.0v 125 mv/ns vcc @ 4.5, 5.5v maximum high level output current (ioh) -24 ma maximum low level output current (iol) +24 ma 3
mv54actq32-x rev 1a0 microcircuit data sheet electrical characteristics dc parameters (the following conditions apply to all the following parameters, unless otherwise specified.) dc: vcc 4.5v to 5.5v, temp. range: -55c to 125c. symbol parameter conditions notes pin- name min max unit sub- groups iih high level input current vcc=5.5v, vih=5.5v 1, 2 input 0.1 ua 1 1, 2 input 1.0 ua 2, 3 iil low level input current vcc=5.5v, vil=0.0v 1, 2 input -0.1 ua 1 1, 2 input -1.0 ua 2, 3 vol low level output voltage vcc=4.5v, vih=2.0v, vil=0.8v, iol=50.0ua 1, 2 output .10 v 1, 2, 3 vcc=5.5v, vih=2.0v, vil=0.8v, iol=50.0ua 1, 2 output .10 v 1, 2, 3 vcc=4.5v, vih=2.0v, vil=0.8v, iol=24.0ma 1, 2 output .36 v 1 1, 2 output .50 v 2, 3 vcc=5.5v, vih=2.0v, vil=0.8v, iol=24.0ma 1, 2 output .36 v 1 1, 2 output .50 v 2, 3 viol dynamic output current low vcc=5.5v, vih=5.5v, vil=0.0v, iol=50.0ma 1, 2, 5 output 1.65 v 1, 2, 3 voh high level output voltage vcc=4.5v, vih=2.0v, vil=0.8v, iol=-50.0ua 1, 2 output 4.40 v 1, 2, 3 vcc=5.5v, vih=2.0v, vil=0.8v, iol=-50.0ua 1, 2 output 5.40 v 1, 2, 3 vcc=4.5v, vih=2.0v, vil=0.8v, iol=-24.0ma 1, 2 output 3.86 v 1 1, 2 output 3.70 v 2, 3 vcc=5.5v, vih=2.0v, vil=0.8v, iol=-24.0ma 1, 2 output 4.86 v 1 1, 2 output 4.70 v 2, 3 vioh dynamic output current high vcc=5.5v, vih=2.0v, vil=0.8v, iol=-50.0ma 1, 2, 5 output 3.85 v 1, 2, 3 icch supply current vcc=5.5v, vih=5.5v 1, 2 vcc 100 na 1 1, 2 vcc 40 ua 2, 3 iccl supply current vcc=5.5v, vih=0.0v 1, 2 vcc 100 na 1 1, 2 vcc 40 ua 2, 3 iccf supply current functional vcc=5.5v, vih=0.0v 1, 2 vcc 100 na 1 1, 2 vcc 40 ua 2, 3 icct supply current vcc=5.5v, vih=3.4v 1, 2 vcc 1.0 ma 1 1, 2 vcc 1.6 ma 2, 3 vikl vcc=4.5v, ikl=-18ma 1, 2 input -1.2 v 1, 2, 3 4
mv54actq32-x rev 1a0 microcircuit data sheet electrical characteristics dc parameters(continued) (the following conditions apply to all the following parameters, unless otherwise specified.) dc: vcc 4.5v to 5.5v, temp. range: -55c to 125c. symbol parameter conditions notes pin- name min max unit sub- groups vikh vcc=4.5v, ikh=18ma 1, 2 input 5.7 v 1, 2, 3 vild maximum low level dynamic input voltage vcc=5.0v, load 50pf / 500 ohms 6, 9 input 0.8 v 4 vihd minimum high level dynamic input voltage vcc=5.0v, load 50pf / 500 ohms 6, 9 input 2.2 v 4 volp quiet output maximum dynamic vol vcc=5.0v, load 50pf / 500 ohms 6, 8 output 1.5 v 4 volv quiet output minimum dynamic vol vcc=5.0v, load 50pf / 500 ohms 6, 8 output -1.2 v 4 ac parameters (the following conditions apply to all the following parameters, unless otherwise specified.) ac: cl=50pf, rl=500 ohms trise=3.0ns & tfall=3.0ns. tplh propagation delay vcc=4.5v 3, 4, 7 an/bn to on 1.5 7.0 ns 9 3, 4, 7 an/bn to on 1.5 7.5 ns 10, 11 tphl propagation delay vcc=4.5v 3, 4, 7 an/bn to on 1.5 7.0 ns 9 3, 4, 7 an/bn to on 1.5 7.5 ns 10, 11 toslh output to output skew vcc=4.5v 6 on to on 1.0 ns 9, 10, 11 toshl output to output skew vcc=4.5v 6 on to on 1.0 ns 9, 10, 11 note 1: screen tested 100% on each device at +25c & +125c temperature, subgroups 1, 2, 7, & 8. note 2: sample tested (method 5005, table 1) on each mfg. lot at +25c, +125c & -55c temperature, subgroups a1, 2, 3, 7, & 8. note 3: screen tested 100% on each device at +25c temperature only subgroup a9. note 4: sample tested (method 5005, table 1) on each mfg. lot at +25c, +125c & -55c temperature, subgroups a9, 10 & 11. note 5: transmission line driving test, guardbanded limits set for +25c, 2 msec duration max. note 6: guaranteed but not tested. (design characterization data) note 7: +25c & +125c min limits guaranteed for 5.5v by guardbanding 4.5v minimum limits. note 8: max number of outputs defined as (n). data inputs are driven 0v to 3v. one output @ vol. note 9: max number of data inputs (n) switching. (n-1) inputs switching 0v to 3v. input-under-test switching 3v to threshold (vild), 0v to threshold (vihd), freq= 1 mhz. 5
microcircuit data sheet mv54actq32-x rev 1a0 revision history rev ecn # rel date originator changes 1a0 m0003372 05/17/99 linda collins added the rad hard nsid's. new update::mv54actq32-x rev. 1a0 6


▲Up To Search▲   

 
Price & Availability of 54ACTQ32J-QMLV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X