Part Number Hot Search : 
MD100 1206C MA300RW C471MPD MAX3246E BZA100 1N5239B THV310
Product Description
Full Text Search
 

To Download 15PSI-A-HGRADE-MV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-10 pin 1: n/c pin 2: +v supply pin 3: +voutput pin 4: -vsupply pin 5: -voutput pin 6: n/c 0.80 (20.3) 0.85 (21.6) 1.10 (27.9) 0.10 typical (2.54) a b 1 pin 1 2 3 4 5 6 0.66 (16.0) 0.21 (5.3) 0.42 (10.5) 0.48 (12.2) 0.55 (14.0) 0.174 to 0.190 (4.4 to 4.8) 1.08 (27.4) 0.25 (6.4) pin size 0.010 x 0.020 (0.25 x 0.50) notes: 1) dimensions in inches (millimeters) the millivolt output pressure sensors is based upon a proprietary packaging technology to reduce output offset or common mode errors. this model provides a calibrated millivolt output with excellent output offset characteristics. in addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure. these calibrated and temperature compensated sensors give an accurate and stable output over a wide tempera- ture range. this series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. the h-grade is a high accuracy version of the millivolt output pressure sensors. the output of the device is ratiometric to the supply voltage and operation from any d.c. supply voltage up to +16 v is acceptable. h-grade pressure sensors ? 0 to 4? h2o to 0 to 100 psi pressure ranges ? 0.5 % linearity...high accuracy version ? temperature compensated ? calibrated zero and span physical dimensions ? medical instrumentation ? environmental controls ? hvac general description applications features millivolt output medium pressure sensors
1-11 1 minimum 39.5 parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 nominal 4 40.0 0.25 maximum 40.5 0.5 500 0.5 1 units ?h2o mv mv uv %fs %fs minimum 19.8 parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 nominal 0.3 20.0 0.25 maximum 20.2 0.5 500 0.5 1 units psi mv mv uv %fs %fs part number 4 inch-d-hgrade-mv 0.3 psi-d-hgrade-mv 1 psi-d-hgrade-mv 5 psi-d-hgrade-mv 15 psi-d-hgrade-mv 30 psi-d-hgrade-mv 100 psi-d-hgrade-mv 15 psi-a-hgrade-mv operating pressure 0 - 4? h2o 0 - 0.3 psi 0 - 1 psi 0 - 5 psi 0 - 15 psi 0 - 30 psi 0 - 100 psi 0 - 15 psia nominal span 40 mv 20 mv 18 mv 60 mv 90 mv 90 mv 100 mv 60 mv proof pressure 3 psi 5 psi 5 psi 10 psi 60 psi 90 psi 200 psi 60 psia burst pressure 15 psi 15 psi 15 psi 30 psi 120 psi 150 psi 250 psi 120 psi standard pressure ranges supply supply voltage vs common-mode pressure lead temperature (soldering 2-4 sec.) 16 vdc 50 psig 250c pressure sensor characteristics maximum ratings temperature ranges compensated operating storage humidity limits 0 to 70 c -25 to 85 c -40 to 125 c 0 to 95% rh (non condensing) environmental specifications performance characteristics for 4 inch-d-hgrade-mv performance characteristics for 0.3 psi-d-hgrade-mv
1-12 minimum 17.82 nominal 1.0 18.0 0.25 maximum 18.18 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum 59.4 nominal 5.0 60.0 0.25 maximum 60.6 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum 89.1 nominal 15.0 90.0 0.25 maximum 90.9 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum 89.1 nominal 30.0 90.0 0.25 maximum 90.9 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 performance characteristics for 1 psi-d-hgrade-mv performance characteristics for 5 psi-d-hgrade-mv performance characteristics for 15 psi-d-hgrade-mv performance characteristics for 30 psi-d-hgrade-mv
1-13 1 specification notes note 1: a ll p arameters are measured a t 12.0 vol t excit a tion , for the nominal full scale pressure and room tempera ture unless otherwise specified . p ressure measurements are with positive pressure applied to p ort b. note 2: s hift is rela tive t o 25c. note 3: s hift is within the first hour of excit a tion applied t o the device . note 4: m easured a t one - half full scale ra ted pressure using best straight line cur ve fit . note 5: t he vol t age added t o the offset vol t age a t full scale pressure . all sensors reserves the right to make changes to any products herein. all sensors does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. minimum 89.1 nominal 15.0 90.0 0.25 maximum 90.9 0.3 500 0.5 1 units psia mv mv uv %fs %fs parameter, note 1 operating range, absolute pressure output span, note 5 offset voltage @ zero absolute pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 minimum 99 nominal 100.0 100 0.25 maximum 101 0.3 500 0.5 1 units psi mv mv uv %fs %fs parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (0c-70c), note 2 linearity, hysteresis error, note 4 span shift (0c-70c), note 2 pressure response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 100 useconds. equivalent circuit input resittance output resistance 15 k ohm 3.0 k ohm performance characteristics for 15 psi-a-hgrade-mv performance characteristics for 100 psi-d-hgrade-mv


▲Up To Search▲   

 
Price & Availability of 15PSI-A-HGRADE-MV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X