Part Number Hot Search : 
61132 CY14B ON1272 C74AC 00TTS JANTX2N HMC203 100LVE
Product Description
Full Text Search
 

To Download V23826-C18-T64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optics march 2000 dc/dc (5 v/3.3 v) V23826-C18-T64/t364 single mode 155 mbd atm/sdh/sonet 1x9 long haul transceiver with st ? connector features ? compliant with atm, sonet oc-3, sdh stm-1  meets mezzanine standard height of 9.8 mm  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex st ? receptacle  class 1 fda and iec laser safety compliant  fda accession no. 9520890-20  single power supply (5 v or 3.3 v)  signal detect indicator  pecl differential inputs and outputs  process plug included  input signal monitor  wave solderable and washable with process plug inserted  typical dynamic range of 36 db  industry standard multisource 1x9 footprint  for distances of up to 40 km on single mode fiber absolute maximum ratings exceeding any one of these values may destroy the device immediately. package power dissipation (1) ........................................... 1.5 w supply voltage (v cc ?v ee ) 5 v ............................................... 7 v 3.3 v ............................................ 5 v data input levels ......................................................v cc +0.5 v differential data input voltage ............................................ 2.5 v operating ambient temperature ............................ 0 c to 70 c storage ambient temperature ............................ ?40c to 85c soldering conditions temp/time (mil-std 883c, method 2003) ............................. 250c/5.5s note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. st ? is a registered trademark of at&t dimensions in (mm) inches (0.46 ) .02 x 9 (14.4) .567 (9.8) max. .39 max. (41.2) 1.622 (3.8) .15 max. (2.8) max. .11 max. (18.47) .727 (20.32) .8 (5.27) .207 (1) .039 (0.6) .024 (3 ? 0.2 ) .118 ? .008 a ? (1.4) ? .055 2x ? (0.1) m a m bottom view ? (0.3) m a m (1.4) (25.4) max. 1 max. (20.32) 8 (2.54) .1 (12.7) .5 1 9 V23826-C18-T64
fiber optics V23826-C18-T64/t364, sm 155mbd atm/sdh/sonet longhaul 1x9 trx (dc/dc) st 2 description the infineon single mode atm transceiver complies with the atm forum ? s network compatible atm for local network applications document and ansi ? s broadband isdn - customer installation interfaces, physical media dependent specification , t1.646-1995, bellcore-sonet oc-3/lr-1 and itu-t g.957 stm-1/l.1.1. atm was developed to facilitate solutions in multimedia appli- cations and real time transmission. the data rate is scalable, and the atm protocol is the basis of the broadband public net- works being standardized in the international telecommunica- tions union (itu), the former international telegraph and telephone consultative committee (ccitt). atm can also be used in local private applications. the infineon single mode atm long haul transceiver is a single unit comprised of a transmitter, a receiver, and an st recepta- cle. this design frees the customer from many alignment and pc board layout concerns. the module is designed for low cost wan applications. it can be used as the network end device interface in workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, intelli- gent hubs, and wide area atm switches. this transceiver operates at 155.520 mbit/s from a single power supply (+5 v or +3.3 volt). the differential data inputs and out- puts are pecl compatible. functional description this transceiver is designed to transmit serial data via single mode cable. functional diagram the transmitter converts electrical pecl compatible serial data (td and tdnot) into optical serial data. it contains a laser driver circuit that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. this transceiver contains an input signal monitor (ism), that switches the optical power off if a continuously low level is applied at data input. the receiver component converts the optical serial data into pecl compatible electrical data (rd and rdnot). the signal detect (sd, active high) shows whether optical data is present (1) . this module is a class 1 laser product, due to an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. a reset is only possible by turning the power off, and then on again. the transceiver contains a supervisory circuit to monitor the power supply. this circuit makes an internal reset signal when- ever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 15 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. note 1. we recommend to switch off the transmitter supply (v cc -tx) if no transmitter input data is applied. laser driver power control receiver o/e o/e laser e/o rx coupling unit td td rd rd sd laser coupling unit single mode fiber len monitor signal monitor and automatic shut-down ism
fiber optics V23826-C18-T64/t364, sm 155mbd atm/sdh/sonet longhaul 1x9 trx (dc/dc) st 3 technical data the electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. recommended operating conditions note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. transmitter electro-optical characteristics notes 1. into single mode fiber, 9 m diameter 2. laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . 3. transmitter meets ansi t1e1.2, sonet oc-3, and itu-t g.957 mask patterns. receiver electro-optical characteristics notes 1. minimum average optical power at which the ber is less than 1x10 -10 . measured with a 2 23 -1 nrz prbs as recommended by ansi t1e1.2, sonet oc-3, and itu-t g.957. 2. an increase in optical power of data signal above the specified level will cause the signal detect to switch from a low state to a high state. 3. a decrease in optical power of data signal below the specified level will cause the signal detect to switch from a high state to a low state. 4. dc/dc for data, dc/dc pecl for signal detect, pecl compatible. load is 50 ? into v cc ? 2 v for data, 500 ? to v ee for signal detect. measured under dc conditions. for dynamic measurements a toler- ance of 50 mv should be added. v cc =3.3 v / 5 v. t amb =25 c. 5. pecl compatible. a high level on this output shows that an optical signal is applied to the optical input. parameter symbol min. typ. max. units ambient temperature t amb 070 c power supply voltage v cc ? v ee 3.3 v 3.1 3.3 3.5 v 5 v 4.75 5 5.25 supply current (1) i cc 3.3 v 175 250 ma 5 v 190 270 transmitter data input high voltage v ih - v cc -1165 -880 mv data input low volt- age v il - v cc -1810 -1475 input data rise/fall time, 10% ? 90% t r , t f 0.4 1.3 ns receiver output current i o 25 ma input center wavelength c 1260 1360 nm transmitter symbol min. typ. max. units output power (average) (1) p o ? 5 ? 3 ? 0dbm center wavelength c 1280 1335 nm spectral width (fwhm) d l 2.4 3 output rise time t r 0,6 3,0 ns output fall time t f extinction ratio (dynamic) er 10 db reset thresh- old for t x v cc (2) 3.3 v v th 2.7 v 5 v 3.5 reset active time out (2) t res 15 25 35 ms eye diagram (3) ed receiver symbol min. typ. max. units sensitivity (aver- age power) (1) p in ? 36 ? 34 dbm saturation (average power) p sat ? 2 signal detect assert level (2) p sda -37.5 -34 signal detect deassert level (3) p sdd -44 -40 signal detect hysteresis p sda ? p sdd 12.56 db signal detect assert time t ass 100 s signal detect deassert time t das 350 output low volt- age(4) v ol ? v cc ? 1950 ? 1620 mv output high volt- age (4) v oh ? v cc ? 1025 ? 720 output data, rise/fall time, 20% ? 80% t r , t f 375 ps output sd rise/fall time (5) 40 ns
fiber optics V23826-C18-T64/t364, sm 155mbd atm/sdh/sonet longhaul 1x9 trx (dc/dc) st 4 pin description regulatory compliance eye safety this laser based single mode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11. to meet laser safety requirements the transceiver shall be oper- ated within the absolute maximum ratings. caution all adjustments have been made at the factory prior to ship- ment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. do not view into the open optical port for more than 60 seconds. note failure to adhere to the above restrictions could result in a modifica- tion that is considered an act of ? manufacturing, ? and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). laser data required labels laser emission application note atm transceivers and matching circuits are high frequency components and shall be terminated as recommended in the application notes for proper emi performance. electromagnetic emission may be caused by these components. pin name level / logic pin# description rxv ee rx ground power supply 1 negative power supply, normally ground rd rx output data pecl output 2 receiver output data rdn 3 inverted receiver output data sd rx signal detect pecl output active high 4 a high level on this output shows that optical data is applied to the optical input. rxv cc rx +3.3v/ 5v power supply 5 positive power supply, +3.3v/5v txv cc tx +3.3v/ 5v 6 positive power supply, +3.3v/5v tdn tx input data pecl input 7 inverted transmitter input data td 8 transmitter input data txv ee tx ground power supply 9 negative power supply, normally ground stud pin mech. support s1/2 not connected feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883c method 3015.4 class 1 (>1000 v) immunity: electrostatic discharge (esd) to the duplex sc receptacle en 61000-4-2 iec 61000-4-2 discharges of 15kv with an air discharge probe on the receptacle cause no damage. immunity: radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 10 v/m rms, noise frequency ranges from 3 mhz to 1 ghz. no effect on transceiver performance between the specification limits. emission: electromagnetic interference (emi) fcc class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 6 ghz, mar- gins depend on pcb lay- out and chassis design. wavelength 1300 nm total output power (as defined by iec: 50 mm aperture at 10 cm distance) 8 mw total output power (as defined by fda: 7 mm aperture at 20 cm distance) 600 w beam divergence 4 class 1 laser product iec laser radiation avoid exposure to beam laser class 1 product fda indication of laser aperture and beam
published by infineon technologies ag ? infineon technologies ag 1999 all rights reserved attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact the infineon technologies offices or our infineon technologies representatives worldwide - see our webpage at www.infineon.com/fiberoptics warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your infineon technologies offices. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. infineon technologies ag  fiber optics  wernerwerkdamm 16  berlin d-13623, germany infineon technologies, inc.  fiber optics  1730 north first street  san jose, ca 95112, usa infineon technologies k.k.  fiber optics  takanawa park tower  20-14, higashi-gotanda, 3-chome, shinagawa-ku  to ky o 14 1, j a p a n application note single mode 155 mbd atm 1x9 long haul transceiver this application note assumes fiber optic transceivers using 5 v power supply and serdes chips using 3.3 v power supply. it also assumes no self biasing at the receiver data inputs (rd+/ rd-) of the serdes chip (refer to the manufacturer data sheet for other applications). 3.3 v-transceivers can be directly con- nected to serdes-chips using standard pecl termination network. value of r1...r4 may vary as long as proper 50 ? termination to v ee or 100 ? differential is provided. the power supply filtering is required for good emi performance. use short tracks from the inductor l1/l2 to the module v cc rx/v cc tx. further applica- tion notes for electrical interfacing are available upon request. ask for appnote 82. we strongly recommend a v ee plane under the module for getting good emi performance. the transceiver contains an automatic shutdown circuit. reset is only possible if the power is turned off, and then on again. (v cc tx switched below v th ). application board available on request. c7 c6 laser driver signal detect limiting amplifier pre- amp rd - rd+ tx+ tx - serializer/ deserializer rd - ecl/pecl driver receiver pll etc. infineon transceiver V23826-C18-T64/t364 dc/dc option 1 2 3 4 5 6 7 8 9 sd to upper level txv ee txd txd v cc tx v cc rx sd rxd rxd rxv ee v cc r8 l1 l2 c2 c1 r9 r5 r6 r3 r4 r1 r2 c3 c4 c5 v cc serdes 3.3 v/5 v v cc 3.3 v/5 v rd+ r10 r7 r11 c1/2/3 = 4.7 f c4/5/6/7 = 100 nf l1/2 = 1 h r10/11 = 127 ? (3.3 v) 82 ? (5 v) (depends on serdes chip used) r7/8 = 82 ? (3.3 v) 127 ? (5 v) (depends on serdes chip used) r5/6 = 150 ? (3.3 v) 270 ? (5 v) r9 = 270 ? (3.3 v) 510 ? (5 v) place r1/2/3/4 close to serdes chip, depends on serdes chip used, see application note of serdes supplier. place r7/8/10/11 close to infineon transceiver


▲Up To Search▲   

 
Price & Availability of V23826-C18-T64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X