Part Number Hot Search : 
MC12060 P75N08 CXP5080 SP6829TR LC503 MH205 200CT T9G01812
Product Description
Full Text Search
 

To Download NHD-TS-240128BRNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  users guide NHD-TS-240128BRNA# t ouch panel newhaven display international 2511 technology drive, #101 elgin, il 60124 tel: (847) 844-8795 fax: (847) 844-8796 may 28, 2009 newhaven display international
records of revision doc. first issue version date revised page no. summary 0 a 2006-9-7 2006.09.15 5 first issue modify the contour drawing
3 ? 7 1.general specification item standard value unit outline dimension 128.00.3(l) x74.0 0.3(w) x 1.50.15(t) mm view area 114.0(l) x64.0(w) mm active area 108.0(l) x 57.6(w) mm 2.absolute maximum ratings item symbol min. typ. max. unit operating temperature t op -10 +50 storage temperature t st -20 +70 operation humidity rang e 20 90 %rh storage humidity rang e 20 90 %rh light transmission 80 % 3.reliability content of reliability test environmental test test item content of test test condition applicable standard high temperature storage endurance test applying the high storage temperature and operating test . 70 120hrs ?? low temperature storage endurance test applying the high storage temperature for a long time. -20 120hrs ?? ***the test of above being finished, touch scr een must satisfy the specification as below: resistance between leads : (1) film : 570~920 ohm , glass: 220 ~ 330 ohm (2) linearity : less than 1.5% (3) insulation resistance: 10m ohm or more.
4 ? 7 4.quality standard (1)hair flaws : w Q 0.05mm , l Q 12 mm ok 0.05mm < w Q 0.10mm , l Q 5 mm 3 or less for ok w Q 0.10mm , l Q 2mm no good (w: width of flaws, l: length of laws) (2)dot ? shaped impurities : d Q 0.10mm ok 0.1mm < d Q 0.3mm 5 or less for ok d > 0.3mm no good (d : average of diameter) (3)scratch: w Q 0.05mm , l Q 12 mm ok 0.05mm < w Q 0.10mm , l Q 12 mm 5 or less for ok w Q 0.10mm , l > 2mm no good (w: width of scratch, l: length of scratch)
5 ? 7
6 ? 7 5. material list of components for rohs 1. newhaven display hereby declares that all of or part of products (with the mark ?#?in code), including, but not limited to, the lcm, accessories or packages, manufactured and/or delivered to your company (including your subsidiaries and affiliated company) directly or indirectly by our company (including our subsidiaries or affiliated companies) do not intentionally contain any of the substances listed in all applicable eu directives and regulations, including the following substances. exhibit a the harmful material list . material (cd) (pb) (hg) (cr6+) pbbs pbdes limited value 100 ppm 1000 ppm 1000 ppm 1000 ppm 1000 ppm 1000 ppm above limited value is set up according to rohs. 2.process for rohs requirement (1) use the sn/ag/cu soldering surface the surface of pb-free solder is rougher than we used before. (2) heat-resistance temp. reflow 250 ,30 seconds max. connector soldering wave or hand soldering 320 , 10 seconds max. (3) temp. curve of reflow, max. temp. 2355 recommended customer?s soldering temp. of connector 280 , 3 seconds.
7 ? 7 lcd panel estimate feedback sheet panel item number 1 panel specification 1. panel type pass ng , 2. view direction pass ng , 3. numbers of dots(icon) pass ng , 4. operating temperature pass ng , 5. storage temperature pass ng , 6. others 2 mechanical specification 1. dots(icon) size pass ng , 2. va size pass ng , 3. aa size pass ng , 4. outline dimension pass ng , 5. others pass ng , 3 summary sales signature customer signature date / /


▲Up To Search▲   

 
Price & Availability of NHD-TS-240128BRNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X