www.vishay.com 54 mkt 1826 vishay roederstein document number 26007 revision 11-jun-02 for technical questions, contact dc-film@vishay.com main applications: blocking, bypassing, filtering and timing, high frequency coupling and decoupling of fast digital circuits. interference suppression in low voltage applications. high pulse load. high temperature operations. marking: manufacturer's logo/type/c-value/rated voltage/tolerance/ date of manufacture dielectric: polyester film electrodes: vacuum deposited aluminum coating: flame retardant plastic case (ul-class 94 v-0), green, epoxy resin sealed construction: stacked metallized polyester film leads: tinned wire iec test classification: 55/125/56, according to iec 60068 55/100/21 (for 4.7 f/40 vdc) operating temperature range: - 55 c to + 125 c - 55 c to + 100 c (for 4.7 f/40 vdc) capacitance range: 1000pf to 4.7 f capacitance tolerances: 20% (m), 10% (k), 5% (j) rated voltages (u r ): 40 vdc, 50 vdc, 63 vdc, 100 vdc, 250 vdc permissible ac voltages (rms) up to 60hz: 25 vac, 30 vac, 40 vac, 63 vac, 160 vac test voltage (electrode/electrode): 1.6 x u r for 2 sec. insulation resistance: measured at 100 vdc (50 vdc and 63 vdc series measured at 50 vdc) after one minute for c 0.33 f and u r > 100 vdc: 30,000 m ? minimum value (100,000 m ? typical value) for c 0.33 f and u r 100 vdc: 15,000 m ? minimum value (100,000 m ? typical value) metallized polyester film capacitor quality assessment: iec 60384-2, cecc 30 401-059 time constant: measured at 100 vdc (50 vdc and 63 vdc series measured at 50 vdc, 40 vdc measured with u r ) after one minute for 0.33 f < c 3.3 f and u r 100 vdc: 5000 s minimum value (15,000 s typical value) for c > 3.3 f and u r 100 vdc: 1250 s minimum value (10,000 s typical value) capacitance drift: up to + 40 c, 1.5% for a period of two years derating for dc and ac. category voltage u c : at + 85 c: u c = 1.0 u r at + 100 c: u c = 0.8 u r at + 125 c: u c = 0.5 u r (maximum 1000 h) self inductance: ~ 6 nh measured with 2mm long leads pull test on leads: 30 n in direction of leads according to iec 60068-2-21 reliability: operational life > 300,000 h failure rate < 2 fit (40 c and 0.5 x u r ) for further details, please refer to the general information provided in this catalog. dimensions in millimeters h max. w max. marking 6.0 -1 0.4 l max. 0.5 pcm 5.0 0.4 0.5 0.1 if the maximum pulse voltage is less than the rated voltage higher d v /d t values can be permitted. maximum pulse rise time (mm) 40 vdc 50 vdc 63 vdc 100 vdc 250 vdc 5.0 120 160 200 240 350 maximum pulse rise time d v /d t [v/ s] pcm
www.vishay.com 55 mkt 1826 vishay roederstein document number 26007 revision 11-jun-02 for technical questions, contact dc-film@vishay.com metallized polyester, quality assess.: iec 60384-2, cecc 30 401-059 dissipation factor tan measured at c 0.1 f 0.1 f < c 1.0 f c > 1.0 f 1khz 8 x 10 -3 8 x 10 -3 10 x 10 -3 10khz 15 x 10 -3 15 x 10 -3 100khz 25 x 10 -3 maximum values capacitance capacitance voltage voltage voltage voltage voltage code code 04 code 05 code 06 code 01 code 25* 40 vdc/ 50 vdc/ 63 vdc/ 100 vdc/ 250 vdc/ 25 vac 30 vac 40 vac 63 vac 160 vac wh lwh lw h lwh lw hl 1000 pf - 210 2.5 6.5 7.2 2.5 6.5 7.2 1500 pf - 215 2.5 6.5 7.2 2.5 6.5 7.2 2200 pf - 222 2.5 6.5 7.2 2.5 6.5 7.2 3300 pf - 233 2.5 6.5 7.2 2.5 6.5 7.2 4700 pf - 247 2.5 6.5 7.2 2.5 6.5 7.2 6800 pf - 268 2.5 6.5 7.2 2.5 6.5 7.2 0.01 f - 310 2.5 6.5 7.2 2.5 6.5 7.2 0.015 f - 315 2.5 6.5 7.2 2.5 6.5 7.2 0.022 f - 322 2.5 6.5 7.2 2.5 6.5 7.2 0.033 f - 333 2.5 6.5 7.2 3.0 7.5 7.2 0.047 f - 347 2.5 6.5 7.2 3.5 8.5 7.2 0.068 f - 368 2.5 6.5 7.2 4.5 9.5 7.2 0.10 f - 410 2.5 6.5 7.2 2.5 6.5 7.2 4.5 9.5 7.2 0.15 f - 415 2.5 6.5 7.2 3.0 7.5 7.2 5.5 11.5 7.2 0.22 f - 422 2.5 6.5 7.2 3.5 8.5 7.2 0.33 f - 433 3.0 7.5 7.2 4.5 9.5 7.2 0.47 f - 447 3.5 8.5 7.2 4.5 9.5 7.2 0.68 f - 468 4.5 9.5 7.2 5.5 11.5 7.2 1.0 f - 510 5.0 10.5 7.2 7.2 13.0 7.2 1.5 f - 515 5.511.57.2 2.2 f - 522 7.2 13.0 7.2 3.3 f - 533 7.2 13.0 7.2 4.7 f* - 547 7.2 13.0 7.2 further c-values on request. *cecc approval in preparation. recommended packaging letter type of height (h) reel diameter ordering code pcm code p ackaging (mm) (mm) example 5 d ammo 16.5 s* mkt 1826-533-055-d x g ammo 18.5 s* mkt 1826-533-055-g x f reel 16.5 350 mkt 1826-533-055-f x w reel 18.5 350 mkt 1826-533-055-w x bulk mkt 1826-533-055 x *s = box size 55 x 210 x 340mm (w x h x l).
www.vishay.com 56 mkt 1826 vishay roederstein document number 26007 revision 11-jun-02 for technical questions, contact dc-film@vishay.com metallized polyester, quality assess.: iec 60384-2, cecc 30 401-059 2.2 f 1 f 0.33 f 0.1 f 0.033 f 0.01 f 3300 pf 1000 pf impedance versus frequency z = f (f) (lead length 2.0mm) f [mhz] z [ ? ] 100 10 1 0.1 0.01 0.01 0.1 1 10 100 100 10 1 f [hz] v rms [v] 100 1000 10,000 100,000 permissible ac voltage versus frequency 1000 4700 0.01 0.022 0.047 0.1 0.22 0.47 1.0 2200 100 vdc capacitance in pf and f 1000 100 10 f [hz] v rms [v] 100 1000 10,000 100,000 permissible ac voltage versus frequency 0.15 0.10 1000 2200 4700 0.01 0.022 0.047 250 vdc capacitance in pf and f 100 10 1 f [hz] v rms [v] 100 1000 10,000 100,000 permissible ac voltage versus frequency 1.5 4.7 3.3 40 vdc 50 vdc capacitance in f 100 10 1 f [hz] v rms [v] 100 1000 10,000 100,000 permissible ac voltage versus frequency 0.10 0.22 0.47 1.0 63 vdc capacitance in f
|