Part Number Hot Search : 
57788SH 11110 M16C6N TDA725 BD6761FS HC125 GNOA05 BD675BPL
Product Description
Full Text Search
 

To Download ISL89160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ISL89160, isl89161, isl89162 high speed, dual channel, 6a, 4.5 to 16v out , power mosfet driver ISL89160, isl89161, isl89162 the ISL89160, isl89162, and isl89162 are high-speed, 6a, dual channel mosfet drivers. these parts are identical to the isl89163, isl89164, isl89165 drivers but without the enable inputs for each channel. precision thresholds on all logic inputs allow the use of external rc circuits to generate accurate and stable time delays on both inputs, ina and inb. this capability is very useful for dead time control. at high switching frequencies, these mosfet drivers use very little bias current. separate, non-overlapping drive circuits are used to drive each cmos output fet to prevent shoot-thru currents in the output stage. the undervoltage lock-out (uv) insures that driver outputs remain off (low) until vdd is sufficiently high for correct logic control. this prevents unexpected behaviour when vdd is being turned on or turned off. features ? dual output, 6a peak current (sink and source) ? typical on-resistance <1 ? specified miller plateau drive currents ? very low thermal impedance ( jc = 3 c/w ) ? 3.3v to 5v logic inputs with hysteresis are vdd tolerant ? precision threshold inputs for time delays with external rc components ? ~ 20ns rise and fall time driving a 10nf load. ? low operating bias currents ? pb-free (rohs compliant) applications ? synchronous rectifier (sr) driver ? switch mode power supplies ? motor drives, class d amplifiers, ups, inverters ? pulse transformer driver ? clock/line driver related literature ? an1602 ?isl8916xa, isl8916xb, isl8916xc, evaluation board user?s guide? ? an1603 ?isl6752_54 evaluation board application note? typical application temp stable logic thresholds 8 6 7 1 4 3 2 5 epad v dd 4.7f ina inb gnd outa outb nc nc 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -45 -20 5 30 55 80 105 positive threshold negative threshold 130 3.5 temperature (c) input logic thresholds (vdc) caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774| intersil (and design) is a trademark owned by in tersil corporation or one of its subsidiaries. copyright intersil americas inc. 2010. all rights reserved all other trademarks mentioned are the property of their respective owners. november 2, 2010 fn7719.0
ISL89160, isl89161, isl89162 2 fn7719.0 november 2, 2010 block diagram outx v dd inx gnd for clarity, only one channel is shown epad for proper thermal and electrical performance, the epad must be connected to the pcb ground plane. separate fet drives, with non-overlapping outputs, prevent shoot-thru currents in the output cmos fets resulting with very low high frequency operating currents. isl89161, isl89162 ISL89160 10k for options a and b, the uv comparator holds off the outputs until v dd ~> 3.3v dc . for option c, the uv release is ~> 6.5v pin configurations ISL89160fr, ISL89160fb (8 ld tdfn, epsoic) top view isl89161fr, isl89161fb (8 ld tdfn, epsoic) top view isl89162fr, isl89162fb (8 ld tdfn, epsoic) top view ina gnd inb outb outa nc nc vdd 8 6 7 1 4 3 2 5 /ina gnd /inb outb outa nc nc vdd 8 6 7 1 4 3 2 5 /ina gnd inb outb outa nc nc vdd 8 6 7 1 4 3 2 5 pin descriptions pin number symbol description 1 nc no connect. this pin may be left open or connected to 0v or vdd 2ina or /ina channel a input, 0v to vdd 3gndpower ground, 0v 4inb or /inb channel b enable, 0v to vdd 5 outb channel b output 6 vdd power input, 4.5v to 16v 7 outa channel a output, 0v to vdd 8 nc no connect. this pin may be left open or connected to 0v or vdd epad power ground, 0v
ISL89160, isl89161, isl89162 3 fn7719.0 november 2, 2010 ordering information part number (notes 1, 2, 3) part marking temp range (c) input configuration package (pb-free) pkg. dwg. # ISL89160frtaz 160a -40 to +125 non-inverting 8 ld 3x3 tdfn l8.3x3i isl89161frtaz 161a -40 to +125 inverting 8 ld 3x3 tdfn l8.3x3i isl89162frtaz 162a -40 to +125 inverting + non-inverting 8 ld 3x3 tdfn l8.3x3i ISL89160fbeaz 89160 fbeaz -40 to +125 non-inverting 8 ld epsoic m8.15d isl89161fbeaz 89161 fbeaz -40 to +1 25 inverting 8 ld epsoic m8.15d isl89162fbeaz 89162 fbeaz -40 to +125 inverting + non-inverting 8 ld epsoic m8.15d notes: 1. add ?-t*?, suffix for tape and reel. please refer to tb347 for details on reel specifications. 2. these intersil pb-free plastic packaged products employ special pb-free material sets, molding compounds/die attach materials, and 100% matte tin pl ate plus anneal (e3 termination finish, which is rohs compliant and compatible with both snpb and pb-free soldering operations). inte rsil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. 3. for moisture sensitivity level (msl), please see device in formation page for ISL89160, isl89161, isl89162 . for more information on msl, plea se see technical brief tb363 .
ISL89160, isl89161, isl89162 4 fn7719.0 november 2, 2010 absolute maximum ratings thermal information supply voltage, v dd relative to gnd . . . . . . . . -0.3v to 18v logic inputs (ina, inb) . . . . . . . . gnd - 0.3v to v dd + 0.3v outputs (outa, outb). . . . . . . . . gnd - 0.3v to v dd + 0.3v average output current (note 6) . . . . . . . . . . . . . . . 150ma esd ratings human body model class 2 (tested per jesd22-a114e) 2000v machine model class b (tested per jesd22-a115-a) . . . 200v charged device model class iv . . . . . . . . . . . . . . . . . 1000v latch-up (tested per jesd-78b; class 2, level a) output current . . . . . . . . . . . . . . . . . . . . . . . . . 500 ma thermal resistance (typical) ja (c/w) jc (c/w) 8 ld tdfn package (notes 4, 5). . . 44 3 8 ld epsoic package (notes 4, 5) . 42 3 max power dissipation at +25c in free air . . . . . . . . . 2.27w max power dissipation at +25c with copper plane . . . 33.3w storage temperature range . . . . . . . . . . . . -65c to +150c operating junction temp range . . . . . . . . . -40c to +125c pb-free reflow profile . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/pb-freereflow.asp maximum recommended operating conditions junction temperature. . . . . . . . . . . . . . . . . -40c to +125c supply voltage, v dd relative to gnd . . . . . . . . . 4.5v to 16v logic inputs (ina, inb) . . . . . . . . . . . . . . . . . . . 0v to vdd outputs (outa, outb). . . . . . . . . . . . . . . . . . . . 0v to vdd caution: do not operate at or near the maximum rati ngs listed for extended periods of time. exposure to such conditions may adversely im pact product reliability and result in failures not covered by warranty. notes: 4. ja is measured in free air with the component mounted on a high effective thermal conductivity test board with ?direct attach? features. see tech brief tb379 for details. 5. for jc , the ?case temp? location is the center of the exposed metal pad on the package underside. 6. the average output current, when driving a power mosfet or si milar capacitive load, is the average of the rectified output current. the peak output currents of this driv er are self limiting by transconductance or r ds(on) and do not required any external components to minimize the peaks. if the output is driving a non-capacitive load, such as an led, maximum output current must be limited by external means to less than the specified absolute maximum. dc electrical specifications v dd = 12v, gnd = 0v, no load on outa or outb, unless otherwise specified. boldface limits apply over the operating junction temperature range, -40c to +125c. parameters symbol test conditions t j = +25c t j = -40c to +125c units min typ max min (note 7) max (note 7) power supply voltage range v dd --- 4.5 16 v v dd quiescent current i dd inx = gnd - 5 - - - ma ina = inb = 1mhz, square wave - 25 - - ma undervoltage vdd undervoltage lock-out (note 9) v uv ina = inb = true (note 10) -3.3- - - v hysteresis -~25- - - mv inputs input range for ina, inb v in --- gnd v dd v logic 0 threshold for ina, inb v il nominally 37% x 3.3v - 1.22 - 1.12 1.32 v logic 1 threshold for ina, inb v ih nominally 63% x 3.3v - 2.08 - 1.98 2.18 v input capacitance of ina, inb (note 8) c in -2- - - pf input bias current for ina, inb i in gnd ISL89160, isl89161, isl89162 5 fn7719.0 november 2, 2010 outputs high level output voltage v oha v ohb --- v dd - 0.1 v dd v low level output voltage v ola v olb --- gnd gnd + 0.1 v peak output source current i o v o (initial) = 0v, c load = 10nf - -6 - - - a peak output sink current i o v o (initial) =12v, c load = 10nf - +6 - - - a notes: 7. parameters with min and/or max limits are 100% tested at +25c, unless otherwise specified. temperature limits established by characterization and are not production tested. 8. this parameter is taken from the simulation models for the input fet. the actual capacitance on this input will be dominated by the pcb parasitic capacitance. 9. a 200s delay further inhibits the release of the output state when the uv positive going threshold is crossed. 10. the true state of a specific part numb er is defined by th e input logic symbol. ac electrical specifications v dd = 12v, gnd = 0v, no load on outa or outb, unless otherwise specified. boldface limits apply over the operating junction temperature range, -40c to +125c. parameters symbol test conditions /notes t j = +25c t j = -40c to +125c units min typ max min max output rise time (see figure 2) t r c load = 10nf, 10% to 90% -20- - 40 ns output fall time (see figure 2) t f c load = 10nf, 90% to 10% -20- - 40 ns output rising edge propagation delay for non-inverting inputs (see figure 1) t rdlyn no load - 25 - - 50 ns output rising edge propagation delay with inverting inputs (see figure 1) t rdlyi no load - 25 - - 50 ns output falling edge propagation delay with non-inverting inputs (see figure 1) t fdlyn no load - 25 - - 50 ns output falling edge propagation delay with inverting inputs (see figure 1) t fdlyi no load - 25 - - 50 ns rising propagation matc hing (see figure 1) t rm -<1ns- - - ns falling propagation matching (see figure 1) t fm -<1ns- - - ns miller plateau sink current (see test circuit figure 3) -i mp v dd = 10v, v miller = 5v -6- - - a -i mp v dd = 10v, v miller = 3v -4.7- - - a -i mp v dd = 10v, v miller = 2v -3.7- - - a dc electrical specifications v dd = 12v, gnd = 0v, no load on outa or outb, unless otherwise specified. boldface limits apply over the operating junction temperature range, -40c to +125c. (continued) parameters symbol test conditions t j = +25c t j = -40c to +125c units min typ max min (note 7) max (note 7)
ISL89160, isl89161, isl89162 6 fn7719.0 november 2, 2010 miller plateau source current (see test circuit figure 4) i mp v dd = 10v, v miller = 5v -5.2- - - a i mp v dd = 10v, v miller = 3v -5.8- - - a i mp v dd = 10v, v miller = 2v -6.9- - - a ac electrical specifications v dd = 12v, gnd = 0v, no load on outa or outb, unless otherwise specified. boldface limits apply over the operating junction temperature range, -40c to +125c. (continued) parameters symbol test conditions /notes t j = +25c t j = -40c to +125c units min typ max min max test waveforms and circuits figure 1. prop delays and matching figure 2. rise/fall times figure 3. miller plateau sink current test circuit figure 4. miller plateau source current test circuit ina, inb outa outb 0v 3.3v* t rdly t rdly 50% 50% t fdly t fdly * logic levels: a option = 3.3v, b option = 5.0v, c option = vdd t rm t fm /outb /outa outa or outb t r t f 90% 10% v miller 10v +i sense -i sense 10f 0.1f 50m 200ns 10k isl8916x 10nf v miller 10v +i sense -i sense 10f 0.1f 50m 200ns 10k isl8916x 10nf
ISL89160, isl89161, isl89162 7 fn7719.0 november 2, 2010 figure 5. miller plateau sink current figure 6. miller plateau source current test waveforms and circuits 200ns v miller -i mp v out current through 0.1 resistor 10v 0a 0v 200ns v miller i mp v out current through 0.1 resistor 0 typical performance curves figure 7. i dd vs v dd (static) figure 8. i dd vs v dd (1 mhz) figure 9. i dd vs frequency (+25c) figure 10. r ds(on) vs temperature 2.0 2.5 3.0 3.5 4 8 12 16 static bias current (ma) v dd +125c +25c -40c 20 25 30 35 15 10 5 4 8 12 16 1mhz bias current (ma) v dd +125c +25c -40c 50 40 30 20 10 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.6 2.0 frequency (mhz) i dd (ma) no load 5v 10v 16v 12v 1.8 1.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 -45 -20 5 30 55 80 105 130 r ds(on) ( ) temperature (c) v out low v out high
ISL89160, isl89161, isl89162 8 fn7719.0 november 2, 2010 functional description overview the ISL89160, isl89161, isl89162 drivers incorporate several features including precision input logic thresholds, undervoltage lock-out, and fast rising high output drive currents. the precision input thresholds facilitate the use of an external rc network to delay the rising or falling propagation of the driver output. this is a useful feature to create dead times for bridge applications to prevent shoot through. to prevent unexpected glitches on the output of the ISL89160, isl89161, isl89162 during power-on or power-off when v dd is very low, the undervoltage (uv) lock-out prevents the outputs of the ISL89160, isl89161, isl89162 driver from turning on. the uv lock-out forces the driver outputs to be low when vdd < ~3.2 vdc regardless of the input logic level. fast rising (or falling) output drive current of the ISL89160, isl89161, isl89162 minimizes the turn-on (off) delay due to the input capacitance of the driven fet. the switching transition period at the miller plateau is also minimized by the high drive currents. (see the specified miller plateau currents in the ac electrical specifications on page 5). application information precision thresholds for time delays the nominal input negative transition threshold is 1.22v and the positive transition threshold is 2.08v (37% and 63% of 3.3v). figure 11. input thresholds figure 12. output rise/fall time figure 13. propagation delay vs v dd typical performance curves (continued) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -45 -20 5 30 55 80 105 130 input logic thresholds (3.3v) temperature (c) positive threshold negative threshold 3.5 15 20 25 -45 -20 5 30 55 80 105 130 rise/fall time (ns) temperature (c) fall time, c load = 10nf rise time, c load = 10nf 15 20 25 30 579111315 propagation delay (ns) v dd output falling prop delay output rising prop delay inx r del c del d outx figure 14. delay using rcd network
ISL89160, isl89161, isl89162 9 fn7719.0 november 2, 2010 in figure 14, r del and c del delay the rising edge of the input signal. for the falling ed ge of the input signal, the diode shorts out the resistor resulting in a minimal falling edge delay. if the diode polarity is reversed, the falling edge is delayed and the rising delay is minimal. the 37% and 63% thresholds were chosen to simplify the calculations for the desired time delays. when using an rc circuit to generate a time delay, the delay is simply t (secs) = r (ohms) x c (farads). please note that this equation only applies if the input logic voltage amplitude is 3.3v. if the logic high amplitude is higher than 3.3v, the equations in eq 1 can be used for more precise delay calculations. in this example, the high input logic voltage is 5v, the positive threshold is 63% of 3.3v and the low level input logic is 0.1v. note the rising edge propagation delay of the driver must be added to this value . the minimum recommended value of c is 100pf. the parasitic capacitance of the pcb and any attached scope probes will introduce significant delay errors if smaller values are used. larger values of c will further minimize errors. acceptable values of r are primarily effected by the source resistance of the logic inputs. generally, 100 resistors or larger are usable. a practical maximum value, limited by contamination on the pcb, is 1m . power dissipation of the driver the power dissipation of the ISL89160, isl89161, isl89162 is dominated by the losses associated with the gate charge of the driven bridge fets and the switching frequency. the internal bias current also contributes to the total dissipation but is usually not significant as compared to the gate charge losses. figure 15 illustrates how the gate charge varies with the gate voltage in a typical power mosfet. in this example, the total gate charge for v gs = 10v is 21.5nc when v ds = 40v. this is the charge that a driver must source to turn-on the mosfet and must sink to turn-off the mosfet. equation 2 shows calculating the power dissipation of the driver: where: freq = switching frequency, v gs = v dd bias of the ISL89160, isl89161, isl89162 q c = gate charge for v gs i dd (freq) = bias current at the switching frequency (see figure 7) r ds(on) = on-resistance of the driver r gate = external gate resistance (if any). note that the gate power dissipation is proportionally shared with the external ga te resistor and the output r ds(on) . when sizing an external gate resistor, do not overlook the power dissipated by this resistor. v h 5v = v thresh 63% 3.3v = v l 0.1v = r del 100 = c del 1nf = t del r del c del ? ln v l v thresh ? v h v l ? -------------------------------------------- 1 + ?? ?? ?? = t del 51.731ns = high level of the logic signal into the rc positive going threshold low level of the logic signal into the rc timing values nominal delay time (eq. 1) q g, gate charge (nc) 12 10 8 6 4 2 0 024681012141618202224 v gs gate-source voltage (v) figure 15. mosfet gate charge vs gate voltage v ds = 64v v ds = 40v (eq. 2) p d 2q c freq v gs r gate r gate r ds on () + -------------------------------------------- - i dd freq () v dd ? + ? ? ? ? =
ISL89160, isl89161, isl89162 10 fn7719.0 november 2, 2010 typical application circuit this is an example of how the ISL89160, isl89161, isl89162, mosfet drivers can be applied in a zero voltage switching full bridge. two main signals are required: a 50% duty cycle square wave (sqr) and a pwm signal synchronized to the edges of the sqr input. an isl89162 is used to drive t1 with alternating half cycles driving q ul and q ur . an ISL89160 is used to drive q ll and q lr also with alternating half cycles. unlike the two high-side bridge fets, the two low side bridge fets are turned on with a rising edge delay. the delay is setup by the rcd network on the inputs to the ISL89160. the duration of the delay is chosen to turn on the low-side fets when the voltage on their respective drains is at the resonant valley. for a complete description of the zvs topology, refer to an1603 ?isl6752_54 evaluation board application note?. general pcb layout guidelines the ac performance of the ISL89160, isl89161, isl89162 depends significantly on the design of the pc board. the following layout design guidelines are recommended to achieve optimum performance: ? place the driver as close as possible to the driven power fet. ? understand where the switching power currents flow. the high amplitude di/dt currents of the driven power fet will induce significant voltage transients on the associated traces. ? keep power loops as short as possible by paralleling the source and return traces. ? use planes where practical; they are usually more effective than parallel traces. ? avoid paralleling high amplit ude di/dt traces with low level signal lines. high di/dt will induce currents and consequently, noise voltages in the low level signal lines. ? when practical, minimize impedances in low level signal circuits. the noise, magnetically induced on a 10k resistor, is 10x larger than the noise on a 1k resistor. ? be aware of magnetic fields emanating from transformers and inductors. gaps in these structures are especially bad for emitting flux. ? if you must have traces close to magnetic devices, align the traces so that they are parallel to the flux lines to minimize coupling. ? the use of low inductance components such as chip resistors and chip capacitors is highly recommended. ? use decoupling capacitors to reduce the influence of parasitic inductance in the vdd and gnd leads. to be effective, these caps must also have the shortest possible conduction paths. if vias are used, connect several paralleled vias to reduce the inductance of the vias. ? it may be necessary to add resistance to dampen resonating parasitic circuits especially on outa and outb. if an external gate resistor is unacceptable, then the layout must be improved to minimize lead inductance. ? keep high dv/dt nodes away from low level circuits. guard banding can be used to shunt away dv/dt injected currents from sensitive circuits. this is especially true for control circuits that source the input signals to the isl89163/164/165. ? avoid having a signal ground plane under a high amplitude dv/dt circuit. this will inject di/dt currents into the signal ground paths. ? do power dissipation and voltage drop calculations of the power traces. many pcb/cad programs have built in tools for calculation of trace resistance. v ll pwm lr ll ll red dashed lines emphasize the resonant switching delay of the low-side bridge fets zvs full bridge t1a t1b t2 u1b u2a u2b q ul q ur q ll q lr ll lr v lr sqr sqr r v gll v gul v glr v gur v glr v gul v gur v gll v bridge isl89162 u1a ? ISL89160 ? ISL89160 ll: lower left lr: lower right ul: upper left ur: upper right gll: gate lower left
ISL89160, isl89161, isl89162 11 fn7719.0 november 2, 2010 ? large power components (power fets, electrolytic caps, power resistors, etc.) will have internal parasitic inductance which cannot be eliminated. this must be accounted for in the pcb layout and circuit design. ? if you simulate your circuits, consider including parasitic components especially parasitic inductance. general epad heatsinking considerations the thermal pad is electrically connected to the gnd supply through the ic substrate. the epad of the isl89163/164/165 has two main functions: to provide a quiet gnd for the input threshold comparators and to provide heat sinking for the ic. the epad must be connected to a ground plane and no switching currents from the driven fet should pass through the ground plane under the ic. figure 16 is a pcb layout example of how to use vias to remove heat from the ic through the epad. for maximum heatsinking, it is recommended that a ground plane, connected to the epad, be added to both sides of the pcb. a via array, within the area of the epad, will conduct heat from the epad to the gnd plane on the bottom layer. the number of vias and the size of the gnd planes required for adequate heatsinking is determined by the power dissipated by the ISL89160, isl89161, isl89162, the air flow and the maximum temperature of the air around the ic. epad gnd plane component layer epad gnd plane bottom layer figure 16. typical pcb pattern for thermal vias
ISL89160, isl89161, isl89162 12 fn7719.0 november 2, 2010 products intersil corporation is a leader in the design and manuf acture of high-performance analog semiconductors. the company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. intersil's product families address power management and analog signal processing functions. go to www.intersil.com/products for a complete list of intersil product families. *for a complete listing of applications, related documentat ion and related parts, please see the respective device information page on intersil.com: ISL89160, isl89161, isl89162 to report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff fits are available from our website at http://rel.intersil.com/reports/sear revision history the revision history provided is for informat ional purposes only and is believed to be accurate, but not warranted. please go t o web to make sure you have the latest rev. date revision change 11/2/10 fn7719.0 initial release
ISL89160, isl89161, isl89162 13 fn7719.0 november 2, 2010 package outline drawing l8.3x3i 8 lead thin dual flat no-lead plastic package rev 1 6/09 located within the zone indicated. the pin #1 identifier may be unless otherwise specified, tolerance : decimal 0.05 tiebar shown (if present) is a non-functional feature. the configuration of the pin #1 identifier is optional, but must be between 0.15mm and 0.30mm from the terminal tip. dimension applies to the metallized terminal and is measured dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 6. either a mold or mark feature. 3. 5. 4. 2. dimensions are in millimeters. 1. notes: bottom view detail "x" typical recommended land pattern top view side view c 0 . 2 ref 0 . 05 max. 0 . 00 min. 5 3.00 a b 3.00 (4x) 0.15 6 pin 1 index area pin #1 index area 6x 0.65 1.64 +0.10/ - 0.15 8 1 8x 0.400 0.10 6 max 0.80 see detail "x" 0.08 0.10 c c c ( 2.80 ) (1.64) ( 8 x 0.30) ( 8x 0.60) ( 2.38 ) ( 1.95) 2.38 0.10 8x 0.30 a mc b 4 2x 1.950 +0.10/ - 0.15 (6x 0.65) 4 5 pin 1
ISL89160, isl89161, isl89162 14 intersil products are manufactured, assembled and tested utilizing iso9000 qu ality systems as noted in the quality certifications found at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, th e reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is believed to be accura te and reliable. however, no re sponsibility is assumed by inte rsil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which ma y result from its use. no licen se is granted by implication o r otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com fn7719.0 november 2, 2010 for additional products, see www.intersil.com/product_tree small outline exposed pad plastic packages (epsoic) index area e d n 123 -b- 0.25(0.010) c a m bs e -a- l b m -c- a1 a seating plane 0.10(0.004) h x 45 c h 0.25(0.010) b m m p1 123 p bottom view n top view side view m8.15d 8 lead narrow body small outline exposed pad plastic package symbol inches millimeters notes min max min max a 0.059 0.067 1.52 1.72 - a1 0.003 0.009 0.10 0.25 - b 0.0138 0.0192 0.36 0.46 9 c 0.0075 0.0098 0.19 0.25 - d 0.189 0.196 4.80 4.98 3 e 0.150 0.157 3.811 3.99 4 e 0.050 bsc 1.27 bsc - h 0.230 0.244 5.84 6.20 - h 0.010 0.019 0.25 0.50 5 l 0.016 0.050 0.41 1.27 6 n8 87 0 8 0 8 - p 0.118 0.137 3.00 3.50 11 p1 0.078 0.099 2.00 2.50 11 rev. 0 5/07 notes: 1. symbols are defined in the ?mo series symbol list? in section 2.2 of publication number 95. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. dimension ?d? does not include mold flash, protrusions or gate burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. dimension ?e? does not include interlead flash or protrusions. interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 6. ?l? is the length of terminal for soldering to a substrate. 7. ?n? is the number of terminal positions. 8. terminal numbers are shown for reference only. 9. the lead width ?b?, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. controlling dimension: millimeter. converted inch dimensions are not necessarily exact. 11. dimensions ?p? and ?p1? are t hermal and/or electrical enhanced variations. values shown are maximum size of exposed pad within lead count and body size.


▲Up To Search▲   

 
Price & Availability of ISL89160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X