Part Number Hot Search : 
NJM12902 AM3443P BTW63 SMS12 DTC143Z 4739A XC4036XL DTC143T
Product Description
Full Text Search
 

To Download HI3276 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 tm file number 4717.2 HI3276 8-bit, 160msps, flash a/d converter the HI3276 is an 8-bit, high-speed, ?sh analog-to-digital converter optimized for high speed, low power, and ease of use. with a 160msps encode rate capability and full-power analog bandwidth of 250mhz, this component is ideal for applications requiring the highest possible dynamic performance. to minimize system cost and power dissipation, only a +5v power supply is required. the HI3276 clock input interfaces directly to ttl, ecl or pecl logic and will operate with single- ended inputs. the user may select 16-bit demultiplexed output or 8-bit single channel digital outputs. the demultiplexed mode interleaves the data through two 8-bit channels at 1 / 2 the clock r ate. operation in demultiplexed mode reduces the speed and cost of external digital interfaces, while allowing the a/d converter to be clocked to the full 160msps conversion rate. f abricated with an advanced bipolar process, the HI3276 is provided in a space-saving 48 lead mqfp surface mount plastic package and is speci?d over the -20 o c to 75 o c temperature range. features differential linearity error. . . . . . . . . . . . . . . . . . 0.5 lsb integral linearity error . . . . . . . . . . . . . . . . . . . . 0.5 lsb ? ow input capacitance. . . . . . . . . . . . . . . . . . . . . . . 10pf wide analog input bandwidth . . . . . . . . . . . . . . . 250mhz ? ow power consumption . . . . . . . . . . . . . . . . . . . 550mw 1:2 demultiplexed output pin internal 1 / 2 frequency divider circuit (w/reset function) clk/2 clock output compatible with pecl, ecl and ttl digital input levels direct replacement for sony cxa3276q applications lcd/pdp monitors and projectors (rgb video) digital oscilloscopes digital communications (qpsk, qam) magnetic recording (prml) pinout HI3276 (mqfp) t op view ordering information part number temp. range ( o c) package pkg. no. HI3276jcq -20 to 75 48 ld mqfp q48.12x12-s 1 2 3 4 5 6 7 8 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 10 11 12 13 14 15 16 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 pbd3 pbd2 pbd1 pbd0 dgnd2 dv cc2 dv cc1 dgnd1 p ad7 p ad6 p ad5 p ad4 dv ee3 v rb a gnd v rm1 av cc av cc v rm3 a gnd v rt dgnd3 v in v rm2 resetn/e reset/e resetn/t select inv dv cc2 dgnd2 pbd7 pbd6 pbd5 pbd4 clkout clk/e clkn/e clk/t nc nc nc dv cc2 dgnd2 p ad0 p ad1 p ad2 p ad3 data sheet november 2001 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a trademark of intersil americas inc. copyright ?intersil americas inc. 2001. all rights reserved
2 block diagram 5 8 30 19 31 42 12 dgnd3 dv cc2 dv cc1 inv av cc 11 9 126 65 64 63 2 127 128 129 191 192 193 254 255 6 4 7 reset/e resetn/e resetn/t clkn/e clk/e clk/t v rb v rm1 v in v rm2 v rm3 v rt r1 r/2 r/2 r r r r r r r r r r r r r r/2 delay dq q select 3 10 45 29 20 32 41 1 dv ee3 dgnd2 dgnd1 select 43 18 17 16 34 35 36 37 38 39 40 (msb) pbd7 pbd6 pbd5 pbd4 pbd3 pbd2 pbd1 p1d0 (msb) p ad6 p ad5 p ad4 p ad3 p ad2 p ad1 p ad0 clkout (lsb) p ad7 (lsb) 6-bit latch and encoder encoder 6 bits 6 bits 6 bits 6 bits (8 bits) 8 bits latchb ttlout 21 22 23 24 25 26 27 28 ttlout 33 1 46 48 47 2 15 13 14 a gnd latcha r/2 44 nc nc nc HI3276
3 absolute maximum ratings t a = 25 o c thermal information supply voltage (av cc , dv cc1 , dv cc2 ) . . . . . . . . . . -0.5v to +7.0v (dgnd3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to +7.0v (dv ee3 ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7.0v to +0.5v (dgnd3 - dv ee3 ) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to +7.0v analog input voltage (v in ). . . . . . . . . . . . . . . . . v rt - 2.7v to av cc reference input voltage (v rt ). . . . . . . . . . . . . . . . . +2.7v to av cc (v rb ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .v in - 2.7v to av cc (|v rt - v rb |). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5v digital input voltage pecl/ecl . . . . . . . . . . . . . . . . . . . dv ee3 - 0.5 to dgnd3 + 0.5 ttl . . . . . . . . . . . . . . . . . . . . . . . . . dgnd3 - 0.5 to dv cc1 + 0.5 v id (|***/e - ***n/e| (note 2)) . . . . . . . . . . . . . . . . . . . . . . . . . 2.7v thermal resistance (typical, note 1) ja ( o c/w) mqfp package . . . . . . . . . . . . . . . . . . . . . . . . . . . . - maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . 150 o c maximum storage temperature range . . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . .300 o c (lead tips only) recommended operating conditions with a single power supply min typ max supply voltage dv cc1 , dv cc2 , av cc . . . . . . . . . . . . . . . +4.75 +5.0 +5.25v dgnd1, dgnd2, agnd . . . . . . . . . . . . . -0.05 0 +0.05v dgnd3. . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75 +5.0 +5.25v dv ee3 . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05 0 +0.05v analog input voltage (v in ). . . . . . . . . . . . . . v rb -v rt reference input voltage v rt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.9 - +4.1v v rb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.4 - +2.6v |v rt - v rb |. . . . . . . . . . . . . . . . . . . . . . . . +1.5 - +2.1v digital input voltage pecl (***/e) v ih . . . . . . . . . . . . . . . dv ee3 + 1.5 dgnd3 pecl (***/e) v il . . . . . . . . . . . . . . . dv ee3 + 1.1 v ih - 0.4v ttl (***/t, inv) v ih . . . . . . . . . . . . . . . . . +2.0v - - ttl (***/t, inv) v il . . . . . . . . . . . . . . . . . . - - +0.8v other (select) v ih . . . . . . . . . . . . . . . . - dv cc1 - other (select) v il . . . . . . . . . . . . . . . . . - dgnd1 - v id (note 2) (|***/e- ***n/e|) . . . . . . . . . . +0.4 +0.8 - max conversion rate (f c , straight mode) . . . 125 - - msps max conversion rate (f c , dmux mode) . . . . 160 - - msps ambient temperature (t a ). . . . . . . . . . . . . . . . . . . . . -20 o c to 75 o c with dual power supplies min typ max supply voltage dv cc1 , dv cc2 , av cc . . . . . . . . . . . . . . . +4.75 +5.0 +5.25v dgnd1, dgnd2, agnd . . . . . . . . . . . . . -0.05 0 +0.05v dgnd3. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.05 0 +0.05v dv ee3 . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.5 -5.0 -4.75v analog input voltage (v in ). . . . . . . . . . . . . . v rb -v rt reference input voltage v rt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.9 - +4.1v v rb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.4 - +2.6v |v rt - v rb |. . . . . . . . . . . . . . . . . . . . . . . . +1.5 - +2.1v digital input voltage pecl/ecl v ih . . . . . . . . . . . . . . . . . . . . . . . dv ee3 + 1.5 dgnd3 pecl/ecl v il . . . . . . . . . . . . . . . . . . . . . . . dv ee3 + 1.1 v ih - 0.4 ttl (***/t, inv) v ih . . . . . . . . . . . . . . . . . 2.0 - - ttl (***/t, inv) v il . . . . . . . . . . . . . . . . . - - +0.8v other (select) v ih . . . . . . . . . . . . . . . . - dv cc1 - other (select) v il . . . . . . . . . . . . . . . . . - dgnd1 - v id (note 2) (|***/e- ***n/e|) . . . . . . . . . . +0.4 0.8 - max conversion rate (f c , straight mode) . . . 125 - - msps m ax conversion rate (f c , dmux mode) . . . . 160 - - msps ambient temperature (t a ). . . . . . . . . . . . . . . . . . . . . -20 o c to 75 o c caution: stresses above those listed in ?bsolute maximum ratings may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this speci?ation is not implied. notes: 1. ja is measured with the component mounted on an evaluation pc board in free air. 2. v id : input voltage differential. electrical speci?ations dv cc1 , 2 , av cc , dgnd3 = +5v, dgnd1, 2, agnd, dv ee3 = 0v, v rt = 4v, v rb = 2v, t a = 25 o c parameter test conditions min typ max units resolution -8 - bits dc characteristics integral linearity error, inl v in = 2v p-p , f c = 5msps - - 0.5 lsb differential linearity error, dnl - - 0.5 lsb analog input analog input capacitance, c in v in = +3.0v, +0.07v rms -10-pf analog input resistance, r in 71535k ? analog input current, i in 0 100 285 a HI3276
4 reference input reference resistance (note 3), r ref 400 600 740 ? reference current (note 4), i ref 2.7 3.3 5.0 ma offset voltage v rt side, eot 6 8 10 mv offset voltage v rb side, eob 0 1.5 3 mv digital input (pecl/ecl) digital input voltage: high, v ih dv ee3 + 1.5 - dgnd3 v digital input voltage: low, v il dv ee3 + 1.1 - v ih - 0.4 v threshold voltage, v th - dgnd3 - 1.2 - v digital input current: high, i ih v ih = dgnd3 - 0.8v -50 - 20 a digital input current: low, i il v il = dgnd3 - 1.6v -50 - 20 a digital input capacitance - - 5 pf digital input (ttl) digital input voltage: high, v ih 2.0 - - v digital input voltage: low, v il -- 0.8 v threshold voltage, v th - 1.5 - v digital input current: high, i ih v ih = 3.5v -10 - 0 a digital input current: low, i il v il = 0.2v -20 - 0 a digital input capacitance - - 5 pf digital output (ttl) digital output voltage: high, v oh i oh = -2ma 2.4 - - v digital output voltage: low, v ol i ol = 1ma - - 0.5 v switching characteristics maximum conversion rate, f c dmux mode 160 - - msps aperture jitter, t aj -10-ps sampling delay, t ds 1.2 1.3 1.5 ns clock high pulse width, t pw1 clk 2.5 - - ns clock low pulse width, t pw0 clk 2.9 - - ns reset signal setup time, t rs resetn-clk 1.0 - - ns reset signal hold time, t rh resetn-clk -0.5 - - ns clkout output delay, t dclk c l = 5pf 3.0 4.5 6.5 ns data output delay (note 5), t do1 t do2 dmux mode (c l = 5pf) - t + 0.5 - ns (c l = 5pf) 3.5 4.5 7.0 ns output rise time, t r 0.8 to 2.0v (c l = 5pf) - 1 - ns output fall time, t f 0.8 to 2.0v (c l = 5pf) - 1 - ns dynamic characteristics input bandwidth v in = 2v p-p , -3db 250 - - mhz s/n ratio f c = 160msps, f in = 1khz full scale, dmux mode -46-db f c = 160msps, f in = 29.999mhz full scale, dmux mode -42-db error rate (note 6) f c = 160msps, f in = 1khz full scale, dmux mode, error > 16 lsb -- 10 -12 tps f c = 160msps, f in = 29.999mhz full scale, dmux mode, error > 16 lsb -- 2 x 10 -8 tps f c = 125msps, f in = 24.999mhz full scale, straight mode, error > 16 lsb -- 10 -9 tps electrical speci?ations dv cc1 , 2 , av cc , dgnd3 = +5v, dgnd1, 2, agnd, dv ee3 = 0v, v rt = 4v, v rb = 2v, t a = 25 o c (continued) parameter test conditions min typ max units HI3276
5 power supply operating total supply current, i cc + i ee 89 108 140 ma av cc pin supply current, ai cc 62 - 87 ma dv cc1 pin supply current, dicc1 22 - 36 ma dv cc2 pin supply current, dicc2 4.0 - 15 ma dgnd3 pin supply current, i ee 0.5 - 1.5 ma power consumption, pd *6 480 550 700 mw notes: 3. r ref : resistance value between v rt and v rb . 4. . 5. . 6. t he unit of measure tps: times per sample. 7. . electrical speci?ations dv cc1 , 2 , av cc , dgnd3 = +5v, dgnd1, 2, agnd, dv ee3 = 0v, v rt = 4v, v rb = 2v, t a = 25 o c (continued) parameter test conditions min typ max units i ref v rt v rb r ref ----------------------------- = t 1 f c ----- = p d i cc i ee + () v cc ? v rt v rb () 2 v ref ------------------------------------- + = timing diagrams figure 1. dmux mode timing chart (select = v cc ) n - 1 t ds t pw1 t pw0 n n + 1 t d02 n + 2 n + 3 n + 2 n 2v 0.8v n - 2 t dclk 2v 0.8v 2v 0.8v n - 1 2v 0.8v n + 1 t d01 t + 1ns n + 3 reset pulse clk out pbd0 to d7 p ad0 to d7 clk v in t t pwr HI3276
6 figure 2. straight mode timing chart (select = gnd) figure 3. pecl switching level timing diagrams (continued) n - 1 n n + 1 n + 2 n + 3 t ds t pw1 t pw0 n - 4 2.0v 0.8v 2.0v 0.8v n - 5 n - 3 n - 2 n - 2 n - 1 n - 1 n n n + 1 t d02 8ns 2.0v 0.8v t dclk reset pulse clk out (clk is inverted and output) pbd0 to d7 p ad0 to d7 clk v in t v id dgnd3 v ih (max) v il v th (dgnd3 - 1.2v) v ih v il (min) pin descriptions pin no symbol i/o typical voltage level equivalent circuit description 3, 10 agnd gnd analog ground. separated from the digital ground. 5, 8 av cc +5v (typ) analog power supply. separated from the digital power supply. 20, 29 32, 41 dgnd1 dgnd2 gnd digital ground. 19, 30 31, 42 dv cc1 dv cc2 +5v (typ) digital power supply. 12 dgnd3 +5v (typ) (with a single power supply) digital power supply. apply -5v for pecl and ttl input. gnd (with dual power supplies) HI3276
7 1dv ee3 gnd (with a single power supply) digital power supply. apply -5v for pecl and ttl input. +5v (typ) (with dual power supplies) 16, 17, 18 nc no connect pin. 13 clk/e i pecl/ecl clock input. 14 clk/ne i c lk/e complementary input. when left open, this pin goes to the threshold potential. only clk/e can be used for operation, but complementary input is recommended to attain fast and stable operation. 48 resetn/e i reset input. when the input is set to low level, the built-in clk frequency divider circuit can be reset. 47 reset/e i resetn/e complementary input. when left open, this pin goes to the threshold voltage. only resetn/e can be used for operation. 15 clk/t i ttl clock input. 46 resetn/t i reset input. when left open, this input goes to high level. when the input is set to low level, the built-in clk frequency divider circuit can be reset. 44 inv i ttl data output polarity inversion input. when left open, this input goes to high level. (see table 1; i/o correspondence table). 45 select v cc or ground data output mode selection. (see table 2; operating mode table). pin descriptions (continued) pin no symbol i/o typical voltage level equivalent circuit description 13 48 dgnd3 dv ee3 47 14 46 15 dv cc1 1.5v or dgnd1 dv ee3 44 45 , 44 dv cc1 dgnd1 dv ee3 45 dv cc1 dgnd1 dv ee3 HI3276
8 11 v rt i 4.0v (typ) top reference voltage. bypass to agnd with a 1 f tantal capacitor and a 0.1 f chip capacitor. 9v rm3 v rb + (v rt - v rb ) reference voltage mid point. bypass to agnd with a 0.1 f chip capacitor. 7v rm2 v rb + (v rt - v rb ) reference voltage mid point. bypass to agnd with a 0.1 f chip capacitor. 4v rm1 v rb + (v rt - v rb ) reference voltage mid point. bypass to agnd with a 0.1 f chip capacitor. 2v rb i 2.0v (typ) bottom reference voltage. bypass to agnd with a 1 f tantal capacitor and a 0.1 f chip capacitor. 6v in iv rt to v rb analog input. 21 to 28 pad0 to pad7 o ttl port a side data output. ttl output; the high level is clamped to approximately 2.8v. 33 to 40 pbd0 to pbd7 o port b side data output. ttl output; the high level is clamped to approximately 2.8v. 43 clkout o clock output. (see table 2; operating mode table). ttl output; the high level is clamped to approximately 2.8v. pin descriptions (continued) pin no symbol i/o typical voltage level equivalent circuit description 11 9 7 4 2 r2 r/2 r r r r r r r/2 r1 comparator 1 comparator 63 comparator 64 comparator 127 comparator 128 comparator 191 comparator 192 comparator 255 3 4 -- - 2 4 -- - 1 4 -- - 6 av cc dv ee3 comparator av cc a gnd v ref 21 33 43 40 28 dv cc2 to to dgnd2 dv ee3 dgnd1 dv cc1 HI3276
9 notes on operation the HI3276 is a high-speed a/d converter which is capable of ttl, ecl and pecl level clock input. characteristic impedance should be properly matched to ensure optimum performance during high-speed operation. the power supply and grounding have a profound in?ence on converter performance. the power supply and g rounding method are particularly important during high- speed operation. general points for caution are as follows: - the ground pattern should be as large as possible. it is recommended to make the power supply and ground patterns wider at an inner layer using a multi-layer board. -t o prevent interference between agnd and dgnd and between av cc and dv cc , make sure the respective patterns are separated. to prevent a dc offset in the power supply pattern, connect the av cc and dv cc lines at one point each, via a ferrite-bead ?ter. shorting the a gnd and dgnd patterns in one place immediately under the a/d converter improves a/d converter performance. - ground the power supply pins (av cc , dv cc1 , dv cc2 , dv ee3 ) as close to each pin as possible with a 0.1 f or larger ceramic chip capacitor. (connect the av cc pin to the agnd pattern and the dv cc1 , dv cc2 , dv ee3 pins to the dgnd pattern). - the digital output wiring should be as short as possible. if the digital output wiring is long, the wiring capacitance will increase, deteriorating the output slew rate and resulting in re?ction to the output waveform since the original output slew rate is quite fast. the analog input pin v in has an input capacitance of approximately 10pf. to drive the a/d converter with proper frequency response, it is necessary to prevent performance deterioration due to parasitic capacitance or parasitic inductance by using a large capacity drive circuit; keeping wiring as short as possible, and using chip parts for resistors and capacitors, etc. the v rt and v rb pins must have adequate bypass to protect them from high-frequency noise. bypass them to a gnd with approximately 1 f tantal capacitor and, 0.1 f capacitor. at this time, approximately dgnd3 - 1.2v voltage is generated. however, this is not recommended for use as threshold voltage v bb as it is too weak. the ttl output high level is clamped to approximately 2.8v in the ic. this makes it possible to directly interface with 3.3v cmos ics. when the digital input level is pecl level, ***/e pins should be used and ***/t pins left open. when the digital input level is ttl, ***/t pins should be used and iii/e pins left open. t able 1. a/d code v in step inv 10 d7 d0 d7 d0 v rt 255 1111111100000000 254 1111111000000001 v rm2 128 1000000001111111 127 0111111110000000 1 0000000111111110 v rb 0 0000000011111111 t est circuits figure 4. current consumption measurement circuit figure 5. integral linearity error/differential linearity error measurement circuit v rt v in v rb av cc dv cc1 dv cc2 dgnd2 dgnd1 a gnd dgnd3 clk/e dv ee3 4v 1.95v 2v 5mhz pecl a a 5v 5v i cc i ee a < b a > b comparator a8 to a1 b8 to b1 b0 a0 HI3276 b uffer controller dvm 000...00 to 111..10 v in 8 ? 8 ? -v +v s2 s1: on when a < b s2: on when a > b s1 - + HI3276
10 operating modes the HI3276 has two types of operating modes which are selected with pin 45 (select). dmux mode (see application circuits, figures 18, 19) set the select pin to v cc for this mode. in this mode, the clock frequency is divided by 2 in the ic, and the data is output after being demultiplexed by this 1 / 2 frequency divided clock. the 1 / 2 frequency divided clock, which has adequate setup time and hold time for the output data, is output from the clkout pin. when using multiple HI3276 units in parallel in this mode, differences in the start timing of the 1 / 2 frequency divided clock may cause operation as shown in figure 9. as a countermeasure, the HI3276 is equipped with a function which resets the 1 / 2 frequency divided clock. when resetting this clock, the reset pulse must be input to the reset pin. see the timing charts for the reset pulse input timing. the a/d converter can operate at f c (min) = 160msps in this mode. straight mode (see application circuits, figures 20, 21) set the select pin to gnd for this mode. in this mode, data output can be obtained in accordance with the clock frequency applied to the a/d converter for applications which use the clock applied to the a/d converter as the system clock. the a/d converter can operate at f c (min) = 100msps in this mode. digital input level and supply voltage settings the logic input level for the HI3276 supports pecl and ttl levels. the power supplies (dv ee3 , dgnd3) for the logic input b lock must be set to match the logic input (clk and reset signals) level. figure 6. error rate measurement circuit figure 7. sampling delay/aperture jitter measurement circuit note: where (lsb) is the deviation of the output codes when the largest slew rate point is sampled at the clock which has exactly the same frequency as the analog input signal, the aperture jitter t aj is: figure 8. aperture jitter measurement method t est circuits (continued) signal source comparator a > b pulse counter signal source latch + 1 / 8 latch a f c b 8 16 lsb 2v p-p sine wave 4 -1khz v in clk clk f c HI3276 logic analyzer HI3276 v in clk amp 8 1024 samples pecl b uffer osc1 : v ariable osc2 100mhz f r 100mhz v rt v rm2 v rb 129 128 127 126 125 (lsb) ? ? t v in clk v in clk sampling timing fluctuation (= aperture jitter) t aj = / ? ? t ------- ?? ?? = / 256 2 --------- - x 2 f ?? ?? . t able 2. operating mode operating mode select maximum conversion rate data output clock output dmux mode v cc 160msps demultiplexed output 80mbps the input clock is 1 / 2 frequency divided and output at 80mhz. straight mode gnd 125msps straight output 125mbps the input clock is inverted and output at 100mhz. HI3276
11 t able 3. logic input level and power supply settings digital input level dv ee3 dgnd3 supply voltage application circuits pecl 0v +5v +5v figures 18, 20 ttl 0v +5v +5v figures 19, 21 figure 9. when the reset pulse is not used figure 10. when the reset pulse is used HI3276 clk resetn a HI3276 clk resetn b 8 bits clk clkout data clkout data 8 bits clk HI3276 clk resetn a HI3276 clk resetn b 8 bits clk clkout data clkout data 8 bits clk reset pulse reset pulse t ypical performance curves figure 11. current consumption vs ambient temperature characteristics figure 12. current consumption vs conversion rate characteristics response 120 75 t a , ambient temperature ( o c) current consumption (ma) 25 -25 115 110 105 100 120 160 f c , conversion rate (msps) current consumption (ma) 60 0 115 110 105 100 f in = -1khz f clk 4 dmux mode c l = 5pf HI3276
12 figure 13. analog input current vs analog input vo lta ge characteristics figure 14. reference current vs ambient temperature characteristics figure 15. snr vs input frequency response figure 16. error rate vs conversion rate characteristics figure 17. maximum conversion rate vs ambient temperature characteristics t ypical performance curves (continued) 100 50 0 234 analog input voltage (v) analog input current ( a) v rt = 4v v rb = 2v 4 3 2 -25 25 75 t a , ambient temperature ( o c) reference current (ma) 50 40 30 20 135103050 input frequency (mhz) snr (db) f c = 160msps 10 -5 10 -6 10 -7 10 -8 10 -9 120 140 180 f c , conversion rate (msps) error rate (tps) f in = f clk 4 -1khz error > 16 lsb 160 170 180 150 140 f c , maximum conversion (msps) -25 25 75 t a , ambient temperature (c o ) f in = f clk 4 -1khz error > 16 lsb error rate: 10 -8 tps HI3276
13 application circuits figure 18. dmux pecl input figure 19. dmux ttl input 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 p1d0 to p1d7 8-bit digital data latch dg dg +5v (d) latch p2d0 to p2d7 8-bit digital data 8-bit digital data 8-bit digital data 13 14 15 16 17 18 19 20 21 22 23 24 dg +5v (d) +5v (a) 2v dg ag +5v (a) 4v ag ag +5v (d) pecl - clk pecl reset pulse +5v (d) dg dg ag 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 p1d0 to p1d7 8-bit digital data latch dg dg +5v (d) latch p2d0 to p2d7 8-bit digital data 8-bit digital data 8-bit digital data 13 14 15 16 17 18 19 20 21 22 23 24 dg +5v (d) +5v (a) 2v ag ag +5v (a) 4v ag ag +5v (d) ttl - clk ttl reset pulse +5v (d) dg dg ag HI3276
14 figure 20. straight pecl input figure 21. straight ttl input application circuits (continued) 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 p1d0 to p1d7 8-bit digital data latch dg dg +5v (d) 8-bit digital data 13 14 15 16 17 18 19 20 21 22 23 24 dg +5v (d) +5v (a) 2v ag ag +5v (a) 4v ag ag pecl - clk +5v (d) dg dg dg pecl - ttl +5v(d) ag 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 p1d0 to p1d7 8-bit digital data latch dg dg +5v (d) 8-bit digital data 13 14 15 16 17 18 19 20 21 22 23 24 dg +5v (d) +5v (a) 2v ag ag +5v (a) 4v ag ag ttl - clk +5v (d) dg dg dg +5v(d) ag HI3276
15 figure 22. straight mode ttl i/o (when a single power supply is used) application circuits (continued) 12 11 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 34 35 36 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 clk/e clkn/e clk/t nc nc nc dv cc2 dgnd2 p2d0 p2d1 p2d2 p2d3 resetn/e reset/e resetn/t select inv clkout dv cc2 dgnd2 p1d7 p1d6 p1d5 p1d4 p2d4 p2d5 p2d6 p2d7 dgnd1 dv cc1 dv cc2 dgnd2 p1d0 p1d1 p1d2 p1d3 dgnd3 v rt a gnd v rm3 av cc v rm2 v in av cc v rm1 a gnd v rb dv ee3 + - ag +5v (a) ag ag analog input 1 f + ag 2v ag + 1 f 10 f + short short dg (d) +5v 4v 10 f + ttl clk (lsb) p2d0 p2d1 p2d2 p2d3 p2d4 p2d5 p2d6 (msb) p2d7 (lsb) p1d0 p1d1 p1d2 p1d3 p1d4 p1d5 p1d6 (msb) p1d7 short the analog system and digital system at one point immediately under the a/d converter. see the notes on operation. is the chip capacitor of 0.1 f. + - + - HI3276
16 HI3276


▲Up To Search▲   

 
Price & Availability of HI3276

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X