Part Number Hot Search : 
LGU2A RE46C P2N20 MBT2222A SMS9GE3 IRF9620 UPD7003C HP41C
Product Description
Full Text Search
 

To Download HD74LV1G14A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.1.00, jun.05.2003, page 1 of 9 HD74LV1G14A inverter with schmitt?trigger input rej03d0067?0600z (previous ade-205-320d (z)) rev.6.00 aug.29.2003 description the HD74LV1G14A has an inverter w ith schmitt?trigger input in a 5 pin package. low voltage and high- speed operation is suitable for the battery powered pr oducts (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as renesas uni logic series. ? supplied on emboss taping for high-speed automatic mounting. ? electrical characteristics eq uivalent to the hd74lv14a supply voltage range : 1.65 to 5.5 v operating temperature range : ?40 to +85c ? all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs v o (max.) = 5.5 v (@v cc = 0 v) ? output current 6 ma (@v cc = 3.0 v to 3.6 v), 12 ma (@v cc = 4.5 v to 5.5 v) ? all the logical input has hysteresis voltage for the slow transition. ? ordering information part name package type package code package abbreviation taping abbreviation (quantity) cmpak-5v HD74LV1G14Acme cmpak-5 pin cmpak-5v(o) cm HD74LV1G14Avse vson-5 pin tnp-5dv vs e (3,000 pcs/reel) note: please consult the sales office for the above package availability.
HD74LV1G14A rev.1.00, jun.05.2003, page 2 of 9 outline and article indication  HD74LV1G14A marking = control code l a index band cmpak?5 ? HD74LV1G14A marking = control code l a vson?5
HD74LV1G14A rev.1.00, jun.05.2003, page 3 of 9 function table input a output y hl lh h : high level l : low level pin arrangement (top view) 5 4 v cc 1 2 3 nc in a gnd out y
HD74LV1G14A rev.1.00, jun.05.2003, page 4 of 9 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 7.0 v input voltage range *1 v i ?0.5 to 7.0 v ?0.5 to v cc + 0.5 output : h or l output voltage range *1, 2 v o ?0.5 to 7.0 v v cc : off input clamp current i ik ?20 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 50 ma maximum power dissipation at ta = 25c (in still air) *3 p t 200 mw storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was ca lculated using a junction temperature of 150c. recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.65 5.5 v input voltage range v i 05.5v output voltage range v o 0v cc v ?1 v cc = 1.65 to 1.95 v ?2 v cc = 2.3 to 2.7 v ?6 v cc = 3.0 to 3.6 v i ol ?12 v cc = 4.5 to 5.5 v ??1 v cc = 1.65 to 1.95 v ??2 v cc = 2.3 to 2.7 v ??6 v cc = 3.0 to 3.6 v output current i oh ? ?12 ma v cc = 4.5 to 5.5 v operating free-air temperature t a ?40 85 c note: unused or floating inputs must be held high or low.
HD74LV1G14A rev.1.00, jun.05.2003, page 5 of 9 electrical characteristic ? ta = ?40 to 85c item symbol v cc (v) * min typ max unit test condition 1.65 to 1.95 ? ? v cc 0.75 2.5 ??1.75 3.3 ??2.31 v t + 5.0 ??3.50 1.65 to 1.95 v cc 0.25 ? ? 2.5 0.75 ? ? 3.3 0.99 ? ? v t ? 5.0 1.5 ? ? 1.65 to 1.95 0.1 ? v cc 0.4 2.5 0.25 ? 1.0 3.3 0.33 ? 1.32 threshold voltage ? v t 5.0 0.5 ? 2.0 v min to max v cc ?0.1 ? ? i oh = ?50 a 1.65 1.4 ? ? i oh = ?1 ma 2.3 2.0 ? ? i oh = ?2 ma 3.0 2.48 ? ? i oh = ?6 ma v oh 4.5 3.8 ? ? i oh = ?12 ma min to max ? ? 0.1 i ol = 50 a 1.65 ? ? 0.3 i ol = 1 ma 2.3 ??0.4 i ol = 2 ma 3.0 ??0.44 i ol = 6 ma output voltage v ol 4.5 ??0.55 v i ol = 12 ma input current i in 0 to 5.5 ? ? 1 av in = 5.5 v or gnd quiescent supply current i cc 5.5 ??10 av in = v cc or gnd, i o = 0 output leakage current i off 0 ??5 av in or v o = 0 to 5.5 v input capacitance c in 3.3 ? 3.0 ? pf v in = v cc or gnd note: for conditions shown as min or max, use t he appropriate values under recommended operating conditions.
HD74LV1G14A rev.1.00, jun.05.2003, page 6 of 9 switching characteristics ? v cc = 1.8 0.15 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 16.8 32.0 1.0 34.0 c l = 15 pf propagation delay time t plh t phl ? 23.8 43.0 1.0 46.0 ns c l = 50 pf a y ? v cc = 2.5 0.2 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 10.5 19.7 1.0 22.0 c l = 15 pf propagation delay time t plh t phl ? 14.0 24.0 1.0 27.0 ns c l = 50 pf a y ? v cc = 3.3 0.3 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 8.3 12.8 1.0 15.0 c l = 15 pf propagation delay time t plh t phl ? 10.8 16.3 1.0 18.5 ns c l = 50 pf a y ? v cc = 5.0 0.5 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 5.5 8.6 1.0 10.0 c l = 15 pf propagation delay time t plh t phl ? 7.0 10.6 1.0 12.0 ns c l = 50 pf a y operating characteristics ? c l = 50 pf v cc (v) ta = 25c item symbol min typ max unit test conditions 3.3 ? 8.5 ? power dissipation capacitance c pd 5.0 ? 10.0 ? pf f = 10 mhz
HD74LV1G14A rev.1.00, jun.05.2003, page 7 of 9 test circuit pulse generator 50 ? c l input output v cc l note: c includes probe and jig capacitance. input output 90% 50% 10% 50% t phl t plh v cc gnd v oh v ol t r t f 90% 50% 10% 50% ? waveforms notes: 1. input waveform : prr 1 mhz, zo = 50 ? , t r 3 ns, t f 3 ns. 2. the output are measured one at a time with one transition per measurement.
HD74LV1G14A rev.1.00, jun.05.2003, page 8 of 9 package dimensions package code jedec jeita mass (reference value) cmpak?5v ? conforms 0.006 g 2.0 0.2 1.3 0.2 (0.65) 5 ? 0.2 0.05 (0.65) (0.425) (0.425) 1.25 0.1 2.1 0.3 (0.2) 0.9 0.1 0.15 0 ? 0.1 + 0.1 ? 0.05 unit: mm 0.15 0.05 2.0 0.1* (0.1) + 0.1 ? 0.05 package code jedec jeita mass (reference value) cmpak?5v(o) ? conforms 0.006 g unit: mm 1.3 0.05* (2.1) 5 ? 0.2 + 0.02 ? 0.03 0.88 (0.65) (0.65) (1.3) 0.025 ? 0.1 * the value does not include resin bar. (one side: 0.15 mm (max))
HD74LV1G14A rev.1.00, jun.05.2003, page 9 of 9 0.12 5 ? 0.2 1.6 0.05 1.2 0.1 0.2 0.2 1.6 0.05 0.6 max 0.5 0.5 1.0 0.1 package code jedec jeita mass (reference value) tnp?5dv ? ? 0.002 g unit: mm +0.1 ?0.05 (0.1) (0.1) +0.1 ?0.05
? 2003. renesas technolo gy corp., all ri g hts reserved. printed in japan . colo p hon 1.0 keep safet y first in y our circuit desi g ns ! 1. renesas technolo gy corp. puts the maximum effort into makin g semiconductor products better and more reliable, but there is alwa y s the possibilit y that trouble m a y occur with them. trouble with semiconductors ma y lead to personal in j ur y , fire or propert y dama g e . remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placem ent of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas tech nology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technolo gy corp. is necessar y to reprint or reproduce in whole or in part these materials . 7 . if these products or technolo g ies are sub j ect to the japanese export control restrictions, the y must be exported under a license from the japanese g overnment and cannot b e imported into a countr y other than the approved destination. an y diversion or reexport contrar y to the export control laws and re g ulatio n s of japan and/or the countr y of destination is prohibited . 8. please contact renesas technolo gy corp. for further details on these materials or the products contained therein . s ales strate g ic plannin g div. nippon bld g ., 2-6-2, ohte-machi, chi y oda-ku, tok y o 100-0004, japa n htt p ://www.renesas.co m renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices


▲Up To Search▲   

 
Price & Availability of HD74LV1G14A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X