Part Number Hot Search : 
Product Description
Full Text Search
 

To Download EFOBXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic resonators, chip type type: s ( 2 to 13 mhz) type: b (13.1 to 20 mhz) type: j (30.1 to 50 mhz) n explanation of part numbers n features l encased in ceramic package l high reliability against soldering heat and mechanical stress l moisture-proof sealing l low profile type (1.8 mm maximum in thickness) l designed for reflow soldering e f o 3584 n recommended applications l carrier between telecommunication equipment (telephone to telephone, personal computer to printer) part number oscillation built-in frequency loop gain temperature capacitors bulk pack embossed taping (fo) (g) characteristics (reference) efos3584b5 efos3584e5 3.58 mhz 0.5 % maximum frequency drift: efos4004b5 efos4004e5 4.00 mhz 0.5 % 10 db min. 0.2 %, e20 to 80 ?c 33 pf efos8004b5 efos8004e5 8.00 mhz 0.5 % efos1005b5 efos1005e5 10.00 mhz 0.5 % 15 db min. maximum frequency drift: 33 pf efos1205b5 efos1205e5 12.00 mhz 0.5 % 1.0 %, e20 to 80 ?c efob1605b5 efob1605e5 16.00 mhz 0.5 % maximum frequency drift: efob1695b5 efob1695e5 16.93 mhz 0.5 % 15 db min. 0.5 %, e20 to 80 ?c 33 pf efob2005b5 efob2005e5 20.00 mhz 0.5 % efoj3205b5 efoj3205e5 32.00 mhz 0.5 % maximum frequency drift: efoj3385b5 efoj3385e5 33.868 mhz 0.5 % 6 db min. 0.2 %, e20 to 80 ?c 10 pf efoj4005b5 efoj4005e5 40.00 mhz 0.5 % n ratings and characteristics note: frequency range of 3 to 50 mhz. please contact us for more information. l operating temperature range: e20 to 80 ?c ceramic resonators (chip type) n safety precautions (see page 218 to 219) also available other types than the above standard products in the l clock generator for microprocessors (built-in capacitor type) l simplifies oscillation circuits l flat-bottom plate for better mounting rev.02/04
n dimensions in mm (not to scale) l bulk [type s] efos 1111 b 1 l embossed taping efos 1111 e 1 C C [type b] efob 1111 b 1 efob 1111 e 1 dim. p 2 p 0 f d 0 t 1 t 2 f c f d (mm) 2.00.1 4.00.1 1.5 0.6 max. 3.0 max. 1.55 1.0 +0.1 0 dim. a b w f e p 1 (mm) 3.7 8.3 16.00.3 7.50.1 1.750.10 8.00.1 dim. p 2 p 0 f d 0 t 1 t 2 (mm) 2.00.1 4.00.1 1.5 0.6 max. 3.0 max . +0.1 0 dim. a b w f e p 1 (mm) 3.7 6.0 12.00.3 5.50.1 1.750.10 8.00.1 [type j] efoj 1111 b 1 efoj 1111 e 1 dim. p 2 p 0 f d 0 t 1 t 2 (mm) 2.00.1 4.00.1 1.5 0.6 max. 3.0 max . +0.1 0 dim. a b w f e p 1 (mm) 4.1 4.9 12.00.3 5.50.1 1.750.10 8.00.1 + + ceramic resonators (chip type)
n test circuits diagram w w w frequency ic 2.00 to 8.38 mhz pd 4069ubc 8.4 to 50 mhz pd 74hcu04 type s type b type j a 2.5 1.9 1.7 b 0.9 to 1.2 1.2 0.8 to 1.0 c 3.8 to 4.7 4.2 4.2 to 5.1 d ? ? 1.0 to 1.2 n typical characteristics n recommended land dimensions n packaging specifications supplied in bulk or taped & reel packing style l standard packing quantity type embossed taping bulk s 2500 pcs./reel 500 pcs./bag b,j 1000 pcs./reel 500 pcs./bag l dimensions for reel in mm (not to scale) dim. f a f bc d e (mm) 3305 80 min. 13.00.5 21.00.8 2.00.5 dim. w t t r (mm) 16.4 22.4 max. 3 max. 1.0 +2.0 0 temperature characteristics (type s,b,j) (mm) [type s] dim. f a f bc d e (mm) 180C5 60 min. 13.0C0.5 21.0C0.8 2.0C0.5 dim. w t t r (mm) 12.4 18.4 max. 3 max. 1.0 +2.0 0 [type b,j] ceramic resonators (chip type)


▲Up To Search▲   

 
Price & Availability of EFOBXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X