Part Number Hot Search : 
SMA220 432MH C3074 DS1511W G125G 00230 00BZX A3020
Product Description
Full Text Search
 

To Download DR24A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  seriesone dr series ? ratings of 6 & 12 amps ? load voltage ratings of 2-60vdc, 2-100vdc, 24-280vac and 48-600vac ? fits standard 35mm din-rail ? led input status indicator ? ac or dc control ? zero-crossing (resistive loads) or random turn-on (inductive loads) output ? ul and cul recognized, ce & rohs compliant ? 100k-c y cle ul 508 endurance ratin g for enhanced reliabilit y product selection description 280v, 6a 280v, 12a 600v, 6a 600v, 12a 60v, 6a 60v, 12a 100v, 6a 100v, 12a 4-32 vdc control dr24d06 dr24d12 dr48d06 dr48d12 dr06d06 dr06d12 dr10d06 dr100d12 90-140 vac control dr24b06 dr24b12 dr48b12 208-265 vac control dr24a06 DR24A12 dr48a12 18-36 vac control dr24e06 dr24e12 dr48e12 available options output specifications ac output (1) description dr24x06 dr24x12 dr48x06 dr48x12 operating voltage (47-63hz) [vrms] 24-280 24-280 48-600 48-600 transient overvoltage [vpk] 600 600 1200 1200 maximum load current, resistive [arms] (2) 6 12 6 12 minimum load current [arms] 0.15 0.15 0.15 0.15 maximum off-state leakage current @ rated voltage [marms] 0.1 0.1 0.1 0.2 minimum off-state dv/dt @ maximum rated voltage [v/sec] (3) 500 500 500 500 maximum on-state voltage drop @ rated current [vpk] 1.3 1.3 1.3 1.3 maximum surge current (50/60 hz, 1 cycle) [apk] 285/300 715/750 285/300 715/750 maximum i2t for fusing (50/ 60 hz, 1/2 cycle) [a2 sec] 410/375 2560/2330 410/375 2560/2330 hp rating @ 240v 1/6 1/3 1/6 1/3 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5 min/max stranded wire 22/14 awg 22/14 awg 22/14 awg 22/14 awg min/max solid wire 22/14 awg 22/14 awg 22/14 awg 22/14 awg weight (typical) 1.76 oz. (50g) 3.17 oz. (90g) 1.76 oz. (50g) 3.17 oz. (90g)
output specifications dc output (1) description dr06d06 dr10d06 dr06d12 dr10d12 operating voltage [vdc] 1-60 1-100 1-60 1-100 maximum load current [adc] (2) 6 6 12 12 minimum load current [madc] 2.5 2.5 2.5 2.5 maximum off-state leakage current @ rated voltage [ma] 0.1 0.1 0.1 0.1 maximum on-state voltage drop @ rated current [vpk] 0.6 0.6 0.5 0.5 maximum surge current (10ms) [apk] 60 60 100 100 on-state resistance at rated current [ohms] 0.1 0.1 0.1 0.1 min/max stranded wire 22/14 awg 22/14 awg 22/14 awg 22/14 awg min/max solid wire 22/14 awg 22/14 awg 22/14 awg 22/14 awg weight (typical) 1.76 oz. (50g) 1.76 oz. (50g) 3.17 oz. (90g) 3.17 oz. (90g) input specifications (1) description drxxdxx drxxbxx drxxaxx drxxexx control voltage range (4) 4.0-32 vdc 90-140 vrms 200-265 vrms 18-36 vrms minimum turn-on voltage 4.0 vdc 90 vrms 200 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 90 vrms 4 vrms minimum input current (5) 9 3 2.5 3.5 maximum input current (5) 11 5 3.3 8 maximum turn-on time (6) (7) 1/2 cycle 20 msec 20 msec 20 msec maximum turn-off time (8) 1/2 cycle 30 msec 30 msec 30 msec min/max stranded/solid wire 22/16 awg 22/16 awg 22/16 awg 22/16 awg general specifications (1) description parameters dielectric strength, input/output/base (50/60hz) 4000vrms minimum insulation resistance (@ 500 v dc) 10 9 ohms maximum capacitance, input/output 10 pf ambient operating temperature range -30oc to 80oc ambient storage temperature range -30oc to 100oc recommended terminal screw torque range: 4.4-7.0 in lb (0.5-0.8 nm) general notes 1) all p ara meters at 25 c u nl ess othe rwise speci fi ed. 2) see derating curves 3) off-sta te dv/dt te st m etho d pe r eia/nar m stan da rd rs-4 43 , p ar agrap h 13 .11.1 4) dc co ntrol incl ud es reve rse pola rity pro tectio n. 5) input circuitry incorporates active current limiter. 6) tu rn -on ti me for dc co ntro l r an do m turn -o n versio ns is 0.1 m sec 7) turn-on time for dc output 600sec 8) turn-off time for dc output 300sec
mechanical specifications wiring diagram
thermal derate information agency approvals e116949 rev 080910
accessories



▲Up To Search▲   

 
Price & Availability of DR24A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X