Part Number Hot Search : 
2N7632UC A580073 330M63V 60033 BC847B TDA858 MUR60100 D7808
Product Description
Full Text Search
 

To Download BR251W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical specifica tion s of single-phase silicon bridge rectifier vol t age range - 50 to 1000 v olts current - 25 amperes maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. br2505 w thru br2510w br-25w rectifier specialists r dc components co., l td. features * surge overload ratings-400 amperes * case: molded plastic with heatsink mechanical data * epoxy: ul 94v-0 rate flame retardant *lead: mil-std-202e, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 30 grams typ met al hea t sink dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) symbol v rrm v dc i o i fsm v rms volts volts amps 25 400 units maximum average forward rectified output current at tc = 55 o c 50 200 400 100 600 800 1000 35 140 280 70 420 560 700 50 200 400 100 600 800 1000 volts amps dc blocking voltage per element v f i r 1.1 500 uamps maximum dc reverse current at rated maximum forward voltage drop per element at 12.5a dc volts 10 operating and storage temperature range t j, t stg -55 to + 150 0 c notes : 1. measured at 1 mh z and applied reverse voltage of 4.0 volts 2. thermal resistance from junction to case per leg. i 2 t rating for fusing (t < 8.3ms) i 2 t 374 a 2 sec typical junction capacitance ( note1) c j 300 pf t ypical thermal resistance (note 2) r q jc 2.5 0 c /w br2505w BR251W br252w br254w br256w br258w br2510w @t a = 25 o c @t a = 100 o c * plastic case with heatsink for maximum heat dissipation * low forward voltage drop 250
r dc components co., l td. ra ting and characteristic cur ves ( br2505w thru br2510w ) 251


▲Up To Search▲   

 
Price & Availability of BR251W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X