this document was generated on 04/14/2010 please check www.molex.com for latest part information part number: 0197054203 status: active description: pcb tab quick disconnect, male, for wire, metal strip, tab 6.35mm (.250") x 0.81mm (.032") documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-19902-010 (pdf) agency certification ul e79133 general product family quick disconnects series 19705 comments tab support crimp quality equipment yes product name pcb tab type quick disconnect physical barrel type closed gender male glow-wire compliant no insulation none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin orientation pcb straight tab packaging type reel plating min: mating (in) 150 plating min: mating (m) 3.81 plating min: termination (in) 150 plating min: termination (m) 3.81 polarized to mating part no tab thickness 0.81mm (.032") tab width 6.35mm (.250") wire insulation diameter n/a wire size awg n/a electrical voltage - maximum n/a material info reference - drawing numbers product specification ps-19902-010 sales drawing sd-19705-400 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19705 series this document was generated on 04/14/2010 please check www.molex.com for latest part information
|