Part Number Hot Search : 
8TPB82MC 29501 OCXOWST MAX8540 8023S SFH4505 93C46 DTA114T
Product Description
Full Text Search
 

To Download P091P-EA25BR100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model p09x bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com january 8, 2009 page 1 of 5 bi technologie s 9mm rotary potentiometer multi ? ganged conductive plastic element 100,000 cycle life metal shaft / bushing switch / push-lock option rohs compliant model styles side adjust, pcb pins, up to 8 gangs p09xn side adjust, pcb pins, up to 8 gangs, with switch p09xs top adjust, pcb pins, up to 2 gangs p09x5n side adjust, pcb pins, with push-lock, up to 2 gangs p09xp electrical 1 resistance range, ohms 1k-500k standard resistance tolerance 20% residual resistance 20 ohms max. input voltage, maximum 50 vac max. power rating, watts taper b: 0.05w other tapers: .025w dielectric strength 300vac, i minute insulation resistance, minimum 100m ohms at 250vdc sliding noise 100mv max. gang error ( multi-ganged ) -40db ? 0db, 3db switch contact resistance < 100 milliohms switch power rated 3.0a at 16vdc mechanical total mechanical travel 300 10 static stop strength 50 oz-in rotational torque 0.5 to 1.25 oz-in switch rotational angle, maximum 50 1 specifications subjec t to change without notice.
model p09x bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com january 8, 2009 page 2 of 5 bi technologie s environmental operating temperature range -10 c to +70 c rotational life 100,000 cycles ordering information 2 shaft types (p09xn, p09xs, p09x5n) shaft types for push-lock ( p09xp) 2 contact our customer service for custom designs and features. p09 x n - f c 20 b r100 k model series total resistance style shaft type shaft length ?l? see below tapers a = audio b = linear c = reverse audio full ccw shaft position: see below number of gangs
model p09x bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com january 8, 2009 page 3 of 5 bi technologie s shaft position (f-type shaft) dashed lines on type ?c? and type ?a? shows position of adjustment slot for e-type and q-type shafts standard resistance values, ohms 1k 2k 5k 10k 20k 50k 100k 200k 500k model p09xn (side adjust, pcb pins, up to 8 gangs) outline drawing
model p09x bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com january 8, 2009 page 4 of 5 bi technologie s model p09xs (side adjust, pcb pins, up to 8 gangs, with switch) model p09x5n (top adjust, pcb pins, up to 2 gangs)
model p09x bi technologies corporation 4200 bonita place, fullerton, ca 92835 usa phone: 714 447 2345 website: www.bitechnologies.com january 8, 2009 page 5 of 5 bi technologie s model p09xp (side adjust, pcb pins, with push-lock, up to 2 gangs)


▲Up To Search▲   

 
Price & Availability of P091P-EA25BR100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X