(1/3) 002-07 / 20090706 / e511_nl4532.fm ? all specifications are subject to change without notice. smd inductors(coils) for signal line(wound) nl series nl453232 features ? the product has good heat durability that withstands lead-free compatible reflow soldering conditions. ? lead-free material is used for the plating on the terminal. ? the product uses metal terminals, which realize excellent con- nection reliability. ? from 1h to 1000h, all of the products in the e-12 series are j(5%) tolerance products. ? it is a product conforming to rohs directive. applications ? electronic equipment used in communication infrastructures including xdsl and mobile base stations. ? audio-visual equipment including tvs and vcrs. ? other electronic equipment including hdds and odds. specifications recommended soldering conditions reflow soldering flow soldering iron soldering ? based on the above conditions, use a maximum product temperature of 260c and a maximum accumulated heating time of 10 seconds as a guideline. ? please contact us for details. product identification (1)series name (2)dimensions (3)packaging style (4)inductance value (5)inductance tolerance (6) lead-free compatible product packaging style and quantities conformity to rohs directive operating temperature range ?40 to +105c [including self-temperature rise] storage temperature range ?40 to +105c 150?c 180?c 255?c 230?c pre-heating 90 to 120s 40s max. 10s max. natural cooling time ( s ) 150?c 170?c 260?c max. pre-heating 60 to 120s 10s max. natural cooling time ( s ) tip temperature 300 to 350c heating time 3 seconds/soldering soldering rod specifications output: 30w tip diameter: 1mm nl 453232 t- 2r2 j - pf (1) (2) (3) (4) (5) (6) 453232 4.5 3.2 3.2mm (l w t) t taping (reel) 1r0 1h 100 10h 101 100h 102 1000h j5% pf lead-free compatible product packaging style quantity taping 500 pieces/reel ? conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/3) 002-07 / 20090706 / e511_nl4532.fm ? all specifications are subject to change without notice. shapes and dimensions/recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 20c or when dc current flows and the initial value of inductance has fallen by 10%, whichever is smaller. ? test equipment l, q: yhp4194a impedance analyzer (16085a+16093b+tdk tf-1) srf: hp8753c network analyzer (zin=zout=50 ) rdc: matsushita vp-2941a digital milliohm meter inductance (h) inductance tolerance q min. test frequency l, q (mhz) self-resonant frequency (mhz)min. dc resistance ( )max. rated current ? (ma)max. part no. 1 5% 50 7.96 100 0.5 450 nl453232t-1r0j-pf 1.2 5% 50 7.96 80 0.55 430 nl453232t-1r2j-pf 1.5 5% 50 7.96 70 0.6 410 nl453232t-1r5j-pf 1.8 5% 50 7.96 60 0.65 390 nl453232t-1r8j-pf 2.2 5% 50 7.96 55 0.7 380 nl453232t-2r2j-pf 2.7 5% 50 7.96 50 0.75 370 nl453232t-2r7j-pf 3.3 5% 50 7.96 45 0.8 355 nl453232t-3r3j-pf 3.9 5% 50 7.96 40 0.9 330 nl453232t-3r9j-pf 4.7 5% 50 7.96 35 1 315 nl453232t-4r7j-pf 5.6 5% 50 7.96 33 1.1 300 nl453232t-5r6j-pf 6.8 5% 50 7.96 27 1.2 285 nl453232t-6r8j-pf 8.2 5% 50 7.96 25 1.4 270 nl453232t-8r2j-pf 10 5% 50 2.52 20 1.6 250 nl453232t-100j-pf 12 5% 50 2.52 18 2 225 nl453232t-120j-pf 15 5% 50 2.52 17 2.5 200 nl453232t-150j-pf 18 5% 50 2.52 15 2.8 190 nl453232t-180j-pf 22 5% 50 2.52 13 3.2 180 nl453232t-220j-pf 27 5% 50 2.52 12 3.6 170 nl453232t-270j-pf 33 5% 50 2.52 11 4 160 nl453232t-330j-pf 39 5% 50 2.52 10 4.5 150 nl453232t-390j-pf 47 5% 50 2.52 10 5 140 nl453232t-470j-pf 56 5% 50 2.52 9 5.5 135 nl453232t-560j-pf 68 5% 50 2.52 9 6 130 nl453232t-680j-pf 82 5% 50 2.52 8 7 120 nl453232t-820j-pf 100 5% 40 0.796 8 8 110 nl453232t-101j-pf 120 5% 40 0.796 6 8 110 nl453232t-121j-pf 150 5% 40 0.796 5 9 105 nl453232t-151j-pf 180 5% 40 0.796 5 9.5 102 nl453232t-181j-pf 220 5% 40 0.796 4 10 100 nl453232t-221j-pf 270 5% 40 0.796 4 12 92 nl453232t-271j-pf 330 5% 40 0.796 3.5 14 85 NL453232T-331J-PF 390 5% 40 0.796 3 16 80 nl453232t-391j-pf 470 5% 40 0.796 3 26 62 nl453232t-471j-pf 560 5% 30 0.796 3 30 50 nl453232t-561j-pf 680 5% 30 0.796 3 30 50 nl453232t-681j-pf 820 5% 30 0.796 2.5 35 30 nl453232t-821j-pf 1000 5% 30 0.252 2.5 40 30 nl453232t-102j-pf c0.5 painted for the convenience of positioning 102j 4.5 0.3 3.2 0.2 3.2 0.2 0.5 ( 0.6 ) terminal electrode 2.6 0.1 weight: 180mg 2.8 inductor pattern 1.5 3 1.5 dimensions in mm
(3/3) 002-07 / 20090706 / e511_nl4532.fm ? all specifications are subject to change without notice. typical electrical characteristics inductance vs. frequency impedance vs. frequency inductance change vs. dc characteristics characteristics superposition characteristics inductance change vs. temperature q vs. frequency characteristics characteristics 10 5 2 10 50 100 500 1000 50 100 500 1000 inductance ( h ) dc current ( ma ) 470 h 1000 h a l=5h c=20000 f test circuit dc universal bridge specimen yhp model-4275a or equivalent 100 h 47 h 10 h 4.7 h frequency ( mhz ) 0.1 10 5 2 100 1000 500 50 10000 5000 1 0.5 10 540 inductance ( h ) 1000 h 4194a impedance gain-phase analyzer 10 h 100 h frequency ( mhz ) 0.1 100 50 20 1k 10k 5k 500 100k 50k 1 0.5 10 540 impedance ( ) 1000 h 4194a impedance gain-phase analyzer 1 h 10 h 100 h 4 ?2 ?3 ?4 ?1 1 2 3 ?20 0 20 40 60 80 100 l/l 20?c ( % ) temperature ( ?c ) test equipment: lcr model-4275a yhp, at 10khz 1vrms ?2 330 h 18 h 68 h 10 h 0.1 0.05 1 0.5 10 5 frequency ( mhz ) 0 20 40 60 80 100 q 470 h 1000 h test equipment: q meter model-4340a, yhp 1 h 3.9 h 10 h 39 h
|