Part Number Hot Search : 
1568PST ANTXV2 BAT40 GL819 PA0430L GXOL72 VSC73 NTE56016
Product Description
Full Text Search
 

To Download IR21814 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd60172-e typical connection high and low side driver features ? floating channel designed for bootstrap operation fully operational to +600v tolerant to negative transient voltage dv/dt immune ? gate drive supply range from 10 to 20v ? undervoltage lockout for both channels ? 3.3v and 5v input logic compatible ? matched propagation delay for both channels ? logic and power ground +/- 5v offset. ? lower di/dt gate driver for better noise immunity ? output source/sink current capability 1.4a/1.8a IR21814 ir2181 ir2181 ( 4 )( s ) packages www.irf.com 1 v cc v b v s ho lo com hin lin up to 600v to load v cc lin hin up to 600v to load v cc v b v s ho lo com hin v ss lin v cc v ss lin hin (refer to lead assignments for correct pin configuration). this/these diagram(s) show electrical connections only. please refer to our application notes and designtips for proper circuit board layout. description the ir2181(4)(s) are high voltage, high speed power mosfet and igbt drivers with independent high and low side referenced output channels. pro- prietary hvic and latch immune cmos technologies enable rugge- dized monolithic construction. the logic input is compatible with standard cmos or lsttl output, down to 3.3v logic. the output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. the floating channel can be used to drive an n-channel power mosfet or igbt in the high side configuration which operates up to 600 volts. 14-lead pdip IR21814 8-lead soic ir2181s 14-lead soic IR21814s 8-lead pdip ir2181   
        
             !"#"     $%% && ' 
(&&  '  !"#" )  &* +(  $%% &&   
(&&    "% )  &* +(  $%% ,&-& ir2181/ir2183/ir2184 feature comparison
ir2181 ( 4 ) ( s ) 2 www.irf.com symbol definition min. max. units v b high side floating absolute voltage -0.3 625 v s high side floating supply offset voltage v b - 25 v b + 0.3 v ho high side floating output voltage v s - 0.3 v b + 0.3 v cc low side and logic fixed supply voltage -0.3 25 v lo low side output voltage -0.3 v cc + 0.3 v in logic input voltage (hin & lin - ir2181/IR21814) v ss - 0.3 v ss + 10 v ss logic ground (IR21814 only) v cc - 25 v cc + 0.3 dv s /dt allowable offset supply voltage transient ? 50 v/ns p d package power dissipation @ t a +25c (8-lead pdip) ? 1.0 (8-lead soic) ? 0.625 (14-lead pdip) ? 1.6 (14-lead soic) ? 1.0 rth ja thermal resistance, junction to ambient (8-l ead pdip) ? 125 (8-lead soic) ? 200 (14-lead pdip) ? 75 (14-lead soic) ? 120 t j junction temperature ? 150 t s storage temperature -50 150 t l lead temperature (soldering, 10 seconds) ? 300 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage param- eters are absolute voltages referenced to com. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. v c/w w c note 1: logic operational for v s of -5 to +600v. logic state held for v s of -5v to -v bs . (please refer to the design tip dt97-3 for more details). note 2: hin and lin pins are internally clamped with a 5.2v zener diode. vb high side floating supply absolute voltage v s + 10 v s + 20 v s high side floating supply offset voltage note 1 600 v ho high side floating output voltage v s v b v cc low side and logic fixed supply voltage 10 20 v lo low side output voltage 0 v cc v in logic input voltage (hin & lin - ir2181/IR21814) v ss v ss + 5 v ss logic ground (IR21814/ir21824 only) -5 5 t a ambient temperature -40 125 c v symbol definition min. max. units recommended operating conditions the input/output logic timing diagram is shown in figure 1. for proper operation the device should be used within the recommended conditions. the v s and v ss offset rating are tested with all supplies biased at 15v differential.
ir2181 ( 4 ) ( s ) www.irf.com 3 dynamic electrical characteristics v bias (v cc , v bs ) = 15v, v ss = com, c l = 1000 pf, t a = 25c. symbol definition min. typ. max. units test conditions t on turn-on propagation delay ? 180 270 v s = 0v t off turn-off propagation delay ? 220 330 v s = 0v or 600v mt delay matching, hs & ls turn-on/off ? 0 35 t r turn-on rise time ? 40 60 v s = 0v t f turn-off fall time ? 20 35 v s = 0v nsec static electrical characteristics v bias (v cc , v bs ) = 15v, v ss = com and t a = 25c unless otherwise specified. the v il , v ih and i in parameters are referenced to v ss /com and are applicable to the respective input leads hin and lin. the v o , i o and ron parameters are referenced to com and are applicable to the respective output leads: ho and lo. symbol definition min. typ. max. units test conditions v ih logic ?1? input voltage (ir2181/IR21814 ) 2.7 ? ? v cc = 10v to 20v v il logic ?0? input voltage (ir2181/IR21814) ? ? 0.8 v cc = 10v to 20v v oh high level output voltage, v bias - v o ? ? 1.2 i o = 0a v ol low level output voltage, v o ? ? 0.1 i o = 0a i lk offset supply leakage current ? ? 50 v b = v s = 600v i qbs quiescent v bs supply current 20 60 150 v in = 0v or 5v i qcc quiescent v cc supply current 50 120 240 v in = 0v or 5v i in+ logic ?1? input bias current ? 25 60 v in = 5v i in- logic ?0? input bias current ? ? 1.0 v in = 0v v ccuv+ v cc and v bs supply undervoltage positive going 8.0 8.9 9.8 v bsuv+ threshold v ccuv- v cc and v bs supply undervoltage negative going 7.4 8.2 9.0 v bsuv- threshold v ccuvh hysteresis 0.3 0.7 ? v bsuvh i o+ output high short circuit pulsed current 1.4 1.9 ? v o = 0v, pw 10 s i o- output low short circuit pulsed current 1.8 2.3 ? v o = 15v, pw 10 s v a v a
ir2181 ( 4 ) ( s ) 4 www.irf.com functional block diagrams 2181 lin uv detect delay hin vs ho vb pulse filter hv level shifter r r s q uv detect pulse generator vss/com level shift vss/com level shift com lo vcc 21814 lin uv detect delay com lo vcc hin vss vs ho vb pulse filter hv level shifter r r s q uv detect pulse generator vss/com level shift vss/com level shift
ir2181 ( 4 ) ( s ) www.irf.com 5 14-lead pdip 14-lead soic IR21814 IR21814s lead assignments 8-lead pdip 8-lead soic lead definitions symbol description hin logic input for high side gate driver output (ho), in phase (ir2181/IR21814) lin logic input for low side gate driver output (lo), in phase (ir2181/IR21814) vss logic ground (IR21814 only) v b high side floating supply ho high side gate drive output v s high side floating supply return v cc low side and logic fixed supply lo low side gate drive output com low side return ir2181 ir2181s 1 2 3 4 8 7 6 5 hin lin com lo v b ho v s v cc 1 2 3 4 8 7 6 5 hin lin com lo v b ho v s v cc 1 2 3 4 5 6 7 1 4 13 12 11 10 9 8 hin lin vss com lo v cc v b ho v s 1 2 3 4 5 6 7 1 4 13 12 11 10 9 8 hin lin vss com lo v cc v b ho v s
ir2181 ( 4 ) ( s ) 6 www.irf.com 01-6014 01-3003 01 (ms-001ab) 8-lead pdip case outlines 01-6027 01-0021 11 (ms-012aa) 8-lead soic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 4 3 12 4. out line conf orms t o jedec outline ms-012aa. not e s : 1. dimens ioning & t olerancing pe r as me y14.5m-1994. 2. cont rolling dimension: millimet er 3. dime ns ions ar e s hown in milli me t e rs [inche s ]. 7 k x 45 8x l 8x c y footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [.070] 5 dime ns ion doe s not i ncl ude mold prot rus ions . 6 dime ns ion doe s not i ncl ude mold prot rus ions . mold prot rus ions not to exceed 0.25 [.010]. 7 dimens ion is t he lengt h of lead for soldering t o a subst rate. mold prot rus ions not to exceed 0.15 [.006]. 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b as ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 min max millimeters inches min max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 bas ic
ir2181 ( 4 ) ( s ) www.irf.com 7 01-6010 01-3002 03 (ms-001ac) 14-lead pdip 01-6019 01-3063 00 (ms-012ab) 14-lead soic (narrow body)
ir2181 ( 4 ) ( s ) 8 www.irf.com figure 1. input/output timing diagram hin lin ho lo ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and specifications subject to change without notice. 7/23/2001 figure 2. switching time waveform definitions hin lin t r t on t f t off ho lo 50% 50% 90% 90% 10% 10% figure 3. delay matching waveform definitions hin lin ho 50% 50% 10% lo 90% mt ho lo mt


▲Up To Search▲   

 
Price & Availability of IR21814

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X