Part Number Hot Search : 
FAN5612 SB315 MC1452 MAX4756A MPX55000 875KAC14 2SB647A 2SC4213
Product Description
Full Text Search
 

To Download GH0259102MA6N-050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 microwave slcs maxi & maxi+ series: single layer ceramics with & without borders general information maxi and maxi+ are both avx proprietary intergranular barrier layer dielectric formulations. both use srtio 3 as their major constituent and have dielectric constants exceeding 20,000 and 30,000 respectively. grain bound- ary barrier layer (gbbl) capacitors have been well dis- cussed in various literature sources and, while simple in principle, their resulting electrical properties are depen- dent on a complex combination of materials and process technology. avx?s maxi & maxi+ dielectrics have the distinctive properties that are ideal for extremely broadband by-pass capacitors. this built-in feature gives these prod- ucts a unique disspersive effect that is illustrated in the accompanying curves. avx?s ability to control the prerequisite relationships between materials and process has resulted in dielectrics that make these single layer ceramics especially well suited for applica- tions requiring high frequency performance well into the millimeter band. these gbbl dielectrics are also available in low loss versions that are comparable to conventional barium titanate based dielectrics. performance is likewise similar in that these materials exhibit a very pronounced dip at their resonant frequency. these designs are excellent choices for applications requiring the combined attribut- es of very small size and precise cut-off frequencies. additional information on these high q products may be obtained by contacting the factory or your local avx representative. all maxi & maxi+ dielectrics exhibit x7r temperature performance of 15% from ?55c to +125c. electrical characteristics, as outlined in mil-c-49464, will meet those specified for class ii dielectrics, rather than the less stringent class iv, which typically describes gbbl dielectrics. sample kits are available maxi kit catalog # kitslck20ksampl includes 10 each: gh0158101ma6n, gh0258221ma6n, gh0258471ma6n, gh0358102ma6n, gh0458182ma6n maxi+ kit catalog # kitslck30ksampl includes 10 each: gh0159331ma6n, gh0259751ma6n, gh0359152ma6n, gh0459302ma6n, gh0559602ma6n ca c e c n a t i c a phw e g n ai r e p m e t h tu t are 8 - 6 - 4 - 2 - 0 2 4 6 8 - 7 0-0 6 - 5 0 - 0 4- 3 0-0 2 - 10 0 0 10 20 30 40 5 0 6 0 70 80 90 0 10 1 10 2 10 3 10 4 1 temp r eu t ar c ( e) typical delta cap (%) 5 q0 5 + e 16 + e 17 + e 18 + e 19 + e 10 1 + e 1 frequency (hz.) 0 + e 1 1 + e 1 2 + e 1 3 + e 1 4 + e 1 impedance f p 0 0 1 f p 0 2 2 f p 0 7 4 f p 0 0 0 1 typical t y p i c a l impedance vs. frequency
5 microwave slcs maxi & maxi+ series: single layer ceramics with & without borders gh/gb01 gh/gb02 gh/gb03 gh/gb04 gh/gb05 gh/gb06 (l) length .015.005 .025.005 .035.005 .050.010 .070.010 .090.010 (.381.127) (.635.127) (.889.127) (1.27.254) (1.78.254) (2.29.254) (w) width .015.005 .025.005 .035.005 .050.010 .070.010 .090.010 (.381.127) (.635.127) (.889.127) (1.27.254) (1.78.254) (2.29.254) (t) thickness .007.002 (.178.051) (b) border .002.001 (.051.025) gh series: maxi single layer capacitors without borders gb series: maxi single layer capacitors with borders gh type code gh = w/o borders gb = w/ borders 02 case size 01 02 03 04 05 06 5 working voltage code 5 = 50 vdc 8 dielectric code 8 = maxi (k = 20,000) 9 = maxi+ (k = 30,000) 102 capacitance value eia cap code in pf m capacitance tolerance k = 10% m = 20% z = +80% -20% a termination code a = au (100 -in min) over ti/w (1000 ? nom) also available n = ti/w-ni-au 6n packaging code 6n = antistatic waffle pack how to order dimensions: inches (millimeters) cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) min max min max min max min max min max min max 68 330 330 750 750 1200 1200 2700 2700 4700 4700 8200 gh series: maxi+ single layer capacitors without borders cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) min max min max min max min max min max min max 330 390 390 1000 1000 1800 1800 3300 3300 6800 6800 10000 cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) min max min max min max min max min max min max 51 220 220 560 560 1000 1000 2200 2200 4700 4700 8200 gb series: maxi+ single layer capacitors with borders cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) cap (pf) min max min max min max min max min max min max 220 330 330 820 820 1500 1500 2700 2700 6800 6800 10000
6 microwave slcs performance curves s21 forward transmission 2 3 1 capacitance = 220 pf q = 50 @ 1 mhz size: l = .017" w = .017" t = .007" log mag < ref = -20 db 10 db/div marker 1 -12.6 db @ 51 mhz marker 2 -17.6 db @ 2.06 ghz marker 3 -22.0 db @ 12.86 ghz marker 4 -21.6 db @ 25.08 ghz 0.05 frequency - ghz 26.5 4 2 3 1 capacitance = 470 pf q = 50 @ 1 mhz size: l = .024" w = .024" t = .007" log mag < ref = -24 db 5 db/div marker 1 -17.4 db @ 51 mhz marker 2 -22.4 db @ 2.06 ghz marker 3 -27.9 db @ 8.98 ghz marker 4 -21.4 db @ 25.07 ghz 0.05 frequency - ghz 26.5 4 2 3 1 capacitance = 1000 pf q = 50 @ 1 mhz size: l = .035" w = .035" t = .007" log mag < ref = -30 db 5 db/div marker 1 -24.8 db @ 51 mhz marker 2 -30.5 db @ 1.71 ghz marker 3 -33.1 db @ 3.25 ghz marker 4 -19.1 db @ 18.25 ghz 0.05 frequency - ghz 26.5 4
7 microwave slcs performance curves s21 insertion loss 2 3 1 capacitance = 220 pf q = 50 @ 1 mhz size: l = .017" w = .017" t = .007" log mag < ref = -.02 db .10 db/div marker 1 .00 db @ 50 mhz marker 2 -.013 db @ 1.71 ghz marker 3 -.022 db @ 11.33 ghz marker 4 -.023 db @ 18.25 ghz 0.05 frequency - ghz 26.5 4 2 3 4 1 capacitance = 470 pf q = 50 @ 1 mhz size: l = .024" w = .024" t = .007" log mag < ref = -.02 db .10 db/div marker 1 .018 db @ 50 mhz marker 2 -.040 db @ 6.75 ghz marker 3 -.035 db @ 11.33 ghz marker 4 -.078 db @ 20.36 ghz 0.05 frequency - ghz 26.5 2 3 4 1 capacitance = 1000 pf q = 50 @ 1 mhz size: l = .035" w = .035" t = .007" log mag < ref = -.02 db .10 db/div marker 1 .00 db @ 50 mhz marker 2 -.059 db @ 6.78 ghz marker 3 -.018 db @ 11.33 ghz marker 4 -.213 db @ 20.36 ghz 0.05 frequency - ghz 26.5


▲Up To Search▲   

 
Price & Availability of GH0259102MA6N-050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X