Part Number Hot Search : 
PT4600F FX601 3N249 RN5RY301 WS075200 55C6V SR162 SL1019P
Product Description
Full Text Search
 

To Download ECS-2200C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  34 ecs, inc. international 1105 s. ridgeview, olathe, ks 66062 ? 913-782-7787 ? 800-237-1041 ? fax 913-782-6991 ? www.ecsxtal.com oscillators oscillators * inclusive of 25?c tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration. ** an internal pullup resistor from pin 1 to pin 14 allows active output if pin 1 is left open. the ecs-2200 series clock oscillator can drive both hcmos and ttl logic. this oscillator also features tri-state enable/disable capabilities in an 8 pin dip package. features ? 50pf hcmos/ttl logic ? tri-state enable/disable ? wide frequency range ? resistance weld package ? 3.3v operation (optional) ecs-2200 series 8 pin dip clock oscillator part numbering guide part number * frequency stability ecs-2200a 100 ppm ecs-2200b 50 ppm ECS-2200C 25 ppm operating conditions/electrical characteristics * complete part number to include frequency. i.e. ecs-2200a-100 (100 = 10.000mhz) package dimensions (mm) parameters frequency range conditions minimum typical maximum units frequency range (f o ) 1.000 ~ 150.000 1.000 150.000 mhz operating temp. range (t opr ) 1.000 ~ 150.000 0 +70 ?c storage temp. range (t stg ) 1.000 ~ 150.000 -55 +125 ?c frequency stability 1.000 ~ 150.000 all conditions* -100 +100 ppm 1.000 ~ 25.000 17 25 ma 25.000 ~ 50.000 33 46 ma 50.000 ~ 80.000 45 77 ma input current (i dd ) 80.000 ~ 150.000 67 82 ma 1.000 ~ 80.000 50% v dd level 45 50 3 55 % output symmetry 80.000 ~ 150.000 50% v dd level 40 50 3 60 % rise time (t r ) 1.000 ~ 150.000 10% ~ 90% v dd level 5 ns fall time (t f ) 1.000 ~ 150.000 90% ~ 10% v dd level 5 ns 1.000 ~ 150.000 i ol = 16 ma 0.5 v output voltage (v oh ) 1.000 ~ 150.000 i oh = -16 ma 4.5 v 1.000 ~ 150.000 v ol = 0.5 v 16 ma output current (i oh ) 1.000 ~ 150.000 v oh = 4.5 v -16 ma 1.000 ~ 150.000 ttl 10 ttl 1.000 ~ 80.000 hcmos 50 pf output load 80.000 ~ 150.000 hcmos 30 pf start-up time (t s ) 1.000 ~ 150.000 0.0v to 5.0v 10 ms supply voltage (v dc ) +5.0 0.25 v dc (v ol ) (i ol ) tp 14 8 5 open cl +5.0v 0.01 f 5.4 max. 4 min. 0.5 7.62 7.62 14 8 5 0.8 13.2 max 13.2 max figure 1) ecs-2200 series C side, bottom and top views figure 2) ttl output wave form figure 4) hcmos output wave form figure 5) hcmos measurement circuit (c l = 15pf) figure 3) ttl test circuit 0 vdc 40% min 60% max 90% v dd dc 1 level 0 level tr tf 10% v dd dc 50% v dd dc open cl= 15pf 0.01 f rl in916 x 4 8 14 5 +5.0v tp +5.0v 0 vdc 40% min 60% max 0.4vdc (0.5vdc) 2.4vdc 1 level 0 level 1.4vdc tr tf pin connections #1 h or open l #4 ground gnd/case cnd #5 output high impedance #8 gnd +5vdc enable / disable function** inh (pin 1) output (pin 8) open*** active 1 level v ih 3 2.2 v (v ih 3 2.0 v above 70mhz) active 0 level v il 0.8 v high z esc-2200 stand-by-function #1 (control term.) open or h l #5 (output term.) oscillation h level


▲Up To Search▲   

 
Price & Availability of ECS-2200C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X